Part Number Hot Search : 
28F016C3 BAT54AWT 20060 LA7912 10V10X1 10900 TM50D D5NK4
Product Description
Full Text Search
 

To Download SN74AHC1G00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  scls313m ? march 1996 ? revised june 2005 1 post office box 655303 ? dallas, texas 75265  operating range of 2 v to 5.5 v  max t pd of 6.5 ns at 5 v  low power consumption, 10- a max i cc  8-ma output drive at 5 v  schmitt trigger action at all inputs makes the circuit tolerant for slower input rise and fall time  latch-up performance exceeds 250 ma per jesd 17  esd protection exceeds jesd 22 ? 2000-v human-body model (a114-a) ? 200-v machine model (a115-a) ? 1000-v charged-device model (c101) 3 2 4 5 1 av cc y b gnd dbv package (top view) dck package (top view) 3 2 4 5 1 av cc y b gnd 3 2 4 5 1 av cc y b gnd drl package (top view) see mechanical drawings for dimensions. description/ordering information the SN74AHC1G00 performs the boolean function y = a ? b or y = a + b in positive logic. ordering information t a package ? orderable part number top-side marking ? sot (sot-23) ? dbv reel of 3000 SN74AHC1G00dbvr a00_ sot (sot-23) ? dbv reel of 250 SN74AHC1G00dbvt a00_ ?40 c to 85 c sot (sc-70) ? dck reel of 3000 SN74AHC1G00dckr aa_ ?40 c to 85 c sot (sc-70) ? dck reel of 250 SN74AHC1G00dckt aa_ sot (sot-553) ? drl reel of 4000 SN74AHC1G00drlr aa_ ? package drawings, standard packing quantities, thermal data, symbolization, and pcb design guidelines are available at www.ti.com/sc/package. ? the actual top-side marking has one additional character that designates the assembly/test site. function table inputs output a b output y h h l l xh x l h logic diagram (positive logic) 1 2 4 a b y copyright ? 2005, texas instruments incorporated please be aware that an important notice concerning avail ability, standard warranty, and use in critical applications of texas instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
scls313m ? march 1996 ? revised june 2005 2 post office box 655303 ? dallas, texas 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted) ? supply voltage range, v cc ?0.5 v to 7 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . input voltage range, v i (see note 1) ?0.5 v to 7 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . output voltage range, v o (see note 1) ?0.5 v to v cc + 0.5 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . input clamp current, i ik (v i < 0) ?20 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . output clamp current, i ok (v o < 0 or v o > v cc ) 20 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . continuous output current, i o (v o = 0 to v cc ) 25 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . continuous current through v cc or gnd 50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . package thermal impedance, ja (see note 2): dbv package 206 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . dck package 252 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . drl package 142 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range, t stg ?65 c to 150 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ? stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only, a nd functional operation of the device at these or any other conditions beyond those indicated under ?recommended operating conditi ons? is not implied. exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. notes: 1. the input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. the package thermal impedance is calculated in accordance with jesd 51-7. recommended operating conditions (see note 3) min max unit v cc supply voltage 2 5.5 v v cc = 2 v 1.5 v ih high-level input voltage v cc = 3 v 2.1 v v ih high-level input voltage v cc = 5.5 v 3.85 v v cc = 2 v 0.5 v il low-level input voltage v cc = 3 v 0.9 v v il low-level input voltage v cc = 5.5 v 1.65 v v i input voltage 0 5.5 v v o output voltage 0 v cc v v cc = 2 v ?50  a i oh high-level output current v cc = 3.3 v 0.3 v ?4 ma i oh high-level output current v cc = 5 v 0.5 v ?8 ma v cc = 2 v 50  a i ol low-level output current v cc = 3.3 v 0.3 v 4 ma i ol low-level output current v cc = 5 v 0.5 v 8 ma ? t/ ? v input transition rise or fall rate v cc = 3.3 v 0.3 v 100 ns/v ? t/ ? v input transition rise or fall rate v cc = 5 v 0.5 v 20 ns/v t a operating free-air temperature ?40 85 c note 3: all unused inputs of the device must be held at v cc or gnd to ensure proper device operation. refer to the ti application report, implications of slow or floating cmos inputs , literature number scba004.
scls313m ? march 1996 ? revised june 2005 3 post office box 655303 ? dallas, texas 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) parameter test conditions v cc t a = 25 c min max unit parameter test conditions v cc min typ max min max unit 2 v 1.9 2 1.9 i oh = ?50  a 3 v 2.9 3 2.9 v oh i oh = ?50  a 4.5 v 4.4 4.5 4.4 v v oh i oh = ?4 ma 3 v 2.58 2.48 v i oh = ?8 ma 4.5 v 3.94 3.8 2 v 0.1 0.1 i ol = 50  a 3 v 0.1 0.1 v ol i ol = 50  a 4.5 v 0.1 0.1 v v ol i ol = 4 ma 3 v 0.36 0.44 v i ol = 8 ma 4.5 v 0.36 0.44 i i v i = 5.5 v or gnd 0 v to 5.5 v 0.1 1  a i cc v i = v cc or gnd, i o = 0 5.5 v 1 10  a c i v i = v cc or gnd 5 v 2 10 10 pf switching characteristics over recommended operating free-air temperature range, v cc = 3.3 v 0.3 v (unless otherwise noted) (see figure 1) parameter from to load t a = 25 c min max unit parameter from (input) to (output) load capacitance min typ max min max unit t plh a or b y c l = 15 pf 5.5 7.9 1 9.5 ns t phl a or b y c l = 15 pf 5.5 7.9 1 9.5 ns t plh a or b y c l = 50 pf 8 11.4 1 13 ns t phl a or b y c l = 50 pf 8 11.4 1 13 ns switching characteristics over recommended operating free-air temperature range, v cc = 5 v 0.5 v (unless otherwise noted) (see figure 1) parameter from to load t a = 25 c min max unit parameter from (input) to (output) load capacitance min typ max min max unit t plh a or b y c l = 15 pf 3.7 5.5 1 6.5 ns t phl a or b y c l = 15 pf 3.7 5.5 1 6.5 ns t plh a or b y c l = 50 pf 5.2 7.5 1 8.5 ns t phl a or b y c l = 50 pf 5.2 7.5 1 8.5 ns operating characteristics, v cc = 5 v, t a = 25 c parameter test conditions typ unit c pd power dissipation capacitance no load, f = 1 mhz 9.5 pf
scls313m ? march 1996 ? revised june 2005 4 post office box 655303 ? dallas, texas 75265 parameter measurement information 50% v cc v cc v cc 0 v 0 v t h t su voltage waveforms setup and hold times data input t plh t phl t phl t plh v oh v oh v ol v ol v cc 0 v 50% v cc 50% v cc input out-of-phase output in-phase output timing input 50% v cc voltage waveforms propagation delay times inverting and noninverting outputs output control output waveform 1 s1 at v cc (see note b) output waveform 2 s1 at gnd (see note b) v ol v oh t pzl t pzh t plz t phz v cc 0 v 50% v cc v ol + 0.3 v 50% v cc 0 v v cc voltage waveforms enable and disable times low- and high-level enabling t plh /t phl t plz /t pzl t phz /t pzh open drain open v cc gnd v cc test s1 v cc 0 v 50% v cc t w voltage waveforms pulse duration input notes: a. c l includes probe and jig capacitance. b. waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. c. all input pulses are supplied by generators having the following characteristics: prr 1 mhz, z o = 50 ? , t r 3 ns, t f 3 ns. d. the outputs are measured one at a time, with one input transition per measurement. e. all parameters and waveforms are not applicable to all devices. from output under test c l (see note a) load circuit for 3-state and open-drain outputs s1 v cc r l = 1 k ? gnd from output under test c l (see note a) test point load circuit for totem-pole outputs open 50% v cc 50% v cc 50% v cc 50% v cc 50% v cc 50% v cc 50% v cc 50% v cc v oh ? 0.3 v figure 1. load circuit and voltage waveforms
packaging information orderable device status (1) package type package drawing pins package qty eco plan (2) lead/ball finish msl peak temp (3) SN74AHC1G00dbvr active sot-23 dbv 5 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AHC1G00dbvre4 active sot-23 dbv 5 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AHC1G00dbvrg4 active sot-23 dbv 5 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AHC1G00dbvt active sot-23 dbv 5 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AHC1G00dbvte4 active sot-23 dbv 5 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AHC1G00dbvtg4 active sot-23 dbv 5 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AHC1G00dckr active sc70 dck 5 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AHC1G00dckre4 active sc70 dck 5 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AHC1G00dckrg4 active sc70 dck 5 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AHC1G00dckt active sc70 dck 5 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AHC1G00dckte4 active sc70 dck 5 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AHC1G00dcktg4 active sc70 dck 5 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AHC1G00drlr active sot drl 5 4000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AHC1G00drlrg4 active sot drl 5 4000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim (1) the marketing status values are defined as follows: active: product device recommended for new designs. lifebuy: ti has announced that the device will be discontinued, and a lifetime-buy period is in effect. nrnd: not recommended for new designs. device is in production to support existing customers, but ti does not recommend using this part in a new design. preview: device has been announced but is not in production. samples may or may not be available. obsolete: ti has discontinued the production of the device. (2) eco plan - the planned eco-friendly classification: pb-free (rohs), pb-free (rohs exempt), or green (rohs & no sb/br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. tbd: the pb-free/green conversion plan has not been defined. pb-free (rohs): ti's terms "lead-free" or "pb-free" mean semiconductor products that are compatible with the current rohs requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. where designed to be soldered at high temperatures, ti pb-free products are suitable for use in specified lead-free processes. pb-free (rohs exempt): this component has a rohs exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. the component is otherwise considered pb-free (rohs compatible) as defined above. green (rohs & no sb/br): ti defines "green" to mean pb-free (rohs compatible), and free of bromine (br) and antimony (sb) based flame retardants (br or sb do not exceed 0.1% by weight in homogeneous material) (3) msl, peak temp. -- the moisture sensitivity level rating according to the jedec industry standard classifications, and peak solder temperature. important information and disclaimer: the information provided on this page represents ti's knowledge and belief as of the date that it is package option addendum www.ti.com 22-oct-2007 addendum-page 1
provided. ti bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. efforts are underway to better integrate information from third parties. ti has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. ti and ti suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. in no event shall ti's liability arising out of such information exceed the total purchase price of the ti part(s) at issue in this document sold by ti to customer on an annual basis. package option addendum www.ti.com 22-oct-2007 addendum-page 2
tape and reel box information device package pins site reel diameter (mm) reel width (mm) a0 (mm) b0 (mm) k0 (mm) p1 (mm) w (mm) pin1 quadrant SN74AHC1G00dbvr dbv 5 site 34 180 9 3.23 3.17 1.37 4 8 q3 SN74AHC1G00dbvr dbv 5 site 45 0 0 3.23 3.17 1.37 4 8 q3 SN74AHC1G00dbvt dbv 5 site 34 180 9 3.23 3.17 1.37 4 8 q3 SN74AHC1G00dbvt dbv 5 site 45 330 16 10.6 15.8 4.9 16 24 q3 SN74AHC1G00dckr dck 5 site 34 180 9 2.24 2.34 1.22 4 8 q3 SN74AHC1G00dckr dck 5 site 45 0 0 2.4 2.5 1.2 4 8 q3 SN74AHC1G00dckt dck 5 site 34 180 9 2.24 2.34 1.22 4 8 q3 SN74AHC1G00dckt dck 5 site 45 0 0 2.4 2.5 1.2 4 8 q3 SN74AHC1G00drlr drl 5 site 35 180 9 1.78 1.78 0.69 4 8 q3 package materials information www.ti.com 12-feb-2008 pack materials-page 1
device package pins site length (mm) width (mm) height (mm) SN74AHC1G00dbvr dbv 5 site 34 205.0 200.0 33.0 SN74AHC1G00dbvr dbv 5 site 45 0.0 185.0 220.0 SN74AHC1G00dbvt dbv 5 site 34 201.0 192.0 26.0 SN74AHC1G00dbvt dbv 5 site 45 0.0 0.0 0.0 SN74AHC1G00dckr dck 5 site 34 205.0 200.0 33.0 SN74AHC1G00dckr dck 5 site 45 0.0 185.0 220.0 SN74AHC1G00dckt dck 5 site 34 201.0 192.0 26.0 SN74AHC1G00dckt dck 5 site 45 0.0 185.0 220.0 SN74AHC1G00drlr drl 5 site 35 202.0 201.0 28.0 package materials information www.ti.com 12-feb-2008 pack materials-page 2



important notice texas instruments incorporated and its subsidiaries (ti) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all products are sold subject to ti?s terms and conditions of sale supplied at the time of order acknowledgment. ti warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ti?s standard warranty. testing and other quality control techniques are used to the extent ti deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ti assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ti components. to minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. ti does not warrant or represent that any license, either express or implied, is granted under any ti patent right, copyright, mask work right, or other ti intellectual property right relating to any combination, machine, or process in which ti products or services are used. information published by ti regarding third-party products or services does not constitute a license from ti to use such products or services or a warranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from ti under the patents or other intellectual property of ti. reproduction of ti information in ti data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alteration is an unfair and deceptive business practice. ti is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ti products or services with statements different from or beyond the parameters stated by ti for that product or service voids all express and any implied warranties for the associated ti product or service and is an unfair and deceptive business practice. ti is not responsible or liable for any such statements. ti products are not authorized for use in safety-critical applications (such as life support) where a failure of the ti product would reasonably be expected to cause severe personal injury or death, unless officers of the parties have executed an agreement specifically governing such use. buyers represent that they have all necessary expertise in the safety and regulatory ramifications of their applications, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of ti products in such safety-critical applications, notwithstanding any applications-related information or support that may be provided by ti. further, buyers must fully indemnify ti and its representatives against any damages arising out of the use of ti products in such safety-critical applications. ti products are neither designed nor intended for use in military/aerospace applications or environments unless the ti products are specifically designated by ti as military-grade or "enhanced plastic." only products designated by ti as military-grade meet military specifications. buyers acknowledge and agree that any such use of ti products which ti has not designated as military-grade is solely at the buyer's risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ti products are neither designed nor intended for use in automotive applications or environments unless the specific ti products are designated by ti as compliant with iso/ts 16949 requirements. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ti will not be responsible for any failure to meet such requirements. following are urls where you can obtain information on other texas instruments products and application solutions: products applications amplifiers amplifier.ti.com audio www.ti.com/audio data converters dataconverter.ti.com automotive www.ti.com/automotive dsp dsp.ti.com broadband www.ti.com/broadband clocks and timers www.ti.com/clocks digital control www.ti.com/digitalcontrol interface interface.ti.com medical www.ti.com/medical logic logic.ti.com military www.ti.com/military power mgmt power.ti.com optical networking www.ti.com/opticalnetwork microcontrollers microcontroller.ti.com security www.ti.com/security rfid www.ti-rfid.com telephony www.ti.com/telephony rf/if and zigbee? solutions www.ti.com/lprf video & imaging www.ti.com/video wireless www.ti.com/wireless mailing address: texas instruments, post office box 655303, dallas, texas 75265 copyright ? 2008, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of SN74AHC1G00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X