Part Number Hot Search : 
MBR30 AN114 BU33T 7D241 P34063 U2702A BY8110 QPF8N60
Product Description
Full Text Search
 

To Download SM20100D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SM20100D1 voltage 100 v 20amps schottky barrier rectifiers 07-jul-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features z low forward voltage drop z high current capability z high reliability z high surge current capability z epitaxial construction mechanical data z case: molded plastic z epoxy: ul94v-0 rate flame retardant z lead: lead solderable per mil-std-202 method 208 guaranteed z polarity: as marked z mounting position: any z weight: 0.7 grams absolute rating rating 25 c ambient temperature unles s otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%. parameter symbol value unit maximum repetitive peak reverse voltage v rrm 100 v maximum rms voltage v rms 100 v maximum dc blocking voltage v dc 100 v per leg 10 a maximum average forward rectified current per device i f 20 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 160 a typical junction capacitance c j 180 pf typical thermal resistance r jc 5 c/w operating temperature t j -55~150 c storage temperature t stg -55~150 c static electrical characteristics (per diode) parameter symbol test condition min. typ. max. unit i f =8a t j =25c 0.76 0.78 i f =8a t j =125c 0.63 0.65 i f =10a t j =25c 0.8 0.85 forward voltage drop v f i f =10a t j =125c 0.66 0.68 v t j =25c 2 10 ua reverse leakage current (note 3) i r v r =100v t j =125c 1 4 ma notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to case. 3. pulse test: pulse width 40ms. millimete r millimete r ref. min. max. ref. min. max. a 6.35 6.8 j 2.30 ref. b 5.2 5.5 k 0.64 0.9 c 2.15 2.4 m 0.5 1.1 d 0.45 0.58 n 0.9 1.65 e 6.8 7.5 o 0 0.15 f 2.4 3.0 p 0.43 0.58 g 5.4 6.25 h 0.64 1.2 to-252(d-pack) a c d n o p g e f h k j m b
elektronische bauelemente SM20100D1 voltage 100 v 20amps schottky barrier rectifiers 07-jul-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves t c , c a s e t e m p e r a t u r e ( j ) a v e r a g e f o r w a r d c u r r e n t ( a ) ; p e r l e g t y p i c a l f o r w a r d c u r r e n t d e r a t i n g c u r v e 0 5 1 0 1 5 2 0 5 0 1 0 0 1 5 0 1 9 0 j u n c t i o n c a p a c i t a n c e ( p f ) r e v i s e v o l t a g e ( % ) t y p i c a l j u n c t i o n c a p a c i t a n c e 0 2 0 0 4 0 0 6 0 0 8 0 0 0 . 1 1 1 0 1 0 0 m a x i m u m n o n - r e p e t i t i v e f o r w a r d s u r g e c u r r e n t n u m b e r o f c y c l e s a t 6 0 h z p e a k f o r w a d s u r g e c u r r e n t ( a ) 0 4 0 8 0 1 2 0 1 6 0 2 0 0 0 1 0 1 0 0 8 . 3 m s s i n g l e h a l f s i n e w a v e j e d e c m e t h o d t j = 2 5 j 0 . 4 0 . 1 1 1 0 1 0 0 i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f o r w a r d v o l t a g e ( v ) t y p i c a l f o r w a r d c h a r a c t e r i s t i c 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 . 0 2 5 j 1 2 5 j 7 5 j 0 . 1 1 1 0 1 0 0 1 0 0 0 9 0 3 0 5 0 7 0 1 1 0 1 0 r e v e r s e v o l t a g e ( v ) t y p i c a l r e v e r s e c h a r a c t e r i s t i c r e v e r s e c u r r e n t ( u a ) 2 5 j 1 0 0 j 7 5 j


▲Up To Search▲   

 
Price & Availability of SM20100D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X