Part Number Hot Search : 
000MT RT1N432C 040010 040010 UPD6122 02000 D52LC 7474E3
Product Description
Full Text Search
 

To Download P6KEXXXARLG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2007 february, 2007 ? rev. 8 1 publication order number: p6ke6.8a/d p6ke6.8a series 600 watt peak power surmetic  ?40 transient voltage suppressors unidirectional* the p6ke6.8a series is designed to protect voltage sensitive components from high voltage, high energy transients. they have excellent clamping capability, high surge capability and fast response time. these devices are on semiconductor?s exclusive, cost-effective, highly reliable surmetic axial leaded package and is ideally-suited for use in communication systems, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications. features ? working peak reverse voltage range ? 5.8 to 171 v ? peak power ? 600 w @ 1 ms ? esd rating of class 3 (>16 kv) per human body model ? maximum clamp voltage @ peak pulse current ? low leakage < 5  a above 10 v ? maximum temperature coefficient specified ? ul 497b for isolated loop circuit protection ? response time is typically < 1 ns ? pb?free packages are available* mechanical characteristics case: void-free, transfer-molded, thermosetting plastic finish: all external surfaces are corrosion resistant and leads are readily solderable maximum lead temperature for soldering: 230 c, 1/16 from the case for 10 seconds polarity: cathode indicated by polarity band mounting position: any maximum ratings rating symbol value unit peak power dissipation (note 1) @ t l 25 c p pk 600 w steady state power dissipation @ t l 75 c, lead length = 3/8 in derated above t l = 75 c p d 5.0 50 w mw/ c thermal resistance, junction?to?lead r  jl 20 c/w forward surge current (note 2) @ t a = 25 c i fsm 100 a operating and storage temperature range t j , t stg ? 55 to +175 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. nonrepetitive current pulse per figure 4 and derated above t a = 25 c per figure 2. 2. 1/2 sine wave (or equivalent square wave), pw = 8.3 ms, duty cycle = 4 pulses per minute maximum. *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and m ounting techniques reference manual, solderrm/d. http://onsemi.com cathode anode axial lead case 017aa plastic marking diagram a = assembly location p6kexxxa = device number xxx = (see table page 3) yy = year ww = work week = pb?free package (note: microdot may be in either location) a p6kexxxa yyww device package shipping ? ordering information p6kexxxa axial lead 1000 units / box p6kexxxag axial lead (pb?free) 1000 units / box ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specification s brochure, brd8011/d. p6kexxxarl axial lead 4000/tape & reel P6KEXXXARLG axial lead (pb?free) 4000/tape & reel **please refer to p6ke6.8ca ? p6ke200ca for bidirectional devices.
uni?directional tvs i pp i f v i i r i t v rwm v c v br v f p6ke6.8a series http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted, v f = 3.5 v max. @ i f (note 6) = 50 a) symbol parameter i pp maximum reverse peak pulse current v c clamping voltage @ i pp v rwm working peak reverse voltage i r maximum reverse leakage current @ v rwm v br breakdown voltage @ i t i t test current  v br maximum temperature coefficient of v br i f forward current v f forward voltage @ i f
p6ke6.8a series http://onsemi.com 3 electrical characteristics (t a = 25 c unless otherwise noted, v f = 3.5 v max. @ i f (note 6) = 50 a) device* device marking v rwm (note 3) i r @ v rwm breakdown voltage v c @ i pp (note 5)  v br v br (note 4) (v) @ i t v c i pp v  a min nom max ma v a %/ c p6ke6.8a, g p6ke6.8a 5.8 1000 6.45 6.80 7.14 10 10.5 57 0.057 p6ke7.5a, g p6ke7.5a 6.4 500 7.13 7.51 7.88 10 11.3 53 0.061 p6ke8.2a p6ke8.2a 7.02 200 7.79 8.2 8.61 10 12.1 50 0.065 p6ke9.1a, g p6ke9.1a 7.78 50 8.65 9.1 9.55 1 13.4 45 0.068 p6ke10a, g p6ke10a 8.55 10 9.5 10 10.5 1 14.5 41 0.073 p6ke11a, g p6ke11a 9.4 5 10.5 11.05 11.6 1 15.6 38 0.075 p6ke12a, g p6ke12a 10.2 5 11.4 12 12.6 1 16.7 36 0.078 p6ke13a, g p6ke13a 11.1 5 12.4 13.05 13.7 1 18.2 33 0.081 p6ke15a, g p6ke15a 12.8 5 14.3 15.05 15.8 1 21.2 28 0.084 p6ke16a, g p6ke16a 13.6 5 15.2 16 16.8 1 22.5 27 0.086 p6ke18a, g p6ke18a 15.3 5 17.1 18 18.9 1 25.2 24 0.088 p6ke20a, g p6ke20a 17.1 5 19 20 21 1 27.7 22 0.09 p6ke22a, g p6ke22a 18.8 5 20.9 22 23.1 1 30.6 20 0.092 p6ke24a, g p6ke24a 20.5 5 22.8 24 25.2 1 33.2 18 0.094 p6ke27a, g p6ke27a 23.1 5 25.7 27.05 28.4 1 37.5 16 0.096 p6ke30a, g p6ke30a 25.6 5 28.5 30 31.5 1 41.4 14.4 0.097 p6ke33a, g p6ke33a 28.2 5 31.4 33.05 34.7 1 45.7 13.2 0.098 p6ke36a, g p6ke36a 30.8 5 34.2 36 37.8 1 49.9 12 0.099 p6ke39a, g p6ke39a 33.3 5 37.1 39.05 41 1 53.9 11.2 0.1 p6ke43a, g p6ke43a 36.8 5 40.9 43.05 45.2 1 59.3 10.1 0.101 p6ke47a, g p6ke47a 40.2 5 44.7 47.05 49.4 1 64.8 9.3 0.101 p6ke51a, g p6ke51a 43.6 5 48.5 51.05 53.6 1 70.1 8.6 0.102 p6ke56a, g p6ke56a 47.8 5 53.2 56 58.8 1 77 7.8 0.103 p6ke62a, g p6ke62a 53 5 58.9 62 65.1 1 85 7.1 0.104 p6ke68a, g p6ke68a 58.1 5 64.6 68 71.4 1 92 6.5 0.104 p6ke75a, g p6ke75a 64.1 5 71.3 75.05 78.8 1 103 5.8 0.105 p6ke82a, g p6ke82a 70.1 5 77.9 82 86.1 1 113 5.3 0.105 p6ke91a, g p6ke91a 77.8 5 86.5 91 95.5 1 125 4.8 0.106 p6ke100a, g p6ke100a 85.5 5 95 100 105 1 137 4.4 0.106 p6ke110a, g p6ke110a 94 5 105 110.5 116 1 152 4 0.107 p6ke120a, g p6ke120a 102 5 114 120 126 1 165 3.6 0.107 p6ke130a, g p6ke130a 111 5 124 130.5 137 1 179 3.3 0.107 p6ke150a, g p6ke150a 128 5 143 150.5 158 1 207 2.9 0.108 p6ke160a, g p6ke160a 136 5 152 160 168 1 219 2.7 0.108 p6ke170a, g p6ke170a 145 5 162 170.5 179 1 234 2.6 0.108 p6ke180a, g p6ke180a 154 5 171 180 189 1 246 2.4 0.108 p6ke200a, g p6ke200a 171 5 190 200 210 1 274 2.2 0.108 3. a transient suppressor is normally selected according to the maximum working peak reverse voltage (v rwm ), which should be equal to or greater than the dc or continuous peak operating voltage level. 4. v br measured at pulse test current i t at an ambient temperature of 25 c 5. surge current waveform per figure 4 and derate per figures 1 and 2. 6. 1/2 sine wave (or equivalent square wave), pw = 8.3 ms, duty cycle = 4 pulses per minute maximum. *the ?g?? suffix indicates pb?free package available.
p6ke6.8a series http://onsemi.com 4 100 10 1 0.1 0.1  s1  s10  s 100  s 1ms 10ms p p , peak power (kw) t p , pulse width nonrepetitive pulse waveform shown in figure 4 figure 1. pulse rating curve 100 80 60 40 20 0 0 25 50 75 100 125 150 175 200 peak pulse derating in % of peak power or current @ t a = 25 c t a , ambient temperature ( c) figure 2. pulse derating curve k derating factor 1 ms 10  s 1 0.7 0.5 0.3 0.05 0.1 0.2 0.01 0.02 0.03 0.07 100  s 0.1 0.2 0.5 2 5 10 50 1 20 100 d, duty cycle (%) pulse width 10 ms 10,000 1000 100 10 0.1 1 10 100 1000 c, capacitance (pf) v br , breakdown voltage (volts) figure 3. capacitance versus breakdown voltage measured @ v rwm measured @ zero bias 100 50 0 01 2 3 4 t, time (ms) value (%) t r 10  s t p peak value ? i pp half value ? i pp 2 figure 4. pulse waveform pulse width (t p ) is defined as that point where the peak current decays to 50% of i pp . 5 4 3 2 1 25 50 75 100 125 150 175 200 p d , steady state power dissipation (watts) t l , lead temperature c) 3/8 3/8 figure 5. steady state power derating 0 0 figure 6. typical derating factor for duty cycle
p6ke6.8a series http://onsemi.com 5 application notes response time in most applications, the transient suppressor device is placed in parallel with the equipment or component to be protected. in this situation, there is a time delay associated with the capacitance of the device and an overshoot condition associated with the inductance of the device and the inductance of the connection method. the capacitance effect is of minor importance in the parallel protection scheme because it only produces a time delay in the transition from the operating voltage to the clamp voltage as shown in figure 7. the inductive effects in the device are due to actual turn-on time (time required for the device to go from zero current to full current) and lead inductance. this inductive effect produces an overshoot in the voltage across the equipment or component being protected as shown in figure 8. minimizing this overshoot is very important in the application, since the main purpose for adding a transient suppressor is to c lamp voltage spikes. the p6ke6.8a series has very good response time, typically < 1 ns and negligible inductance. however, external inductive effects could produce unacceptable overshoot. proper circuit layout, minimum lead lengths and placing the suppressor device as close as possible to the equipment or components to be protected will minimize this overshoot. some input impedance represented by z in is essential to prevent overstress of the protection device. this impedance should be as high as possible, without restricting the circuit operation. duty cycle derating the data of figure 1 applies for non-repetitive conditions and at a lead temperature of 25 c. if the duty cycle increases, the peak power must be reduced as indicated by the curves of figure 6. average power must be derated as the lead or ambient temperature rises above 25 c. the average power derating curve normally given on data sheets may be normalized and used for this purpose. at first glance the derating curves of figure 6 appear to be in error as the 10 ms pulse has a higher derating factor than the 10  s pulse. however, when the derating factor for a given pulse of figure 6 is multiplied by the peak power value of figure 1 for the same pulse, the results follow the expected trend. typical protection circuit v in v l v v in v in (transient) v l t d v v l v in (transient) z in load overshoot due to inductive effects t d = time delay due to capacitive effect tt figure 7. figure 8.
p6ke6.8a series http://onsemi.com 6 ul recognition* the entire series including the bidirectional ca suffix has underwriters laboratory recognition for the classification of protectors (qvgv2) under the ul standard for safety 497b and file #e210057. many competitors only have one or two devices recognized or have recognition in a non-protective category. some competitors have no recognition at all. with the ul497b recognition, our parts successfully passed several tests including strike voltage breakdown test, endurance conditioning, t emperature test, dielectric voltage-withstand test, discharge test and several more. whereas, some competitors have only passed a flammability test for the package material, we have been recognized for much more to be included in their protector category. *applies to p6ke6.8a, ca ? p6ke200a, ca.
p6ke6.8a series http://onsemi.com 7 package dimensions surmetic 40, axial lead case 017aa?01 issue o b d f k a f k dim min max min max millimeters inches a 0.330 0.350 8.38 8.89 b 0.130 0.145 3.30 3.68 d 0.037 0.043 0.94 1.09 f ??? 0.050 ??? 1.27 k 1.000 1.250 25.40 31.75 notes: 1. controlling dimension: inch 2. lead diameter and finish not controlled within dimension f. 3. cathode band indicates polarity on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 p6ke6.8a/d surmetic are trademarks of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of P6KEXXXARLG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X