Part Number Hot Search : 
AX886 3EZ10 EL3063 KMM36 MAX3023 KMM36 HCT59 STPS2
Product Description
Full Text Search
 

To Download LO3308-470-RM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications subject to change without notice. 800.729.2099 tel www.icecomponents.com 8.38 +/- 0. 3 3 . 0 m a x xxx 12.95 ma x 9.40 ma x 2.54 +/- 0. 3 2.54 +/- 0. 3 7.62 +/- 0. 3 features ? will handle up to 2.4a ? low 3mm height ? suitable for pick and place ? withstands solder refow applications ? handheld and pda applications ? dc/dc converters ? output power chokes ? battery powered or low voltage applications packaging ? reel diameter: 13" ? reel width: 24mm ? pieces per reel: 1000 mechanical electrical specifcations lo3308-100-rm lo3308-150-rm lo3308-220-rm lo3308-330-rm LO3308-470-RM lo3308-680-rm lo3308-101-rm lo3308-151-rm lo3308-221-rm lo3308-331-rm lo3308-471-rm lo3308-681-rm lo3308-102-rm part number 0.11 0.15 0.23 0.30 0.39 0.66 0.84 1.2 1.9 2.7 4.0 5.3 8.4 dcr max ( ) 2.4 2.0 1.6 1.4 1.0 0.9 0.7 0.6 0.5 0.4 0.3 0.2 0.1 i dc max 2 (a) 1. tested @ 100khz, 0.1vrms. 2. inductance drop = 10% at rated i dc max. 3. operating temperature range: -40?c to +85?c. 4. electrical specifcations at 25?c. 5. meets ul 94v-0. inductance 1 (uh +/- 20%) 10 15 22 33 47 68 100 150 220 330 470 680 1000 7.37 2.92 2.79 top view unit: mm lo3308 series surface mount power inductors 41 (04/08) lo-3


▲Up To Search▲   

 
Price & Availability of LO3308-470-RM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X