Part Number Hot Search : 
X10255 EGAMOD XC402 2SC2782 AK4562VN IRF740 44100 CMD5D11
Product Description
Full Text Search
 

To Download LCM600C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. 10.26.11_131 lcm600 series 1 of 6 embedded power for business-critical continuity lcm600 600 watts bulk front end special features ? 600 w output power ? low cost ? 2.4 x 4.5 x 7.5 ? 7.41 w/cu-in ? industrial/medical safety ? -40 c to 70 c with derating ? optional 5 v @ 2 a housekeeping ? high efficiency: 89% typical ? variable speed smart fans ? dsp controlled front end ? conformal coat option ? 20% adjustment range ? margin programming ? or-ing fe t ? terminal b lock in put o ption compliance ? emi class b ? en61000 immunity total power: 600 w # of outputs: single output: 3.3 to 60 v optional 5.0 v standby electrical specifications safety input input ra nge: 85 - 264 vac (operating) 115/230 vac (nominal) input through standard iec connector frequency: 47 - 440 hz, nominal 50/60 input fusing: internal 10 a fuses, both lines fused inrush current: 25 a peak, either hot or cold start power factor: 0.99 typical, meets en61000-3-2 harmonics: meets iec 1000-3-2 requirements input current: 8 a rms max input current, at 100 vac hold up time: 20 ms minimum for main o/p, at full rated load efficiency: > 88% at full load leakage current: < 0.3 ma at 264 vac on/off power switch: n/a power line transient: mov directly after the fuse isolation: pri-chassis 2500 vdc basic pri-sec 2500 vdc reinforced sec-chassis 500 vdc ? ul 60950-1 508/1598/1433 60601-1 ? csa 60950-1 ? vde 60950-1 60601 ? china ccc ? cb scheme report/cert lc m600q efficiency without the 5 vsb and 24 v or ing fe ts 76.00 78.00 80.00 82.00 84.00 86.00 88.00 90.00 92.00 25 50 75 100 lo ad ing % ef fi ci en cy % 100 va c 230 va c
rev. 10.26.11_131 lcm600 series 2 of 6 embedded power for business-critical continuity ordering information model number* output nominal output voltage set point set point tolerance adjustment range current output ripple p/p power max. combined line/ load regulation status min max LCM600C 3 v 3 v 0.5% 2.0 - 4.0 v 0 a 150 a 50 mv 600 w 2% coming soon lcm600e 5 v 5 v 0.5% 4.0 - 6.0 v 0 a 120 a 50 mv 600 w 2% coming soon lcm600l 12 v 12 v 0.5% 9.6 - 14.4 v 0 a 52 a 120 mv 600 w 2% released lcm600n 15 v 15 v 0.5% 12.0 - 19.5 v 0 a 44 a 150 mv 600 w 2% coming soon lcm600q 24 v 24 v 0.5% 19.2 - 28.8 v 0 a 27 a 240 mv 600 w 2% released lcm600u 36 v 36 v 0.5% 28.8 - 43.2 v 0 a 16.7 a 240 mv 600 w 2% released lcm600w 48 v 48 v 0.5% 38.4 - 57.6 v 0 a 14 a 280 mv 600 w 2% released *note: add -t for terminal block instead of iec input. operating temperature: -40 c to +70 c, linear derating to 50% from 50 c to 70 c storage temperature: -40 c to +85 c humidity: 20 to 90%, non-condensing. operating. conformal coat option available fan noise: < 45 dba, 80% load at 30 c altitude: operating - 15,000 feet storage - 30,000 feet shock: mil-std-810f 516.5, procedure i, vi. storage vibration: mil-std-810f 514.5, cat. 4, 10. storage environmental specifications output output rating: see table 1 85 - 264 vac set point: 0.5% 85 - 264 vac total regulation range: main output 2% 5 vsb 1% combined line/load/transient when measured at output terminal rated load: 600 w maximum derate linear to 50% from 50 c to 70 c minimum load: main output @ 0.0 a 5 vsb @ 0.0 a no loss of regulation output noise (pard): 1% max p-p 50 mv max p-p main output 5 vsb output measured with a 0.1 f ceramic and 10 f tantalum capacitor on any output, 20 mhz output voltage overshoot: no overshoot/undershoot outside the regulation band during on or off cycle transient response: < 300 sec 50% load step @ 1 a/ s step load valid between 10% to 100% of output rating recovery time to within 1% of set point at onset of transient max units in parallel: up to 10 short circuit protection: protected, no damage to occur bounce mode remote sense: compensation up to 500 mv output isolation: standard per safety requirements forced load sharing: to within 10% of all shared outputs analog sharing control overload protection (ocp): 105% to 125% 120% to 170% main output 5 vsb output overvoltage protection (ovp): 125% to 145% 110% to 125% 12 v output 5 vsb output overtemp protection: 10 - 15 c above safe operating area both pfc and output converter monitored
rev. 10.26.11_131 lcm600 series 3 of 6 embedded power for business-critical continuity pin assignment signals name description pin number(s) +vout power rail sk4 gnd power gnd sk5 signals name description sk2 pin number a2 eeprom address 1 -vprog return connection of external supply for margin programming 2 a1 eeprom address 3 -vsense remote sense return 4 ishare load share voltage 5 a0 eeprom address 6 sda1 serial data signal (i2c) 7 +vprog positive connection of external supply for margin programming 8 scl1 serial clock signal (i2c) 9 +vsense remote sense positive 10 5vsb 5v standby 11 gnd 5v standby return 12 5vsb 5v standby 13 g_dcok_c global dcok collector 14 gpioa6 eeprom write protect 15 g_dcok_e global dcok emitter (gnd) 16 gnd return ground for output signal and i2c communication 17 g_acok_c global acok collector 18 inh_en turn off main output 19 g_acok_e global acok emitter (gnd) 20 note: mating connector for sk2 is landwin ci0120p1hd0-lf led indicators 2 provided are clearly visible up to a 45 degree offset from vertical with office environment ambient lighting. the status is reflected in the indicator color. the dc_ok led is bicolor. it shall light green if the dc output is within specification, and amber if the output falls out of specification. the ac_ok led is green if the ac is within specification and off when out of specification. note: with 5 v standby, amber also indicates that psu is in standby mode/output off. control signals ac_ok open collector 0.5 v maximum at 10 ma. both emitter and collector access provided. dc_ok open collector 0.5 v maximum at 10 ma. both emitter and collector access provided. ps_inhibit/enable signal 0.0 - 0.5 v contact closure, output off psu front view signal output signal connectors (sk2)
rev. 10.26.11_131 lcm600 series 4 of 6 embedded power for business-critical continuity airf lo w dire ct io n 11.15 0.5 (2x) 182.5 0.5 (4x) mounting locations at this side m4.0 x .7p thread (2x) 177.5 0.5 (2x) 10.0 0.5 (2x) 6.0 0.5 (2x) 94.45 0.5 (2x) 17.65 0.5 (2x) 47.0 0.5 (2x) 22.0 0.5 61.0 0.5 (8x) mounting locations at this side & opposite side m4.0 x .7p thread provision for future label requirements pn 4176621060x (prntg frmt lcm600) 190.5 0.5 3.5 ref 114.3 0.5 (2x) pn 39120205381 (screw-pp mc m3.5 x 6 w/etw) for 24, 36, 48 v (4x) pn 39120205381 (screw-pp mc m3.5 x 6 w/etw) for 3, 5, 12 & 15 v neg (sk5) pos (sk4) sk1 led (ac ok) led (dc ok/fail) iec320 ac inlet connectors mechanical drawing - iec input weight: 2.84 lbs (1.29 kg)
rev. 10.26.11_131 lcm600 series 5 of 6 embedded power for business-critical continuity airf lo w dire ct io n screw-mc philip pan with ext-t washer m3.5 x p0.6 x 6 pos - sk4 neg - sk5 sk2 signal connector - 20 way led (dc/ok fail) led (ac ok) input terminal block (2x) 6 0.5 (2x)182.5 0.5 (2x) 22 0.5 (2x) 47 0.5 61 0.5 (15.75 ) 41.7 (8x) mounting locations both sides m4x0.7p thread 114.3 0.5 19.2 ref 190.5 0.5 32.8 12.8 16.9 9.5 9.5 product label lcm600q-401 provision for future label requirements (2x)10 0.5 (2x)177.5 0.5 17.65 0.5 (2x) 94.45 0.5 11.15 0.5 (4x) mounting locations m4x0.7p thread nuetral ground live mechanical drawing - terminal block input weight: 2.84 lbs (1.29 kg)
rev. 10.26.11_131 lcm600 series 6 of 6 embedded power for business-critical continuity americas 5810 van allen way carlsbad, ca 92008 usa telephone: +1 760 930 4600 facsimile: +1 760 930 0698 europe (uk) waterfront business park merry hill, dudley west midlands, dy5 1lx united kingdom telephone: +44 (0) 1384 842 211 facsimile: +44 (0) 1384 843 355 asia (hk) 14/f, lu plaza 2 wing yip street kwun tong, kowloon hong kong telephone: +852 2176 3333 facsimile: +852 2176 3888 for global contact, visit: www.emerson.com/embeddedpower techsupport.embeddedpower @emerson.com while every precaution has been taken to ensure accuracy and completeness in this literature, emerson network power assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions. emerson network power and the emerson network power logo are trademarks and service marks of emerson electric co. ?2011 emerson electric co. emersonnetworkpower.com embedded computing embedded power monitoring outside plant power switching & controls precision cooling racks & integrated cabinets services surge protection emerson network power. the global leader in enabling business-critical continuity. ac power connectivity dc power burn-in 100% burn-in at 45 c, at 80 - 90 % load. duration of burn-in determined by quality assurance procedures mtbf the power supply has a minimum mtbf of 300k hours using the bell core 332, issue 6 specification @ 25 c and 40 c, ambient, at full load. with the power supply installed in a system in a 25 c ambient environment and operating at full load, capacitor life shall be 10 years, minimum for all electrolytic capacitors contained within this power supply. the power supply shall demonstrate a mtbf level of > 500,000 hours. quality assurance full qav testing shall be conducted in accordance with emerson network power standards with reports available upon request. warranty emerson network power shall warrant the power supply to be free of defects in materials and workmanship for a minimum period of three years from the date of shipment, when operated within specifications. the warranty shall be fully transferable to the end owner of the equipment powered by the supply. miscellaneous specifications order kit part number 73-788-001 for control connector interface with .3m wires attached order kit part number 73-788-002 for control connector interface with unloaded housing and 20 pins accessories pin 20 pin 2 pin 19 pin 1 pin 3 300 5 mm pin 20 pin 2 pin 19 pin 1 pin 3


▲Up To Search▲   

 
Price & Availability of LCM600C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X