Part Number Hot Search : 
HP333 28LMB050 LTC24 M1MA141K HCF4532 SZ6A270 HN4403 P4KE43
Product Description
Full Text Search
 

To Download KTC3875 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KTC3875 0.15a , 60v npn plastic encapsulated transistor elektronische bauelemente 15-jul-2011 rev. a page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 base 2 emitter collector 3 rohs compliant product a suffix of -c specifies halogen & lead-free features  high h fe  low noise  complementary to kta1504 classification of h fe product-rank KTC3875-o KTC3875-y KTC3875-gr KTC3875-bl range 70~140 120~240 200~400 350~700 marking code alo aly alg all package information package mpq leader size sot-23 3k 7 inch absolute maximum ratings (t a =25 c unless otherwise specified) parameter symbol ratings unit collector to base voltage v cbo 60 v collector to emitter voltage v ceo 50 v emitter to base voltage v ebo 5 v collector current - continuous i c 150 ma collector power dissipation p c 150 mw junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a =25 c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector to base breakdown voltage v (br)cbo 60 - - v i c =100 a, i e =0 collector to emitter breakdown voltage v (br)ceo 50 - - v i c =1ma, i b =0 emitter to base breakdown voltage v (br)ebo 5 - - v i e =100 a, i c =0 collector cut-off current i cbo - - 0.1 a v cb =60v, i e =0 emitter cut-off current i ebo - - 0.1 a v eb =5v, i c =0 dc current gain h fe 70 - 700 v ce =6v, i c =2ma collector to emitter saturation voltage v ce(sat) - 0.1 0.25 v i c =100ma, i b =10ma base to emitter saturation voltage v be(sat) - - 1 v i c =100ma, i b =10ma transition frequency f t 80 - - mhz v ce =10v, i c =1ma collector output capacitance c ob - 2.0 3.5 pf v cb =10v, i e =0, f=1mh z noise figure nf - 1 10 db v ce =6v, i c =0.1ma, rg=10k  , f=1kh z sot-23 top view a l c b d g h j f k e 1 2 3 1 2 3 ref. millimeter ref. millimeter min. max. min. max. a 2.80 3.04 g 0.09 0.18 b 2.10 2.55 h 0.45 0.60 c 1.20 1.40 j 0.08 0.177 d 0.89 1.15 k 0.6 ref. e 1.78 2.04 l 0.89 1.02 f 0.30 0.50
KTC3875 0.15a , 60v npn plastic encapsulated transistor elektronische bauelemente 15-jul-2011 rev. a page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves
KTC3875 0.15a , 60v npn plastic encapsulated transistor elektronische bauelemente 15-jul-2011 rev. a page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of KTC3875

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X