Part Number Hot Search : 
PE7422 MUR160 DG300AAK ZMM5256B NTXV1 1N4743 SSM24LPT P6KE20
Product Description
Full Text Search
 

To Download JO75-25V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jauch quartz gmbh ? e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com all specifications are subject to change without notice rohs 2002/95/ec pb free: pins / pads rohs compliant actual size reflow soldering temperature: 260 c max. ceramic/metal package smd oscillator with stop function 7.5 x 5.0 mm oscillator jo75 2.5 v blank = -10 c ~ +70 c t1 = -40 c ~ +85 c order information example: o 20.0-jo75-b-2.5-1 (lf = rohs compliant / pb free pads) o frequency type frequency stability code oscillator 0.5 ~ 160.0 mhz jo75 see table 1 2.5 = 2.5 v 1 = 15 pf 2 = 30 pf option supply voltage code output load code 7.5 max. 5.0 0.2 5.08 0.1 2.54 0.1 1.4 0.1 1.8 max. # 4 # 3 # 1 # 2 1.23 0.12 5.08 0.1 4.2 0.1 1.8 0.1 2.0 0.1 # 3 # 4 # 2 # 1 dimensions in mm top view side view bottom view pad layout pin connection # 1: e/d # 2: ground # 3: output # 4: v dc general data type frequency range frequency stability over all* current consumption supply voltage v dc temperature operating storage output rise & fall time load max current max. low level max. high level min. output enable time max. output disable time max. start-up time max. standby function standby current max. phase jitter 12 khz ~ 20.0 mhz symmetry at 0.5 x v dc jo75 2.5 v 0.50 ~ 160.0 mhz (15pf max.) 0.50 ~ 50.00 mhz (30pf max.) 20ppm ~ 50ppm (table 1) see table 2 2.5 v 5% -10 c ~ +70 c / -40 c ~ +85 c -55 c ~ +125 c see table 3 15pf / 30pf 4ma / 8ma 0.1 x v dc 0.9 x v dc 10ms 150ns 10ms stop 10a < 1.0ps rms 45% ~ 55% typ. (40% ~ 60% max.) table 1: frequency stability code stability code abgc 100 ppm 50 ppm 30 ppm 25 ppm -10 c ~ +70 c ooo -40 c ~ +85 c ooo ? standard o available excludes shock and vibration table 3: rise & fall time max. 8 ns: 0.5 ~ 1.79 mhz 6 ns: 1.8 ~ 49.99 mhz 5 ns: 50.0 ~ 79.99 mhz 4 ns: 80.0 ~ 124.99 mhz 3 ns: 125.0 ~ 160.00 mhz note: - specific data on request - rise time: 0.1 v dc ~ 0.9 v dc - fall time: 0.9 v dc ~ 0.1 v dc table 2: current consumption max. 0.5 ~ 19.9 mhz 6 ma 20.0 ~ 49.9 mhz 11 ma 50.0 ~ 79.9 mhz 17 ma 80.0 ~ 124.9 mhz 28 ma 125.0 ~ 160.0 mhz 38 ma 0.5 ~ 19.9 mhz 10 ma 20.0 ~ 50.0 mhz 20 ma current at 15pf load current at 30pf load * includes stability at 25 c, operating temp. range, supply voltage change, shock and vibration, aging 1st year. 080709
jauch quartz gmbh ? e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com all specifications are subject to change without notice oscillator jo75 2.5 v stop function temperature ( c) time (s) 150 260 200 50 100 60 ~180 s 60 s max. 10 s max. 260 c max. 180 5 c 220 5 c reflow soldering profile note: parts are also suitable for soldering systems with lead (pb) content ? standard packing units are 500 pieces per reel ? non-multiple packing units are only supplied taped / bulk packing note marking frequency type / date code date code: a ~ m: jan.- dec. 9: 2009 0: 2010 1: 2011 jan. febr. mar. apr. may june abcde f july aug. sept. oct. nov. dec. ghj klm enable / disable function pin #1 (e/d control) pin #3 (output) open use external pull-up resistor high ?1? (v ih 0.8 v dc ) active low ?0? (v il 0.2 v dc ) high impedance stop function: ? oscillator stops ? output high impedance 8.0 0.2 0.1 16.0 0.3 ? 1.5 0.1 7.9 max. 0.4 0.05 2.3 0.1 5.5 max. direction of feed 4.0 0.1 2.0 0.1 1.75 0.1 9.25 taping specification 500 pcs per reel 2.0 120 3 ? 21 in mm


▲Up To Search▲   

 
Price & Availability of JO75-25V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X