Part Number Hot Search : 
MC145 SM10LZ47 T03GH 2SK1162 LBN08303 TD221I TDA7010T N3055
Product Description
Full Text Search
 

To Download IXFN140N25T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2010 ixys corporation, all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 250 v v dgr t j = 25 c to 150 c, r gs = 1m 250 v v gss continuous 20 v v gsm transient 30 v i d25 t c = 25 c 120 a i dm t c = 25 c, pulse width limited by t jm 400 a i a t c = 25 c40a e as t c = 25 c3j p d t c = 25 c 690 w dv/dt i s i dm , v dd v dss , t j 150c 20 v/ns t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c v isol 50/60 hz, rms t = 1 minute 2500 v~ i isol 1ma t = 1 second 3000 v~ t l 1.6mm (0.062 in.) from case for 10s 300 c t sold plastic body for 10s 260 c m d mounting torque 1.5/13 nm/lb.in. terminal connection torque 1.3/11.5 nm/lb.in. weight 30 g symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 3ma 250 v v gs(th) v ds = v gs , i d = 4ma 2.5 5.0 v i gss v gs = 20v, v ds = 0v 200 na i dss v ds = v dss , v gs = 0v 50 a t j = 125 c 3 ma r ds(on) v gs = 10v, i d = 60a, note 1 17 m n-channel enhancement mode avalanche rated fast intrinsic diode IXFN140N25T ds100268(05/10) v dss = 250v i d25 = 120a r ds(on) 17m t rr 200ns features z international standard package z minibloc, with aluminium nitride isolation z high current handling capability z fast intrinsic diode z low r ds(on) z avalanche rated advantages z easy to mount z space savings z high power density applications z dc-dc converters z battery chargers z switch-mode and resonant-mode power supplies z dc choppers z ac motor drives z uninterruptible power supplies z high speed power switching applications advance technical information gigamos tm hiperfet tm power mosfet either source terminal s can be used as the source terminal or the kelvin source (gate return) terminal. minibloc e153432 g d s s g = gate d = drain s = source
ixys reserves the right to change limits, test conditions, and dimensions. IXFN140N25T ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 note 1. pulse test, t 300 s, duty cycle, d 2%. symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 60a, note 1 80 135 s c iss 19 nf c oss v gs = 0v, v ds = 25v, f = 1mhz 1500 pf c rss 185 pf t d(on) 33 ns t r 29 ns t d(off) 92 ns t f 22 ns q g(on) 255 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 70a 90 nc q gd 62 nc r thjc 0.18 c/w r thcs 0.05 c/w source-drain diode symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. i s v gs = 0v 140 a i sm repetitive, pulse width limited by t jm 560 a v sd i f = 60a, v gs = 0v, note 1 1.3 v t rr 200 ns i rm 9.3 a q rm 600 nc resistive switching times v gs = 15v, v ds = 0.5 ? v dss , i d = 70a r g = 1 (external) i f = 70a, v gs = 0v -di/dt = 100a/ s v r = 75v advance technical information the product presented herein is under development. the technical specifications offered are derived from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a "considered reflection" of the anticipated result. ixys reserves the right to change limits, test conditions, and dimensions without notice. sot-227b (ixfn) outline (m4 screws (4x) supplied)
? 2010 ixys corporation, all rights reserved IXFN140N25T fig. 6. maximum drain current vs. case temperature 0 20 40 60 80 100 120 140 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 1. output characteristics @ t j = 25oc 0 20 40 60 80 100 120 140 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 v ds - volts i d - amperes v gs = 10v 8v 7v 6 v 5 v fig. 2. extended output characteristics @ t j = 25oc 0 40 80 120 160 200 240 280 320 0 2 4 6 8 10 12 14 16 18 v ds - volts i d - amperes v gs = 10v 8v 5 v 6 v 7 v fig. 3. output characteristics @ t j = 125oc 0 20 40 60 80 100 120 140 00.511.522.533.544.5 v ds - volts i d - amperes v gs = 10v 8v 7v 6 v 5 v fig. 4. r ds(on) normalized to i d = 70a value vs. junction temperature 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 140a i d = 70a fig. 5. r ds(on) normalized to i d = 70a value vs. drain current 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 0 40 80 120 160 200 240 280 320 i d - amperes r ds(on) - normalized v gs = 10 v t j = 125oc t j = 25oc
ixys reserves the right to change limits, test conditions, and dimensions. IXFN140N25T fig. 7. input admittance 0 20 40 60 80 100 120 140 160 180 3.54.04.55.05.56.06.5 v gs - volts i d - amperes t j = 125oc 25oc - 40oc fig. 8. transconductance 0 20 40 60 80 100 120 140 160 180 200 220 0 20 40 60 80 100 120 140 160 180 200 i d - amperes g f s - siemens t j = - 40oc 125oc 25oc fig. 9. forward voltage drop of intrinsic diode 0 50 100 150 200 250 300 350 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 20 40 60 80 100 120 140 160 180 200 220 240 260 q g - nanocoulombs v gs - volts v ds = 125v i d = 70a i g = 10ma fig. 11. capacitance 100 1,000 10,000 100,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. forward-bias safe operating area 1 10 100 1,000 1 10 100 1,000 v ds - volts i d - amperes t j = 150oc t c = 25oc single pulse 25s 1ms 100s r ds( on ) limit
? 2010 ixys corporation, all rights reserved ixys ref: ixf_140n25t (9w)5-25-10-a IXFN140N25T fig. 13. maximum transient thermal impedance 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w


▲Up To Search▲   

 
Price & Availability of IXFN140N25T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X