Part Number Hot Search : 
C7001 3979SLPT MBR8100 15KW200 NTE7058 FAN5068 114TU Z25M221S
Product Description
Full Text Search
 

To Download HYE25L128160AC-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 1 2003-02 the hyb/e 25l128160ac mobile-rams are a new generation of low power, four bank synchronous dram?s organized as 4 banks 2mbit x16 with additional features for mobile applications. these synchronous mobile-rams achieve high speed data transfer rates by employing a chip architecture that prefetches multiple bits and then synchronizes the output data to a system clock. the chip is fabricated using the infineon advanced process technology. the device adds new features to the industry standards set for synchronous dram products. parts of the memory array can be selected for self-refresh and the refresh period during self- refresh is programmable in 4 steps which drastically reduces the self refresh current, depending on the case temperature of the components in the system application. in addition a ?deep power down mode? is available. operating the four memory banks in an interleave fashion allows random access operation to occur at higher rate. a sequential and gapless data rate is possible depending on burst length, cas latency and speed grade of the device. the device operates from a 2.5v power supply for the core and 1.8v for the bus interface. the mobile-ram is housed in a fbga ?chip-size? package. the mobile-ram is available in the commercial (0 0 to 70 0 c) and extended ( -25 o c to +85 o c) temperature range. high performance:  8mbit x 16 organisation  vdd = 2.5v, vddq = 1.8v / 2.5v  fully synchronous to positive clock edge  four banks controlled by ba0 & ba1  programmable cas latency: 1, 2, 3  programmable wrap sequence: sequential or interleave  deep power down mode  automatic and controlled precharge command  programmable burst length: 1, 2, 4, 8 and full page  programmable power reduction feature by partial array activation during self-refresh  data mask for byte control  auto refresh (cbr)  4096 refresh cycles / 64ms  self refresh with programmble refresh period  power down and clock suspend mode  random column address every clk (1-n rule)  54-fbga , with 9 x 6 ball array with 3 depopulated rows, 9 x 8 mm  operating temperature range commerical ( 0 0 to 70 0 c) extended ( -25 o c to +85 o c) -7.5 -8 units f ck,max 133 125 mhz t ck3,min 7.5 8 ns t ac3,max 5.4 6 ns t ck2,min 9.5 9.5 ns t ac2,max 66ns 128-mbit synchronous low-power dram in chipsize packages datasheet (rev. 2003-02)
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 2 2003-02 ordering information type function code package description commercial temperature range: hyb 25l128160ac-7.5 pc133-333-522 bga-boc 133 mhz 4b 2m x16 lp-sdram hyb 25l128160ac-8 pc100-222-620 bga-boc 100 mhz 4b 2m x16 lp-sdram extended temperature range: hye 25l128160ac-7.5 pc133-333-522 bga-boc 133 mhz 4b 2m x16 lp-sdram hye 25l128160ac-8 pc100-222-620 bga-boc 100 mhz 4b 2m x16 lp-sdram pin definitions and functions clk clock input dq data input/output cke clock enable ldqm, udqm data mask cs chip select 9 dd power (+ 2.5v) ras row address strobe 9 ss ground cas column address strobe 9 ddq power for dq ? s (+1.8 v) we write enable 9 ssq ground for dq ? s a0 - a11, a0 - a8 row addresses column addresses n.c. not connected ba0, ba1 bank select
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 3 2003-02 pin configuration for x16 devices: < top-view > 123 789 vss dq15 vssq a vddq dq0 vdd dq14 dq13 vddq b vssq dq2 dq1 dq12 dq11 vssq c vddq dq4 dq3 dq10 dq9 vddq d vssq dq6 dq5 dq8 nc vss e vdd ldqm dq7 udqm clk cke f cas ras we nc a11 a9 g ba0 ba1 cs a8 a7 a6 h a0 a1 a10 vss a5 a4 j a3 a2 vdd
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 4 2003-02 memory array bank 1 4096 x 512 x 16 bit memory array bank 2 4096 x 512 x 16 bit memory array bank 3 4096 x 512 x 16 bit spb04124 column address counter row decoder memory array bank 0 4096 x 512 x 16 bit column decoder sense amplifier & i(o) bus row decoder sense amplifier & i(o) bus row decoder row decoder column decoder sense amplifier & i(o) bus row address buffer column address buffer refresh counter sense amplifier & i(o) bus a0 - a11, ba0, ba1 a0 - a8, ap, ba0, ba1 column addresses row addresses input buffer output buffer dq0 - dq15 control logic & timing generator clk cke cs ras cas we dqmu dqml column decoder column decoder functional block diagrams block diagram: 8mb x16 sdram (12 / 9 / 2 addressing)
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 5 2003-02 signal pin description pin type signal polarity function clk input pulse positive edge the system clock input. all of the sdram inputs are sampled on the rising edge of the clock. cke input level active high activates the clk signal when high and deactivates the clk signal when low, thereby initiates either the power down mode, suspend mode, or the self refresh mode. cs input pulse active low cs enables the command decoder when low and disables the command decoder when high. when the command decoder is disabled, new commands are ignored but previous operations continue. ras cas we input pulse active low when sampled at the positive rising edge of the clock, cas , ras , and we define the command to be executed by the sdram. a0 - a11 input level ? during a bank activate command cycle, a0 - a11 define the row address (ra0 - ra11) when sampled at the rising clock edge. during a read or write command cycle, a0-a8 define the column address (ca0 - ca8) when sampled at the rising clock edge. in addition to the column address, a10 (= ap) is used to invoke autoprecharge operation at the end of the burst read or write cycle. if a10 is high, autoprecharge is selected and ba0, ba1 defines the bank to be precharged. if a10 is low, autoprecharge is disabled. during a precharge command cycle, a10 (= ap) is used in conjunction with ba0 and ba1 to control which bank(s) to precharge. if a10 is high, all four banks will be precharged regardless of the state of ba0 and ba1. if a10 is low, then ba0 and ba1 are used to define which bank to precharge. ba0, ba1 input level ? bank select inputs. selects which bank is to be active. dqx input output level ? data input/output pins operate in the same manner as on conventional drams.
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 6 2003-02 ldqm udqm, input pulse active high the data input/output mask places the dq buffers in a high impedance state when sampled high. in read mode, dqm has a latency of two clock cycles and controls the output buffers like an output enable. in write mode, dqmx has a latency of zero and operates as a word mask by allowing input data to be written if it is low but blocks the write operation if dqm is high. ldqm and udqm controls the lower and upper bytes in x16 sdram. v dd v ss supply ?? power and ground for the input buffers and the core logic. v ddq v ssq supply ?? isolated power supply and ground for the output buffers to provide improved noise immunity. pin type signal polarity function
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 7 2003-02 operation definition all of sdram operations are defined by states of control signals cs , ras , cas , we , and dqmx at the positive edge of the clock. the following list shows the truth table for the operation commands. notes: 1. v = valid, x = don ? t care, l = low level, h = high level. 2. cken signal is input level when commands are provided, cken-1 signal is input level one clock before the commands are provided. 3. this is the state of the banks designated by ba0, ba1 signals. 4. power down mode can not entry in the burst cycle. address input for mode set (mode register operation) 5. after deep power down mode exit a full new initialisation of the memory device is mandatory. 2shudwlrq device state cke n-1 cke n dqm ba0 ba1 ap= a10 addr cs ras cas we bank active idle 3 hxxvvvl lhh bank precharge any h x x v l x l l h l precharge all any h x x x h x l l h l write active 3 hxxvlvlhl l write with autoprecharge active 3 hxxvhvlhl l read active 3 hxxvlvlhlh read with autoprecharge active 3 hxxvhvlhlh mode register set idle hxxvvv llll no operation any hxxxxxlhhh burst stop active hxxxxxlhhl device deselect any hxxxxxhxxx auto refresh idle hhxxxxl l lh self refresh entry idle hlxxxxl l lh self refresh exit idle (self refr.) lhxxxx hxxx lhhx power down entry (precharge or active standby) idle hlxxxx hxxx active 4 lhhh power down exit any (power down) lhxxxx hxxx lhhl data write/output enableactive hxlxxxxxxx data write/output disableactive hxhxxxxxxx deep power down entryidle hlxxxxlhhl deep power down exit deep 5 power down lhxxxxxxxx
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 8 2003-02 ba1 ba0 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 cas latency bt burst length address bus (ax) mode register (mx) ba1 ba0 m11 m10 m9 m8 m7 mode 0 0 0 0 0 0 0 burst read/ burst write m3 ty pe 0 0 0 0 1 0 0 burst read/ single write operation mode burst type 0 sequential 1 interleave m5 m4 latency m6 cas latency 0 0 reserved 0 1 0 0 1 2 0 0 1 1 3 1 0 1 0 reserved 0 1 1 0 reserved 0 1 1 1 1 1 m1 m0 length m2 burst length sequential 1 0 0 1 2 0 0 1 1 4 1 0 1 0 8 0 1 1 0 0 1 1 1 1 1 1 2 4 8 reserved interleave 0 0 0 operation mode 0*) 0*) *) ba0 and ba1 must be 0, 0 to select the mode register (vs. the extended mode register) reserved full page 0rgh5hjlvwhu7deoh
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 9 2003-02 3rzhu2qdqg,qlwldol]dwlrq the default power on state of the mode register is supplier specific and may be undefined. the following power on and initialization sequence guarantees the device is preconditioned to each users specific needs. like a conventional dram, the synchronous dram must be powered up and initialized in a predefined manner. 9 dd must be applied before or at the same time as 9 ddq to the specified voltage when the input signals are held in the ? nop ? or ? deselect ? state. the power on voltage must not exceed 9 dd + 0.3 v on any of the input pins or vdd supplies. the clk signal must be started at the same time. after power on, an initial pause of 200 s is required followed by a precharge of all banks using the precharge command. to prevent data contention on the dq bus during power on, it is required that the dqm and cke pins be held high during the initial pause period. once all banks have been precharged, the mode register set command must be issued to initialize the mode register. a minimum of eight auto refresh cycles (cbr) are also required.these may be done before or after programming the mode register. failure to follow these steps may lead to unpredictable start-up modes. 3urjudpplqjwkh0rgh5hjlvwhu the mode register designates the operation mode at the read or write cycle. this register is divided into 4 fields. a burst length field to set the length of the burst, an addressing selection bit to program the column access sequence in a burst cycle (interleaved or sequential), a cas latency field to set the access time at clock cycle and a operation mode field to differentiate between normal operation (burst read and burst write) and a special burst read and single write mode. the mode set operation must be done before any activate command after the initial power up. any content of the mode register can be altered by re-executing the mode set command. all banks must be in precharged state and cke must be high at least one clock before the mode set operation. after the mode register is set, a standby or nop command is required. low signals of ras , cas , and we at the positive edge of the clock activate the mode set operation. address input data at this timing defines parameters to be set as shown in the previous table. ba0 and ba1 have to be set to ? 0 ? to enter the mode register. ([whqghg0rgh5hjlvwhu the extended mode register controls functions beyond those controlled by the mode register. these additional functions are unique to mobile rams and includes a refresh period field (tcr) for temperature compensated self-refresh and a partial-array self refresh field (pasr). the pasr field is used to specify whether only one quarter (bank 0), one half (banks 0 + 1) or all banks of the sdram array are enabled. disabled banks will not be refreshed in self-refresh mode and written data will get lost. when only bank 0 is selected, it is possible to partially select only half or one quarter of bank 0. the tcr field has four entries to set refresh period during self-refresh depending on the case temperature of the mobile ram devices. the extended mode register is programmed via the mode register set command (with ba0 = 0 and ba1 = 1) and retains the stored information until it is programmed again or the device loses power. the extended mode register must be loaded when all banks are idle, and the controller must wait the specified time before initiating any subsequent operation. violating either these requirements result in unspecified operation. unused bit a5 to a11 have to be programmed to ? 0 ? .
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 10 2003-02 ([whqghg0rgh5hjlvwhu7deoh 5hdgdqg:ulwh2shudwlrq when ras is low and both cas and we are high at the positive edge of the clock, a ras cycle starts. according to address data, a word line of the selected bank is activated and all of sense amplifiers associated to the wordline are set. a cas cycle is triggered by setting ras high and cas low at a clock timing after a necessary delay, w rcd , from the ras timing. we is used to define either a read (we = h) or a write (we = l) at this stage. sdram provides a wide variety of fast access modes. in a single cas cycle, serial data read or write operations are allowed at up to a 133 mhz data rate. the numbers of serial data bits are the burst length programmed at the mode set operation, i.e., one of 1, 2, 4, 8 and full page. column addresses are segmented by the burst length and serial data accesses are done within this boundary. the first column address to be accessed is supplied at the cas timing and the subsequent addresses are generated automatically by the programmed burst length and its sequence. for example, in a burst length of 8 with interleave sequence, if the first address is ? 2 ? , then the rest of the burst sequence is 3, 0, 1, 6, 7, 4, and 5. full page burst operation is only possible using the sequential burst type and page length is a function of the i/o organisation and column addressing. full page burst operation does not self terminate once the burst length has been reached. in other words, unlike burst length of 2, 4 and 8, full page burst continues until it is terminated using another command. ba1 ba0 a11 a10 a 9 a8 a7 a6 a5 a4 a3 a2 a1 a0 address bus (ax) mode register (mx) m4 m3 0 0 1 0 0 1 1 1 m1 m0 m2 1 0 0 0 0 1 1 1 0 1 0 0 1 1 0 0 1 1 1 1 1 0 0 0 1*) 0*) *)ba1 and ba0 must be 1, 0 to select the extended mode register (vs. the mode register) tcr pasr temperature-compensated self-refresh: max. case temp. 45 c 0 70 c 0 85 c 0 15 c 0 partial-array self refresh: banks to be self-refreshed all banks 1/2 array (ba1=0) 1/4 array (ba1=0, ba0=0) reserved reserved 1/8 array (ba1=ba0=0, ra11=0) reserved all have to be set to "0" 1/16 array (ba1=ba0=0, ra11=ra10=0)
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 11 2003-02 similar to the page mode of conventional dram ? s, burst read or write accesses on any column address are possible once the ras cycle latches the sense amplifiers. the maximum w ras or the refresh interval time limits the number of random column accesses. a new burst access can be done even before the previous burst ends. the interrupt operation at every clock cycle is supported. when the previous burst is interrupted, the remaining addresses are overridden by the new address with the full burst length. an interrupt which accompanies an operation change from a read to a write is possible by exploiting dqm to avoid bus contention. when two or more banks are activated sequentially, interleaved bank read or write operations are possible. with the programmed burst length, alternate access and precharge operations on two or more banks can realize fast serial data access modes among many different pages. once two or more banks are activated, column to column interleave operation can be performed between different pages. when the partial array activation is set, data will get lost when self-refresh is used in all non activated banks. 5hiuhvk0rgh mobile-ram has two refresh modes, auto refresh and self refresh. $xwr5hiuhvk auto refresh is similar to the cas -before-ras refresh of earlier drams. all banks must be precharged before applying any refresh mode. an on-chip address counter increments the word and the bank addresses. no bank information is required for both refresh modes. burst length and sequence burst length starting address (a2 a1 a0) sequential burst addressing (decimal) interleave burst addressing (decimal) 2xx0 xx1 0, 1 1, 0 0, 1 1, 0 4x00 x01 x10 x11 0, 1, 2, 3 1, 2, 3, 0 2, 3, 0, 1 3, 0, 1, 2 0, 1, 2, 3 1, 0, 3, 2 2, 3, 0, 1 3, 2, 1, 0 8 000 001 010 011 100 101 110 111 0 1 2 3 4 5 6 7 1 2 3 4 5 6 7 0 2 3 4 5 6 7 0 1 3 4 5 6 7 0 1 2 4 5 6 7 0 1 2 3 5 6 7 0 1 2 3 4 6 7 0 1 2 3 4 5 7 0 1 2 3 4 5 6 0 1 2 3 4 5 6 7 1 0 3 2 5 4 7 6 2 3 0 1 6 7 4 5 3 2 1 0 7 6 5 4 4 5 6 7 0 1 2 3 5 4 7 6 1 0 3 2 6 7 4 5 2 3 0 1 7 6 5 4 3 2 1 0 full page nnn cn, cn+1, cn+2 not supported
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 12 2003-02 the chip enters the auto refresh mode, when ras and cas are held low and cke and we are held high at a clock edge. the mode restores word line after the refresh and no external precharge command is necessary. a minimum w rc time is required between two automatic refreshes in a burst refresh mode. the same rule applies to any access command after the automatic refresh operation. in auto-refresh mode all banks are refreshed, independendly of the fact that the partial array self- refresh has been set or not. 6hoi5hiuhvk the chip has an on-chip timer that is used when the self refresh mode is entered. the self-refresh command is asserted with ras , cas , and cke low and we high at a clock edge. all external control signals including the clock are disabled. returning cke to high enables the clock and initiates the refresh exit operation. after the exit command, at least one w rc delay is required prior to any access command. low power sdrams have the possibility to program the refresh period of the on-chip timer with the use of an appropriate extended mrs command, depending on the maximum operation case temperature in the application. in partial array self-refresh mode only the selected banks will be refreshed. data written to the non activated banks will get lost after a period defined by tref. '40)xqfwlrq dqmx has two functions for data i/o read and write operations. during reads, when it turns to ? high ? at a clock edge, data outputs are disabled and become high impedance after two clock periods (dqm data disable latency w dqz ). it also provides a data mask function for writes. when dqm is activated, the write operation at the next clock is prohibited (dqm write mask latency w dqw = zero clocks). 6xvshqg0rgh during normal access, cke is held high enabling the clock. when cke is low, it freezes the internal clock and extends data read and write operations. one clock delay is required for mode entry and exit (clock suspend latency t csl ). 3rzhu'rzq in order to reduce standby power consumption, a power down mode is available. all banks must be precharged before the mobile-ram can enter the power down mode. once the power down mode is initiated by holding cke low, all receiver circuits except for clk and cke are gated off. the power down mode does not perform any refresh operations, therefore the device can ? t remain in power down mode longer than the refresh period ( w ref ) of the device. exit from this mode is performed by taking cke ? high ? . one clock delay is required for power down mode entry and exit. 'hhs3rzhu'rzq0rgh the deep power down mode is an unique function on mobile rams with very low standby currents. all internal voltage generators inside the mobile rams are stopped and all memory data is lost in this mode. to enter the deep power down mode all banks must be precharged.
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 13 2003-02 $xwr3uhfkdujh two methods are available to precharge mobile-rams. in an automatic precharge mode, the cas timing accepts one extra address, ca10, to determine whether the chip restores or not after the operation. if ca10 is high when a read command is issued, the read with auto-precharge function is initiated. if ca10 is high when a write command is issued, the write with auto-precharge function is initiated. the mobile-ram automatically enters the precharge operation after w wr (write recovery time) following the last data in. 3uhfkdujh&rppdqg there is also a separate precharge command available. when ras and we are low and cas is high at a clock edge, it triggers the precharge operation. three address bits, ba0, ba1 and a10 are used to define banks as shown in the following list. the precharge command can be imposed one clock before the last data out for cas latency = 2 and two clocks before the last data out for cas latency = 3. writes require a time delay w wr from the last data out to apply the precharge command. %dqn6hohfwlrqe\$gguhvv%lwv %xuvw7huplqdwlrq once a burst read or write operation has been initiated, there are several methods used to terminate the burst operation prematurely. these methods include using another read or write command to interrupt an existing burst operation, using a precharge command to interrupt a burst cycle and close the active bank, or using the burst stop command to terminate the existing burst operation but leave the bank open for future read or write commands to the same page of the active bank. when interrupting a burst with another read or write command care must be taken to avoid dq contention. the burst stop command, however, has the fewest restrictions making it the easiest method to use when terminating a burst operation before it has been completed. if a burst stop command is issued during a burst write operation, then any residual data from the burst write cycle will be ignored. data that is presented on the dq pins before the burst stop command is registered will be written to the memory. a10 ba0 ba1 0 0 0 bank 0 0 0 1 bank 1 0 1 0 bank 2 0 1 1 bank 3 1 x x all banks
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 14 2003-02 (ohfwulfdo&kdudfwhulvwlfv $evroxwh0d[lpxp5dwlqjv operating case temperature range (commercial).........................................................0 to + 70 c operating case temperature range (extended) ........................................................ -25 to + 85 c storage temperature range ................................................................................... ? 55 to + 150 c input/output voltage ......................................................................................... ? 0.3 to 9 dd + 0.3 v power supply voltage 9 dd ...................................................................................... ? 0.3 to + 3.6 v power dissipation .............................................................................................................. ...... 0.7 w data out current (short circuit) ............................................................................................... 50 ma 1rwh 6wuhvvhv deryh wkrvh olvwhg xqghu 3$evroxwh 0d[lpxp 5dwlqjv pd\ fdxvh shupdqhqw gdpdjh ri wkh ghylfh ([srvxuh wr devroxwh pd[lpxp udwlqj frqglwlrqv iru h[whqghg shulrgvpd\diihfwghylfhuholdelolw\ 1rwhv 1. all voltages are referenced to 9 ss . 2. 9 ih may overshoot to 9 dd + 0.8v for pulse width of < 4 ns with 2.5v. 9 il may undershoot to ? 0.8 v for pulse width < 4.0 ns with 2.5v. pulse width measured at 50% points with amplitude measured peak to dc reference. recommended operation and dc characteristics t case = 0 to 70 c (commercial) / -25 to 85 o c (extended); v ss = 0 v; v dd = 2.5 v nominal, v ddq = 1.8v / 2.5v nominal parameter symbol limit values unit notes min. max. dram core supply voltage v dd 2.3 2.9 v i/o supply voltage v ddq 1.65 2.9 v input high voltage (cmd, addr.) v ih 0.8 x v ddq v ddq +0.3 v 1, 2 input low voltage (cmd, addr.) v il ? 0.3 + 0.3 v 1, 2 data input high (logic 1) voltage v ih 0.8 x v ddq v ddq +0.3 v data input low (logic 0) voltage v il ? 0.3 + 0.3 v data output high (logic 1) voltage (i oh =-0.1ma) v oh v ddq -0.2 ? v date output low (logic 0) voltage (i ol =+0.1ma) v ol ? 0.2 v input leakage current, any input (0 v < v in < v ddq , all other inputs = 0 v) i i(l) ? 55 a output leakage current (dq is disabled, 0 v < v out < v dd ) i o(l) ? 55 a
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 15 2003-02 capacitance : t case = 0 to 70 c (commercial) / -25 to 85 o c (extended); v dd = 2.5 v nominal,v ddq = 1.8 v nominal, f = 1 mhz parameter symbol values unit min. max. input capacitance (clk) c i1 -3.5pf input capacitance (a0 - a11, ba0, ba1, ras , cas , we , cs , cke, dqm) c i2 -3.8pf input/output capacitance (dq) c io -6.0pf operating currents t case = 0 to 70 c (commercial) / -25 to 85 o c (extended); v dd = 2.5 v nominal, v ddq = 1.8 v nominal (recommended operating conditions unless otherwise noted) parameter & test condition symb. -7.5 -8 unit note operating current t ck = t ck(min.) one bank access ? i cc1 70 65 ma 3,4 precharge standby current in power down mode cs = v ih (min.) , cke v il(max.) t ck =min i cc2p 0.4 0.4 ma 3 precharge standby current in non power down mode cs = v ih (min.) , cke v ih(min.) t ck =min i cc2n 20 15 ma 3 no operating current t ck = min., cs = v ih (min.) , active state (max. 4 banks) cke v ih(min.) i cc3n 35 31 ma 3 cke v il(max.) i cc3p 33 ma 3 burst operating current t ck =min read command cycling ? i cc4 70 60 ma 3,4 auto refresh current t ck = min, trc = trcmin. auto refresh command cycling ? i cc5 160 150 ma deep power down mode current i cc7 3 a
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 16 2003-02 3urjudppdeoh6hoi5hiuhvk&xuuhqwv 1rwhv 3. these parameters depend on the frequency. these values are measured at 133 mhz for -7 & -7.5 and at 100 mhz for -8 parts. input signals are changed once during w ck . if the devices are operating at a frequency less than the maximum operation frequency, these current values are multiplied by 1/ freq, meaning operation at half the maximum frequency reduces these current value by a factor of 2. 4. these parameters are measured with continuous data stream during read access and all dq toggling. cl = 3 and bl = 4 is assumed and the 9 ddq current is excluded. parameter & test condition extended mode register m[4:3] tcase [ o c] symb. max. unit note self refresh current self refresh mode cke = 0.2 v, tck=infinity, full array activations, all banks 85 o c max. i cc6 520 a 70 o c max. 350 a 45 o c max. 250 a 15 o c max. 210 a self refresh current self refresh mode cke = 0.2 v, tck=infinity, half array activations, bank 0 +1 85 o c max. i cc6 380 a 70 o c max. 250 a 45 o c max. 180 a 15 o c max. 160 a self refresh current self refresh mode cke = 0.2 v, tck=infinity, quarter array activation, bank 0 85 o c max. i cc6 270 a 70 o c max. 180 a 45 o c max. 130 a 15 o c max. 120 a
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 17 2003-02 ac characteristics 1, 2 t case = 0 to 70 c (commercial) / -25 to 85 o c (extended); v ss = 0 v; v dd = 2.5 v nominal, v ddq = 1.8 v nominal, t t = 1 ns parameter symb. unit note -7.5 -8 min. max. min. max. clock and clock enable clock cycle time cas latency = 3 cas latency = 2 cas latency = 1 t ck 7.5 9.5 20 ? ? ? 8 9.5 20 ? ? ? ns ns ns clock frequency cas latency = 3 cas latency = 2 cas latency = 1 t ck ? ? ? 133 105 50 ? ? ? 125 105 50 mhz mhz mhz access time from clock cas latency = 3 cas latency = 2 cas latency = 1 t ac ? ? ? 5.4 6 19 ? ? ? 6 6 19 ns ns ns 2, 3, 6 clock high pulse width t ch 2.5 ? 3 ? ns clock low pulse width t cl 2.5 ? 3 ? ns transition time t t 0.3 1.2 0.5 1.5 ns setup and hold times input setup time t is 1.5 ? 2 ? ns 4 input hold time t ih 0.8 ? 1 ? ns 4 cke setup time t cks 1.5 ? 2 ? ns 4 cke hold time t ckh 0.8 ? 1 ? ns 4 mode register set-up time t rsc 2 ? 2 ? clk power down mode entry time t sb 07.508ns common parameters row to column delay time t rcd 19 ? 19 ? ns 5 row precharge time t rp 19 ? 19 ? ns 5 row active time t ras 45 100k 48 100k ns 5 row cycle time t rc 67 ? 70 ? ns 5
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 18 2003-02 activate(a) to activate(b) command period t rrd 15 ? 16 ? ns 5 cas (a) to cas (b) command period t ccd 1 ? 1 ? clk ? refresh cycle refresh period (4096 cycles) t ref ? 64 ? 64 ms ? self refresh exit time t srex 1 ? 1 ? clk read cycle data out hold time t oh 3 ? 3 ? ns 2, 5, 6 data out to low impedance time t lz 1 ? 0 ? ns ? data out to high impedance time t hz 3738ns ? dqm data out disable latency t dqz ? 2 ? 2clk ? write cycle write recovery time t wr 14 ? 14 ? ns 7 dqm write mask latency t dqw 0 ? 0 ? clk ? ac characteristics (cont ? d) 1, 2 t case = 0 to 70 c (commercial) / -25 to 85 o c (extended); v ss = 0 v; v dd = 2.5 v nominal, v ddq = 1.8 v nominal, t t = 1 ns parameter symb. unit note -7.5 -8 min. max. min. max.
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 19 2003-02 1rwhv 1. for proper power-up see the operation section of this data sheet. 2. ac timing tests are referenced to the 0.9 v crossover point for vddq = 1.8 v components. the transition time is measured between 9 ih and 9 il . all ac measurements assume w t =1ns with the ac output load circuit (details will be defined later). specified w ac and w oh parameters are measured with a 30 pf only, without any resistive termination and with a input signal of 1v / ns edge rate. 3. if clock rising time is longer than 1 ns, a time ( w t /2 - 0.5) ns has to be added to this parameter. 4. if w t is longer than 1 ns, a time ( w t - 1) ns has to be added to this parameter. 5. these parameter account for the number of clock cycle and depend on the operating frequency of the clock, as follows: wkh qxpehu ri forfn f\foh vshflilhg ydoxhri wlplqj shulrg frxqwhg lq iudfwlrqv dv dzkroh qxpehu 6. access time from clock tac is 4.6 ns for pc133 components with no termination and 0 pf load, data out hold time toh is 1.8 ns for pc133 components with no termination and 0 pf load. 7. the write recovery time of twr = 14 ns cycles allows the use of one clock cycle for the write recovery time when the memory operation frequency is equal or less than 72mhz. for all memory operation frequencies higher than 72mhz two clock cycles for twr are mandatory. infineon recommends to use two clock cylces for the write recovery time in all applications. 30 pf i/o measurement conditions for t ac and t oh
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 20 2003-02 fbga-boc package 54 bga package with 3 depop. rows package outlines
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 21 2003-02  
1. bank activate command cycle 2. burst read operation 3. read interrupted by a read 4. read to write interval 4.1 read to write interval 4.2 minimum read to write interval 4.3 non-minimum read to write interval 5. burst write operation 6. write and read interrupt 6.1 write interrupted by a write 6.2 write interrupted by read 7. burst write & read with auto-precharge 7.1 burst write with auto-precharge 7.2 burst read with auto-precharge 8. ac- parameters 8.1 ac parameters for a write timing 8.2 ac parameters for a read timing 9. mode register set 10. power on sequence and auto refresh (cbr) 11. clock suspension (using cke) 11. 1 clock suspension during burst read cas latency = 2 11. 2 clock suspension during burst read cas latency = 3 11. 3 clock suspension during burst write cas latency = 2 11. 4 clock suspension during burst write cas latency = 3 12. power down mode and clock suspend 13. self refresh ( entry and exit ) 14. auto refresh ( cbr ) 15. random column read ( page within same bank) 15.1 cas latency = 2 15.2 cas latency = 3 16. random column write ( page within same bank) 16.1 cas latency = 2 16.2 cas latency = 3 17. random row read ( interleaving banks) with precharge 17.1 cas latency = 2 17.2 cas latency = 3 18. random row write ( interleaving banks) with precharge 18.1 cas latency = 2 18.2 cas latency = 3 19. precharge termination of a burst 20. deep power down mode 20.1 deep power down mode entry 20.2 deep power down mode exit
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 22 2003-02     
  rc "h" or "l" t t0 (cas latency = 3) bank b row addr. activate bank b address command clk t nop nop rcd t t1 col. addr. bank b with auto precharge write b t spt03784 bank b row addr. activate bank b row addr. bank a activate bank a t nop rrd t tt spt03712 clk read a nop t0 t1 t2 t3 t4 t5 t6 t7 t8 command nop nop nop nop nop nop nop dout a3 ck2 latency = 2 t , dq ? s dout a1 dout a0 dout a2 dout a2 ck3 latency = 3 t , dq ? s dout a0 dout a1 dout a3 (burst length = 4, cas latency = 2, 3) cas cas
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 23 2003-02 5hdg,qwhuuxswhge\d5hdg 5hdgwr:ulwh,qwhuydo 5hdgwr:ulwh,qwhuydo spt03713 clk read a t0 t1 t2 t3 t4 t5 t6 t7 t8 command dout a0 dout b0 dout b1 dout b2 nop nop nop nop nop nop nop latency = 2 , dq ? s ck2 t ck3 latency = 3 t , dq ? s (burst length = 4, cas latency = 2, 3) cas cas read b dout b3 dout b1 dout a0 dout b0 dout b3 dout b2 commands = 4 + 1 = 5 cycles minimum delay between the read and write dout a0 dq ? s (burst length = 4, cas latency = 3) dqmx command clk nop read a t0 t1 nop nop t2 t3 the write command must be hi-z before din b0 din b1 spt03787 din b2 dqw nop dqz t nop t t4 t5 write b nop t6 t7 nop t8 "h" or "l" write latency of dqmx
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 24 2003-02 0lqlpxp5hdgwr:ulwh,qwhuydo 1rq0lqlpxp5hdgwr:ulwh,qwhuydo the write command must be hi-z before activate cas ck2 latency = 2 t , dq ? s (burst length = 4, cas latency = 2) clk dqm command nop t0 t1 bank a nop dqz t t2 t3 din a0 din a1 din a2 spt03939 din a3 1 clk interval read a write a t4 t5 nop nop t6 t7 nop t8 "h" or "l" t dqw nop cas latency = 3 ck3 cas ck2 latency = 2 t t , dq ? s , dq ? s dout a0 (burst length = 4, cas latency = 2, 3) clk dqm command nop read a t0 t1 nop nop t2 t3 the write command must be hi-z before dout a0 dout a1 din b0 din b0 din b1 din b1 spt03940 din b2 din b2 read a dqz t nop t4 t5 write b nop t6 t7 nop t8 "h" or "l" t dqw
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 25 2003-02 %xuvw:ulwh2shudwlrq extra data is ignored after termination of a burst. din a3 t4 are registered on the same clock edge. the first data element and the write nop (burst length = 4, cas latency = 2, 3) t0 command dq ? s clk din a1 t2 nop din a0 write a t1 din a2 nop t3 spt03790 t6 nop nop t5 nop nop t7 nop t8 don ? t care
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 26 2003-02 :ulwhdqg5hdg,qwhuuxsw :ulwh,qwhuuxswhge\d:ulwh :ulwh,qwhuuxswhge\d5hdg spt03791 clk t0 t1 t2 t3 t4 t5 t6 t7 t8 command nop nop nop nop nop nop dq ? s (burst length = 4, cas latency = 2, 3) nop write a din a0 din b0 din b1 din b2 din b3 write b 1 clk interval t5 nop dout b1 dout b0 input data for the write is ignored. , dq ? s latency = 3 ck3 cas t don ? t care din a0 don ? t care (burst length = 4, cas latency = 2, 3) clk , dq ? s command latency = 2 ck2 cas t nop t0 din a0 write a don ? t care read b t1 t2 dout b0 nop nop t4 t3 spt03719 appears on the outputs to avoid data contention. dout b2 input data must be removed from the dq ? s at least one clock cycle before the read data dout b1 dout b3 nop dout b3 nop dout b2 t6 t7 nop t8
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 27 2003-02 %xuvw:ulwhdqg5hdgzlwk$xwr3uhfkdujh %xuvw:ulwhzlwk$xwr3uhfkdujh %xuvw5hdgzlwk$xwr3uhfkdujh clk active nop t0 t1 t2 t3 t4 t5 t6 t7 t8 command nop nop nop nop dq ? s bank a begin auto precharge bank can be reactivated after trp write a auto precharge din a1 din a0 din a1 din a0 cas latency = 2: dq ? s cas latency = 3: wr t wr t rp t rp t * * * active nop command nop nop nop nop nop nop bank a write a auto precharge nop activate %xuvw/hqjwk &$6odwhqf\  activate spt03721_2 clk with ap nop t0 t1 t2 t3 t4 t5 t6 t7 t8 command dout a0 dout a1 dout a2 dout a3 nop nop nop nop nop nop nop latency = 2 dq ? s dout a3 latency = 3 dout a1 dout a0 dout a2 (burst length = 4, cas latency = 2, 3) cas cas read a bank can be reactivated after trp begin auto precharge dq ? s rp t * * * t rp
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 28 2003-02 $&3dudphwhuv $&3dudphwhuvirud:ulwh7lplqj auto precharge bank b command write with activate write with activate bank a command auto precharge bank a command command bank b addr. ap dqm dq bs hi-z rcd t ax2 ax1 ax0 ax3 rc t rax t as t ah rbx cax command spt03910_2 bx1 bx0 cbx t8 precharge begin auto bank a clk we cas ras cs cke ck2 t cs t ch cks t ch t t cl t t3 t0 t2 t1 t4 t5 t7 t6 t18 burst length = 4, cas latency = 2 t13 t9 t10 t12 t11 t14 t15 t17 t16 t19 t20 t22 t21 rbx rax activate write command bank a bank a ds t t dh ray bank b precharge begin auto rby activate precharge command bank a bank a command activate bank b command t wr t ckh raz raz rby ray ray bx2 bx3 t wr rp t ay2 ay1 ay0 ay3 rp t rrd t
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 29 2003-02 $&3dudphwhuvirud5hdg7lplqj ac2 hi-z dq activate command bank a read bank a command dqm addr. ap t rcd t lz t t as rax rax t ah cax rrd t command bank b read with auto precharge activate bank b command ax1 ax0 bx0 activate spt03911_2 command bank a bx1 t ac2 oh t hz t t ras rc t rbx rbx rbx hz t ray ray t5 t t bs we cas ras t cs cke cks t ch t t cs ch cl ck2 clk t0 t1 t2 t3 t4 precharge bank b begin auto t ckh burst length = 2, cas latency = 2 t6 t7 t8 t10 t9 t11 t13 t12 rp t precharge bank a command
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 30 2003-02 0rgh5hjlvwhu6hw set command mode register all banks precharge command any command address key t0 t1 t2 t8 rsc t t4 t3 t5 t6 t7 t11 t9 t10 t12 t13 spt03912_2 t19 t16 t15 t14 t17 t18 cas latency = 2 t20 t21 t22 bs addr. ap cs we cas ras cke clk
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 31 2003-02 3rzhurq6htxhqfhdqg$xwr5hiuhvk &%5 inputs must be 200 stable for s dqm ap dq addr. bs rp command all banks precharge hi-z ~ ~ t 1st auto refresh command ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ spt03913 mode register set command address key 8th auto refresh command ~ ~ t rc ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ command any minimum of 8 refresh cycles are required t8 we cas ras cs cke clk required ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ t3 is ~ ~ ~ ~ level high t0 t2 t1 t5 t4 t7 t6 t18 2 clock min. ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ t13 ~ ~ ~ ~ t10 t9 t12 t11 t14 t15 t17 t16 t20 t19 t22 t21
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 32 2003-02 &orfn6xvshqvlrq 8vlqj&.( &orfn6xvshqvlrq'xulqj%xuvw5hdg&$6 /dwhqf\  command bank a dqm addr. dq ap bs read command bank a activate hi-z suspend 1 cycle clock ax0 csl t ax1 cax rax rax spt03914 t suspend 3 cycles suspend 2 cycles clock ax2 csl t clock ax3 hz t7 we cas ras cs cke clk ck2 t t0 t1 t2 t3 t4 t6 t5 t16 t8 t9 t10 t11 t14 t12 t13 t15 burst length = 4, cas latency = 2 t18 t17 t19 t20 t21 t22 csl t
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 33 2003-02 &orfn6xvshqvlrq'xulqj%xuvw5hdg&$6 /dwhqf\  csl dqm addr. dq ap bs bank a activate command hi-z command bank a read ax0 t rax rax cax hz t t suspend 1 cycle clock suspend 2 cycles clock csl ax1 ax2 clock suspend 3 cycles t csl ax3 spt03915 t7 we cas ras cs cke clk ck3 t t0 t1 t2 t3 t4 t6 t5 t16 t8 t9 t10 t11 t14 t12 t13 t15 burst length = 4, cas latency = 3 t18 t17 t19 t20 t21 t22
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 34 2003-02 &orfn6xvshqvlrq'xulqj%xuvw:ulwh&$6 /dwhqf\  bank a dqm addr. dq ap bs dax0 command write activate command bank a hi-z clock clock 1 cycle suspend suspend 2 cycles dax1 cax rax rax dax3 clock suspend 3 cycles dax2 spt03916 t7 we cas ras cs cke clk ck2 t t0 t1 t2 t3 t4 t6 t5 t16 t8 t9 t10 t11 t14 t12 t13 t15 burst length = 4, cas latency = 2 t18 t17 t19 t20 t21 t22
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 35 2003-02 &orfn6xvshqvlrq'xulqj%xuvw:ulwh&$6 /dwhqf\  clock suspend 2 cycles bank a dqmx addr. dq a8/ap ba activate command bank a hi-z clock 1 cycle suspend command write dax0 dax1 rax rax cax clock suspend 3 cycles dax2 dax3 spt03917 t7 we cas ras cs cke clk ck3 t t0 t1 t2 t3 t4 t6 t5 t16 t8 t9 t10 t11 t14 t12 t13 t15 burst length = 4, cas latency = 3 t18 t17 t19 t20 t21 t22
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 36 2003-02 3rzhu'rzq0rghdqg&orfn6xvshqg bs clock suspend clock suspend mode entry mode exit addr. dqm dq ap standby active activate bank a command hi-z read command bank a rax rax cax power down power down mode exit mode entry spt03918 end clock mask clock mask start ax0 ax1 ax2 precharge command bank a ax3 t hz precharge standby any command t7 cas we ras cs cke clk ck2 t t0 t1 t2 cks t t3 t4 t6 t5 t16 t8 t9 t10 t11 t14 t12 t13 t15 burst length = 4, cas latency = 2 cks t t18 t17 t19 t20 t21 t22
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 37 2003-02 6hoi5hiuhvk (qwu\dqg([lw bs t self refresh exit command issued addr. dqm dq ap entry self refresh must be idle all banks hi-z spt03919-2 exit command begin self refresh srex t rc self refresh command exit any t7 cs cas we ras cke clk t cks t0 t1 t2 t3 t4 t6 t5 t16 cks t t8 t9 t10 t11 t14 t12 t13 t15 t18 t17 t19 t20 t21 t22 *) *) minimum ras cycle time depends on cas latency and trc ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 38 2003-02 $xwr5hiuhvk &%5 (minimum interval) addr. dqm dq ap bs auto refresh command all banks precharge command hi-z t rp t rc spt03920_2 rc t rax rax cax t7 we cas ras cs cke clk ck2 t t0 t1 t2 t3 t4 t6 t5 t16 t8 t9 t10 t11 t14 t12 t13 t15 burst length = 4, cas latency = 2 t18 t17 t19 t20 t21 t22 command auto refresh command command bank a activate bank a read ax2 ax0 ax1 ax3
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 39 2003-02 5dqgrp&roxpq5hdg 3djhzlwklq vdph%dqn &$6 /dwhqf\  ay1 addr. bs dq dqm ap activate command z hi bank a raw raw command read command bank a read bank a aw0 aw1 caw cax read bank a command aw3 aw2 ax0 ax1 ay0 cay cs we cas ras cke clk t0 ck2 t t1 t2 t8 t4 t3 t5 t6 t7 t11 t9 t10 t12 t13 precharge command bank a ay2 ay3 activate command bank a raz raz spt03921 read bank a command caz burst length = 4, cas latency = 2 t19 t16 t15 t14 t17 t18 t20 t21 t22 az3 az0 az1 az2
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 40 2003-02 &$6 /dwhqf\  ay3 caw addr. bs dq dqm ap z hi bank a activate command read command bank a raw raw bank a command aw1 aw0 read bank a command aw2 aw3 cax read ax1 ax0 ay0 precharge command bank a ay1 ay2 cay cs we cas ras cke clk t0 ck3 t t1 t2 t8 t4 t3 t5 t6 t7 t11 t9 t10 t12 t13 bank a read command activate command bank a raz raz caz spt03922 burst length = 4, cas latency = 3 t19 t16 t15 t14 t17 t18 t20 t21 t22
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 41 2003-02 5dqgrp&roxpqz ulwh 3djhzlwklqvdph%dqn &$6 /dwhqf\  dby1 addr. bs dq dqm ap activate command z hi bank b rbw rbw command write command bank b write bank b dbw0 dbw1 cbw cbx write bank b command dbw3 dbw2 dbx0 dbx1 dby0 cby cs we cas ras cke clk t0 ck2 t t1 t2 t8 t4 t3 t5 t6 t7 t11 t9 t10 t12 t13 precharge command bank b dby2 dby3 activate command bank b rbz rbz spt03923_2 read bank b command cbz burst length = 4, cas latency = 2 t19 t16 t15 t14 t17 t18 t20 t21 t22 dbz1 dbz0 dbz2 dbz3
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 42 2003-02 &$6 /dwhqf\  command write bank b cbz dbw0 addr. bs dq dqm ap bank b activate command z hi rbz rbz command bank b dbw3 dbw1 dbw2 write bank b command dbx0 dbx1 cbx write dby1 dby0 dby2 precharge command bank b dby3 cby cs we cas ras cke clk t0 ck3 t t1 t2 t8 t4 t3 t5 t6 t7 t11 t9 t10 t12 t13 command bank b dbz0 activate command bank b write dbz1 rbz rbz cbz spt03924 burst length = 4, cas latency = 3 t19 t16 t15 t14 t17 t18 t20 t21 t22
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 43 2003-02 5dqgrp5rz5 hdg ,qwhuohdylqj%dqnv zlwk3uhfkdujh &$6 /dwhqf\  ax2 t bs addr. dq dqm ap bank b activate command hi-z command read bank b rbx rbx rcd t cbx read activate bank a command command bank b command bx2 bx0 ac2 bx1 bank a activate bx3 bx4 rax rax command precharge bank b bx6 bx5 bx7 ax0 ax1 cax rby rby cs we cas ras cke clk t0 high t ck2 t1 t2 t8 t4 t3 t5 t6 t7 t11 t9 t10 t12 t13 spt03925_2 bank b command ax5 ax3 ax4 read ax6 ax7 cby by1 by0 burst length = 8, cas latency = 2 t19 t16 t15 t14 t17 t18 t20 t21 t22 rp t
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 44 2003-02 &$6 /dwhqf\  activate command bank a addr. dqm dq ap bs read bank b command command bank b activate hi-z bx1 bx0 cbx rbx rcd t rbx t ac3 activate command bank b bx6 bank a command read bx4 bx3 bx2 bx5 bank b precharge command ax0 bx7 ax2 ax1 rax cax rax rp t rby rby precharge bank a command ax7 read bank b command ax5 ax4 ax3 ax6 spt03926 by0 cby t7 we cas ras cs cke clk high ck3 t t0 t1 t2 t3 t4 t6 t5 t16 t8 t9 t10 t11 t14 t12 t13 t15 burst length = 8, cas latency = 3 t18 t17 t19 t20 t21 t22
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 45 2003-02 5dqgrp5rz:ulwh ,q whuohdylqj%dqnv zlwk3uhfkdujh &$6 /dwhqf\  dbx4 dax1 bs ap addr. dq dqm activate command bank a hi-z write command bank a dax0 rax rax rcd t cax command command bank b bank a command dax4 dax2 dax3 bank b activate dax5 dax6 rbx rbx command precharge bank a write dbx0 dax7 dbx1 activate dbx2 dbx3 cbx ray ray clk cke cs ras cas we t0 high ck2 t t1 t2 t8 t4 t3 t5 t6 t7 t11 t9 t10 t12 t13 command bank a spt03927_2 command precharge bank b dbx7 dbx5 dbx6 write day0 day1 cay wr t day4 day3 day2 t19 burst length = 8, cas latency = 2 t16 t15 t14 t17 t18 t20 t21 t22 wr t rp t
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 46 2003-02 &$6 /dwhqf\  dax4 addr. dqm dq ap bs command bank a bank a activate command hi-z write dax0 dax1 dax3 dax2 rax rcd t rax cax dbx4 dbx0 write command bank b bank b activate command dax6 dax5 dax7 precharge command bank a dbx2 dbx1 dbx3 cbx rbx rbx wr t rp t command bank a activate command bank a write dbx5 dbx6 day0 dbx7 precharge bank b command spt03928 day1 day2 day3 wr ray t cay ray cas ras cke clk we cs t2 high ck3 t t0 t1 t4 t3 t5 t6 t15 t7 t8 t9 t10 t11 t12 t13 t14 burst length = 8, cas latency = 3 t19 t17 t16 t18 t21 t20 t22
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 47 2003-02 3uhfkdujhwhuplqdwlrqrid%xuvw &$6 /dwhqf\  command activate bank a t14 bs write data is masked. of a write burst. precharge termination addr. dq dqm ap command bank a activate hi z bank a write command dax0 dax1 rax rax cax command bank a command precharge bank a dax3 dax2 activate ray rp t ray ay0 command bank a read bank a precharge command ay1 ay2 cay rp t t3 cs we cas ras cke clk t0 high ck2 t t1 t2 t4 t5 t7 t6 t8 t10 t9 t11 t13 t12 precharge termination of a read burst. spt03933 bank a command precharge command bank a read az0 az1 raz caz raz az2 rp t burst length = 8 or full page, cas latency = 2 t20 t17 t15 t16 t18 t19 t21 t22
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 48 2003-02 'hhs3rzhu'rzq0rgh 'hhs3rzhu'rzq0rgh(qwu\ the deep power down mode has to be maintained for a minimum of 100s. clk cke cs we cas ras addr. dqm dq input dq output high-z t rp precharge command deep power down entry deep power down mode dp1.vsd normal mode
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 49 2003-02 'hhs3rzhu'rzq([lw the deep power down mode is exited by asserting cke high. after the exit, the following sequence is needed to enter a new command: 1. maintain nop input conditions for a minimum of 200 s 2. issue precharge commands for all banks of the device 3. issue eight or more autorefresh commands 4. issue a mode register set command to initialize the mode register 5. issue an extended mode register set command to initialize the extende mode register clk ck e cs ra s ca s we trp all banks 200 m s au to deep power do wn auto trc mode exi t prec harge refresh refresh register set exte nded mode regis ter set new com mand accepted here
hyb/e 25l128160ac 128-mbit mobile-ram infineon technologies 50 2003-02 &kdqjh/lvw  12/18/00 first revision (target datasheet) 01/15/01 various changes after jedec low power task force meeting in san jose, jan 9-10. 01: introduction of a extended mode register for temperature-compensated and par- tial array self-refresh new deep power down mode new 54 bga package with 9 x 6 ball locations and 3 depop rows. 01/22/01 truth table for deep power down mode changed according to latest jedec pro- posal some typos corrected 02/12/01 pin j8 is ? a2 ? extended mode register ? half array ba1=0 ? 02/19/01 extended mode register, some clarifications datasheet changed to ? preliminary ? outline dimensions for bga packages added electrical pinout for x8 added 03/07/01 full page mode added, thruth table clarified 04/02/01 pin configuration for x8 devices corrected : ldqm wird nc und udqm wird dqm deep power down exit waveform changed according to jedec ballot 07/02/01 page 10: change of power-on description to : ? 9 dd must be applied before or at the same time as 9 ddq to the specified voltage when the input signals are held in the ? nop ? or ? deselect ? state ? 08/23/01 adjusted currents introduced cas latency 1 solder ball diameter changed 09/18/01 adjusted currents introduced max. package height 11/14/01 jedec conforming package drawings included trcd and trp for -7.5 changed minimum time of deep power down mode added t ac for cas latency=1 specified 25/03/02 icc3n (cke high) changed from 32ma to 35ma for -7.5 and from 28ma to 31ma for -8.0 28/02/03 p.15: values for icc1 and icc5 changed


▲Up To Search▲   

 
Price & Availability of HYE25L128160AC-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X