? summary of specifications operating temperature -55 to +150 ( , 175 ?c, 200 ?c, and 250 ?c rated voltage 50vdc to 1000vdc temperature coefficient of capacitance x8r : 15% -55 to +150 ( (eia class ) np0 : +/- 30 ppm -55 to 125 ? c (eia class i) capacitance range x8r : 14nf to 8.5uf np0 : 5.6 nf to 400 nf dissipation factor : x8r : 2.5%max. at 1khz np0: q> 1000 at 1khz insulation resistance 10g ? or 500/c ? whichever is smaller aging x8r : 2.5% per decade of time np0: negligible dielectric withstanding voltage v 50v ; 250% rated voltage 100v v <500v ; 200% rated voltage 500v v <1kv ; 150% rated voltage 1000v = 120% rated voltage tolerance 5% ~ 20% tolerances ? high temperature ratings (150 ? through 250 ? c) ? stacked design offers the high capacitance similar to tantalum but with extremely low esr advantage. ? ?j?, ?l? and ?n? leaded configuration provide mechanical and thermal stress relief. ? capacitance values up to 8.5f ? voltage from 50v to 1000v. ? np0 and x8r dielectric. ? hirel screening available. ? power supplies ? dc-dc converters ? surge protection ? industrial control circuits ? snubbers ? filtering, smoothing, and decoupling application ? down-hole applications ? under the hood ? jet engine controls ? other high operating temperature applications ? features ? applications -71 - multilayer ceramic chip capacitors for high temperature applications [high temperature stacked capacitors] HMC series HMC series-high temperature stacked capacitors holy stone mlcc design, suitable for high cv applications that require elevated operating temperatures HMC 49 j h 224 k 501 product code HMC: high temperature stacked capacitors stack and size the first digit: # of chips in stack second digit: chip size 6: 1812 7: 2220 8: 1825 9: 2225 lead configuration ex.: j :j lead for h=0.070? l :l lead for h=0.070? n:straight lead p :j lead for h=0.045? s:l lead for h=0.045? material ex.: h: x8r n: np0 capacitance (pf) ex.: 103:10x10 3 224:22x10 4 475:47x10 5 tolerance ex.: j: +/-5.0% k: +/- 10% m: +/- 20% rated voltage ex.: 050: 50vdc 101: 100vdc 201: 200vdc 501: 500vdc 102:1000v dc packaging b: bulk t:tape&reel w: waffle pack special test requirement blank: standard electrical test h: hi-rel testing special requirement blank: no special requirement 01~99: customer special requirement ? how to order h t 01 revision ? date ? : ? 2010.07.16
? dimensions HMC series-high temperature stacked capacitors holy stone - 72 - 1812 size 2220 size 1825/2225 j type 1825/2225 l type 1825/2225 n type
HMC series-high temperature stacked capacitors holy stone - 73 - eia size code 1812 1825 size code 16 26 18 28 38 48 58 l 5.35 0.50 [.210 .020] 5.35 0.50 [.210 .020] 5.35 0.50 [.210 .020] 5.35 0.50 [.210 .020] 5.35 0.50 [.210 .020] 5.35 0.50 [.210 .020] 5.35 0.50 [.210 .020] w (max.) 3.60 [.142] 3.60 [.142] 6.85 [.270] 6.85 [.270] 6.85 [.270] 6.85 [.270] 6.85 [.270] h(max.) 2.54 [.100] 5.08 [.200] 2.54 [.100] 5.08 [.200] 7.62 [.300] 10.16 [.400] 12.70 [.500] s 1.65 0.50 [.065 .020] 1.65 0.50 [.065 .020] 1.65 0.50 [.065 .020] 1.65 0.50 [.065 .020] 1.65 0.50 [.065 .020] 1.65 0.50 [.065 .020] 1.65 0.50 [.065 .020] p 2.54 0.25 [.100 .010] 2.54 0.25 [.100 .010] 2.54 0.25 [.100 .010] 2.54 0.25 [.100 .010] 2.54 0.25 [.100 .010] 2.54 0.25 [.100 .010] 2.54 0.25 [.100 .010] h* (typical) 1.78 [.070] 1.78 [.070] 1.78 [.070] 1.78 [.070] 1.78 [.070] 1.78 [.070] 1.78 [.070] h* (p/s type) 1.14 [.045] 1.14 [.045] 1.14 [.045] 1.14 [.045] 1.14 [.045] 1.14 [.045] 1.14 [.045] ll** (min.) 2.54 [.100] 2.54 [.100] 2.54 [.100] 2.54 [.100] 2.54 [.100] 2.54 [.100] 2.54 [.100] t 0.50 0.05 [.020 .002] 0.50 0.05 [.020 .002] 0.50 0.10 [.020 .004] 0.50 0.10 [.020 .004] 0.50 0.10 [.020 .004] 0.50 0.10 [.020 .004] 0.50 0.10 [.020 .004] # of leads per side 22 3 3 3 3 3 unit : mm [inches] ? * ?h? varies depends on the lead style. see lead configuration above ? ** ?ll? applies only to straight (n) leads ? capacitance range ? other stacked configurations, sizes, capacitance values and voltages ratings are available. please contact the factory for details. eia size code 2220 2225 size code 17 27 19 29 39 49 59 l 6.35 0.50 [.210 .020] 6.35 0.50 [.210 .020] 6.35 0.50 [.250 .020] 6.35 0.50 [.250 .020] 6.35 0.50 [.250 .020] 6.35 0.50 [.250 .020] 6.35 0.50 [.250 .020] w (max.) 6.10 [.240] 6.10 [.240] 6.85 [.270] 6.85 [.270] 6.85 [.270] 6.85 [.270] 6.85 [.270] h(max.) 2.54 [.100] 5.08 [.200] 2.54 [.100] 5.08 [.200] 7.62 [.300] 10.16 [.400] 12.70 [.500] s 1.65 0.50 [.065 .020] 1.65 0.50 [.065 .020] 1.65 0.50 [.065 .020] 1.65 0.50 [.065 .020] 1.65 0.50 [.065 .020] 1.65 0.50 [.065 .020] 1.65 0.50 [.065 .020] p 2.54 0.25 [.100 .010] 2.54 0.25 [.100 .010] 2.54 0.25 [.100 .010] 2.54 0.25 [.100 .010] 2.54 0.25 [.100 .010] 2.54 0.25 [.100 .010] 2.54 0.25 [.100 .010] h* (typical) 1.78 [.070] 1.78 [.070] 1.78 [.070] 1.78 [.070] 1.78 [.070] 1.78 [.070] 1.78 [.070] h* (p/s type) 1.14 [.045] 1.14 [.045] 1.14 [.045] 1.14 [.045] 1.14 [.045] 1.14 [.045] 1.14 [.045] ll** (min.) 2.54 [.100] 2.54 [.100] 2.54 [.100] 2.54 [.100] 2.54 [.100] 2.54 [.100] 2.54 [.100] t 0.50 0.10 [.020 .004] 0.50 0.10 [.020 .004] 0.50 0.10 [.020 .004] 0.50 0.10 [.020 .004] 0.50 0.10 [.020 .004] 0.50 0.10 [.020 .004] 0.50 0.10 [.020 .004] # of leads per side 22 3 3 3 3 3 *soldering and handling precautions: we recommend reflow soldering for soldering the HMC series capacitors. wave solder ing and use of manual solder iron processes are to be avoided. for the reflow solder proce ss, all capacitors should be heated to within 50 ? c and then ramped to peak temperature and back down to within 50 ? c using a ramp rate of no greater than 2 ? c per second. sudden increases or decreases in temperature(more than the recommended rate) may cause thermal cracking. please note that controlling the rate of c ooling is as important as the rate of heating in thermal crack prevention. 16 (1cap) 293 183 123 822 562 574 454 354 923 143 26 (2cap) 583 363 243 163 113 115 904 704 184 283 17 (1cap) 623 543 453 393 123 135 105 804 214 363 27 (2cap) 124 104 903 783 243 265 205 165 424 723 18 (1cap) 653 563 473 393 123 135 105 804 214 363 28 (2cap) 134 114 943 783 243 265 205 165 424 723 38 (3cap) 194 164 144 114 363 395 305 245 634 104 48 (4cap) 264 224 184 154 483 525 405 325 844 144 58 (5cap) 324 284 234 194 603 655 505 405 105 184 19 (1cap) 813 653 563 473 153 175 145 105 284 493 29 (2cap) 164 134 114 943 303 345 285 205 564 983 39 (3cap) 244 194 164 144 453 515 425 305 844 144 49 (4cap) 324 264 224 184 603 685 565 405 115 194 59 (5cap) 404 324 284 234 753 855 705 505 145 244 eia chip size size code npo maximum capacitance x8r maximum capacitance 100v 200v/250v 500v 500v 50v 100v 1825 2225 1812 2220 200v/250v 1000v 1000v 50v
|