Part Number Hot Search : 
TIP150 MAX8548 DTA14 RY531024 90M1T SDA167G C2508 P3907
Product Description
Full Text Search
 

To Download HM70101R910LFTR13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007/08 edition magnetic components selector guide we reserve the right to change specifications without prior notice www.bitechnologies.com 67 hm70-101r0lf 1.00 0.63 0.70 2.53 2.90 16 15 9.07e-11 170.67 1 hm70-201r3 lf 1.33 0.93 1.16 3.38 3.74 16 13 1.24e-10 157.15 1 hm70-201r9 lf 1.94 1.28 1.60 4.71 5.42 12 11 1.24e-10 189.83 1 hm70-25r80 lf 0.83 0.488 0.61 1.75 2.01 18 19 1.51e-10 118.84 1 hm70-301r5 lf 1.50 0.80 1.00 2.16 2.48 16 17 1.40e-10 183.07 1 hm70-302r0 lf 2.10 1.12 1.40 3.48 4.00 12 14 1.53e-10 196.09 1 hm70- 321r3 lf 1.30 0.80 1.00 2.16 2.48 16 17 1.66e-10 140.35 1 hm70- 351r5 lf 1.50 0.97 1.20 4.00 4.50 18 13 1.35e-10 166.20 2 hm70-401r2lf 1.20 0.92 1.02 1.75 1.80 18 22 1.80e-10 129.45 2 hm70-401r6lf 1.60 1.15 1.44 2.13 2.36 20 20 1.67e-10 151.67 2 hm70-50r70 lf 0.70 0.40 0.52 1.05 1.26 30 31 1.99e-10 88.15 2 hm70-501r2 lf 1.20 0.80 0.90 1.68 2.00 24 25 1.99 e-10 110.82 2 hm70-505r0 lf 5.00 3.60 4.30 6.50 8.00 7 13 2.21 e-10 219.63 2 hm70-50100lf 10.0 6.80 8.00 12.0 15.0 7 9 2.21 e-10 316.67 2 hm70-601r2lf 1.20 0.80 1.00 1.37 1.58 20 28 2.21 e-10 108.94 2 hm70-602r0lf 2.00 1.20 1.60 2.20 2.60 15 22 2.21 e-10 143.34 2 ? operating temperature range -40c to +180c ? temperature rise, maximum 5 0 c ?? ?? electrical / environmental high power shielded low profile surface m ount inductors notes: (1) dc resistance is measured at 25c (2) the saturation current (i sat ) is the current at which the inductance will be decreased by 20% from its initial (zero dc) value. (3) the heating current is the dc current, which causes the component temperature to increase by approximately 50c. this current is determined by soldering the component on a typical application pcb, and then apply the current to the device for 30 minutes. (4) core loss approximation is based on published core data: core loss (pfe) = k1 * (f) 1.338 * (k2 ? i) 2.2546 where: core loss in watt f = frequency in khz k1 and k2 = core loss factor ? i = delta i across the component in amp. k2 ? i = one half of the peak to peak flux density across the component in gauss rohs compliant specifications inductance 100khz, 0.1v dcr (1) i sat (2) heating (3) core loss (4) @ 0 adc @ i sat (m ? ) @ 25c current factor part ( h 20%) ( h) (adc) (adc) number typ. min. typ. typ. max. ? t =50c k1 k2 fig. (a) case size 10, 20, 25, 30 & 40 electrical characteristics @ 25 c
www.bitechnologies.com magnetic components selector guide 2007/08 edition we reserve the right to change specifications without prior notice. 68 electrical characteristics @ 25 c (contd) (b) case size 50 & 60
2007/08 edition magnetic components selector guide we reserve the right to change specifications without prior notice www.bitechnologies.com 69 packaging ordering information inductance code: first 2 digits are signi?cant. last digit denotes the number of trailing zeros. for values below 10 h, r denotes the decimal point. case size model series tr - tape & reel packing 13 - 13 reel hm 70 50 1 r 2 lf tr13 lead-free standard : embossed tape & reel reel: diameter: = 13 (330.2mm) capacity: case size 10, 20,25,30,32 = 500 units case size 35,40,50,60 = 400 units outline dimensions (mm) recommended solder pad layout top view bottom view figure 1 figure 2 top view bottom view case size a b c d e f g h i j k 10 9.00 10.5 3.70 4.80 1.70 6.00 8.30 2.30 6.00 2.80 3.00 20 9.00 10.5 4.50 4.80 1.70 6.00 8.00 2.00 6.00 2.80 3.00 25 9.00 10.5 5.00 4.80 1.70 6.00 8.30 2.30 6.00 2.80 3.00 30 9.00 10.5 5.20 4.80 1.70 6.00 8.00 2.00 6.00 2.80 3.00 32 9.00 10.5 5.60 4.80 1.70 6.00 8.00 2.00 6.00 2.80 3.00 35 10.7 10.25 4.20 5.60 1.70 6.00 10.6 5.60 6.20 2.10 2.50 40 11.0 12.6 5.20 6.20 2.30 7.50 10.7 3.70 7.50 3.10 3.50 50 13.5 12.9 5.50 6.50 2.30 7.50 13.5 6.50 7.50 3.00 3.50 60 14.0 13.0 5.80 6.50 2.30 7.50 14.0 6.50 7.50 3.00 3.50


▲Up To Search▲   

 
Price & Availability of HM70101R910LFTR13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X