Part Number Hot Search : 
HAF2017L NV23K 2SD2678 SL322 CSMA380 C548C SMBJ45 ADE7757
Product Description
Full Text Search
 

To Download DM78L05A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated circuit r dc components co., ltd. technical specifications of low current positive voltage regulator description these regulators empoly internal current limiting and thermalshutdown, making them essentially indestructible. they can deliver up to 100ma output current, if the case temperature can keep in t c=25oc. they are intended as fixed voltageregulators in a wide range of applications including local(on-card) regulation for elimination of noise and distribution problems associated with single-point regulation. in addition, they can be used with power pass elements to make high-current voltage regulators. pinning 1 = output2 = ground 3 = input dm78l05DM78L05A characteristic symbol rating unit input voltage vi 30 v total power dissipation pd internal limit w operating temperature range topr 0 to +125 oc maximum junction temperature tj 125 oc storage temperature range tstg -55 to +150 oc lead temperature(soldering 10 sec.) tl 260 oc absolute maximum ratings (ta=25oc) sot-89 dimensions in inches and (millimeters) .063(1.60).055(1.40) .066(1.70).059(1.50) .167(4.25).159(4.05) .016(0.41).014(0.35) .120(3.04) .117(2.96) .181(4.60).173(4.40) .060(1.52).058(1.48) .020(0.51).014(0.36) .102(2.60).095(2.40) 1 2 3 characteristic symbol min typ max unit test conditions DM78L05A 4.85 5.00 5.15 tj=25oc output voltage dm78l05 vo 4.75 5.00 5.25 v 4.75 - 5.25 1ma io 70ma 4.75 - 5.25 1ma io 40ma, 7v vin 25v line regulation regline - - 150 mv tj=25oc, 7v vin 20v - - 100 tj=25oc, 8v vin 20v load regulation regload - - 30 mv tj=25oc, 1ma io 40ma - - 60 tj=25oc, 1ma io 100ma input bias current iib - - 5.0 ma tj=25oc input bias current change diib - - 0.1 ma 1ma io 40ma - - 1.0 8v vin 20v output noise voltage vn - 40 - mv ta=25oc, 10hz f 100khz ripple rejection rr 47 62 - db 8v vin 16v, f=120hz dropout voltage vd - 1.7 - v tj=25oc peak output current imax - 140 - ma tj=25oc electrical characteristics( vin =10v, iout=40ma, 0oc tj 125oc, cin=0.33m f, cout=0.1m f, unless otherwise specified)


▲Up To Search▲   

 
Price & Availability of DM78L05A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X