Part Number Hot Search : 
EKMQ451 51216 TB0492A 258823 BZX84C47 MAX1959 FSL3306 7461066
Product Description
Full Text Search
 

To Download BCM94328 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bcm4328 ? airforce one? single-chip ieee 802.11a/b/g? mac/baseband/radio with integrated cpu BCM94328 sample module ? highly integrated one-chip mac, baseband, dual-band direct conversion radio and arm7? processor for low-power embedded applications. ? designed to meet exacting requirements of mobile devices, including small form factor, ultra-low power consumption, and low cost. ? footprint-compatible with bcm4326 single-chip ieee 802.11b/g? 2.4-ghz band mac/baseband/radio with integrated cpu. ? support for multiple interface options popular in embedded designs: sdio (1- and 4-bit) and usb 2.0. ? embedded arm7 cpu that executes the full wlan driver, eliminating the need for complicated wireless lan integration into the host platform. ? portable streamlined software interface for easy migration to embedded operating systems. ? support for advanced bluetooth ? coexistence algorithms with hardware interface targeted at voice and multimedia applications. ? on-chip boot rom and sram for a complete wlan subsystem. ? internal fractional npll allows support for a wide range of reference clock frequencies. ? requires only a single 3.3v external supply voltage. ? 3.3v/1.8v-tolerant i/o. ? support for 2.5v?5.5v vbat supplies with a single external switching regulator. ? on-chip uart and jtag interfaces for ease of debugging. ? available in fbga (0.5-mm pitch) and wlcsp (0.25-mm pitch) packages. ? integrated power amplifier for medium-transmit power embedded devices; interface to external power amplifier for high-power applications. ? dsp architecture reduces the power required to transmit data by 30 percent. ? low power consumption improves battery life of wi-fi ? devices, including handheld devices and consumer electronics. ? integrated cpu; designed for low cpu usage to ensure that system resources are available for handheld applications. ? dynamic power management through on-board pmu. ? only a single 3.3v external supply voltage is required. ? smartradio?: continuous calibration reduces test time and improves manufacturability. ? xpress? technology: standards-based frame bursting improves overall network efficiency. ? 125 high speed mode?: standards-plus performance enhancement delivers best real-world performance when both client and ap support high-speed mode. ? enhanced broadrange? technology: standards-compliant features increase receive sensitivity to improve range and distance performance at higher data rates. ? security: ? wpa ? (personal) and wpa2 ? (personal) certified for powerful encryption and authentication ? aes and tkip in hardware for faster data encryption and ieee 802.11i? compatibility ? cisco ? compatible extensions (ccx, ccx2.0, ccx3.0, ccx4.0) certified ? secureeasysetup ? for simple wi-fi setup and wpa2/wpa security configuration ? worldwide support: global products supported with worldwide homologated design. ? onedriver?: single driver across all platforms?ieee 802.11a/b/ g/n?simplifies driver update process and improves customer satisfaction. features power management airforce? feature set
block diagram and specifications ? phone: 949-450-8700 fax: 949-450-8710 e-mail: info@broadcom.com web: www.broadcom.com broadcom corporation 16215 alton parkway, p.o. box 57013 irvine, california 92619-7013 ? 2006 by broadcom corporation. all rights reserved. 4328-pb02-r 12/05/06 broadcom ? , the pulse logo, connecting everything ? , the connecting everything logo, airforce ?, airforce one ?, secureeasysetup ?, onedriver ?, broadrange ?, smartradio ?, 125 high speed mode ?, and xpress ? are among the trademarks of broadcom corporation and/or its affiliates in the united states, certain ot her countries and/or the eu. bluetooth ? is a trademark of the bluetooth sig. any other trademarks or trad e names mentioned are the property of their respective owners. for ordering information, contact your broadcom sales representative. interface sdio (4-wire, 1-wire, spi), usb 2.0 (bcm4328u) system bus support sdio, usb 2.0 standard ieee 802.11a, ieee 802.11b, ieee 802.11g data rate ieee 802.11a/g: 54, 48, 36, 24, 18, 12, 9, 6 mbps; ieee 802.11b: 11, 5.5, 2, 1 mbps modulation ofdm, cck, dqpsk, dbpsk network architectures infrastructure and ad hoc operating frequencies 2.4 ghz to 2.497 ghz, 4.9 ghz to 5.85 ghz operating channels 802.11g: 11 for north america; 13 for europe; 14 for japan 802.11a: 12 non-overlapping channels rf output power 20 dbm maximum antenna connectors hardware diversity support?transmit and receive power requirements 3.3v (2.5v to 5.5v vbat power supplies provided by using a single external switching regulator) power consumption receive: < 295 mw transmit: < 425 mw (at 7 dbm), < 625 mw (at 15 dbm; varies depending on external power amplifier) security ieee 802.1x; wep, wep2, wpa (personal), wpa2 (personal); tkip and aes hardware acceleration, ieee 802.11i dimensions fbga: 10 mm x 10 mm software support ? windows ? ce 5.0, linux ? ,windows ? xp ? portable software interface for easy migration to other embedded operating systems including symbian, rex, itron, vxworks ? certifications ieee 802.11-compliant; wi-fi certified? bcm4328 ref clock/crystal: (12, 13, 14.4, 15.36, 16.2, 16.8, 19.2, 19.8, 20, 24, 26, 38.4 mhz, 32-khz lpo also supported) ieee 802.11 dual-band (2.4-ghz/5-ghz) direct conversion radio buffers mac wep/aes encryption ieee 802.11a/g baseband host i/f: sdio or usb 2.0 (bcm4328u) pll arm7 sprom, uart, jtag, gpio interfaces 3.3v host i/f silicon backplane 384-kb sram 80-kb rom vreg sprom vreg uart jtag gpio 2.4-ghz pa and front-end circuit 5-ghz pa and front-end circuit


▲Up To Search▲   

 
Price & Availability of BCM94328

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X