Part Number Hot Search : 
HAF1009 TSH95 A105K 29LV160B SD200 IRF40B C4927 ST7812R
Product Description
Full Text Search
 

To Download 91577-1318 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/13/2010 please check www.molex.com for latest part information part number: 0915771318 status: active description: 1.27mm (.050") pitch picoflex? pf-50 idt receptacle, low profile, alternative stagger, board-in, 18 circuits documents: 3d model product specification ps-99020-0011 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family ribbon cable / wire trap connectors series 91577 comments low profile component type one piece glow-wire compliant no product name board-in, picoflex? physical circuits (loaded) 18 color - resin yellow entry angle 90 angle lock to mating part none material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin polyester number of rows 2 pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm plating min: mating (in) 80.00 plating min: mating (m) 2.000 plating min: termination (in) 80.00 plating min: termination (m) 2.00 polarized to mating part n/a polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole - kinked pin wire insulation diameter 1.00mm (.039") max. wire size awg 26, 28 wire/cable type ribbon cable electrical current - maximum per contact 1.2a voltage - maximum 250v material info reference - drawing numbers product specification ps-99020-0011 sales drawing sd-91577-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 91577 series mates with n/a application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # handtool for 90327, 90584 and 91577 picoflex? connectors, 4-26 circuit 0690081090 arbor press fixture for 91577 picoflex? connectors 0690201908
this document was generated on 04/13/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 91577-1318

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X