|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
this document was generated on 03/22/2010 please check www.molex.com for latest part information part number: 0022288063 status: active description: 2.54mm (.100") pitch kk? header, breakaway, right angle surface mount compatible, 6 circuits, 0.38m (15") gold (au) selective plating, mating pin length 8.23mm (.324") documents: 3d model product specification ps-10-07 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 42377 application board-to-board, wire-to-board product name kk? physical breakaway yes circuits (loaded) 6 circuits (maximum) 6 color - resin black durability (mating cycles max) 100 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal brass material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 1 orientation right angle pc tail length (in) 0.120 in pc tail length (mm) 3.05 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part yes polarized to pcb no shrouded partial stackable no surface mount compatible (smc) yes temperature range - operating 0c to +75c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 42377 series mates with 2695 , 6471 , 7880 , 4455 , 7720 , 70430 , 7859 , l ink:90148, 90147 , 70400a , 70066a , 40556
electrical current - maximum per contact 4a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number 42377-0111 reference - drawing numbers product specification ps-10-07 sales drawing sd-42377-001 this document was generated on 03/22/2010 please check www.molex.com for latest part information rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 2 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-0002 / 0036 header number: 42312-0036 pin number: 42663-aza154 pin length: l .550/13.97 mating length: m .244/6.20 gold point: g n/a pi n height: y .070/1.78 pc tail length: p .120/3.05 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-8020 42377-0002 20 22-28-8200 42377-0020 03 22-28-8030 42377-0003 21 22-28-8210 42377-0021 04 22-28-8040 42377-0004 22 22-28-8220 42377-0022 05 22-28-8050 42377-0005 23 22-28-8230 42377-0023 06 22-28-8060 42377-0006 24 22-28-8240 42377-0024 07 22-28-8070 42377-0007 25 22-28-8250 42377-0025 08 22-28-8080 42377-0008 26 22-28-8260 42377-0026 09 22-28-8090 42377-0009 27 22-28-8270 42377-0027 10 22-28-8100 42377-0010 28 22-28-8280 42377-0028 11 22-28-8110 42377-0011 29 22-28-8290 42377-0029 12 22-28-8120 42377-0012 30 22-28-8300 42377-0030 13 22-28-8130 42377-0013 31 22-28-8310 42377-0031 14 22-28-8140 42377-0014 32 22-28-8320 42377-0032 15 22-28-8150 42377-0015 33 22-28-8330 42377-0033 16 22-28-8160 42377-0016 34 22-28-8340 42377-0034 17 22-28-8170 42377-0017 35 22-28-8350 42377-0035 18 22-28-8180 42377-0018 36 22-28-8360 42377-0036 19 22-28-8190 42377-0019 a-42377-0037 / 0071 header number: 42312-0036 pin number: 42663-bsa154 pin length: l .630/16.00 mating length: m .324/8.23 gold point: g n/a pi n height: y .070/1.78 pc tail length: p .120/3.05 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-8021 42377-0037 20 22-28-8201 42377-0055 03 22-28-8031 42377-0038 21 22-28-8211 42377-0056 04 22-28-8041 42377-0039 22 22-28-8221 42377-0057 05 22-28-8051 42377-0040 23 22-28-8231 42377-0058 06 22-28-8061 42377-0041 24 22-28-8241 42377-0059 07 22-28-8071 42377-0042 25 22-28-8251 42377-0060 08 22-28-8081 42377-0043 26 22-28-8261 42377-0061 09 22-28-8091 42377-0044 27 22-28-8271 42377-0062 10 22-28-8101 42377-0045 28 22-28-8281 42377-0063 11 22-28-8111 42377-0046 29 22-28-8291 42377-0064 12 22-28-8121 42377-0047 30 22-28-8301 42377-0065 13 22-28-8131 42377-0048 31 22-28-8311 42377-0066 14 22-28-8141 42377-0049 32 22-28-8321 42377-0067 15 22-28-8151 42377-0050 33 22-28-8331 42377-0068 16 22-28-8161 42377-0051 34 22-28-8341 42377-0069 17 22-28-8171 42377-0052 35 22-28-8351 42377-0070 18 22-28-8181 42377-0053 36 22-28-8361 42377-0071 19 22-28-8191 42377-0054 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 3 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-0072 / 0106 header number: 42312-0036 pin number: 42663-azb208 pin length: l .550/13.97 mating length: m .244/6.20 gold point: g .140/3.56 pin height: y .070/1.78 pc tail length: p .120/13.05 tin: t .135/3.43 ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-8022 42377-0072 20 22-28-8202 42377-0090 03 22-28-8032 42377-0073 21 22-28-8212 42377-0091 04 22-28-8042 42377-0074 22 22-28-8222 42377-0092 05 22-28-8052 42377-0075 23 22-28-8232 42377-0093 06 22-28-8062 42377-0076 24 22-28-8242 42377-0094 07 22-28-8072 42377-0077 25 22-28-8252 42377-0095 08 22-28-8082 42377-0078 26 22-28-8262 42377-0096 09 22-28-8092 42377-0079 27 22-28-8272 42377-0097 10 22-28-8102 42377-0080 28 22-28-8282 42377-0098 11 22-28-8112 42377-0081 29 22-28-8292 42377-0099 12 22-28-8122 42377-0082 30 22-28-8302 42377-0100 13 22-28-8132 42377-0083 31 22-28-8312 42377-0101 14 22-28-8142 42377-0084 32 22-28-8322 42377-0102 15 22-28-8152 42377-0085 33 22-28-8332 42377-0103 16 22-28-8162 42377-0086 34 22-28-8342 42377-0104 17 22-28-8172 42377-0087 35 22-28-8352 42377-0105 18 22-28-8182 42377-0088 36 22-28-8362 42377-0106 19 22-28-8192 42377-0089 a-42377-0107 / 0141 header number: 42312-0036 pin number: 42663-bsb208 pin length: l .630/16.00 mating length: m .324/8.23 gold point: g .140/3.56 pin height: y .070/1.78 pc tail length: p .120/3.05 tin: t .135/3.43 ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-8023 42377-0107 20 22-28-8203 42377-0125 03 22-28-8033 42377-0108 21 22-28-8213 42377-0126 04 22-28-8043 42377-0109 22 22-28-8223 42377-0127 05 22-28-8053 42377-0110 23 22-28-8233 42377-0128 06 22-28-8063 42377-0111 24 22-28-8243 42377-0129 07 22-28-8073 42377-0112 25 22-28-8253 42377-0130 08 22-28-8083 42377-0113 26 22-28-8263 42377-0131 09 22-28-8093 42377-0114 27 22-28-8273 42377-0132 10 22-28-8103 42377-0115 28 22-28-8283 42377-0133 11 22-28-8113 42377-0116 29 22-28-8293 42377-0134 12 22-28-8123 42377-0117 30 22-28-8303 42377-0135 13 22-28-8133 42377-0118 31 22-28-8313 42377-0136 14 22-28-8143 42377-0119 32 22-28-8323 42377-0137 15 22-28-8153 42377-0120 33 22-28-8333 42377-0138 16 22-28-8163 42377-0121 34 22-28-8343 42377-0139 17 22-28-8173 42377-0122 35 22-28-8353 42377-0140 18 22-28-8183 42377-0123 36 22-28-8363 42377-0141 19 22-28-8193 42377-0124 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 4 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-0142 / 0176 header number: 42312-0036 pin number: 42663-bca154 pin length: l .565/14.35 mating length: m .244/6.20 gold point: g n/a pin height: y .070/1.78 pc tail length: p .135/3.43. tin: t overall ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-9020 42377-0142 20 22-28-9200 42377-0160 03 22-28-9030 42377-0143 21 22-28-9210 42377-0161 04 22-28-9040 42377-0144 22 22-28-9220 42377-0162 05 22-28-9050 42377-0145 23 22-28-9230 42377-0163 06 22-28-9060 42377-0146 24 22-28-9240 42377-0164 07 22-28-9070 42377-0147 25 22-28-9250 42377-0165 08 22-28-9080 42377-0148 26 22-28-9260 42377-0166 09 22-28-9090 42377-0149 27 22-28-9270 42377-0167 10 22-28-9100 42377-0150 28 22-28-9280 42377-0168 11 22-28-9110 42377-0151 29 22-28-9290 42377-0169 12 22-28-9120 42377-0152 30 22-28-9300 42377-0170 13 22-28-9130 42377-0153 31 22-28-9310 42377-0171 14 22-28-9140 42377-0154 32 22-28-9320 42377-0172 15 22-28-9150 42377-0155 33 22-28-9330 42377-0173 16 22-28-9160 42377-0156 34 22-28-9340 42377-0174 17 22-28-9170 42377-0157 35 22-28-9350 42377-0175 18 22-28-9180 42377-0158 36 22-28-9360 42377-0176 19 22-28-9190 42377-0159 a-42377-0177 / 0211 header number: 42312-0036 pin number: 42663-bxa154 pin length: l .645/16.38 mating length: m .324/8.23 gold point: g n/a pin height: y .070/1.78 pc tail length: p .135/3.43 tin: t overall ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-9021 42377-0177 20 22-28-9201 42377-0195 03 22-28-9031 42377-0178 21 22-28-9211 42377-0196 04 22-28-9041 42377-0179 22 22-28-9221 42377-0197 05 22-28-9051 42377-0180 23 22-28-9231 42377-0198 06 22-28-9061 42377-0181 24 22-28-9241 42377-0199 07 22-28-9071 42377-0182 25 22-28-9251 42377-0200 08 22-28-9081 42377-0183 26 22-28-9261 42377-0201 09 22-28-9091 42377-0184 27 22-28-9271 42377-0202 10 22-28-9101 42377-0185 28 22-28-9281 42377-0203 11 22-28-9111 42377-0186 29 22-28-9291 42377-0204 12 22-28-9121 42377-0187 30 22-28-9301 42377-0205 13 22-28-9131 42377-0188 31 22-28-9311 42377-0206 14 22-28-9141 42377-0189 32 22-28-9321 42377-0207 15 22-28-9151 42377-0190 33 22-28-9331 42377-0208 16 22-28-9161 42377-0191 34 22-28-9341 42377-0209 17 22-28-9171 42377-0192 35 22-28-9351 42377-0210 18 22-28-9181 42377-0193 36 22-28-9361 42377-0211 19 22-28-9191 42377-0194 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 5 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-0212/0246 header number: 42312-0036 pin number: 42663-bcb208 pin length: l .565/14.35 mating length: m .244/6.20 gold point: g .100/2.54 pin height: y .070/1.78 pc tail length: p . 135/3.43 tin: t . 135/3.43 ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-9022 42377-0212 20 22-28-9202 42377-0230 03 22-28-9032 42377-0213 21 22-28-9212 42377-0231 04 22-28-9042 42377-0214 22 22-28-9222 42377-0232 05 22-28-9052 42377-0215 23 22-28-9232 42377-0233 06 22-28-9062 42377-0216 24 22-28-9242 42377-0234 07 22-28-9072 42377-0217 25 22-28-9252 42377-0235 08 22-28-9082 42377-0218 26 22-28-9262 42377-0236 09 22-28-9092 42377-0219 27 22-28-9272 42377-0237 10 22-28-9102 42377-0220 28 22-28-9282 42377-0238 11 22-28-9112 42377-0221 29 22-28-9292 42377-0239 12 22-28-9122 42377-0222 30 22-28-9302 42377-0240 13 22-28-9132 42377-0223 31 22-28-9312 42377-0241 14 22-28-9142 42377-0224 32 22-28-9322 42377-0242 15 22-28-9152 42377-0225 33 22-28-9332 42377-0243 16 22-28-9162 42377-0226 34 22-28-9342 42377-0244 17 22-28-9172 42377-0227 35 22-28-9352 42377-0245 18 22-28-9182 42377-0228 36 22-28-9362 42377-0246 19 22-28-9192 42377-0229 a-42377-0247-0281 header number: 42312-0036 pin number: 42663-bxb208 pin length: l .645/16.38 mating length: m .324/8.23 gold point: g .140/3.56 pin height: y .070/1.78 pc tail length: p .135/3.43 tin: t .135/3.43 ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-9023 42377-0247 20 22-28-9203 42377-0265 03 22-28-9033 42377-0248 21 22-28-9213 42377-0266 04 22-28-9043 42377-0249 22 22-28-9223 42377-0267 05 22-28-9053 42377-0250 23 22-28-9233 42377-0268 06 22-28-9063 42377-0251 24 22-28-9243 42377-0269 07 22-28-9073 42377-0252 25 22-28-9253 42377-0270 08 22-28-9083 42377-0253 26 22-28-9263 42377-0271 09 22-28-9093 42377-0254 27 22-28-9273 42377-0272 10 22-28-9103 42377-0255 28 22-28-9283 42377-0273 11 22-28-9113 42377-0256 29 22-28-9293 42377-0274 12 22-28-9123 42377-0257 30 22-28-9303 42377-0275 13 22-28-9133 42377-0258 31 22-28-9313 42377-0276 14 22-28-9143 42377-0259 32 22-28-9323 42377-0277 15 22-28-9153 42377-0260 33 22-28-9333 42377-0278 16 22-28-9163 42377-0261 34 22-28-9343 42377-0279 17 22-28-9173 42377-0262 35 22-28-9353 42377-0280 18 22-28-9183 42377-0263 36 22-28-9363 42377-0281 19 22-28-9193 42377-0264 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 6 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-0282 / 0316 header number: 42312-0036 pin number: 42663-azb228 pin length: l .550/13.97 mating length: m .244/6.20 gold point: g .140/3.56 pin height: y .070/1.78 pc tail length: p .120/3.05 tin: t .135/3.43 ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-8024 42377-0282 20 22-28-8204 42377-0300 03 22-28-8034 42377-0283 21 22-28-8214 42377-0301 04 22-28-8044 42377-0284 22 22-28-8224 42377-0302 05 22-28-8054 42377-0285 23 22-28-8234 42377-0303 06 22-28-8064 42377-0286 24 22-28-8244 42377-0304 07 22-28-8074 42377-0287 25 22-28-8254 42377-0305 08 22-28-8084 42377-0288 26 22-28-8264 42377-0306 09 22-28-8094 42377-0289 27 22-28-8274 42377-0307 10 22-28-8104 42377-0290 28 22-28-8284 42377-0308 11 22-28-8114 42377-0291 29 22-28-8294 42377-0309 12 22-28-8124 42377-0292 30 22-28-8304 42377-0310 13 22-28-8134 42377-0293 31 22-28-8314 42377-0311 14 22-28-8144 42377-0294 32 22-28-8324 42377-0312 15 22-28-8154 42377-0295 33 22-28-8334 42377-0313 16 22-28-8164 42377-0296 34 22-28-8344 42377-0314 17 22-28-8174 42377-0297 35 22-28-8354 42377-0315 18 22-28-8184 42377-0298 36 22-28-8364 42377-0316 19 22-28-8194 42377-0299 a-42377-0317 / 0351 header number: 42312-0036 pin number: 42663-bsb228 pin length: l .630/16.00 mating length: m .324/8.23 gold point: g .140/3.56 pin height: y .070/1.78 pc tail length: p .120/3.05 tin: t .135/3.43 ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-8025 42377-0317 20 22-28-8205 42377-0335 03 22-28-8035 42377-0318 21 22-28-8215 42377-0336 04 22-28-8045 42377-0319 22 22-28-8225 42377-0337 05 22-28-8055 42377-0320 23 22-28-8235 42377-0338 06 22-28-8065 42377-0321 24 22-28-8245 42377-0339 07 22-28-8075 42377-0322 25 22-28-8255 42377-0340 08 22-28-8085 42377-0323 26 22-28-8265 42377-0341 09 22-28-8095 42377-0324 27 22-28-8275 42377-0342 10 22-28-8105 42377-0325 28 22-28-8285 42377-0343 11 22-28-8115 42377-0326 29 22-28-8295 42377-0344 12 22-28-8125 42377-0327 30 22-28-8305 42377-0345 13 22-28-8135 42377-0328 31 22-28-8315 42377-0346 14 22-28-8145 42377-0329 32 22-28-8325 42377-0347 15 22-28-8155 42377-0330 33 22-28-8335 42377-0348 16 22-28-8165 42377-0331 34 22-28-8345 42377-0349 17 22-28-8175 42377-0332 35 22-28-8355 42377-0350 18 22-28-8185 42377-0333 36 22-28-8365 42377-0351 19 22-28-8195 42377-0334 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 7 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-0352/0386 header number: 42312-0036 pin number: 42663-bcb228 pin length: l .565/14.35 mating length: m .244/6.20 gold point: g .100/2.54 pin height: y .070/1.78 pc tail length: p .135/3.43. tin: t .135/3.43 ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-9024 42377-0352 20 22-28-9204 42377-0370 03 22-28-9034 42377-0353 21 22-28-9214 42377-0371 04 22-28-9044 42377-0354 22 22-28-9224 42377-0372 05 22-28-9054 42377-0355 23 22-28-9234 42377-0373 06 22-28-9064 42377-0356 24 22-28-9244 42377-0374 07 22-28-9074 42377-0357 25 22-28-9254 42377-0375 08 22-28-9084 42377-0358 26 22-28-9264 42377-0376 09 22-28-9094 42377-0359 27 22-28-9274 42377-0377 10 22-28-9104 42377-0360 28 22-28-9284 42377-0378 11 22-28-9114 42377-0361 29 22-28-9294 42377-0379 12 22-28-9124 42377-0362 30 22-28-9304 42377-0380 13 22-28-9134 42377-0363 31 22-28-9314 42377-0381 14 22-28-9144 42377-0364 32 22-28-9324 42377-0382 15 22-28-9154 42377-0365 33 22-28-9334 42377-0383 16 22-28-9164 42377-0366 34 22-28-9344 42377-0384 17 22-28-9174 42377-0367 35 22-28-9354 42377-0385 18 22-28-9184 42377-0368 36 22-28-9364 42377-0386 19 22-28-9194 42377-0369 a-42377-0387/0421 header number: 42312-0036 pin number: 42663-bxb228 pin length: l .630/16.00 mating length: m .324/8.23 gold point: g .140/3.56 pin height: y .070/1.78 pc tail length: p .135/3.43 tin: t .135/3.43 ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 22-28-9025 42377-0387 20 22-28-9205 42377-0405 03 22-28-9035 42377-0388 21 22-28-9215 42377-0406 04 22-28-9045 42377-0389 22 22-28-9225 42377-0407 05 22-28-9055 42377-0390 23 22-28-9235 42377-0408 06 22-28-9065 42377-0391 24 22-28-9245 42377-0409 07 22-28-9075 42377-0392 25 22-28-9255 42377-0410 08 22-28-9085 42377-0393 26 22-28-9265 42377-0411 09 22-28-9095 42377-0394 27 22-28-9275 42377-0412 10 22-28-9105 42377-0395 28 22-28-9285 42377-0413 11 22-28-9115 42377-0396 29 22-28-9295 42377-0414 12 22-28-9125 42377-0397 30 22-28-9305 42377-0415 13 22-28-9135 42377-0398 31 22-28-9315 42377-0416 14 22-28-9145 42377-0399 32 22-28-9325 42377-0417 15 22-28-9155 42377-0400 33 22-28-9335 42377-0418 16 22-28-9165 42377-0401 34 22-28-9345 42377-0419 17 22-28-9175 42377-0402 35 22-28-9355 42377-0420 18 22-28-9185 42377-0403 36 22-28-9365 42377-0421 19 22-28-9195 42377-0404 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 8 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-0504 header number: 42312-0036 pin number: 42663-aba154 pin length: l .455/11.56 mating length: m .149/3.78 gold point: g n/a pin height: y .070/1.78 pc tail length: p .120/3.05 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number eng number ckts material number eng number 02 20 03 21 04 22 05 23 06 24 07 25 08 26 09 27 10 28 11 29 12 30 13 31 14 22-28-9148 a-42377-0504 32 15 33 16 34 17 35 18 36 19 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 9 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-0779 / 0813 header number: 42312-0036 pin number: 42663-ana154 pin length: l .510/12.95 mating length: m .134/3.40 gold point: g n/a pin height: y .060/1.52 pc tail length: p .200/5.08 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number ckts material number 02 42377-0779 20 42377-0797 03 42377-0780 21 42377-0798 04 42377-0781 22 42377-0799 05 42377-0782 23 42377-0800 06 42377-0783 24 42377-0801 07 42377-0784 25 42377-0802 08 42377-0785 26 42377-0803 09 42377-0786 27 42377-0804 10 42377-0787 28 42377-0805 11 42377-0788 29 42377-0806 12 42377-0789 30 42377-0807 13 42377-0790 31 42377-0808 14 42377-0791 32 42377-0809 15 42377-0792 33 42377-0810 16 42377-0793 34 42377-0811 17 42377-0794 35 42377-0812 18 42377-0795 36 42377-0813 19 42377-0796 a-42377-0693 / 0726 header number: 42312-0036 pin number: 42663-bca154 pin length: l .565/14.35 mating length: m .244/6.20 gold point: g n/a pin height: y .070/1.78 pc tail length: p .135/3.43 tin: t overall ckts: 3-36 kinks: per smes-42003 removed backwalls: no voided ckts: 2 packaging: bulk pk-40873-0041 ckts material number ckts material number 02 20 42377-0710 03 42377-0693 21 42377-0711 04 42377-0694 22 42377-0712 05 42377-0695 23 42377-0713 06 42377-0696 24 42377-0714 07 42377-0697 25 42377-0715 08 42377-0698 26 42377-0716 09 42377-0699 27 42377-0717 10 42377-0700 28 42377-0718 11 42377-0701 29 42377-0719 12 42377-0702 30 42377-0720 13 42377-0703 31 42377-0721 14 42377-0704 32 42377-0727 15 42377-0705 33 42377-0723 16 42377-0706 34 42377-0724 17 42377-0707 35 42377-0725 18 42377-0708 36 42377-0726 19 42377-0709 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 10 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-0899/ 0927 header number: 42312-0036 pin number: 42663-bxb208 pin length: l .645/16.38 mating length: m .324/8.28 gold point: g .140/3.56 pin height: y .070/1.78 pc tail length: p .135/3.43 tin: t .135/3.43 ckts: 8-36 kinks: per smes-42003 removed backwalls: none voided ckts: 2,3,4,6,7,8 packaging: bulk pk-40873-0041 ckts material number ckts material number 02 20 42377-0911 03 21 42377-0912 04 22 42377-0913 05 23 42377-0914 06 24 42377-0915 07 25 42377-0916 08 42377-0899 26 42377-0917 09 42377-0900 27 42377-0918 10 42377-0901 28 42377-0919 11 42377-0902 29 42377-0920 12 42377-0903 30 42377-0921 13 42377-0904 31 42377-0922 14 42377-0905 32 42377-0923 15 42377-0906 33 42377-0924 16 42377-0907 34 42377-0925 17 42377-0908 35 42377-0926 18 42377-0909 36 42377-0927 19 42377-0910 a-42377-0864 / 0898 header number: 42312-0036 pin number: 42663-bxa154 pin length: l .645/16.38 mating length: m .324/8.28 gold point: g n/a pin height: y .070/1.78 pc tail length: p .135/3.43 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number ckts material number 02 42377-0864 20 42377-0882 03 42377-0865 21 42377-0883 04 42377-0866 22 42377-0884 05 42377-0867 23 42377-0885 06 42377-0868 24 42377-0886 07 42377-0869 25 42377-0887 08 42377-0870 26 42377-0888 09 42377-0871 27 42377-0889 10 42377-0872 28 42377-0890 11 42377-0873 29 42377-0891 12 42377-0874 30 42377-0892 13 42377-0875 31 42377-0893 14 42377-0876 32 42377-0894 15 42377-0877 33 42377-0895 16 42377-0878 34 42377-0896 17 42377-0879 35 42377-0897 18 42377-0880 36 42377-0898 19 42377-0881 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 11 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-0928 / 0962 header number: 42312-0036 pin number: 42663-dhb208 pin length: l .800/20.32 mating length: m .317/8.05 gold point: g .180/4.57 pin height: y .070/1.78 pc tail length: p .290/7.37 tin: t .135/3.43 ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0043 ckts material number ckts material number 02 42377-0928 20 42377-0946 03 42377-0929 21 42377-0947 04 42377-0930 22 42377-0948 05 42377-0931 23 42377-0949 06 42377-0932 24 42377-0950 07 42377-0933 25 42377-0951 08 42377-0934 26 42377-0952 09 42377-0935 27 42377-0953 10 42377-0936 28 42377-0954 11 42377-0937 29 42377-0955 12 42377-0938 30 42377-0956 13 42377-0939 31 42377-0957 14 42377-0940 32 42377-0958 15 42377-0941 33 42377-0959 16 42377-0942 34 42377-0960 17 42377-0943 35 42377-0961 18 42377-0944 36 42377-0962 19 42377-0945 a-42377-0963/ 0997 header number: 42312-0036 pin number: 42663-aba154 pin length: l .455/11.56 mating length: m .140/3.56 gold point: g n/a pin height: y .050/1.27 pc tail length: p .145/3.68 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number ckts material number 02 42377-0963 20 42377-0981 03 42377-0964 21 42377-0982 04 42377-0965 22 42377-0983 05 42377-0966 23 42377-0984 06 42377-0967 24 42377-0985 07 42377-0968 25 42377-0986 08 42377-0969 26 42377-0987 09 42377-0970 27 42377-0988 10 42377-0971 28 42377-0989 11 42377-0972 29 42377-0990 12 42377-0973 30 42377-0991 13 42377-0974 31 42377-0992 14 42377-0975 32 42377-0993 15 42377-0976 33 42377-0994 16 42377-0977 34 42377-0995 17 42377-0978 35 42377-0996 18 42377-0979 36 42377-0997 19 42377-0980 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 12 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-0998 / 1031 header number: 42312-0036 pin number: 42663-aba154 pin length: l .455/11.56 mating length: m .140/3.56 gold point: g n/a pin height: y .050/1.27 pc tail length: p .145/3.68 tin: t overall ckts: 3-36 kinks: none removed backwalls: none voided ckts: 3 packaging: bulk pk-40873-0041 ckts material number ckts material number 02 20 42377-1015 03 42377-0998 21 42377-1016 04 42377-0999 22 42377-1017 05 42377-1000 23 42377-1018 06 42377-1001 24 42377-1019 07 42377-1002 25 42377-1020 08 42377-1003 26 42377-1021 09 42377-1004 27 42377-1022 10 42377-1005 28 42377-1023 11 42377-1006 29 42377-1024 12 42377-1007 30 42377-1025 13 42377-1008 31 42377-1026 14 42377-1009 32 42377-1027 15 42377-1010 33 42377-1028 16 42377-1011 34 42377-1029 17 42377-1012 35 42377-1030 18 42377-1013 36 42377-1031 19 42377-1014 a-42377-1032/ 1066 header number: 42312-0036 pin number: 42663-byb208 pin length: l .650/16.51 mating length: m .394/10.01 gold point: g .200/5.08 pin height: y .050/1.27 pc tail length: p .089/2.26 tin: t .200/5.08 ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number ckts material number 02 42377-1032 20 42377-1050 03 42377-1033 21 42377-1051 04 42377-1034 22 42377-1052 05 42377-1035 23 42377-1053 06 42377-1036 24 42377-1054 07 42377-1037 25 42377-1055 08 42377-1038 26 42377-1056 09 42377-1039 27 42377-1057 10 42377-1040 28 42377-1058 11 42377-1041 29 42377-1059 12 42377-1042 30 42377-1060 13 42377-1043 31 42377-1061 14 42377-1044 32 42377-1062 15 42377-1045 33 42377-1063 16 42377-1046 34 42377-1064 17 42377-1047 35 42377-1065 18 42377-1048 36 42377-1066 19 42377-1049 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 13 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-1131/1165 header number: 42312-0036 pin number: 42663-arb208 pin length: l .520/13.21 mating length: m .230/5.84 gold point: g .140/3.56 pin height: y .070/1.78 pc tail length: p .093/2.36 tin: t .135/3.43 ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number ckts material number 02 42377-1131 20 42377-1149 03 42377-1132 21 42377-1150 04 42377-1133 22 42377-1151 05 42377-1134 23 42377-1152 06 42377-1135 24 42377-1153 07 42377-1136 25 42377-1154 08 42377-1137 26 42377-1155 09 42377-1138 27 42377-1156 10 42377-1139 28 42377-1157 11 42377-1140 29 42377-1158 12 42377-1141 30 42377-1159 13 42377-1142 31 42377-1160 14 42377-1143 32 42377-1161 15 42377-1144 33 42377-1162 16 42377-1145 34 42377-1163 17 42377-1146 35 42377-1164 18 42377-1147 36 42377-1165 19 42377-1148 a-42377-1101/1130 header number: 42312-0036 pin number: 42663-bsa154 pin length: l .630/16.00 mating length: m .324/8.23 gold point: g n/a pin height: y .070/1.78 pc tail length: p .120/3.05 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: 7 packaging: bulk pk-40873-0041 ckts material number ckts material number 02 20 42377-1114 03 21 42377-1115 04 22 42377-1116 05 23 42377-1117 06 24 42377-1118 07 42377-1101 25 42377-1119 08 42377-1102 26 42377-1120 09 42377-1103 27 42377-1121 10 42377-1104 28 42377-1122 11 42377-1105 29 42377-1123 12 42377-1106 30 42377-1124 13 42377-1107 31 42377-1125 14 42377-1108 32 42377-1126 15 42377-1109 33 42377-1127 16 42377-1110 34 42377-1128 17 42377-1111 35 42377-1129 18 42377-1112 36 42377-1130 19 42377-1113 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 14 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-1201/1234 header number: 42312-0036 pin number: 42663-bka154 pin length: l .600/15.24 mating length: m .320/8.13 gold point: g n/a pin height: y .070/1.78 pc tail length: p .093/2.36 tin: t overall ckts: 3-36 kinks: none removed backwalls: none voided ckts: 2 packaging: bulk pk-40873-0041 ckts material number ckts material number 02 20 42377-1218 03 42377-1201 21 42377-1219 04 42377-1202 22 42377-1220 05 42377-1203 23 42377-1221 06 42377-1204 24 42377-1222 07 42377-1205 25 42377-1223 08 42377-1206 26 42377-1224 09 42377-1207 27 42377-1225 10 42377-1208 28 42377-1226 11 42377-1209 29 42377-1227 12 42377-1210 30 42377-1228 13 42377-1211 31 42377-1229 14 42377-1212 32 42377-1230 15 42377-1213 33 42377-1231 16 42377-1214 34 42377-1232 17 42377-1215 35 42377-1233 18 42377-1216 36 42377-1234 19 42377-1217 a-42377-1166/1200 header number: 42312-0036 pin number: 42663-bka154 pin length: l .600/15.24 mating length: m .320/8.13 gold point: g n/a pin height: y .070/1.78 pc tail length: p .093/2.36 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number ckts material number 02 42377-1166 20 42377-1184 03 42377-1167 21 42377-1185 04 42377-1168 22 42377-1186 05 42377-1169 23 42377-1187 06 42377-1170 24 42377-1188 07 42377-1171 25 42377-1189 08 42377-1172 26 42377-1190 09 42377-1173 27 42377-1191 10 42377-1174 28 42377-1192 11 42377-1175 29 42377-1193 12 42377-1176 30 42377-1194 13 42377-1177 31 42377-1195 14 42377-1178 32 42377-1196 15 42377-1179 33 42377-1197 16 42377-1180 34 42377-1198 17 42377-1181 35 42377-1199 18 42377-1182 36 42377-1200 19 42377-1183 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 15 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-1067/1100 header number: 42312-0036 pin number: 42663-atb208 pin length: l .530 / 13.46 mating length: m .244 / 6.20 gold point: g .140 / 3.56 pin height: y .050 / 1.27 pc tail length: p .120 / 3.05 tin: t .135 / 3.43 ckts: 3-36 kinks: none removed backwalls: none voided ckts: 3 packaging: bulk pk-40873-0041 ckts material number ckts material number 02 20 03 21 04 22 05 23 06 24 07 25 08 26 09 27 10 28 11 42377-1075 29 12 30 13 31 14 32 15 33 16 34 17 35 18 36 19 a-42377-1235/1269 header number: 42312-0036 pin number: 42663-bxb228 pin length: l .645/16.48 mating length: m .324/8.23 gold point: g .140/3.56 pin height: y .070/1.78 pc tail length: p .135/3.43 tin: t .135/3.43 ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number ckts material number 02 42377-1235 20 03 21 04 22 05 23 06 24 07 25 08 26 09 27 10 28 11 29 12 30 13 31 14 32 15 33 16 34 17 35 18 36 19 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 16 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-1270 / 1304 header number: 42312-0036 pin number: 42663-bha154 pin length: l .590 / 14.99 mating length: m .343 / 8.71 gold point: g n/a pin height: y .070 / 1.78 pc tail length: p .055 +/- .025 1.40 +/- 0.64 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: 2 packaging: bulk pk-40873-0041 ckts material number ckts material number 02 20 03 42377-1271 21 04 22 05 23 06 24 07 25 08 26 09 27 10 28 11 29 12 30 13 31 14 32 15 33 16 34 17 35 18 36 19 a-42377-1305/1339 header number: 42312-0036 pin number: 42663-bya154 pin length: l .650/16.51 mating length: m .394/10.01 gold point: g n/a pin height: y .050/1.27 pc tail length: p .089/2.26 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number ckts material number 02 42377-1305 20 03 21 04 22 05 23 06 42377-1309 24 07 25 08 26 09 27 10 28 11 29 12 30 13 31 14 32 15 33 16 34 17 35 18 36 19 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 17 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-1340/1358 header number: 42312-0036 pin number: 42663-afb208 pin length: l .475/12.07 mating length: m .195/4.95 gold point: g .150/3.81 pin height: y .058/1.47 pc tail length: p .093/2.36 tin: t .100/2.54 ckts: 18-36 kinks: none removed backwalls: none voided ckts: 2, 4, 5, 6, 7, 9, 11, 12, 13, 14, 16, 18 packaging: bulk pk-40873-0041 ckts material number ckts material number 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 18 36 19 42377-1341 a-42377-1359/1393 header number: 42312-0036 pin number: 42663-cja154 pin length: l .700 / 17.78 mating length: m .394/10.01 gold point: g n/a pin height: y .050/1.27 pc tail length: p .135 / 3.43 tin: t overall ckts: 2-36 kinks: per smes-42003 removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number ckts material number 02 42377-1359 20 03 21 04 22 05 23 06 42377-1363 24 07 25 08 26 09 27 10 28 11 29 12 30 13 31 14 32 15 33 16 34 17 35 18 36 19 rev: ecr/ecn information: sheet no. ec no: ucp2009-0952 x1 date: 10/31/2008 title: kk 100 header assembly flat right angle breakaway - 18 - document number: created / revised by: checked by: approved by: sd - 42377 - 001 mkipper jbell fsmith template filename: product_spec[size_a](v.1).doc a-42377-1429 header number: 42312-0036 pin number: 42663-eca154 pin length: l .880 / 22.35 mating length: m .600/15.24 gold point: g n/a pin height: y .050/1.27 pc tail length: p .116 / 2.95 tin: t overall ckts: 5-36 kinks: none removed backwalls: none voided ckts: 2,3,4 packaging: bulk pk-40873-0041 ckts material number ckts material number 20 21 22 05 42377-1429 23 06 24 07 25 08 26 09 27 10 28 11 29 12 30 13 31 14 32 15 33 16 34 17 35 18 36 19 a-42377-1394/1428 header number: 42312-0036 pin number: 42663-cja154 pin length: l .700 / 17.78 mating length: m .394/10.01 gold point: g n/a pin height: y .050/1.27 pc tail length: p .135 / 3.43 tin: t overall ckts: 2-36 kinks: none removed backwalls: none voided ckts: none packaging: bulk pk-40873-0041 ckts material number ckts material number 02 42377-1394 20 03 21 04 22 05 23 06 24 07 25 08 26 09 27 10 28 11 29 12 30 13 31 14 32 15 33 16 34 17 35 18 36 19 |
Price & Availability of 42377-0111 |