Part Number Hot Search : 
C165P 1SS35 63WN1AT2 BD201 25DF081 BA1L3N BZX5568 MSK164
Product Description
Full Text Search
 

To Download 41771-0905 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/19/2010 please check www.molex.com for latest part information part number: 0417710905 status: active description: 3.96mm (.156") pitch kk? solid header, vertical, without peg, 8 circuits, 0.38m (15") gold (au) selective plating documents: 3d model product specification ps-08-50 (pdf) packaging specification (pdf) product specification ps-40-02 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 41771 application board-to-board, wire-to-board product name kk? physical breakaway no circuits (loaded) 8 circuits (maximum) 8 color - resin natural durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal brass material - plating mating gold material - resin polyester number of rows 1 orientation vertical pc tail length (in) 0.140 in pc tail length (mm) 3.56 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.156 in pitch - mating interface (mm) 3.96 mm plating min: mating (in) 15 plating min: mating (m) 0.38 polarized to mating part yes polarized to pcb no shrouded partial stackable yes temperature range - operating 0c to +75c termination interface: style through hole electrical current - maximum per contact 7a voltage - maximum 250v solder process data series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 41771 series mates with 3069 , 2139 , 2145 , 6442 , 7674 , 7675 , 41695 , l ink:41815
duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info reference - drawing numbers product specification ps-08-50, ps-40-02 sales drawing sd-41771-001 this document was generated on 04/19/2010 please check www.molex.com for latest part information

41771 rev: ecr/ecn nformation: sheet no. ec no.: ucp2010-1257 h3 date: 11/30/2009 title: kk 156 header assy flat vert w/o pegs - 2 - document number: created / revised by: checked by: approved by: sd - 41771 - 001 mkipper ssousek fsmith template filename: product_spec [size_a](v.1). doc group a-41771-0002/0018 group a-41771-0899/0915 group a-41771-0916/0932 group a-41771-0036/0052 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 pin no: 2161-94 (102) pin no: 43294-0209 pin no: 43294-0210 pin no: 2161-3 (102) plating: 102 C tin plating: 208 - gold plating: 228 C gold plating: 102 C tin pin length l 18.29 / .720 pin length l 18.29 / .720 pin length l 18.29 / .720 pin length l 23.80 /. 937 mating x 11.43 / .450 mating x 11.43 / .450 mating x 11.43 / .450 mating x 16.89 / .665 gold loc g n/a gold loc g 6.86 / .270 gold loc g 6.86 / .270 gold loc g n/a pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 3.61 / .142 options tin loc t overall tin loc t 4.06 / .160 tin loc t 4.06 / .160 tin loc t overall voided ckts none voided ckts none voided ckts none voided ckts none pack per pk-41771-001 pack per pk-41771-001 pack per pk-41771-001 pack per pk-41771-002 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 26-60-2020 a-41771-0002 41771-0899 a-41771-0899 41771-0916 a-41771-0916 26-60-2021 a-41771-0036 3 26-60-2030 a-41771-0003 41771-0900 a-41771-0900 41771-0917 a-41771-0917 26-60-2031 a-41771-0037 4 26-60-2040 a-41771-0004 41771-0901 a-41771-0901 41771-0918 a-41771-0918 26-60-2041 a-41771-0038 5 26-60-2050 a-41771-0005 41771-0902 a-41771-0902 41771-0919 a-41771-0919 26-60-2051 a-41771-0039 6 26-60-2060 a-41771-0006 41771-0903 a-41771-0903 41771-0920 a-41771-0920 26-60-2061 a-41771-0040 7 26-60-2070 a-41771-0007 41771-0904 a-41771-0904 41771-0921 a-41771-0921 26-60-2071 a-41771-0041 8 26-60-2080 a-41771-0008 41771-0905 a-41771-0905 41771-0922 a-41771-0922 26-60-2081 a-41771-0042 9 26-60-2090 a-41771-0009 41771-0906 a-41771-0906 41771-0923 a-41771-0923 26-60-2091 a-41771-0043 10 26-60-2100 a-41771-0010 41771-0907 a-41771-0907 41771-0924 a-41771-0924 26-60-2101 a-41771-0044 11 26-60-2110 a-41771-0011 41771-0908 a-41771-0908 41771-0925 a-41771-0925 26-60-2111 a-41771-0045 12 26-60-2120 a-41771-0012 41771-0909 a-41771-0909 41771-0926 a-41771-0926 26-60-2121 a-41771-0046 13 26-60-2130 a-41771-0013 41771-0910 a-41771-0910 41771-0927 a-41771-0927 26-60-2131 a-41771-0047 14 26-60-2140 a-41771-0014 41771-0911 a-41771-0911 41771-0928 a-41771-0928 26-60-2141 a-41771-0048 15 26-60-2150 a-41771-0015 41771-0912 a-41771-0912 41771-0929 a-41771-0929 26-60-2151 a-41771-0049 16 26-60-2160 a-41771-0016 41771-0913 a-41771-0913 41771-0930 a-41771-0930 26-60-2161 a-41771-0050 17 26-60-2170 a-41771-0017 41771-0914 a-41771-0914 41771-0931 a-41771-0931 26-60-2171 a-41771-0051 18 26-60-2180 a-41771-0018 41771-0915 a-41771-0915 41771-0932 a-41771-0932 26-60-2181 a-41771-0052
41771 rev: ecr/ecn nformation: sheet no. ec no.: ucp2010-1257 h3 date: 11/30/2009 title: kk 156 header assy flat vert w/o pegs - 3 - document number: created / revised by: checked by: approved by: sd - 41771 - 001 mkipper ssousek fsmith template filename: product_spec [size_a](v.1). doc group a-41771-0933/0949 group a-41771-0950/0966 group a-41771-0019/0035 group a-41771-0053/0069 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 pin no: 43294-0415 pin no: 43294-0416 pin no: 2161-94 (501) pin no: 2161-3 (501) plating: 208 C gold plating: 228 C gold plating: 501 C gold plating: 501 C gold pin length l 23.88 / .940 pin length l 23.88 /. 940 pin length l 18.29 / .720 pin length l 23.80 /. 937 mating x 16.89 / .665 mating x 16.89 / .665 mating x 11.43 / .450 mating x 16.89 / .665 gold loc g 8.89 / .350 gold loc g 8.89 / .350 gold loc g overall gold loc g overall pc tail p 3.68 / .145 pc tail p 3.68 / .145 pc tail p 3.56 / .140 pc tail p 3.61 / .142 tin loc t 4.06 / .160 tin loc t 4.06 / .160 tin loc t n/a tin loc t n/a voided ckts none voided ckts none voided ckts none voided ckts none pack per pk-41771-002 pack per pk-41771-002 pack per pk-41771-001 pack per pk-41771-002 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 41771-0933 a-41771-0933 41771-0950 a-41771-0950 26-61-2020 a-41771-0019 26-61-2021 a-41771-0053 3 41771-0934 a-41771-0934 41771-0951 a-41771-0951 26-61-2030 a-41771-0020 26-61-2031 a-41771-0054 4 41771-0935 a-41771-0935 41771-0952 a-41771-0952 26-61-2040 a-41771-0021 26-61-2041 a-41771-0055 5 41771-0936 a-41771-0936 41771-0953 a-41771-0953 26-61-2050 a-41771-0022 26-61-2051 a-41771-0056 6 41771-0937 a-41771-0937 41771-0954 a-41771-0954 26-61-2060 a-41771-0023 26-61-2061 a-41771-0057 7 41771-0938 a-41771-0938 41771-0955 a-41771-0955 26-61-2070 a-41771-0024 26-61-2071 a-41771-0058 8 41771-0939 a-41771-0939 41771-0956 a-41771-0956 26-61-2080 a-41771-0025 26-61-2081 a-41771-0059 9 41771-0940 a-41771-0940 41771-0957 a-41771-0957 26-61-2090 a-41771-0026 26-61-2091 a-41771-0060 10 41771-0941 a-41771-0941 41771-0958 a-41771-0958 26-61-2100 a-41771-0027 26-61-2101 a-41771-0061 11 41771-0942 a-41771-0942 41771-0959 a-41771-0959 26-61-2110 a-41771-0028 26-61-2111 a-41771-0062 12 41771-0943 a-41771-0943 41771-0960 a-41771-0960 26-61-2120 a-41771-0029 26-61-2121 a-41771-0063 13 41771-0944 a-41771-0944 41771-0961 a-41771-0961 26-61-2130 a-41771-0030 26-61-2131 a-41771-0064 14 41771-0945 a-41771-0945 41771-0962 a-41771-0962 26-61-2140 a-41771-0031 26-61-2141 a-41771-0065 15 41771-0946 a-41771-0946 41771-0963 a-41771-0963 26-61-2150 a-41771-0032 26-61-2151 a-41771-0066 16 41771-0947 a-41771-0947 41771-0964 a-41771-0964 26-61-2160 a-41771-0033 26-61-2161 a-41771-0067 17 41771-0948 a-41771-0948 41771-0965 a-41771-0965 26-61-2170 a-41771-0034 26-61-2171 a-41771-0068 18 41771-0949 a-41771-0949 41771-0966 a-41771-0966 26-61-2180 a-41771-0035 26-61-2181 a-41771-0069
41771 rev: ecr/ecn nformation: sheet no. ec no.: ucp2010-1257 h3 date: 11/30/2009 title: kk 156 header assy flat vert w/o pegs - 4 - document number: created / revised by: checked by: approved by: sd - 41771 - 001 mkipper ssousek fsmith template filename: product_spec [size_a](v.1). doc group a-41771-0115/0131 group a-41771-0195/0211 group a-41771-0212/0228 group a-41771-0229/0245 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 pin no: 2161-94 (102) pin no: 2161-7 (102) pin no: 2161-70 (102) pin no: 2161-21 (102) plating: 102 C tin plating: 102 C tin plating: 102 C tin plating: 102 C tin pin length l 18.29 / .720 pin length l 39.67 / 1.562 pin length l 39.67 / .915 pin length l 28.58 / 1.125 mating x 11.43 / .450 mating x 22.02 / 1.300 mating x 16.18 / .637 mating x 21.44 / .844 gold loc g n/a gold loc g n/a gold loc g n/a gold loc g n/a pc tail p 3.56 / .140 pc tail p 3.35 / .132 pc tail p 3.76 / .148 pc tail p 3.84 / .151 tin loc t overall tin loc t overall tin loc t overall tin loc t overall voided ckts 2 voided ckts none voided ckts none voided ckts none pack per pk-41771-001 pack per pk-41771-003 pack per pk-41771-002 pack per pk-41771-003 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 26-62-2020 a-41771-0115 26-60-2023 a-41771-0195 27-60-2021 a-41771-0212 27-60-2022 a-41771-0229 3 26-62-2030 a-41771-0116 26-60-2033 a-41771-0196 a-41771-0213 27-60-2032 a-41771-0230 4 26-62-2040 a-41771-0117 26-60-2043 a-41771-0197 a-41771-0214 27-60-2042 a-41771-0231 5 26-62-2050 a-41771-0118 26-60-2053 a-41771-0198 a-41771-0215 27-60-2052 a-41771-0232 6 26-62-2060 a-41771-0119 26-60-2063 a-41771-0199 a-41771-0216 27-60-2062 a-41771-0233 7 26-62-2070 a-41771-0120 26-60-2073 a-41771-0200 27-60-2071 a-41771-0217 27-60-2072 a-41771-0234 8 26-62-2080 a-41771-0121 26-60-2083 a-41771-0201 27-60-2081 a-41771-0218 27-60-2082 a-41771-0235 9 26-62-2090 a-41771-0122 26-60-2093 a-41771-0202 a-41771-0219 27-60-2092 a-41771-0236 10 26-62-2100 a-41771-0123 26-60-2103 a-41771-0203 27-60-2101 a-41771-0220 27-60-2102 a-41771-0237 11 26-62-2110 a-41771-0124 26-60-2113 a-41771-0204 a-41771-0221 27-60-2112 a-41771-0238 12 26-62-2120 a-41771-0125 26-60-2123 a-41771-0205 27-60-2121 a-41771-0222 27-60-2122 a-41771-0239 13 26-62-2130 a-41771-0126 26-60-2133 a-41771-0206 a-41771-0223 27-60-2132 a-41771-0240 14 26-62-2140 a-41771-0127 26-60-2143 a-41771-0207 a-41771-0224 27-60-2142 a-41771-0241 15 26-62-2150 a-41771-0128 26-60-2153 a-41771-0208 a-41771-0225 27-60-2152 a-41771-0242 16 26-62-2160 a-41771-0129 26-60-2163 a-41771-0209 a-41771-0226 27-60-2162 a-41771-0243 17 26-62-2170 a-41771-0130 26-60-2173 a-41771-0210 a-41771-0227 27-60-2172 a-41771-0244 18 26-62-2180 a-41771-0131 26-60-2183 a-41771-0211 a-41771-0228 27-60-2182 a-41771-0245
41771 rev: ecr/ecn nformation: sheet no. ec no.: ucp2010-1257 h3 date: 11/30/2009 title: kk 156 header assy flat vert w/o pegs - 5 - document number: created / revised by: checked by: approved by: sd - 41771 - 001 mkipper ssousek fsmith template filename: product_spec [size_a](v.1). doc group a-41771-0695/0711 group a-41771-0882/0898 group a-417710763/0771 group a-41771-0772/0780 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0002/0018 pin no: 2161-36 (501) pin no: 2161-38 (501) pin no: 2161-94 (102) pin no: 2161-94 (102) plating: 501 - gold plating: 501 C gold plating: 102 C tin plating: 102 C tin pin length l 30.48 / 1.200 pin length l 38.10 / 1.500 pin length l 18.29 / .720 pin length l 18.29 / .720 mating x 13.49 / .531 mating x 31.62 / 1.245 mating x 11.43 / .450 mating x 11.43 / .450 gold loc g overall gold loc g overall gold loc g n/a gold loc g n/a pc tail p 13.69 / .539 pc tail p 3.18 / .125 pc tail p 3.84 / .140 pc tail p 3.84 / .140 tin loc t n/a tin loc t n/a tin loc t overall tin loc t overall voided ckts none voided ckts none voided ckts 3, 5, 7, 8, 10 voided ckts 3, 10 pack per pk-41771-003 pack per pk-41771-003 pack per pk-41771-001 pack per pk-41771-001 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 a-41771-0695 41771-0882 a-41771-0882 3 a-41771-0696 41771-0883 a-41771-0883 4 a-41771-0697 41771-0884 a-41771-0884 5 26-61-2052 a-41771-0698 41771-0885 a-41771-0885 6 a-41771-0699 41771-0886 a-41771-0886 7 a-41771-0700 41771-0887 a-41771-0887 8 26-61-2082 a-41771-0701 41771-0888 a-41771-0888 9 a-41771-0702 41771-0889 a-41771-0889 10 a-41771-0703 41771-0890 a-41771-0890 a-41771-0763 27-66-2101 a-41771-0772 11 a-41771-0704 41771-0891 a-41771-0891 27-66-2110 a-41771-0764 a-41771-0773 12 a-41771-0705 41771-0892 a-41771-0892 a-41771-0765 a-41771-0774 13 a-41771-0706 41771-0893 a-41771-0893 a-41771-0766 a-41771-0775 14 a-41771-0707 41771-0894 a-41771-0894 a-41771-0767 a-41771-0776 15 a-41771-0708 41771-0895 a-41771-0895 a-41771-0768 a-41771-0777 16 a-41771-0709 41771-0896 a-41771-0896 a-41771-0769 a-41771-0778 17 a-41771-0710 41771-0897 a-41771-0897 a-41771-0770 a-41771-0779 18 a-41771-0711 41771-0898 a-41771-0898 a-41771-0771 a-41771-0780
41771 rev: ecr/ecn nformation: sheet no. ec no.: ucp2010-1257 h3 date: 11/30/2009 title: kk 156 header assy flat vert w/o pegs - 6 - document number: created / revised by: checked by: approved by: sd - 41771 - 001 mkipper ssousek fsmith template filename: product_spec [size_a](v.1). doc group a-41771-0781/0787 group a-41771-0972/0988 group a-41771-1007 group header no: 41770-0002/0018 header no: 41770-0002/0018 header no: 41770-0003 header no: pin no: 2161-94 (102) pin no: 2161-5(102) pin no: 43294-0212 pin no: plating: 102 - tin plating: 102 C tin plating: 222 C tin plating: pin length l 18.29 / .720 pin length l 34.93 / 1.375 pin length l 18.29 / .720 pin length l mating x 11.43 / .450 mating x 15.80 / .622 mating x 11.43 / .450 mating x gold loc g n/a gold loc g na gold loc g n/a gold loc g pc tail p 3.84 / .140 pc tail p 15.82 / .623 pc tail p 3.56 / .140 pc tail p tin loc t overall tin loc t overal tin loc t overall tin loc t voided ckts 4, 12 voided ckts none voided ckts 2 voided ckts pack per pk-41771-001 pack per pk-41771-003 pack per pk-41771-001 pack per ckts material no engineer number material no material no material no engineer number 2 41771-0972 3 41771-0973 41771-1007 4 41771-0974 5 41771-0975 6 41771-0976 7 41771-0977 8 41771-0978 9 41771-0979 10 41771-0980 11 41771-0981 12 27-66-2122 a-41771-0781 41771-0982 13 a-41771-0782 41771-0983 14 a-41771-0783 41771-0984 15 a-41771-0784 41771-0985 16 a-41771-0785 41771-0986 17 a-41771-0786 41771-0987 18 a-41771-0787 41771-0988


▲Up To Search▲   

 
Price & Availability of 41771-0905

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X