Part Number Hot Search : 
FMBN16BE 13005 WH1602B3 ILX3085 SEMIX302 MC33375 LXT9763 AAT1110
Product Description
Full Text Search
 

To Download 35978-0232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0359780232 status: planned for obsolescence description: 3.96mm (.156") pitch wire-to-board header, vertical, low profile, 2 circuits, red, polyester alloy documents: 3d model product specification ps-35978-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72090224 ul e29179 general product family pcb headers series 35978 application wire-to-board product name mv-396? physical breakaway no circuits (loaded) 2 circuits (maximum) 2 color - resin red durability (mating cycles max) 30 first mate / last break no flammability 94v-0 glow-wire compliant yes guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin polyester alloy number of rows 1 orientation vertical pc tail length (in) 0.146 in pc tail length (mm) 3.70 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.156 in pitch - mating interface (mm) 3.96 mm pitch - term. interface (in) 0.156 in pitch - term. interface (mm) 3.96 mm polarized to mating part no polarized to pcb no shrouded no stackable yes surface mount compatible (smc) no temperature range - operating -25c to +85c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 35978 series mates with 35977 wire-to-board housing
electrical current - maximum per contact 7a voltage - maximum 250v material info reference - drawing numbers packaging specification pk-35978-001 product specification ps-35978-001 sales drawing sd-35978-001 this document was generated on 06/07/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 35978-0232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X