Part Number Hot Search : 
48K01AS 2SA1051 ENA0711 73251 IPD50N06 YB1200R EFOS10 MB90092
Product Description
Full Text Search
 

To Download 2SA1718 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA1718 d escription with to-220f package high dc current gain. low collector saturation voltage. darlington applications ideal for motor drviers and solenoid drivers application pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -100 v v ceo collector-emitter voltage open base -100 v v ebo emitter-base voltage open collector -7 v i c collector current -5 a i cm collector current-peak -10 a i b base current -0.5 a t c =25 20 p c collector dissipation t a =25 2.0 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220f) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1718 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-30ma; i b =0 -100 v v cesat collector-emitter saturation voltage i c =-2a ; i b =-2ma -1.5 v v besat base-emitter saturation voltage i c =-2a ; i b =-2ma -2.0 v i cbo collector cut-off current v cb =-100v;i e =0 -10 a i ebo emitter cut-off current v eb =-7v;i c =0 -5.0 ma h fe-1 dc current gain i c =-2a ; v ce =-2v 2000 20000 h fe-2 dc current gain i c =-4a ; v ce =-2v 500  h fe classifications m l k 2000-5000 4000-10000 8000-20000
savantic semiconductor product specification 3 silicon pnp power transistors 2SA1718 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SA1718

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X