Part Number Hot Search : 
1E104 NB638DL C6N13 250NH2G N2646 UM5109 18160 1303H
Product Description
Full Text Search
 

To Download 1050281001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/30/2010 please check www.molex.com for latest part information part number: 1050281001 status: active description: camera socket for mobile phone, top mount, smt, side contact type, 8.5x8.5 documents: 3d model product specification ps-105028-101 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family other sockets series 105028 component type socket product name camera socket physical circuits (loaded) 32 circuits (maximum) 32 color - resin black durability (mating cycles max) 20 entry angle vertical (top entry) keying to mating part yes material - metal copper alloy material - plating mating gold material - plating termination gold material - resin high temperature thermoplastic pcb locator no pcb retention n/a packaging type embossed tape on reel pitch - mating interface (in) 0.035 in pitch - mating interface (mm) 0.90 mm pitch - term. interface (in) 0.035 in pitch - term. interface (mm) 0.90 mm plating min: mating (in) 12 plating min: mating (m) 0.3 plating min: termination (in) 3 plating min: termination (m) 0.075 temperature range - operating -55c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a voltage - maximum 50v dc material info reference - drawing numbers product specification ps-105028-101 sales drawing sd-105028-101 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 105028 series mates with camera module this document was generated on 03/30/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 1050281001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X