Part Number Hot Search : 
NCP81391 IK2407SA CF8574AP NCP81391 DB25PAM1 00BZXC SPR1602C E3000
Product Description
Full Text Search
 

To Download 0532901580 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/16/2010 please check www.molex.com for latest part information part number: 0532901580 status: active description: 2.00mm (.079") pitch board-to-board header, vertical, single row, 0.50mm (.020") square pin, with friction lock, lead-free, 15 circuits, with kinked pc tails documents: 3d model product specification ps-52418-003 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 53290 application board-to-board product name n/a physical breakaway no circuits (loaded) 15 circuits (maximum) 15 color - resin natural durability (mating cycles max) 30 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes mated height (in) 0.236 in mated height (mm) 6.00 mm material - metal brass material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation vertical pc tail length (in) 0.126 in pc tail length (mm) 3.20 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm plating min: mating (in) 40 plating min: mating (m) 1.00 plating min: termination (in) 40 plating min: termination (m) 1.00 polarized to mating part yes polarized to pcb no shrouded partial stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 53290 series mates with 52418 pcb receptacle
current - maximum per contact 1.5a voltage - maximum 125v material info reference - drawing numbers product specification ps-52418-003, rps-52418-004 sales drawing sd-53290-004 this document was generated on 04/16/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0532901580

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X