Part Number Hot Search : 
DTA113 MBR690 TA1121A BC807 KTA1504 SDB1608 BPX48F LSC2603
Product Description
Full Text Search
 

To Download Y5117XX-K1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com page 1 of 14 applica t ions ? low voltag e, high de nsity power sy ste m s with intermedi ate bus architect u re s (iba) fro m 3.0v to 13.2v ? servers, desktops, and p o rt able computi ng ? broad ban d, networkin g, op tical, and comm uni cat i ons sy st em s ? battery-ope ra ted equipm en t ? point-of-lo ad regul ation for high pe rform ance dsp, fpga, asic, and microp ro ce ssors ? advance d set - top boxe s ? memory bu s t e rmin ators m e mbe r of the family bene fits ? one pa rt for different input and output voltage rang es ? one pa rt with up to 17a ou tput ? red u ces n u m ber of different part s in inventory ? comp atible with conventio nal pick-and -place equipm ent features ? extra-wid e in put low voltag e rang e: 3.0v ? 13.2v ? wide -rang e p r og ramm able output: 0.7v ? 3.63v ? remote volta ge se nse ? high contin uo us outp u t current: 17a ? high curre n t den sity: 44 a/in 2 ? efficiency up to 95% ? no minim u m load re qui red ? output sh ort circuit protect i on ? start-up into prebi ased out put ? full current si nk capability for active bus termination ? remote enable (on/ off) ? small footprin t: 8 x 32 mm ? low p r ofile:1 4mm ? wide o perating tempe r atu r e ra nge ? ul6 095 0 re cogni zed, csa c22.2 no. 60950 -00 certified, an d tuv en60 95 0-1:20 01 certi f ied des c ription the y51 17 i s a serie s of hi ghly efficient point-of - loa d dc/ dc po we r converte rs i n a u n ique sip style su rfa c e mou n t packa ge, de signed to deliv er lo w volta g e s at high cu rre nts i n cl ose proximity to load s. ext r a-wid e inp u t voltage rang e, pro g rammabl e out put voltage, and fast tra n s ient respon se are ju st a few of the int egrate d featu r es th at minimize po wer sy stem co st and time to market. selection ch art mode l in p u t vo ltag e, vdc inpu t uvlo , v dc outp ut vo ltag e, vdc outp ut current, a d c y511 7p 3.0 ? 13.2 3.8 0.7 ? 3.63 17 y511 7pc 3.0 ? 13.2 4.5 0.7 ? 3.63 17 mode l numb e r s high lig hted i n y e l l o w or shad ed are n o t reco mmend ed for n e w des igns. ordering information part number de sc ription qu an tity o f y5117xx y5 1 17xx ? t 1 t ape and re el 500 y5 1 17xx ? t 2 t ape and re el 100 y5 1 17xx ? k1 evalu a tion k i t 1 mecha n ica l sampl e and eval board y5 1 17xx ? k5 sample kit 5 function al sa mples
y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com 1. absolu te ma ximum ratin g s stresse s in e x cess of the absolute max i mum rating s ma y cau s e perfo rman ce degradatio n, adversely affect long - term relia bility, and cau s e perm ane nt damage to the conve r ter para mete r condit i ons/description min max units operatin g t e mperatur e ra ng e measur ed o n case (t c ase ) -40 110 c storage t e mperature (t s) -55 125 c output current 17 adc input volta ge v in reference d to pgnd -0.3 15 vdc 2. en v i ronmental and mech anical specifications para mete r condit i ons/description min nom max units sinus oid a l vi br ation jesd-b103-b 20 g w e ight 5 grams ambie n t t e mp erature r a n g e -40 85 c storage t e mperature (t s) -55 125 c mt b f calcu l ate d per t e lcordi a t e chnolog ies sr-33 2 3,020 khrs 3. electrical sp ecifica tions refer to the e v alu a tion boar d descri b e d in appen di x a. specification s apply over spe c ified inp u t voltage, output load and op eratin g temperatu r e, unless othe rwise noted. 3.1 input specifi cation s para mete r condit i ons/description min nom max units input volta ge ( v in ) at v in <5.2v, v ld o pin ne eds to be conn ected to a n e x terna l volta ge source 5.2v 3.0 13.2 vdc input curre nt v in nom , i out = 0a, enab le h i g h 40 50 madc und e rvolta ge l o ckout (uvlo) y511 7p y511 7pc rampi ng u p v in <5.2v, v ld o connecte d to v ex t = 5 .2v, 10k resistor bet w e en enab le a nd pg nd v in 5.2v, v ld o conn ected to v in v in 5.2v, v ld o conn ected to v in 2.75 3.8 4.5 vdc vdc vdc uvlo h y st ere s is 100 mvdc page 2 of 14
y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com 3.2 outpu t spec ifications para mete r condit i ons/description min nom max units output voltag e rang e (v out ) v out < 0.7v in 0.7 1.3 3.63 vdc output voltag e setpoint accur a c y t r im resistors <0.1% toleranc e v out >1 .3 v v out < 1 .3v (usi ng inter nal r e fe rence) -1.2 -4.8 1.2 4.8 %v out %v out output current (i out ) v in m i n to v in m a x 0 17 a l i ne r e gu la ti on v in m i n to v in m a x 0.5 %v out loa d re gul atio n i out m i n to i out m a x 0.5 %v out t u rn-on t i me ( w h e n inp u t vol t age is ap pl ied) t o output reg u lati on ba nd rise t i me (10% to 90%) 11 5 ms ms t u rn-on t i me (turn-on vi a en abl e pin) t o output reg u lati on ba nd 15 ms dy n a m i c re gu la ti o n peak dev i atio n settling t i me v in = 13.2v, 2.5a/ s, c out = 1 ,360 f 25 ?7 5% l oad step chan ge to 1% error ba nd 5 200 %v out s output voltag e rippl e & nois e v in m i n to v in m a x , i out m i n to i out m a x bw = 20mhz 25 60 mv p-p ad mi ssi bl e lo ad c a pa ci tan c e v in m i n to v in m a x , i out m i n to i out m a x 5,000 f s w itc h i ng f r eq uenc y 510 khz t e mperature c oefficie n t 0.02 %v out / c 3.3 protec tion specifica tions para mete r condit i ons/description min nom max units outp ut o v e r curre nt prote c t ion protection t y p e non- latchi ng output current limit t h reshol d v in m i n to v in m a x 18.7 22 27 adc 3.4 feature spe c ification s para mete r condit i ons/description min nom max units enable v en able turn-on threshold open circ u it voltag e conv erter of f source c u rrent v in m i n to v in m a x enab le pi n is fl oatin g von/off is referenced to pgnd enab le pi n is c onn ected to pg nd 1.4 v in 0.55 1.5 vdc vdc vdc madc outp ut vo ltag e trim default output voltage no trim resistor 1.3 vdc t r im range v in m i n to v in m a x , i out m i n to i out m a x 0.7 3.63 vdc remote sens e voltag e dro p comp ensati o n v in m i n to v in m a x , i out m i n to i out m a x 100 mvdc page 3 of 14
y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com 4. t y p i cal performance ch arac teris t ics 4.1 efficiency curv es (at roo m tempera t u r e) 60 65 70 75 80 85 90 0 1 2 3 4 5 6 7 8 9 1 01 11 2 1 31 41 5 1 6 1 7 io u t ( a ) e ffi c i en c y % v i n= 3. 3v v i n= 5. 5v v i n= 12v figure 1. effi ci enc y vs. loa d a t vou t =0.7v 70 75 80 85 90 95 0 1 2 3 4 5 6 7 8 9 10 11 1 2 13 1 4 15 1 6 17 i out ( a ) e ffi c i en c y % v i n= 3. 3v v i n= 5. 5v v i n= 12v figure 2. effi ci enc y vs. loa d a t vou t =1.3v 80 85 90 95 10 0 01 2 3456 789 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 i out ( a ) e f fi ci e n cy % v i n= 4. 5 v v i n= 5. 5 v v i n= 12 v figure 3. effi ci enc y vs. loa d a t vou t =3.3v 70 75 80 85 90 95 0. 6 0 . 9 1 . 2 1 . 5 1. 8 2 . 1 2. 4 2 . 7 3. 0 3 . 3 3. 6 v out e f f i ci e n c y % v i n= 3. 3v v i n= 5. 5v v i n= 8. 0v v i n= 9. 6v v i n= 12v figure 4. effi ci enc y vs. ou tp ut voltag e at i o u t =17 a an d differe nt i n p u t voltag es 65 70 75 80 85 90 95 3 4567 89 1 0 1 1 1 2 1 3 vi n e f f i ci e n cy % v out = 0 . 7 v v out = 1 . 3 v v out = 2 . 5 v v out = 3 . 3 v figure 5. effi cie n c y vs. in pu t v o ltag e at i o u t =1 7 a an d differe nt ou tp ut voltag es page 4 of 14
y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com 4.2 y5117p turn - on chara c teristics figure 6. vin=3 . 0v, vout=0. 7 v, iout=8. 5 a . ch1 ? vo ut, ch2 ? vin figure 7. vin=5 v , vout=0.7v, i o ut=8.5 a . ch1 ? vo ut, ch2 ? vin figure 8. vin=1 3 .2v, vou t =0.7v , iout=8. 5 a . ch1 ? vo ut, ch2 ? vin figure 9. t u rn- on in tro the ou t put prebia sed t o 50 % of v out . vin=5v, vout=1. 3 v, iout= 1 7 a . ch1 ? vout 4.3 thermal der a ting cu rv es 0 2 4 6 8 10 12 14 16 18 25 35 45 55 65 75 85 t e mp erat u r e ( c) current (a) natur a l convec tion 100 lf m 200 lf m 400 lf m figure 10. t h er mal dera tin g cu r v es for the wor s t case operati ng c o n d itio ns: vin=13.2v, vo ut =3.3v page 5 of 14
y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com 5. t y p i cal applications sch e matics figure 11. t y p i cal a p p licati on circuit for vin 5.2vdc. v ldo is con n ecte d to v i n page 6 of 14
y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com figure 12. t y p i cal a p p licati on circuit for 5.2v dc>vin 3.0vdc . v ldo is con n e c ted to t h e ex te rnal v o l t age sou r ce. 10kohm re sistor is placed bet w een the en able pin and pg nd. page 7 of 14
y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com 6. feature des c ription 6.1 enable this fun c tion allows the co nverter to b e turned on o r off remotely. th e enable pin is intern ally pulled u p to the input voltage. it is re com m ende d to control the en able pin with a n open colle cto r tran si stor. the saturati on voltage of the tran si stor sh all be le ss tha n 0.55v at 1 m a to reliably turn the c onverter off. page 8 of 14 the ena b le pin of y51 1 7 p can be lef t floating, if not use d . the enable pin of y5117p c sh all be pulled l o w until the input voltage rea c hes 6v. 6.2 internal sup p ly voltage (v ldo ) if the input v o ltage i s lo wer tha n 5.2v, then th e v ld o pin i s req u ire d to be co nn ected to an e x ternal volta g e sou r c e ( 5.2 v ). thi s volt age sh ould n o t exce ed 15 v and be cap a b l e of supplyin g 60ma. 6.3 underv oltag e lockou t the un de rvol tage lo ckout scheme moni tors th e input voltage a ppli ed to it and d oes not allo w the conve r te r to s t art when v in is less tha n the uvlo t h re shol d. whe n the i n p u t voltage i s highe r tha n 5 . 2v, the v ldo pin i s con n e c ted to the inp u t voltage. whe n the inp u t voltage is bel ow 5.2v, the v ldo pin is conne cted to an external volta ge sou r ce. uvlo tu rn -o n thre sh old i s then set with the 10kohm resi stor conn e c ted bet wee n the enable pi n and the gro und a s sh own in figure 12 . 6.4 outpu t volta g e trim the o u tput voltage i s p r e s et to 1.3v. the trim featu r e allows the u s er to a d ju st the outp u t vol t age from thi s nominal valu e. increas e v out : t r im r a ng e 1 . 3 v < v out 3.63v. an external resi stor (r tu ) is pl ace d betwee n the trim pi n and the ?vs (negative voltage sen s e) pi n. r tu = 137.5/(v out -1.3), k ? decr eas e v out : trim ran g e 0.7v v out < 1.3v. an external resi stor (r td ) is pla c e d b e twee n tri m pi n and v ref pin. r td = 110 (v re f ? 1.25) / (1.3 ? v out ) k ? note that v out cannot exce ed 0.7v in . an internal 5 v (+/-2.5% ) referen c e volt age is availa b l e from v ref (pin 19 ). alternatively, an extern al referen c e vol t age can b e use d for be tter accu ra cy (typically 1%). the extern al refe ren c e voltage shoul d be in th e ran ge fro m 1.26 v to 5.5v an d capabl e o f sup p lying 1m a. table 1. sam p l e trim r esista n ce values v out (v) r td (k ? ) r tu (k ? ) 0.7 686.3 6 , (v re f = 5v) 1.0 137 0, (v re f = 5 v ) 1.25 808 8, (v re f = 5 v ) 1.3 ------ none ? factor y defau lt ----- 1.5 690.9 5 2.5 114.6 8 3.3 68.78 6.5 outpu t cu rr ent limit whe n the o u tput load excee d s th e curre n t limit threshold, th e co nverter wi l l enter a lo w power hiccu p mode. on ce the overcu rrent is remov ed, the outp u t voltage will re cover a u toma tically. 6.6 outpu t cu rr ent limit adj u stmen t the ocp adj ustment funct i on allows greater flexibilit y to set the o u tput current limit ince ption poi nt (i li m ), from d e fault of 22a to a minimum of 14.8a u s ing an external re si stor a nd a ca pacito r . to adju s t the i lim , place the re sisto r r ocp b e twee n o c p a and o c pb pins, an d the cap a cito r c ocp between o c pa and vou t pins . do not s h ort ocpa direc t ly to ocpb. to cal c ulate r ocp and c ocp , use the eq uation s belo w : r ocp = 10(i li m -12.6 ) / (22.8 - i li m ), k ? c ocp = 414.4/r ocp - 26, nf, whe r e r ocp is on k ? table 2. sam p l e stan dard val u es for r oc p a nd c ocp i lim r ocp c ocp ~ 2 2 a o p e n non e ~ 20a 26.7k ? non e ~ 17a 7.5k ? 27nf ~ 13.5a 1k ? 390 nf 6.7 remote voltage sense this featu r e provide s im proved l oad regul ation by comp en satin g for the volta ge d r op between the outp u t of the convert e r and the lo a d .
y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com 7. pinout page 9 of 14 pin func tio n nam e 1 input volta ge v in 2 input volta ge v in 3 input volta ge v in 4 input volta ge v in 5 internal su pp l y voltage v ld o 6 po w e r grou nd pgnd 7 po w e r grou nd pgnd 8 po w e r grou nd pgnd 9 po w e r grou nd pgnd 10 po w e r grou nd pgnd 11 po w e r grou nd pgnd 12 po w e r grou nd pgnd 13 po w e r grou nd pgnd 14 po w e r grou nd pgnd 15 on/off control enab le 16 output current limit adjust ocpa 17 output current limit adjust ocpb 18 output voltage v out 19 refere nce volt age (intern a l) v re f 20 output voltage adjust tr i m 21 neg a tive volt a ge sens e -v s 22 positive vo ltag e sense +v s 23 output voltage v out 24 po w e r grou nd pgnd 25 input volta ge v in 8. pin function s v in (pin 1 ? 4, 25): input v o ltage, 3 ? 13 .2v. pgnd (pin 6-14, 24): power groun d. +v s (pin 22): positive sense le ad. co nne ct to the positive poi nt clo s e to the load. -v s (pin 21 ): neg a tive voltage se nse le ad. conn ect to the negative point clo s e to the load. trim (pin 20): output voltage tri m . with no con n e c tion th e output voltage is set to 1.3 v. v ref (pin 19): internal ref e ren c e voltag e, 5v, output can b e used to gene rate o u tputs <1.3v. enable (pin 15): enable input. in ternally pulled to vin. when left floating, the converte r is ena bled (o n). with e nable con n e c ted to the gro und o r pulle d low the conve r ter is di sa ble d (off ). ocpa a nd ocpb (pins 16, 17): o u tput curre n t limit adjustm ent, using a resi stor an d a cap a cito r. v out (pin 18, 23): outp ut voltage. use pin 2 3 for high cu rrent con n e c tion to the lo ad, pi n 18 fo r ocp adju s tment. v ldo (pin 5): internal sup p ly voltage. con n e c t to a n external volta ge so urce >5 .2v, if the input voltage is belo w 5.2v.
y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com 9. mecha n ical dra w i n gs a l l dime nsi ons are in m m tolera n ces: 0.5-10 0.1 10-100 0.2 0.4 (x 20) 27 . 9 4 12 3.5 3.25 8. 0 0 . 3 1. 2 0 . 1 14 0 . 3 320.3 9. 75 10 . 2 5 10 3.4 0. 25 2.5 0. 6 1.5 smt pi cku p ta b, remo v ab le t i l t s pecificatio n: <5 from ve rt i c al , af t e r a s s e m b l y 9. 1 13 . 4 0.6 2.03 pi n 1 1.27 (x 10) 1.27 (x 10) 3.55 15.7 5 sm t pi ck u p po in t figure 13. mec h anical dra w ing page 10 of 14
y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com 6 9 8.6 32 10 10 6 0.8 2 (x 22) pin 1 1.27 (x 10) 1.27 (x 10) 2 . 54 2.03 1.8 1.2 4 (x 3) u nex posed therma l cop per area as soc i ated wi th eac h pad must b e free from other t r a c es figure 14. rec o m m en ded pa d sizes 0.4 5 m m ? th e r ma l via x 42 0.45 m m ? thermal via x 4 2 0 . 45 mm ? ther mal via x 56 vi+ v- vo+ figure 15. rec o m m en ded pc b la y o ut for m u ltila y e r pcb s notes : 1. nuclear an d medical appli c ations - po wer- one p r oducts are not designed , intended for us e in, or autho rized for use as critical components in lif e support s y stem s, equipment used in hazardous e n vi ronments, or nuclear control sy st ems w i thout t he exp r ess w r itte n consent of the re specti ve divisional president of p o wer- one, inc 2. techni cal re visions - sp ecifications are subject to change w i t hout notice. page 11 of 14
y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com appendix a. setup and use of ev aluation bo ar d to tes t an d measure op eration o f a1. purpose this proced ure explain s the requi re ments fo r th e prop er h andli ng, tup, and testing of the y5117p, to ensure the p r otection of th e device. page 12 of 14 a2. ov er vie w certai n con d i t ions h a ve to be met in o r d e r to te st the function ality of this device . the y5117 p data sh eet determi ne s constraints, b o t h temperatu r e and p o wer limitations inv o lved in the testing and op eration of the unit. the s e limitation s must n o t be exceed e d . prolon ged o peratio n at elevated te mperature o r elevated p o wer o u tput can re sult in the failure of the device. a3. re feren ces all s p ec ificatio n s a r e re fe r e nc ed ag a i ns t la tes t revisio n of the data sh eet. a4. procedure a4.1 tes t equipment powe r sup p l y sho u ld be ca pabl e of deliveri n g a minimum of 2 0 a and have the overvolta ge prote c tion. load s mu st be 30a ca pa ble an d op erate at voltag es down to 0.5 v . lead l e n g th bet ween power su pply and unit und er test (uut ) and bet we en uut and load mu st be minimized, <1m is re com m ende d. additional in put ca pacita n c e may b e required u nde r spe c ific con d itions. th e am ount o f cap a cita nce requi re d is a f a ctor of in p u t impeda nce, input voltage, input voltage regul ation, an d output cu rrent. a4.2 con n e c tion of t est equipment pgnd is th e comm on dev ice g r ou nd p i n. the inp u t and outp u t ground con n e c tions a r e con necte d to this pin. optional exte r nal v o ltage r e fer e nce input (fo r output s belo w 1.3v) optiona l comp one nts on y511 7p eva l ua tion card vldo input (for op eratio n <5.2v) input v o ltage sen se measurement s tak e n from the inpu t voltage sen s e pi ns the o u tpu t r i pple measurem e nts a r e mea s ured usin g the 50 ohm s bnc the ou tput voltage measurement is ta ken fro m the outpu t v o ltage sens e pin s the p o siti v e output vo l t a g e c onn e c tion s ar e to this pin the posi t iv e input v o ltage c o nnec tion is to this p in the inpu t a nd ou tpu t ground con n e ct ion i s t o this p in
y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com a4.3 de faul t settings / user adjus t m e nts of sw1, sw2, sw3 a nd option al compon ents to ac tivate devic e (enab l e), set sw2 pin 7 to off positio n, to disabl e the unit set pin 7 to on. whe n ope rat i ng from an input voltage higher tha n 5.2v, sw3 pin 2 sho u ld be set to on. otherwi se, sw 3 pin 1 s h ou ld b e s e t to o f f and a n e x te rn al voltage source hi ghe r than 5.2v n eed s to b e c o nn ec te d to v ldo pins (p9 and p10 i n th e schemati c ). this voltage must not exceed 15v an d be ca pabl e of supplyin g 60 ma. to adju s t o c p (overcurre n t protectio n ) v a lue (default ~22a ) set s w 1 pin 1 an d pin 2 to o n p o sition, th en place a 080 5 re sisto r o n pad r17 and a 08 05 cap a cito r o n pad c1 1. re fer to the o c p adju s tment se ction of the data sheet f o r the req u ire d value of the resi sto r and t he ca pa citor. the output v o ltage of 1.3 v (f actory de fault) req u ire s sw2 pins 1 t o 6 to be swit che d off. to chan ge th e outp u t volta ge to 3.3v, 2 . 5v, 1.8v, or 1.5v, a singl e switch n e e d s to be set on of s w 2 pins 6 to 3 res p ec tively. note: only o ne switch fro m pin 6 to pi n 1 can b e se t on at any on e time. if a voltage hi gher tha n 1.3 v not referre d to above is requi re d, the n set s w 2 pi n 6 to o n a n d re pla c e r1 1 and/or r6 with re sisto r s req u ired to achi eve the desi r ed out put. refe r to the o u tput voltag e adju s tment section of the data sh eet for value of resi sto r ( s ) re quire d. to a c hi eve a n outp u t volta ge of l e ss tha n 1.3v, s w 3 pin 1 is set to on, then 0.7 v or 1.0v can be sele cted with sw2, pin 1 or 2 re sp ectively. if a voltage lowe r than 1.3v not refe rred to above i s requi re d, the n set sw3 p i n 1 to o n , sw2 pin 1 t o on an d re p l ace re sisto r s r1 4 and/ or r01 with resi sto r s req u ired to ach i eve the desire d output. refer to the output voltag e adju s tme n t se ction of th e data sh eet for value of resi stor (s ) re quir ed. external refe ren c e volta g e ca n be u s ed to in crea se accuracy of the output voltage setting s. set sw3 pin 1 to off an d con n e c t the external refe rence voltage to v ref ext pins (p 13 an d p14). a4.4 turn - o n procedur e set the input powe r supply ovp (overvoltag e prote c tion ) t o 15v to e n su re no d a mage to t he y5117p on t he evaluatio n board will o c cur. ensure the input voltage sen s e le ads are co n necte d to the evaluation board terminals to provide prope r regul ation an d input voltag e stability. start the inp u t power su p p ly at no lo a d and 0v an d increa se volt age to d e si re d input voltag e, then turn o n load (p refe ra bly half load initially). in normal op eration, the y5117p is p o we red from a 12v front e n d or high -g rade b e n c he s sup p ly, with minimal lea d or tra c k len g th. if the output impeda nce of the input source i s too hi gh for the t e st setup, the n the unit may fail to start. a low impedan ce (lo w esr) capa cit o r is the n re comm end ed betwe en vin and pgnd fo r optimum setup (a s clo s e to vin a s possibl e). a4.5 mea s ur ements input voltage measure m e n ts should b e take n at vin sen s e pin s (+ & -) to i m prove accu racy. o u tpu t voltage sh oul d be mea s u r e d at vo sen s e pins (+ & -). standard shunts shoul d be used for curre n t measurement s. noi s e i s me asu r ed on b nc with a st anda rd scop e lead (5 0 ohm ) 20m hz b a n d width. minimize all lead length s for input and outp u t (to redu ce im ped ance). cap a cito rs c01, c10 and c12 are opti onal and u s e d only for th e evaluation board test setup a n d measurement s (tra ns i ents, etc.). page 13 of 14
y5117 17a dc-dc pol data sheet 3.0v to 13.2v input ? 0.7v to 3.63v output rev. 2.6 apr 0 7 , 2005 w w w .po w er-one.com a5. e v aluation board schematic and bill of material figure 16. e v al uatio n b o ard sc hema tic table 3. b o m o f the e v alu a tio n board re fe re nc e des i gna tor ve ndor de sc ription pa rt numbe r qty pol po w e r-on e pol dc-dc c o nvert e r y511 7p 1 sw 1 8 w a y, smt , d i p s w itch es 1 sw 2, sw 3 2 w a y, smt , d i p s w itch es 2 r01...r14 0805, +/-1% 14 r15,r 17 optiona l, 080 5, + / -1% r 1 6 080 5 , 10kohm 1 c 0 1 t antalum cap a citor 220 f / 10v, 20%, d, lo w esr 1 c02?c 0 4 optiona l t antalum cap a citor 1 0 v, d, lo w esr c10, c1 2 t antalum cap a citor 220 f / 35v, 20%, d, lo w esr 2 c05..c0 8 optiona l 25v, x7 r, 121 0 c 0 9 10 f , 10v, + / -10%, x7r, 1 2 1 0 1 c11, c1 4 optiona l, 50v, x7 r, 080 5 c13 1f , 10v, x7r , 10%, 080 5 1 page 14 of 14


▲Up To Search▲   

 
Price & Availability of Y5117XX-K1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X