Part Number Hot Search : 
BFR35AR 8512C 76PRB10 B25667 045911 14073 KRX204E FX003QC
Product Description
Full Text Search
 

To Download V80101S202Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jC2 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com j slide c&k v series power & line voltage select slide switches features/benefits ? ratings up to 10 amps ? snap-in panel and pc mounting ? actuators with screwdriver slot ? quick connect terminals available ? rohs compliant typical applications ? appliances specifications contact rating: 10.1 amps @ 125 v ac; 4 amps @ 28 v dc; 5 amps @ 250 v ac (ul/csa). 2.0 (0.5) amps @ 250 v ac,t85 (vde). electrical life: 10,000 make-and-break cycles at full load. contact resistance: below 10 m typ. initial @ 2-4 v dc, 100 ma. insulation resistance: 10 9 min. dielectric strength: 1,000 vrms min. @ sea level. opera ting temperature: C0?oto +85?. build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages jC3 through jC5. for additional options not shown in catalog, consult customer service center. materials housing: 6/6 nylon (ul94v-2), black. top plate: 6/6 nylon (ul94v-2), black. actua tor: glass filled polyester (ul94v-0), 1 and 02?tyles, black (standard); 2, 13 and 14?tyles, red (standard). contacts: copper, silver plated. terminals: copper, silver plated. contact spring: music wire or stainless steel. terminal seal: epoxy. switch function v802 dpdt v701 spst v702 spdt v801 dpst mounting style ss p anel with mounting ears ma right angle, pc thru-hole ms pc thru-hole s2 snap-in panel sl right angle, panel with mounting ears actuator 12 screwdriver slot 01 .290" high 02 .290" high with markings 13 screwdriver slot 14 screwdriver slot with markings contact material q silver seal none no seal e epoxy seal t erminations 05 quick connect 02 pc thru-hole 08 right angle pc thru-hole models available note: any models supplied with q, b or g contact material ar e rohs compliant. for the latest information regarding rohs compliance, please go to: www .ittcannon.com/r ohs. note: specifications and materials listed above ar e for switches with standar d options. for information on specific and custom switches, consult customer service center.
jC3 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com j slide c&k v series power & line voltage select slide switches switch function actuator mounting style p anel mounting ss panel with mounting ears ma right angle, pc thru-hole 14 screwdriver slot with markings 13 screwdriver slot no marking 12 screwdriver slot with marking 02 .290" high with markings 01 .290" high v701 spst all v702 spdt all sp available mounting styles schema tic switch function model no. no. poles v801 dpst all v802 dpdt all dp available mounting styles schema tic switch function model no. no. poles all models with all options. contacts make on side actuator thrown. actuator color is r ed with white 115v-230v markings (std.). actuator color is black. markings ar e r eversed on v702 and v802 models. actuator color is black with white markings (std.). actuator color is r ed. markings are reversed on v702 and v802 models. actuator color is red with white markings (std.). note: orientation of actuator markingsand terminals. available with: models: all. terminations: 02 and 05 available with: models: all t erminations: 08 pc mounting pc mount, side actuated. for mounting information, see terminations section, page j-35. v80212ss05q dpdt v80212ma08q horizontal actuation dpdt
jC4 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com j slide c&k v series power & line voltage select slide switches mounting style ? ?? .045 x .045 deep (1,14) x (1,14) 1.300 (33,02) .750 (19,05) (6,22) .245 .315 (8,00) .200 typ. (5,08) .650 (16,50) .080 (2,03) .540 (13,72) .315 (8,00) .346 typ. (8,80) .110 x .032 typ. (2,79) x (0,80) .050 dia. typ. (1,30 ) actua tor to p flush p anel mounting panel thickness: p anel mounting s2 snap-in p anel mount ms pc thru-hole sl right angle panel with mounting ears available with: all models with 02 terminations pc mounting pc mount, top actuated. for mounting information, see terminations section, page j-35. a v ailable with: all models with 08 terminations a v ailable with: all models with 02 & 05 terminations v80212ms02q dpdt v80213sl08q horizontal actuation dpdt v80212s205q dpdt
jC5 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com j slide c&k v series power & line voltage select slide switches cont act ma terial seal epoxy .075 max. (1,91) pc mounting ms, ss mounting styles. ma, sl mo unting styles. pc mounting 08 pc thru-hole 05 quick connect 02 pc thru-hole e epoxy seal none no seal terminations fits .110 in. quick connector. not available with s, ss or s2?ounting styles. * note: see t echnical data section of this catalog for rohs compliant and compatible definitions and specifications. 1 contacts & terminals: copper, silver plated (standard with all termination options). all models with all options. v70x and v80x models . note: any models supplied with q contact material are rohs compliant. for the latest information r egar ding rohs compliance, please go to: www.ittcannon.com/rohs. 10.1 amps @ 125 v ac; 4 amps @ 28 v dc; 5 amps @ 250 v ac (ul/csa); 2.0 (0.5) amps @ 250 v ac, t85 (vde). power silver 1 option code ratings cont act material q rohs compliant rohs compliant yes yes


▲Up To Search▲   

 
Price & Availability of V80101S202Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X