Part Number Hot Search : 
EBS02K DSF10TL AZ1117 LMG640X PAC03 PSW1C XE5224FD 10H12D
Product Description
Full Text Search
 

To Download TIP31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TIP31 / TIP31a / TIP31b / TIP31c npn plastic-encapsulate transistor elektronische bauelemente 19-sep-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen and lead free features  medium power linear switching applications absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol ratings unit TIP31 TIP31a TIP31b TIP31c collector - base voltage v cbo 40 60 80 100 v collector - emitter voltage v ceo 40 60 80 100 v emitter - base voltage v ebo 5 v collector current -continuous i c 3 a cpllector power dissipation p c 2 w maximum junction to ambient r ja 62.5 c / w junction, storage temperature t j , t stg 150, -55~150 c to-220j
TIP31 / TIP31a / TIP31b / TIP31c npn plastic-encapsulate transistor elektronische bauelemente 19-sep-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a =25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector - base breakdown voltage TIP31 v (br)cbo 40 - - v i c =1ma, i e =0 TIP31a 60 - - TIP31b 80 - - TIP31c 100 - - collector - emitter breakdown voltage 1 TIP31 v (br)ceo 40 - - v i c =30ma, i b =0 TIP31a 60 - - TIP31b 80 - - TIP31c 100 - - emitter - base breakdown voltage v (br)ebo 5 - - v i e =1ma, i c =0 collector cut - off current TIP31 i cbo - - 200 a v cb =40v, i e =0 TIP31a v cb =60v, i e =0 TIP31b v cb =80v, i e =0 TIP31c v cb =100v, i e =0 collector cut-off current TIP31 / TIP31a i ceo - - 0.3 ma v ce =30v, i b =0 TIP31b / TIP31c v ce =60v, i b =0 emitter cut-off current i ebo - - 1 ma v eb =5v, i c =0 dc current gain h fe 25 - - v ce =4v, i c =1a 15 - 75 v ce =4v, i c =3a collector - emitter saturation voltage v ce(sat) - - 1.2 v i c =3a, i b =0.375a base C emitter voltage v be - - 1.8 v v ce =4v, i c =3a transition frequency f t 3 - - mhz v ce =10v, i c =0.5a notes 1. pulse test: pw Q 300 s, duty cycle Q 2%.


▲Up To Search▲   

 
Price & Availability of TIP31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X