1/4 www.rohm.com c 2009 rohm co., ltd. all rights reserved. 2009.08 - rev.a 1.5v drive pch mosfet RQ1A070ZP z structure z dimensions (unit : mm) silicon p-channel mosfet z features 1) low on-resistance. 2) low voltage drive. (1.5 v) 3) high power package. z applications switching z packaging specifications z inner circuit package code taping basic ordering unit (pieces) RQ1A070ZP tr 3000 type z absolute maximum ratings (ta=25 c) ? 1 ? 2 ? 1 parameter v v dss symbol v v gss a i d a i dp a i s a i sp w p d c tch c tstg unit drain-source voltage gate-source voltage drain current total power dissipation channel temperature range of storage temperature continuous pulsed continuous pulsed ? 1 pw 10 s, duty cycle 1% ? 2 when mounted on a ceramic board source current (body diode) ? 12 10 7 28 ? 1 ? 28 1.5 150 ? 55 to + 150 limits z thermal resistance parameter c/w rth(ch-a) symbol limits unit c hannel to ambient ? mounted on a ceramic board. 83.3 ? each lead has same dimension s tsmt8 (8) (7) (5) (6) (1) (2) (4) (3) abbreviated symbol : yj (1) source (2) source (3) source (4) gate (5) drain (6) drain (7) drain (8) drain ? 1 esd protection diode ? 2 body diode ? 2 ? 1 (8) (7) (1) (2) (6) (5) (3) (4)
2/4 www.rohm.com c 2009 rohm co., ltd. all rights reserved. 2009.08 - rev.a data sheet RQ1A070ZP z electrical characteristics (ta=25 c) parameter symbol i gss y fs min. typ. max. unit conditions v (br) dss i dss v gs (th) r ds (on) c iss c oss c rss t d (on) t r t d (off) t f q g q gs q gd ? ? ? ? ? ? ? ? ? gate-source leakage drain-source breakdown voltage zero gate voltage drain current gate threshold voltage static drain-source on-state resistance forward transfer admittance input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time total gate charge gate-source charge gate-drain charge ? pulsed ?? 10 av gs = 10v, v ds = 0v v dd ? 6v r l 0.86 ? / r g = 10 ? ? 12 ?? vi d = ? 1ma, v gs = 0v ??? 1 av ds = ? 12v, v gs = 0v ? 0.3 ?? 1.0 v v ds = ? 6v, i d = ? 1ma ? 812 i d = ? 7a, v gs = ? 4.5v ? 11 16 m ? m ? m ? i d = ? 3.5a, v gs = ? 2.5v ? 19 38 i d = ? 1.4a, v gs = ? 1.5v m ? ? 15 23 i d = ? 3.5a, v gs = ? 1.8v 12 ?? sv ds = ? 6v, i d = ? 7a ? 7400 ? pf v ds = ? 6v ? 800 750 ? pf v gs = 0v ? 35 ? pf f = 1mhz ? 95 ? ns ? 310 ? ns ? 190 ? ns ? 58 ? ns ? 11 ? nc ? 10 ? nc v gs = ? 4.5v ?? nc i d = ? 7a v dd ? 6 v i d = ? 3.5a v gs = ? 4.5v r l 1.7 ? r g = 10 ? z body diode characteristics (source-drain) (ta=25 c) v sd ? ? pulsed ??? 1.2 v i s = ? 7a, v gs = 0v forward voltage parameter symbol min. typ. max. unit conditions
3/4 www.rohm.com c 2009 rohm co., ltd. all rights reserved. 2009.08 - rev.a data sheet RQ1A070ZP z electrical characteristics curves 0 2 4 6 8 10 0 0.2 0.4 0.6 0.8 1 ta=25 pulsed v gs = - 10v v gs = -4.5v v gs = -2.5v v gs = -1.8v v gs = -1.5v v gs =-1.0v v gs =-1.2v 0.001 0.01 0.1 1 10 00.511.5 v ds = -6v pulsed ta= 125 ta=75 ta=25 ta= -25 1 10 100 1000 0.1110 ta=25 pulsed v gs = -1.5v v gs = -1.8v v gs = -2.5v v gs = -4.5v 0 2 4 6 8 10 0246810 v gs = -1.0v v gs = -1.2v v gs = -1.3v v gs = -4.5v v gs = -2.5v v gs = -1.8v v gs = -1.5v ta=25 pulsed 1 10 100 1000 0.1110 drain current : -i d [a] static drain-source on-state resistance r ds (on) [m ? ] v gs = -2.5v pulsed ta=125c ta=75c ta=25c ta= -25c 1 10 100 1000 0.1 1 10 v gs = -4.5v pulsed ta=125c ta=75c ta=25c ta= -25c 1 10 100 0.1 1 10 v ds = -6v pulsed ta= -25c ta=25c ta=75c ta= 125c 1 10 100 1000 0.1 1 10 v gs = -1.8v pulsed ta=125c ta=75c ta=25c ta= -25c fig .1 typical output characteristics( ) fig .2 typical output character istics( ) fig .3 typical transfer character istics fig .4 static drain-source on-state resistance vs. drain current( ) fig .5 static drain-sour ce on-state resistance vs. drain current( ) fig .6 static drain-source on-state resistance vs. drain current( ) fig .7 static drain-source on-state resistance vs. drain current( ) fig .9 forward transfer admittance vs. drain curr ent 1 10 100 1000 0.1 1 10 v gs = -1.5v pulsed ta=125c ta=75c ta=25c ta= -25c fig .8 static drain-sour ce on-state resistance vs. dr ain current( ) drain-source voltage : -v ds [v] drain current : -i d [a] drain-source voltage : -v ds [v] drain current : -i d [a] gate-source voltage : -v gs [v] drain current : -i d [a] drain current : -i d [a] static drain-source on-state resistance : r ds (on) [m ? ] static drain-source on-state resistance : r ds (on)[m ? ] drain current : -i d [a] drain current : -i d [a] static drain-source on-state resistance : r ds (on)[m ? ] drain current : -i d [a] static drain-source on-state resistance : r ds (on)[m ? ] drain current : -i d [a] forward transfer admittance : |yfs|[s]
4/4 www.rohm.com c 2009 rohm co., ltd. all rights reserved. 2009.08 - rev.a data sheet RQ1A070ZP z measurement circuits f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90% 10% 10 % 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) f ig.2-1 gate charge measurement circuit v gs i g(const.) r g v d s d.u.t. i d r l v dd fig.2-2 gate charge waveform v g v gs charge q g q gs q gd z notice this product might cause chip aging and breakdo wn under the large electrified environment. please consider to design esd protection circuit. 0 10 20 30 40 50 0246810 i d = -3.5a i d = -7.0a ta=25c pulsed 0.01 0.1 1 10 0 0.2 0.4 0.6 0.8 1 1.2 v gs =0v pulsed ta= 125c ta=75c ta=25c ta=-25c 0 1 2 3 4 5 0 10203040506070 ta=25 v dd = -6v i d = -7a r g =10 ? pulsed 100 1000 10000 100000 0.01 0.1 1 10 100 ciss coss crss ta=25 f=1mhz v gs =0v 10 100 1000 10000 0.01 0.1 1 10 tr tf td(on) td(off) ta=25 v dd = -6v v gs = -4.5v r g =10 ? pulsed fig.10 reverse drain current vs. sourse-drain voltage fig .11 static dr ain- sour ce on- state resistance vs. gate source voltage fig .13 dynamic input char acter istics fig .14 typical capacitance vs. drain-source voltage fig.12 switching characteristics reverse drain current : -is [a] source-drain voltage : -v sd [v] static drain-source on-state resistance : r ds (on)[m ? ] gate-source voltage : -v gs [v] switching time : t [ns] drain-current : -i d [a] gate-source voltage : -v gs [v] total gate charge : qg [nc] drain-source voltage : -v ds [v] capacitance : c [pf]
r0039 a www.rohm.com ? 2009 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specied herein is subject to change for improvement without notice. the content specied herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specied in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specied herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specied in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, ofce-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specied in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, re or any other damage caused in the event of the failure of any product, such as derating, redundancy, re control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specied herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.
|