Part Number Hot Search : 
HS3860C DTA114T 03S40 7C135 03S40 1620C SP7618 PC517
Product Description
Full Text Search
 

To Download RC5534N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.fairchildsemi.com features small signal bandwidth ?10 mhz output drive capability ?600 w , 10 v rms at v s = 18v input noise voltage ?4 nv/ ? hz dc voltage gain ?100,000 description the rc5534 is a high performance, low noise operational ampli?r. this ampli?r features popular pin-out, superior noise performance, and high output drive capability. this ampli?r also features guaranteed noise performance with substantially higher gain-bandwidth product, power bandwidth, and slew rate which far exceeds that of the 741 type ampli?rs. the rc5534 is internally compensated for a gain of three or higher and may be externally compensated for optimizing speci? performance requirements of various applications such as unity-gain voltage followers, drivers for capacitive loads or fast settling. the specially designed low noise input transistors allow the rc5534 to be used in very low noise signal processing applications such as audio preampli?rs and servo error ampli?rs. block diagram 65-3476-01 ?nput output +input + ac voltage gain ?6000 at 10 khz power bandwidth ?200 khz slew rate ?13 v/ m s large supply voltage range ? 3v to 20v pin assignments 1 2 3 4 5 6 7 8 65-3476-02 v os trim ?nput +input +v s output comp ? s v os trim/comp v os trim ?nput +input ? s v os trim/comp +v s output comp 1 2 3 4 8 7 6 5 65-3476-03 rc5534/rc5534a high performance low noise operational ampli?r rev. 1.0.0
product specification rc5534/rc5534a 2 absolute maximum ratings (beyond which the device may be damaged) 1 notes: 1. functional operation under any of these conditions is not implied. performance and reliability are guaranteed only if operating conditions are not exceeded. 2. short circuit may be to ground only. rating applies to +125 c case temperature or +175 c junction temperature. operating conditions operating conditions (rm = -55 c t a +125 c; rc = 0 c t a + 70 c, v s = 15v) parameter min typ max units supply voltage 22 v input voltage v s v differential input voltage 0.5 v p d t a < 50 c pdip 468 mw cerdip 833 soic 658 junction temperature pdip 125 c cerdip, to-99 175 storage temperature -65 150 c operating temperature rm5534/a -55 125 c rc5534/a 0 70 lead soldering temperature (60 sec) 300 c output short circuit duration 2 inde?ite parameter min typ max units q jc thermal resistance cerdip 45 c/w to-99 50 q ja thermal resistance pdip 160 c/w cerdip 150 to-99 190 for t a > 50 c derate at pdip 6.25 mw/ c cerdip 8.33 to-99 5.26 parameter test conditions rm5534/a rc5534/a units input offset voltage r s 1 k w 3.0 5.0 mv input offset current 500 400 na input bias current 1500 2000 na large signal voltage gain r l 3 600 w , v out = 10v 25 15 v/mv output voltage swing r l 3 600 w 10 10 v supply current v s = 15v, r l = 9.0 14 ma
rc5534/rc5534a product specification 3 dc electrical characteristics (v s = 15v and t a = +25?c unless otherwise noted) ac electrical characteristics (v s = 15v and t a = +25?c unless otherwise noted) rm5534/a rc5534/a parameters test conditions min typ max min typ max units input offset voltage r s 1k w 0.5 2.0 0.5 4.0 mv input offset current 10 200 20 300 na input bias current 400 800 500 1500 na input resistance (diff. mode) 100 100 k w large signal voltage gain r l 3 600 w , v out = 10v 50 100 25 100 v/mv output voltage swing r l 3 600 w 12 13 12 13 v input voltage range 12 13 12 13 v common mode rejection ratio r s 1k w 80 100 70 100 db power supply rejection ratio r s 1k w 86 100 86 100 db supply current r l = 4.0 6.5 4.0 8.0 ma transient response rise time v in = 50 mv, r l = 600 w , c l = 100 pf, c c = 22 pf 35 35 ns overshoot 17 17 % slew rate c c = 0 13 13 v/ m s gain bandwidth product c c = 22 pf, c l = 100 pf 10 10 mhz power bandwidth v out = 20v p-p , c c = 0 200 200 khz input noise voltage f = 20 hz to 20 khz 1.0 1.0 m v rms input noise current f = 20 hz to 20 khz 25 25 pa rms channel separation f = 1 khz, r s = 5 k w 110 110 db parameters test conditions rc/rm5534a rc/rm5534 units input noise voltage density f o = 30 hz 5.5 7.0 7.0 nv/ ? hz f o = 1 khz 3.5 4.5 4.0 input noise current density f o = 30 hz 1.5 2.5 pa/ ? hz f o = 1 khz 0.4 0.6 broadband noise figure f = 10 hz - 20 khz, rs = 5 k w 0.9 db
product specification rc5534/rc5534a 4 typical performance characteristics figure 1. input bias current vs. temperature figure 2. slew rate vs. compensation capacitor figure 3. common mode input range figure 4. open loop gain vs. frequency vs. supply voltage figure 5. open loop gain vs. temperature figure 6. output voltage swing vs. supply voltage i b ( a) t a ( ? c) 65-1758 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 m v = 15v s +10 +20 +30 +40 +50 +60 +70 sr (v/ s) c (pf) 65-1759 14 12 10 8 6 4 2 0 0 m c 1 10 100 v = 15v t = +25 c s a v cm (v) +v s /-v s (v) 65-1760 15 10 5 0 -5 -10 -15 4 6 8 10 12 14 16 18 t = +25 c a a vol (db) f (hz) 65-1761 100 80 60 40 20 0 0 100 1k 10k 100k 1m 10m 100m v = 15v t = +25 c s c = 22 pf c c = 0 pf c a a vol (v/mv) t a ( ? c) 65-1762 150 100 50 0 0 +10 +20 +30 +40 +50 +60 +70 r = 2 k l w v = 15v s v out p-p (v) +v s /-v s (v) 65-1763 15 10 5 0 -5 -10 -15 4 6 8 10 12 14 16 18 r = 2 k l w t = +25 c a
rc5534/rc5534a product specification 5 typical performance characteristics (continued) figure 7. output voltage swing vs. load resistance figure 8. output voltage swing vs. frequency figure 9. quiescent current vs. supply voltage figure 10. transient response output voltage vs. time figure 11. follower large signal pulse response figure 12. input noise density vs. frequency output voltage vs. time r l ( ) v out p-p (v) 30 26 22 18 14 10 6 2 65-1764 10 100 1k 10k w v = 15v f = 1 khz t.h.d. < 1% a = +10 v s f (hz) 65-1765 v out p-p (v) 42 36 30 24 18 12 6 0 100 1k 10k 100k 1m v = 15v t = +25 c r = 2 k s a c l w c = 27 pf c = 47 pf c = 0 pf c c +v s /-v s (v) i q (ma) 5 4 3 2 1 0 65-1766 0 3 6 9 12 15 18 t = +25 c a 65-1767 v out (mv) time (ns) 70 60 50 40 30 20 10 0 0 50 100 150 200 c = 100 pf c = 22 pf c = 500 pf c = 47 pf v = 15v t = +25 c r = 600 a = +1 s a l v l c 90% 100% l c w v out (v) 65-1768 10 8 6 4 2 0 -2 -4 -6 -8 -10 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v = 15v t = +25 c c = 0 pf s a c time ( s) output input e n (nv/ hz) f (hz) 65-1769 1000 100 10 1 0 10 1k 100k 100 10k v = 15v t = +25 c r = 50 a = 60 db s a s v w
product specification rc5534/rc5534a 6 typical performance characteristics (continued) figure 13. input noise current density vs. frequency figure 14. closed loop gain vs. frequency figure 15. total harmonic distortion vs. output voltage typical test circuits figure 16. closed loop frequency response figure 17. offset voltage trim circuit test circuit i n (pa/ hz) f (hz) 65-1770 100 10 1 0.1 0 10 1k 100k 100 10k v = 15v t = +25 ? c r = 100 k w a = 60 db s a s v f (hz) a vgl (db) 10k 100k 100m 1m 10m 65-1771 40 20 0 -20 c = 22 pf, r = 1 k r = w; c = 0, r = 9 k ; r = 1 k w w c = 0, r = 10 k r = 100 w w; c f e c f e c f e 0.1 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0 thd(%) v out (v ) 65-1773 110 rms v = 15v 20 hz < f < 20 khz r = 600 c = 100 pf a = +10 or -10 s l l v w 65-1772 5534 in r f r e c l c c v r l 600 ? r s 200 ? 8 5 100 pf v out 2 3 6 65-1774 +v in c c +v s ? s v out 22k v os trim 100k v os trim/ comp comp 1 8 5 7 6 3 2 4 5534 ? in
rc5534/rc5534a product specification 7 simpli?d schematic diagram 65-1726 r4 120 q6 r3 3.7k q7 q8 r11 180 q20 q5 q1 q2 +input (3) -input (2) d2 d1 c1 100 pf r1 13.3k r2 13.3k q3 r9 5.9k r10 5.9k q4 c2 32 pf c3 12 pf q19 c4 7 pf q18 q10 r16 570 r17 150 q14 d4 r15 4k q13 q11 r18 14 r19 14 q12 d5 r12 3k r13 180 r14 1.5k q17 q16 r20 2k q15 -v (4) s output (6) +v (7) s q22 v trim (1) os os v trim/ compensation compensation (5)
product specification rc5534/rc5534a 8 mechanical dimensions 8-lead ceramic dip package 58 1 4 a .200 5.08 symbol inches min. max. min. max. millimeters notes b1 .014 .023 .36 .58 .065 1.65 b2 .045 1.14 c1 .008 .015 .20 .38 e .220 .310 5.59 7.87 e .100 bsc 2.54 bsc l .125 .200 3.18 5.08 .015 .060 .38 1.52 .005 .13 3 6 8 4 8 2, 8 4 5, 9 ea .300 bsc 7.62 bsc 7 q s1 90 ? 105 ? 90 ? 105 ? a d .405 10.29 notes: 1. 2. 3. 4. 5. 6. 7. 8. 9. index area: a notch or a pin one identification mark shall be located adjacent to pin one. the manufacturer's identification shall not be used as pin one identification mark. the minimum limit for dimension "b2" may be .023 (.58mm) for leads number 1, 4, 5 and 8 only. dimension "q" shall be measured from the seating plane to the base plane. this dimension allows for off-center lid, meniscus and glass overrun. the basic pin spacing is .100 (2.54mm) between centerlines. each pin centerline shall be located within .010 (.25mm) of its exact longitudinal position relative to pins 1 and 8. applies to all four corners (leads number 1, 4, 5, and 8). "ea" shall be measured at the center of the lead bends or at the centerline of the leads when " a " is 90 ? . all leads ?increase maximum limit by .003 (.08mm) measured at the center of the flat, when lead finish applied. six spaces. note 1 d e s1 b2 q a e b1 l ea c1 a
rc5534/rc5534a product specification 9 mechanical dimensions (continued) 8-lead plastic dip package a .210 5.33 symbol inches min. max. min. max. millimeters notes a1 .015 .38 .022 .56 b .014 .36 b1 .045 .070 1.14 1.78 d .348 .430 8.84 10.92 .300 .325 7.62 8.26 .240 .280 6.10 7.11 e e .430 10.92 .005 .13 4 a2 .115 .195 2.93 4.95 2 e1 .100 bsc 2.54 bsc 2 eb a2 .115 .160 2.92 4.06 l d1 8 ? 8 ? 5 n c .008 .015 .20 .38 notes: 1. 2. 3. 4. 5. dimensioning and tolerancing per ansi y14.5m-1982. "d" and "e1" do not include mold flashing. mold flash or protrusions shall not exceed .010 inch (0.25mm). terminal numbers are for reference only. "c" dimension does not include solder finish thickness. symbol "n" is the maximum number of terminals. d b1 e b e1 a1 a l 4 5 8 1 e eb c d1
product specification rc5534/rc5534a 10 mechanical dimensions (continued) 8-lead metal can ic header package e1 k k1 e a reference plane ? ?1 ?2 ? ?1 a q f l1 l2 l base and seating plane notes: 1. 2. 3. 4. 5. (all leads) ? applies between l1 & l2. ?1 applies between l2 & .500 (12.70mm) from the reference plane. diameter is uncontrolled in l1 & beyond .500 (12.70mm) from the reference plane. measured from the maximum diameter of the product. leads having a maximum diameter .019 (.48mm) measured in gauging plane, .054 (1.37mm) +.001 (.03mm) ?000 (.00mm) below the reference plane of the product shall be within .007 (.18mm) of their true position relative to a maximum width tab. the product may be measured by direct methods or by gauge. all leads ?increase maximum limit by .003 (.08mm) when lead finish is applied. a .165 .185 4.19 4.70 symbol inches min. max. min. max. millimeters notes ? .016 .019 .41 .48 .021 .53 ?1 .016 .41 ? .335 .375 8.51 9.52 ?1 .305 .335 7.75 8.51 ?2 .110 .160 2.79 4.06 .200 bsc 5.08 bsc e .100 bsc 2.54 bsc 45 ? bsc 45 ? bsc e1 f .040 1.02 .027 .034 .69 .86 .027 .045 .69 1.14 2 1 1 1, 5 1, 5 a k k1 l .500 .750 12.70 19.05 .050 1.27 .250 6.35 1 l1 l2 .010 .045 .25 1.14 q
product specification rc5534/rc5534a 5/20/98 0.0m 001 stock#ds30005534 1998 fairchild semiconductor corporation life support policy fairchild? products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of fairchild semiconductor corporation. as used herein: 1 . life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2 . a critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com o r dering in f ormation note : /883 denotes mil-std-883, par. 1.2.1 compliant device. p r oduct number t emperature rang e screening p a c k age rc5534d/rc5534ad 0 c to +70 c commercial 8 pin ceramic dip RC5534N/rc5534an 0 c to +70 c commercial 8 pin plastic dip rm5534d/rm5534ad -55 c to +125 c commercial 8 pin ceramic dip rm5534d/883 -55 c to +125 c milita r y 8 pin plastic dip rm5534ad/883 -55 c to +125 c milita r y 8 pin plastic dip rm5534t/rm5534at -55 c to +125 c commercial 8 pi n t o-99 metal can rm5534t/883 -55 c to +125 c milita r y 8 pi n t o-99 metal can rm5534at/883 -55 c to +125 c milita r y 8 pi n t o-99 metal can


▲Up To Search▲   

 
Price & Availability of RC5534N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X