Part Number Hot Search : 
3430C 1SM5938B LM158W 001591 74AC05SC 2AC08 CM3121 NTE30
Product Description
Full Text Search
 

To Download EIC6472-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EIC6472-5 updated 08/21/2007 6.40-7.20ghz 5-watt interna lly-matched power fet specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 1 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised october 2007 features ? 6.40?7.20ghz bandwidth ? input/output impedance matched to 50 ohms ? +37.5 dbm output power at 1db compression ? 9.5 db power gain at 1db compression ? 36% power added efficiency ? -46 dbc im3 at po = 26.5 dbm scl ? 100% tested for dc, rf, and r th electrical characteristics (t a = 25 c) caution! esd sensitive device. symbol parameters/test conditions 1 min typ max units p 1db output power at 1db compression f = 6.40-7.20ghz v ds = 10 v, i dsq 1600ma 36.5 37.5 dbm g 1db gain at 1db compression f = 6.40-7.20ghz v ds = 10 v, i dsq 1600ma 8.5 9.5 db ? g gain flatness f = 6.40-7.20ghz v ds = 10 v, i dsq 1600ma 0.6 db pae power added efficiency at 1db compression v ds = 10 v, i dsq 1600ma f = 6.40-7.20ghz 36 % id 1db drain current at 1db compression f = 6.40-7.20ghz 1600 1900 ma im3 output 3rd order intermodulation distortion ? f = 10 mhz 2-tone test; pout = 26.5 dbm s.c.l 2 v ds = 10 v, i dsq 65% idss f = 7.20ghz -43 -46 dbc i dss saturated drain current v ds = 3 v, v gs = 0 v 2900 3500 ma v p pinch-off voltage v ds = 3 v, i ds = 30 ma -2.5 -4.0 v r th thermal resistance 3 5.0 5.5 o c/w note: 1. tested with 100 ohm gate resistor. 2. s.c.l. = single carrier level. 3. overall rth depends on case mounting. absolute maximum rating for efe symbols parameters absolute 1 continuous 2 vds drain-source voltage 15v 10v vgs gate-source voltage -5v -4v igf forward gate current 68ma 20.4ma igr reverse gate current -13.6ma -3.4ma pin input power 37dbm @ 3db compression tch channel temperature 175c 175c tstg storage temperature -65c to +175c -65c to +175c pt total power dissipation 27w 27w note: 1. exceeding any of the above ratings may result in permanent damage. 2. exceeding any of the above ratings may reduce mttf below design goals.
EIC6472-5 updated 08/21/2007 6.40-7.20ghz 5-watt interna lly-matched power fet specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 2 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised october 2007 6.2 6.7 7.2 7.4 frequency (ghz) s21 and s12 -30 -20 -10 0 10 20 s21 and s12 (db) db(|s[2,1]|) EIC6472-5 db(|s[1,2]|) EIC6472-5 performance data typical s-parameters (t= 25c, 50 ? system, de-embedded to edge of package) v ds = 10 v, i dsq 1600ma 0 1.0 1.0 -1.0 10.0 1 0 . 0 - 1 0 . 0 5.0 5 . 0 - 5 . 0 2.0 2 . 0 - 2 . 0 3.0 3 . 0 - 3 . 0 4.0 4 . 0 - 4 . 0 0.2 0 . 2 - 0 . 2 0.4 0 . 4 - 0 . 4 0.6 0 . 6 - 0 . 6 0.8 0 . 8 - 0 . 8 s11 and s22 swp max 7. 4ghz swp min 6. 2ghz s[1,1] EIC6472-5 s[2,2] EIC6472-5 freq --- s11 --- --- s21 --- --- s12 --- --- s22 --- (ghz) mag ang mag ang mag ang mag ang 6.0 0.7629 -118.57 2.4185 1. 53 0.0585 -52.02 0.4058 165.86 6.2 0.6918 -139.21 2.6758 -23.13 0.0699 -77.86 0.406 135.1 6.4 0.5871 -163.34 2.96 -49. 55 0.0853 -104.59 0.4145 102.93 6.6 0.4364 166.68 3.2173 -78.21 0.0995 -133.82 0.4095 68.04 6.8 0.2616 121.15 3.3405 -109.27 0.11 -163.54 0.3912 31.35 7.0 0.1825 36.84 3.2432 -140.81 0.1125 165.5 0.3476 -5.91 7.2 0.2935 -30.37 2.9709 -171. 31 0.1103 136.64 0.2943 -43.52 7.4 0.4288 -65.99 2.6371 160.92 0.1048 108.35 0.258 -82.79 7.6 0.5358 -92.71 2.3342 134.72 0.0956 81.92 0.2598 -124.06 7.8 0.6038 -114.94 2.0509 109.91 0.0848 58.06 0.2872 -160.02 8.0 0.6452 -135.09 1.8022 86.06 0.076 35.71 0.3441 172.76
EIC6472-5 updated 08/21/2007 6.40-7.20ghz 5-watt interna lly-matched power fet specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 3 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised october 2007 power de-rating curve and im3 definition power dissipation vs. temperature 0 5 10 15 20 25 30 0 25 50 75 100 125 150 175 case temperature (c) total power dissipation (w) safe operating region potentially unsafe operating region f1 f2 (2f1-f2) f1 f2 (2f2-f1) im3 pout pin ip 3 = pout + im3/2 third-order intercept point ip3 f1 or f2 (2f2 - f1) or (2f1 - f2) pin [s.c.l.] (dbm) pout [s.c.l.] (dbm) im3 typical power data (v ds = 10 v, i dsq = 1600 ma) typical im3 data (v ds = 10 v, i dsq 65% idss ) p-1db & g-1db vs frequency 35 36 37 38 39 40 6.2 6.4 6.6 6.8 7.0 7.2 7.4 frequency (ghz) p-1db (dbm) 8 9 10 11 12 13 g-1db (db) p-1db (dbm) g-1db (db) im3 vs output power f 1 = 7.19 ghz, f2 = 7.20 ghz -70 -60 -50 -40 -30 -20 -10 23 24 25 26 27 28 29 30 31 32 33 34 pout [s.c.l.] (dbm) im3 (dbc ) im3 (dbc)
EIC6472-5 updated 08/21/2007 6.40-7.20ghz 5-watt interna lly-matched power fet specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 4 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised october 2007 packages outline dimensions in inches, tolerance + .005 unless otherwise specified EIC6472-5 (hermetic) EIC6472-5nh (non-hermetic) yyww .827.010 .421 .004 .669 .105.008 .168.010 all dimensions in inches .125 .508.008 .442 sn .004 .063 .024 .120 min excelics .120 min all dimensions in inches sn yyww excelics caution! esd sensitive device. caution! esd sensitive device. ordering information part number packages grade 1 f test (ghz) p 1db (min) im 3 (min) 2 EIC6472-5 hermetic industrial 6.40-7.20ghz 36.5 -43 EIC6472-5nh non-hermetic industrial 6.40-7.20ghz 36.5 -43 notes: 1. contact factory for military and hi-rel grades. 2. exact test conditions are specified in ?electrical characteristics? table. disclaimer excelics semiconductor reserves the right to m ake changes without further notice to any products herein to improve reliability, function or design. excelics does not assume any liability arising out of the application or use of any product or circuit described herein. life support policy excelics semiconductor products are not authoriz ed for use as critical components in life support devices or systems without the express written approval of excelics semiconductor, inc. as here in: 1. life support devices or systems are devices or system s which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labe ling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life suppo rt device or system, or to affect its safety or effectiveness EIC6472-5 EIC6472-5nh


▲Up To Search▲   

 
Price & Availability of EIC6472-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X