Part Number Hot Search : 
KBU804 561638 EPM70 NQ40W40 16FR100 INTERNA 32200 32200
Product Description
Full Text Search
 

To Download 2SC5296 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SC5296 description ? ? with to-3pml package ? high breakdown voltage, high reliability . ? high speed ? built in damper diode applications ? ultrahigh-definition crt display ? horizontal deflection output applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 6 v i c collector current 8 a i cm collector current-peak 16 a t c =25 ?? 60 p c collector power dissipation 3 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pml) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SC5296 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v cesat collector-emitter saturation voltage i c =5a;i b =1.25 a 5 v v besat base-emitter saturation voltage i c =5a;i b =1.25 a 1.5 v v ceo(sus) collector-emitter sustaining voltage i c =100ma;i b =0 800 v i ebo emitter cut-off current v eb =4v i c =0 40 130 ma i cbo collector cut-off current v cb =800v ;i e =0 10 | a i ces collector cut-off current v ce =1500v; r be =0 1 ma h fe-1 dc current gain i c =1 a ; v ce =5v 15 25 h fe-2 dc current gain i c =5a ; v ce =5v 4 7 switching times t stg storage time 3.0 | s t f fall time i c =4a;r l =50 |? i b1 =0.8a; i b2 =-1.6a v cc =200v 0.1 0.2 | s
inchange semiconductor product specification 3 silicon npn power transistors 2SC5296 package outline fig.2 outline dimensions
inchange semiconductor product specification 4 silicon npn power transistors 2SC5296


▲Up To Search▲   

 
Price & Availability of 2SC5296

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X