Part Number Hot Search : 
ON1585 CMDZ9L1 TFR586 D789188 SC8164 USA3J F1628 ON1585
Product Description
Full Text Search
 

To Download 0751962512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/28/2010 please check www.molex.com for latest part information part number: 0751962512 status: active overview: vhdm__hsd description: 2.00mm (.079") pitch 6-row vhdm? lite backplane header, right shield end version, 6 row, 150 circuits, pin length 6.25mm (.246") documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-74031-999 (pdf) general product family backplane connectors series 75196 application backplane application tooling documents tooling manual comments keying position a component type pcb header overview vhdm__hsd product name vhdm lite? style n/a physical circuits (loaded) 150 circuits (maximum) 150 color - resin black durability (mating cycles max) 200 first mate / last break no guide to mating part yes keying to mating part yes material - metal high performance alloy (hpa), stainless steel material - plating mating gold material - plating termination tin-lead material - resin high temperature thermoplastic number of columns 25 number of pairs open pin field number of rows 6 orientation vertical pc tail length (in) 0.098 in pc tail length (mm) 2.50 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.071 in pcb thickness recommended (mm) 1.80 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 30 plating min: termination (m) 0.75 polarized to pcb no stackable no surface mount compatible (smc) yes series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 75196 series mates with 75189 vhdm? lite board-to-board daughtercard use with backplane modules application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # vhdm? signal pin inserter repair tool 0622015700 vhdm? insertion module for standard shield signal header, 6 row by 0622020208
temperature range - operating 105c termination interface: style through hole - compliant pin electrical current - maximum per contact 1a data rate 622.0 mbps real signals (per 25mm) 75 shielded no voltage - maximum 120v ac (rms)/dc material info reference - drawing numbers product specification ps-74031-999 sales drawing sd-75196-001 vhdm and very high density metric are trademarks of amphenol corporation 25 wide, 50.00mm (1.97") this document was generated on 05/28/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0751962512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X