Part Number Hot Search : 
DDZ10ASF UP1G125 24C16 20150 11120 SXXXXC R12KE 2SC328
Product Description
Full Text Search
 

To Download PLN-45-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification model pln-45-12 PLN-45-15 pln-45-20 pln-45-24 pln-45-27 pln-45-36 pln-45 -48 dc voltage constant current operation voltage note.6 rated current current range rated power output voltage adj. range note.5 current adj. range note.5 line regulation load regulation setup time voltage range note.4 frequency range power factor (typ.) efficiency (typ.) ac current (typ.) input inrush current (max.) leakage current working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over current short circuit over voltage over temperature 12v 15v 20v 24v 27v 36v 48v 3.8a 3a 2.3a 1.9a 1.7a 1.25a 0.95a 0 ~ 3.8a 0 ~ 3a 0 ~ 2.3a 0 ~ 1.9a 0 ~ 1.7a 0 ~ 1.25a 0 ~ 0.95a 45.6w 45w 46w 45.6w 45.9w 45w 45.6w 2vp-p 2.4vp-p 1.8vp-p 2.7vp-p 2.7vp-p 3.6vp-p 4.6vp-p 10% 3% ~ -25%. can be adjusted by internal potentiometer svr2 3.0% 5.0% 1500ms / 230vac 3000ms / 115vac at full load 90 ~ 295vac 127 ~ 417vdc 47 ~ 63hz pf>0.92/115vac, pf>0.9/230vac, pf>0.9/277vac at full load (plea se refer to "power factor characteristic" curve) 83.5% 85% 86.5% 86.5% 86.5% 87.5% 87.5% 13.8 ~ 16v 17.5 ~ 21v 22.8 ~ 25v 28 ~ 32v 31 ~ 35v 41 ~ 46v 54 ~ 60v 0.55a/115vac 0.25a/230vac 40a/230vac <0.75ma / 240vac protection type : constant current limiting, recovers automatical ly after fault condition is removed hiccup mode, recovers automatically after fault condition is remove d. -30 ~ +50 (refer to "derating curve") 20 ~ 95% rh non-condensing -40 ~ +80 , 10 ~ 95% rh 0.03%/ (0 ~ 50 ) 10 ~ 500hz, 2g 12min./1cycle, period for 72min. each along x, y, z axes 497.8khrs min. mil-hdbk-217f (25 ) 181*61.5*35mm (l*w*h) 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. derating may be needed under low input voltage. please check the static ch aracteristics for more details. 5. output voltage can be adjusted through the svr1 on the pcb ; limit of output con stant current level can be adjusted through the svr2 on the pcb. 6. constant current operation region is within 75% ~100% rated output vol tage. this is the suitable operation region for led related application s, but please reconfirm special electrical requirements for some specific syste m design. 7. the power supply is considered as a component that will be operated in combi nation with final equipment. since emc performance will be affected by th e complete installation, the final equipment manufacturers must re- qualify emc directive on the complete installation again. 8. direct connecting to leds is suggested, but is not suitable for using addi tional drivers. 0.5kg; 24pcs/13kg/0.75cuft 45w single output led power supply universal ac input / full rangeprotections: short circuit / over current / over voltage / over temperature cooling by free air convection built-in constant current limiting circuit with adjustable ocp level fully isolated plastic case with ip64 level built-in active pfc function ip64 design for indoor or outdoor installations pass lps ul1310 class 2 power unit 100% full load burn-in test high reliability suitable for led lighting and moving sign applications compliance to worldwide safety regulations for lighting 2 years warranty (up to 295vac) (note.2) features : p l n - 4 5 s e r i e s ripple & noise (max.) note.2 voltage tolerance note.3 environment safety & emc protection 95 10 (tsw1) detect on heatsink of power transistor protection type : shut down o/p voltage, recovers automatically after t emperature goes down safety standards withstand voltage isolation resistance i/p-o/p:3.75kvac i/p-fg:1.88kvac o/p-fg:0.5kvac i/p-o/p:100m ohms / 500vdc / 25 / 70% rh compliance to en55015, en61000-3-2 class c ( 75% load) ; en61000-3-3 compliance to en61000-4-2,3,4,5,6,8,11, en61547, light indust ry level, criteria a 95 ~ 110% protection type : shut down o/p voltage, re-power on to recover ip64 ( for 48v only) ( except for 48v ) f m m 110 lps selv 11.25 ~15v 15 ~ 20v 18 ~24v 20.25 ~27v 27 ~ 36v 36 ~ 48v 9 ~ 12v can be adjusted by internal potentiometer svr1 11.5 ~ 13v 14.5 ~ 16.2v 19.5 ~ 22v 24 ~ 26v 25 ~ 30v 32.5 ~ 39v 43.6 ~ 51.8v emc immunity emc emission can/csa c22.2 no. 223-m91(except for 48v); j61347-1, j61347-2-13 , ip64 approved ul879, ul8750, ul1310 class 2, tuv en61347-1, en61347-2-13 indepen dent
mechanical specification file name:pln-45-spec 2011-07-28 case no.960a unit:mm fg (green/yellow) 300 20 300 2 0 6.26 6.26 181 svt 18awg 2c 21.25 61.5 21.25 35 +v(red) -v(black) 2-r2.5 svt 18awg 3c derating curve static characteristics ambient temperature ( ) load (%) -30 -25 -5 0 15 30 40 50 60 20 40 60 80 100 input voltage (v) 60hz 90 100 125 135 145 155 165 175 180 200 230 295 100 90 80 70 60 50 40 load (%) (horizontal) fosc : 95khz(115vac) 135khz(230vac) detection pwm & pfc circuit o.l.p. emi filter rectifiers filter & rectifiers +v -v i/p fg control o.v.p. & o.c.p. 50 ac/l(brown) ac/n(blue) power switching 90.5 t case 30.75 t case: max. case temperature. 45w single output led power supply p l n - 4 5 s e r i e s block diagram svr1 svr2 output voltage and current adjustment : remove the upper case and adjust th rough svr1 & svr2 shown in the diagram. output voltage adjustment output current adjustment svr1 svr2
0 . 6 4 0 . 6 8 0 . 7 2 0 . 7 6 0 . 8 0 0 . 8 4 0 . 8 8 0 . 9 2 0 . 9 6 1 . 0 0 5 0 % 6 0 % 7 0 % 8 0 % 9 0 % 1 0 0 % 2 7 7 v a c 2 3 0 v a c 1 1 5 v a c 42 46 50 54 58 62 66 70 74 78 82 86 90 94 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 277vac 230vac 115vac pln-45 series possess superior working efficiency that up to 87.5% can be r eached in field applications. efficiency (%) load power factor characteristic efficiency vs load (48v model) constant current mode pf load driving methods of led module (45w) this led power supply is suggested to work in constant current mode area (cc) t o drive the leds. typical led power supply i-v curve vo(%) 100 75 50 100 (max.) io (%) constant current area hiccup protection file name:pln-45-spec 2011-07-28 45w single output led power supply p l n - 4 5 s e r i e s


▲Up To Search▲   

 
Price & Availability of PLN-45-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X