Part Number Hot Search : 
MM1095BS PBM99090 CNF900 4D5N60P SYSTEM DBS100A 4C7V5 ES29F64
Product Description
Full Text Search
 

To Download MUR405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ? 50 --- 600 v 4.0 a MUR405 ...... mur460 siyu r plastic high-efficiency rectifiers reverse voltage 50 to 600v forward current 4.0a dachang electronics features ? low reverse leakage ?? high forward surge capability o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 260 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any 1.0(25.4) min .375(9.5) .335(8.5) 1.0(25.4) min .220(5.6) .197(5.0) dia dia .052(1.3) .048(1.2) do-27 unit inch mm ???rohs? lead and body according with rohs standard MUR405 mur410 mur415 mur420 mur440 mur460 50 100 150 400 600 50 100 150 400 600 35 70 105 280 420 15 150 4.0 10 30 0.89 200 200 140 ta= 25 ?? i f =0.5a i r =1.0a i rr =0.25a ? v r = 4.0v, f = 1mhz v a ns i r trr maximum reverse current type junction capacitance symbols unit max. reverse recovery time v f i f =4.0a pf 95 ? maximum forward voltage c j ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? operating junction and storage temperature range -55 --- +150 v v v a a /w v rrm v rms v dc i f(av) i fsm tj, tstg ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. r ja 1.28 150 ta=100 MUR405 mur410 mur415 mur420 mur440 mur460 50
MUR405 ...... mur460 siyu r i f (a) ?? ? v f (v) ? ta( c ) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) tamb, ambient temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 1 2 4 6 10 20 40 100 120 90 60 30 0 150 10mm 10mm 4.8 4.0 3.2 2.4 1.6 0.8 0 0 25 50 75 100 125 150 175 10mm 10mm 0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.1 0.2 1 2 10 tj = 25 c MUR405 thru mur420 mur440 mur460 dachang electronics


▲Up To Search▲   

 
Price & Availability of MUR405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X