Part Number Hot Search : 
MS3130 FBR10200 MC33502D 2412Z HVC307 KL150YGX SB380 11024
Product Description
Full Text Search
 

To Download CEN-U05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CEN-U05 cen-u06 cen-u07 npn cen-u55 cen-u56 cen-u57 pnp complementary silicon power transistors description: the central semiconductor CEN-U05/u55 series types are complementary silicon power transistors designed for general purpose audio amplifier applications. these devices are electrically equivalent to national semiconductors nsdu05, nsdu06, nsdu07, nsdu55, nsdu56, and nsdu57. marking: full part number CEN-U05 cen-u06 cen-u07 maximum ratings: (t c =25c) symbol cen-u55 cen-u56 cen-u57 units collector-base voltage v cbo 60 80 100 v collector-emitter voltage v ceo 60 80 100 v emitter-base voltage v ebo 4.0 v continuous collector current i c 2.0 a power dissipation p d 10 w power dissipation (t a =25c) p d 1.75 w operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 71.4 c/w thermal resistance jc 12.5 c/w electrical characteristics: (t c =25c unless otherwise noted) symbol test conditions min max units i cbo v cb =rated v cbo 0.1 a i ebo v eb =4.0v 100 a bv ceo i c =1.0ma (CEN-U05, cen-u55) 60 v bv ceo i c =1.0ma (cen-u06, cen-u56) 80 v bv ceo i c =1.0ma (cen-u07, cen-u57) 100 v v ce(sat) i c =250ma, i b =10ma 0.5 v v ce(sat) i c =250ma, i b =25ma 0.35 v v be(on) v ce =1.0v, i c =250ma 1.2 v h fe v ce =1.0v, i c =50ma 80 h fe v ce =1.0v, i c =250ma 50 h fe v ce =1.0v, i c =500ma 20 f t v ce =5.0v, i c =200ma, f=100mhz 50 mhz c ob v cb =10v, i e =0, f=1.0mhz 30 pf applications: ? designed for general purpose high voltage amplifiers and drivers features: ? high collector-emitter breakdown voltage ? high 10w power dissipation to-202 case r2 (20-january 2012) www.centralsemi.com
CEN-U05 cen-u06 cen-u07 npn cen-u55 cen-u56 cen-u57 pnp complementary silicon power transistors lead code: 1) emitter 2) base 3) collector tab is common to pin 3 marking: full part number to-202 case - mechanical outline www.centralsemi.com r2 (20-january 2012)


▲Up To Search▲   

 
Price & Availability of CEN-U05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X