Part Number Hot Search : 
GFC9220 LBT13802 5N05L 15GD1 74LS3 UDA15 10100 AN1438
Product Description
Full Text Search
 

To Download BZD27C51P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? silicon zener diodes ? low profile surface-mount package ? zener and surge current specification ? low leakage current ? excellent stability xx = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol unit v f volts r ja /w r jl /w t j , t stg thermal resistance junction to lead 30 note 1: mounted on cu-pad size 5mm x 5mm ( R 40um thick) note 2: t j =25 prior to surge value dimensions in inches and (millimeters) power dissipation at tl=80 ta=25 (note 1) ptot 2.3 1.0 watts ? packaging method: refer to package code ? terminals: pure tin plated, lead free ? weight: 0.0196 gram forward voltage @ i f =0.2a bzd27c series marking diagram sub sma 1.0 watts voltage regulator diodes ? case: sub sma plastic features mechanical data ? high temperature soldering guaranteed: 260 / 10 seconds/ .375", (9.5mm) lead length ? green compound with suffix "g" on packing code & prefix "g" on datecode ? marking code: as table type number operating and storage temperature range -65 to +175 version:q11 1.2 non-repetitive peak pulse power dissipation 100us square pulse (note 2) thermal resistance junction to ambient air (note 1) 180 p zsm non-repetitive peak pulse power dissipation 10/1000us waveform (bzd27c11p to bzd27c100p) (note 2) p rsm 150 non-repetitive peak pulse power dissipation 10/1000us waveform (bzd27c110p to bzd27c220p) (note 2) p rsm 100 watts 300 watts watts pb rohs compliance rohs compliance
version:q11 ratings and characteristic curves (bzd27c series) fig.3 power dissipation vs ambient temperature 0 0.5 1 1.5 2 2.5 3 0 25 50 75 100 125 150 175 ambient temperature( o c) power dissipation(w) fig. 2 typ. diode capacitance vs reverse voltage 10 100 1000 10000 0.0 0.5 1.0 1.5 2.0 2.5 3.0 reverse voltage typ. junction capacitance (pf) c12p c27p c200p fig. 1 typical forward characteristics 0.1 1 10 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 forward voltage (v) instantaneous forward current (a) typ. vf max. vf fig. 4 maximum pulse power disspation vs zener voltage 0 20 40 60 80 100 120 140 160 0 25 50 75 100 125 150 175 200 225 250 zener voltage (v) max pulse power dissipation (w)
test current i zt i r v r ma ua v min. max typ max. min. max max. bzd27c11p e2 10.4 11.6 4 7 0.05 0.10 50 4 8.2 bzd27c12p e3 11.4 12.7 4 7 0.05 0.10 50 3 9.1 bzd27c13p e4 12.4 14.1 5 10 0.05 0.10 50 2 10 bzd27c15p e5 13.8 15.6 5 10 0.05 0.10 25 1 11 bzd27c16p e6 15.3 17.1 6 15 0.06 0.11 25 1 12 bzd27c18p e7 16.8 19.1 6 15 0.06 0.11 25 1 13 bzd27c24p f0 22.8 25.6 7 15 0.06 0.11 25 1 18 bzd27c27p f1 25.1 28.9 7 15 0.06 0.11 25 1 20 bzd27c30p f2 28 32 8 15 0.06 0.11 25 1 22 bzd27c33p f3 31 35 8 15 0.06 0.11 25 1 24 bzd27c36p f4 34 38 21 40 0.06 0.11 10 1 27 bzd27c39p f5 37 41 21 40 0.06 0.11 10 1 30 bzd27c43p f6 40 46 24 45 0.07 0.12 10 1 33 bzd27c47p f7 44 50 24 45 0.07 0.12 10 1 36 BZD27C51P f8 48 54 25 60 0.07 0.12 10 1 39 bzd27c62p g0 58 66 25 80 0.08 0.13 10 1 47 bzd27c68p g1 64 72 25 80 0.08 0.13 10 1 51 bzd27c75p g2 70 79 30 100 0.08 0.13 10 1 56 bzd27c100p g5 94 106 60 200 0.09 0.13 4 1 75 bzd27c120p g7 114 127 150 300 0.09 0.13 4 1 91 bzd27c180p h1 168 191 280 450 0.09 0.13 4 1 130 bzd27c200p h2 188 212 350 750 0.09 0.13 4 1 150 bzd27c220p h3 208 233 430 900 0.09 0.13 4 1 160 notes: 1. pulse test: tp Q 5ms. version:q11 reverse current@ reverse voltage alph z @ i z ? temperature coefficient %/ electrical characteristics (ta=25 unless otherwise noted) device device marking code working voltage (note 1) v z @ i zt v differential resistance r dif @ i z
v(br)@itest itest vc @i rsm (note 1) i r @v wm vma v a ua v min. min. max max. max. bzd27c11p 10.4 50 0.05 0.10 15.7 9.6 5 9.1 bzd27c12p 11.4 50 0.05 0.10 17 8.8 5 10 bzd27c13p 12.4 50 0.05 0.10 18.9 7.9 5 11 bzd27c15p 13.8 50 0.05 0.10 20.9 7.2 5 12 bzd27c16p 15.3 25 0.06 0.11 22.9 6.6 5 13 bzd27c18p 16.8 25 0.06 0.11 25.6 5.9 5 15 bzd27c24p 22.8 25 0.06 0.11 33.8 4.4 5 20 bzd27c27p 25.1 25 0.06 0.11 38.1 3.9 5 22 bzd27c30p 28 25 0.06 0.11 42.2 3.6 5 24 bzd27c33p 31 25 0.06 0.11 46.2 3.2 5 27 bzd27c36p 34 10 0.06 0.11 50.1 3 5 30 bzd27c39p 37 10 0.06 0.11 54.1 2.8 5 33 bzd27c43p 40 10 0.07 0.12 60.7 2.5 5 36 bzd27c47p 44 10 0.07 0.12 65.5 2.3 5 39 BZD27C51P 48 10 0.07 0.12 70.8 2.1 5 43 bzd27c62p 58 10 0.08 0.13 86.5 1.7 5 51 bzd27c68p 64 10 0.08 0.13 94.4 1.6 5 56 bzd27c75p 70 10 0.08 0.13 103.5 1.5 5 62 bzd27c100p 94 5 0.09 0.13 139 1.1 5 82 bzd27c120p 114 5 0.09 0.13 152 0.65 5 100 bzd27c180p 168 5 0.09 0.13 229 0.43 5 150 bzd27c200p 188 5 0.09 0.13 254 0.39 5 160 bzd27c220p 208 5 0.09 0.13 279 0.35 5 176 notes: 1. non-repetitive peak reverse current in accordance with "iec 60-1, section 8" (10/1000 us pulse) version:q11 reverse current@ stand-off voltage electrical characteristics (ta=25 unless otherwise noted) device alphz@itest %/ rev. breakdown voltage test current temperature coefficient clamping voltage


▲Up To Search▲   

 
Price & Availability of BZD27C51P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X