Part Number Hot Search : 
OPB870N HC4051 VHCT08A LTC1690C SLA5081 C1012 TC901 FN1189
Product Description
Full Text Search
 

To Download XC612D3833MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  $iboofm7pmubhf%fufdupst 4fsjft 169 2 (fofsbm%ftdsjqujpo 'fbuvsft "qqmjdbujpot 7 */ 7 */ 7 %&5 7 44 7 */ 7 %&5 3 3l
7 %&5 $.04 7 %&5 /di0qfoesbjo 5zqjdbm"qqmjdbujpo$jsdvju 5zqjdbm1fsgpsnbodf $ibsbdufsjtujd supply current vs. input voltage memory battery back-up circuitry microprocessor reset circuits power failure detection system power-on reset circuits system battery life monitors and re-charge voltage monitors delay circuitry cmos low power consumption 2 voltage detectors built-in detect voltage accuracy : 2% detect voltage range : 1.5v ~ 5.0v sot-25 package the xc612 series consist of 2 voltage detectors, in 1 mini-molded, sot- 25 package. the series provides accuracy and low power consumption through cmos processing and laser trimming and consists of a highly accurate voltage reference source, 2 comparators, hysteresis and output driver circuits. the input (v in1 ) for voltage detector 1 (v d1 ) dually functions as the power supply pin for both detector 1 (v d1 ) and detector 2 (v d2 ). highly accurate : set-up voltage accuracy ?% low-power consumption : typ.2.0 a (v in1 =v in2 =2.0v, quiescent state) detect voltage : 1.5v ~ 5.0v programmable in 0.1v steps. detector? voltages can be set-up independently conditionaly, xc612n : v det1 >v det2 xc612d, xc612e : v det1 v det2 , v det1 < v det2 operating voltage range : 1.0v ~ 10.0v temperature characteristics : ?00ppm/? output configuration : n-channel open drain small package : sot-25 (150mw) mini-mold * cmos output is under development         ? 5b? ? - # supply current: iss ( a) input voltage: v in1 (v)  7 */ 17 */
4@9$     ?? 
9$ 4fsjft   1jo$pogjhvsbujpo 1jo"ttjhonfou 1spevdu$mbttjgjdbujpo  selection guide  ordering information 405 5017*&8   7 %&5 7 %&5 + */ 7 */ 7 44    pin number 1 pin name function 2 4 5 detector 1 input, power supply. voltage detector 1 output voltage detector 2 input voltage detector 2 output 3 ground v det1 v in2 v det2 v in1 v ss 5zqf 7 %&5 7 %&5 9$/ /di0qfoesbjo /di0qfoesbjo 9$% /di0qfoesbjo $.04 9$& $.04 /di0qfoesbjo a  a  a  aa b c d e f xc612 x x x x x x x e.g.33 = 3.3v 50 = 5.0v designator a d e b c description designator description output configuration: n=n-channel open drain d=v det1 n-ch open drain, v det2 cmos e=v det1 cmos, v det2 n-ch open drain detect voltage (v det1 ) e.g.25 = 2.5v 38 = 3.8v detect voltage (v det2 ) package type: m=sot-25 device orientation r=embossed tape (orientation of device: right) l=embossed tape (orientation of device: left) 4@9$     ?? 
9$ 4fsjft   .bsljoh 1bdlbhjoh*ogpsnbujpo  sot-25   ? ?   ? ?  njo   ?    405 5017*&8
???? %&4*(/"503 / % & $0/'*(63"5*0/ 7 %&5 /di0qfoesbjo /di0qfoesbjo $.04 7 %&5 /di0qfoesbjo $.04 /di0qfoesbjo 130%6$5/".& 9$/ . 9$% . 9$& . q we r wqw
9$ 4fsjft   #mpdl%jbhsbn 7 */ 7 */ 7 %&5 7 %&5 7sfg 7 44 xc612n series 7 */ 7 */ 7 %&5 7 %&5 7sfg 7 44 xc612d series 7 */ 7 */ 7 %&5 7 %&5 7sfg 7 44 xc612e series 4@9$     ?? 
9$ 4fsjft   "ctpmvuf.byjnvn3bujoht 1"3".&5&3 *oqvu7pmubhf7 */ *oqvu7pmubhf7 */ 0vuqvu7pmubhf7 %&5 /di0qfoesbjo
0vuqvu7pmubhf7 %&5 $.04
0vuqvu$vssfou7 %&5 0vuqvu7pmubhf7 %&5 /di0qfoesbjo
0vuqvu7pmubhf7 %&5 $.04
0vuqvu$vssfou7 %&5 1pxfs%jttjqbujpo 0qfsbujoh"ncjfou5fnqfsbuvsf 4upsbhf5fnqfsbuvsf 4:.#0- 7 */ 7 */ 7 7%&5 7 7%&5 * 7%&5 7 7%&5 7 7%&5 * 7%&5 1e 5pqs 5tuh 6/*54 7 7 7 7 n" 7 7 n" n8 ? ? $0/%*5*0/4   7 44 ? 7 44 ?7 */   7 44 ? 7 44 ?7 */    ? ? 5b1? 4@9$     ?? 
9$ 4fsjft   parameter symbol conditions min typ max units detect voltage v det1 v df1 voltage when v det1 changes from h to l following a reduction of v in1 v df1 x 0.98 v df1 v df1 x 1.02 v detect voltage v det2 v df2 voltage when v det2 changes from h to l following a reduction of v in2 v df2 x 0.98 v df1 x 1.02 v df2 v hysteresis range 1 v hys1 voltage (v dr1 ) - v df1 when v det1 changes from l to h following an increase of v in1 v df1 (t) x 0.08 v df1 (t) x 0.05 v df1 (t) x 0.02 v df2 (t) x 0.08 v df 2(t) x 0.05 v df2 (t) x 0.02 hysteresis range 2 v hys2 voltage (v dr2 ) - v df2 when v det2 changes from l to h following an increase of v in2 supply current (input current v in1 ) i ss 3.90 4.50 5.10 5.70 6.30 1.35 1.50 1.95 2.40 3.00 v in1 =1.5v 2.0v 3.0v 4.0v 5.0v 1.30 1.50 1.70 1.90 2.10 0.45 0.50 0.65 0.80 1.00 v in1 =1.5v 2.0v 3.0v 4.0v 5.0v  a input current v in2 i in2  a operating voltage v in1 v df (t) = 1.5v to 6.0v 101.5 v output current * i vdet n-ch p-ch v ds = 0.5v 2.2 7.7 10.1 11.5 13.0 -10.0 -2.0 0.3 3.0 5.0 6.0 7.0 v in1 =1.0v v in1 =2.0v v in1 =3.0v v in1 =4.0v v in1 =5.0v v ds = -2.1v v in1 =8.0v (cmos) ma temperature characteristics * e 30 : : : : : : :
0qfsbujoh&yqmbobujpo  timing chart (pull up voltage =input voltage v in1 )  operational notes (n-ch open drain) 5jnjoh$ibsu" 7 */ wpmubhftbcpwfsfmfbtfwpmubhf 7 */ txffqwpmubhf
#fdbvtfbwpmubhfijhifsuibouifnjojnvnpqfsbujohwpmubhfjtbqqmjfeupuifwpmubhfjoqvuqjo 7 */
hspvoewpmubhfxjmmcfpvuqvubuuif pvuqvuqjo 7 %&5
evsjohtubhf 4ubhft   bsfuiftbnfbtjo#cfmpx
 5jnjoh$ibsu# 7 */ 7 */
q w e r t y y y q q q q q q q q q q q q q q q q q q q q q q q q q q q q q q q q qt r wqw
9$ 4fsjft   9$/4fsjft 9$/4fsjft */ jodmveftuispvhidvssfou
wpmubhfespq  7pmubhfefufdupstjoqvuwpmubhf 7 */
"ojoqvuqspufduejpefjtdpoofdufegspnjoqvuefufdupstjoqvu 7 */
upjoqvuefufdupstjoqvu5ifsfgpsf tipvme uifwpmubhfbqqmjfeup7 */ fydffe7 */ dvssfouxjmmgmpxuispvhi7 */ wjbuifejpef sfgfsupejbhsbn
 0tdjmmbujpobtbsftvmupguispvhidvssfou 4jodfuif9$tfsjftbsf$.04*$t uispvhidvssfouxjmmgmpxxifouif*$tjoufsobmdjsdvjutxjudijohpqfsbuft evsjohsfmfbtfboeefufdupqfsbujpot
$potfrvfoumz ptdjmmbujpojtmjbcmfuppddvsbtbsftvmupgespqtjowpmubhfbu uifuispvhidvssfoutsftjtups 3 */
evsjohsfmfbtfwpmubhfpqfsbujpot sfgfsupejbhsbn
4jodfiztufsftjtfyjtutevsjohefufdupqfsbujpot ptdjmmbujpojtvomjlfmzuppddvs  1mfbtfvtfuijt*$xjuijouiftqfdjgjfenbyjnvnbctpmvufsbu joht  1mfbtffotvsfuibujoqvuwpmubhf7 */ jtmfttuibo7 */  7 sfgfsup/#cfmpx
 8juibsftjtupsdpoofdufecfuxffouif7 */ qjoboeuifjoqvu ptdjmmbujpojtmjbcmfuppddvsbtbsftvmupguispvhidvssfoubu uifujnfpgsfmfbtf sfgfsup/#cfmpx
 8juibsftjtupsdpoofdufecfuxffouif7 */ qjoboeuifjoqvu efufduboesfmfbtfwpmubhfxjmmsjtfbtbsftvmupguif*$ttvq qmzdvssfougmpxjohuispvhiuif7 */ qjo *opsefsuptubcjmjtfuif*$tpqfsbujpot qmfbtffotvsfuibuuif7 */ qjotjoqvugsfrvfodztsjtfboegbmmujnftbsfnpsfuibo   tfd7 4ipvmeuifqpxfstvqqmzwpmubhf7 */ fydffe7 wpmubhfefufdupstefufduwpmubhf 7 %'
boeuifsfmfbtfwpmubhf 7 %3
 xjmmtijgutpnfxibu 'ps$.04pvuqvuqspevdut ijhimfwfmpvuqvuwpmubhfxijdijthfofsbufexifouifusbotjfousftqpotfjtsfmfbtfecfdpnft joqvuwpmubhfpg7 */  /# %jbhsbn7pmubhfefufdupstjoqvuwpmubhf7 */ %jbhsbn5ispvhidvssfouptdjmmbujpo 7 %&5 7 %&5 7 */ 7 */ 3 */
* 44 7 */ 7 */ 3 */ 7 44 * 44  n.b. %jsfdujpotgpsvtf  notes on use 4@9$     ?? 
9$ 4fsjft   5ftu$jsdvjut circuit 1. 7 */ 7 %&5 7 %&5 7 */ 7 44 7 */ 7 7 3 l
? 7 %' 7 %' 7 ):4 7 ):4 7 %' 7 %' 7 ):4 7 ):4 circuit 2. 7 */ 7 %&5 7 %&5 7 */ * 44 7 44 7 */ * */ "" circuit 3. 7 */ 7 */ 7 %&5 7 44 7 */ 7 %&5 7 %4  * 7%&5 * a resistor is not needed if the product is cmos output type. 9$/4fsjft 7 */ 7 */ 7 %&5 7 44 7 */ 7 %&5 7 %4 7 %4   * 7%&5 * 7%&5 9$%4fsjft 4@9$     ?? 
9$ 4fsjft   circuit 4. 7 */ 7 %3 7 %&5 5jnf 5jnf u%-: 7 %&5 7 %&5 7 */ 7 44 7 */ l
? 3 xbwfgpsn nfbtvsfnfou xbwfgpsn nfbtvsfnfou 7 */ 7 */ 7 %&5 7 44 7 */ 7 %&5 7 %4 7 %4   * 7%&5 * 7%&5 9$&4fsjft 4@9$     ?? 
5zqjdbm1fsgpsnbodf$ibsbdufsjtujdt                                          ? 5b? ?         ? 5b? ? note : unless otherwise stated, pull up resistance = 100k  with n-ch open drain output types. ( 1 ) supply current vs. input voltage ( 2 ) detect & release voltage vs. ambient temperature - # - # - # - # input voltage: v in2 (v) input current: i in2 (  a) supply current: iss (  a) input voltage: v in1 (v) 7 %3 7 %' ambient temp.: topr ( : : : : : : : : : : : : : : : : :
9$ 4fsjft                      7 7 7 7 */ 7                7                   7 %4  7
7 7 7 7 */  7               7 - # - # ( 4 ) n-ch driver output current vs. v ds - # - #  7 %' 17
 7 %' 17
 7 %' 17
7 %4 7
output current: i vdet1 (ma) output current: i vet2 (ma) output current: i vet2 (  a) 7 %4 7
7 %4 7
output current: i vet1 (  a) 7 */ 7 7 */ 7 7 %' 17
                    5pqs? ? ?                     5pqs? ? ? ( 5 ) n-ch driver output current vs. input voltage - # - #  7 %' 17
 7 %' 17
output current: i vet1 (ma) input voltage: v in1 (v) output current: i vdet2 (ma) input voltage: v in2 (v) 7 %4 7 7 %4 7 4@9$     ?? 
9$ 4fsjft    5zqjdbm"qqmjdbujpo$jsdvjut  window comparator circuit (example covers n-channel open drain product's circuits.) 7 */ 7 065 7 %' 7 %' 7 44 5jnf 5jnf 7 44 7 */ 7 065 7 */ 33 7 44 7 44 7 44 7 %&5 7 */ 7 %&5 7 */ 7 %% 7 */ 3 3  3  7 44 7 065 7 44 7 44 7 %&5 7 */ 7 %&5 /puftposftjtupst3boe3t 
 
gvodujpot  %fufduwpmubhf\ 3 3
 3^
7 %'  
 /#7 %' efufduwpmubhf7%  1mfbtftfuvqtpuibu  )ztufsftjt 7 ):4
\ 3 3
  ^
7 ):4  
/puf1mfbtffotvsfuibujoqvuwpmubhf 7 */
jtmfttuibo7 */  7 7 */ 7 %% 3 3 % % $ % 7 44 7 44 7 44 7 %&5 7 */ 7 %&5 /puf%fmbzpqfsbuftbucpuiujnftpgsfmfbtf  boeefufdupqfsbujpot  detect voltages above respective established voltages circuit (example covers n-channel open drain product's circuits.)  voltage detect circuit with delay built-in (example covers n-channel open drain product's circuits.) 4@9$     ?? 


▲Up To Search▲   

 
Price & Availability of XC612D3833MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X