Part Number Hot Search : 
M54HC MAC12M GRM21B 2415S WT50F5 FN2216 N4007 AP2302GN
Product Description
Full Text Search
 

To Download SP78L12M3-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   date: 8/3/06 rev h sp78lxx  00ma 3-terminal positive voltage regulator ? 2006 sipex corporation general description the s p78 lxx series are three terminal positive regulators with several fixed output voltages. these regulators can pro - v ide local on - card regulation, eliminating distribution problems associated with single point regulation. the s p78 lx x can be used in logic systems, instrumentation, hifi, and other solid state electronic equipment. when used as a zener diode/resistor combination replacement, the s p78 lxx usually results an effective output impedance improvement of two orders of magnitude, and lower quiescent current. with adequate heat sinking the s p78 lxx can deliver 100 ma output current. current limiting is included to limit the pea k output current to a safe value. thermal protection is also provided. if internal power dissipation becomes too high for the heat sinking provided, the thermal shutdown circuit takes over preventing the ic from overheating. the s p78 lxx are available in the plastic to-92, n soic-8, sot -223 and sot -89 packages. features g output current up to 100 ma g fixed output v oltage of 5 v and 12v g output v oltage t olerances of f 5% over the full t emperature range g internal short circuit current-limiting g internal thermal overload protection g no external components g available in lead free, rohs compliant packaging applications g high efficiency linear regulator g post regulation for switching supply g microprocessor power supply g mother board i/o power supply n soic-8 figure . package t ypes of the sp78lxx to-2 sot -223 sot -8 sot -8 package output gnd 2 3 1 input gnd  sp78lxx solved by tm 100ma 3-terminal positive voltage regulator
2 date: 8/3/06 rev h sp78lxx  00ma 3-terminal positive voltage regulator ? 2006 sipex corporation figure 2. pin configuration of the sp78lxx (t op view) n package ( n soic-8) output gnd gnd n/c 8 input 7 gnd 6 gnd  n/c  2 3  n  package (to-2) m 3 package (sot -223) input gnd output gnd 1 2 3 m  package output gnd (sot -8) 2 3 1  connect pin  to pin 2 or leave electrically isolated pin  input gnd  input gnd output 1 2 3 pin configuration figure 3. functional block diagram of the sp78lxx output input gnd 1 2, 4 (2, 3, 6, 7) 3 (8) functional block diagram a(b) a for 3-pin b for 8-pin
3 date: 8/3/06 rev h sp78lxx  00ma 3-terminal positive voltage regulator ? 2006 sipex corporation parameter symbol value unit input voltage v cc 20 v operating junction temperature range t j 0 to125 o c lead temperature (soldering, 10sec) t lead 265 o c power dissipation (t a =25 o c) p d to-92 0.65 w n soic 0.6 sot-223 0.7 sot-89 0.65 storage temperature range t stg -65 to 150 o c esd (machine model) 300 v n ote 1: stresses greater than those listed under "absolute maximum ratings" may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. exposure to "absolute max- imum ratings" for extended periods may affect device reliability. parameter symbol min max unit operating junction temperature range t j 0 125 o c recommended operating conditions absolute maximum ratings (note 1) parameter symbol conditions min t yp max unit output v oltage v o 4.8 5 5.2 v 7.0v 0 v i 0 15v 1.0ma 0 i o 0 40ma (note 2) 4.75 5.25 line regulation v rline 7.0v 0 v i 0 15v 18 75 mv load regulation v rload 1.0ma 0 i o 0 100ma 20 60 mv quiescent current i q 3 5 ma quiescent current change ' i q 8.0v 0 v i 0 15v 1.0 ma 1.0ma 0 i o 0 40ma 0.1 output noise voltage n o 10hz 0 f 0 100khz (note 3) 40 p v ripple rejection ' v i / ' v o f=120hz, 8.0v 0 v i 0 15v 47 62 db peak output current i pk 150 ma a verage t emperature coefficient of output v oltage ' v o / ' t i o = 5.0ma -0.65 mv/ o c minimum v alue of input v oltage required to maintain line regula- tion v i (min) 6.7 7 v limits in standard typeface are for t j =25 o c , bold typeface applies over 0 o c to 125 o c, i o =40 ma, c i =0.33 p f , c o =0.1 p f , v i =10v , unless otherwise specified. note 2: power dissipation 0 0.6w note 3: recommended minimum load capacitance of 0.01 p f to limit high frequency noise. sp78l05 electrical characteristics electrical characteristics
 date: 8/3/06 rev h sp78lxx  00ma 3-terminal positive voltage regulator ? 2006 sipex corporation sp78l12 electrical characteristics parameter symbol conditions min t yp max unit output v oltage v o 11.5 12 12.5 v 15v 0 v i 0 18v 1.0ma 0 i o 0 40ma (note 2) 1 1.4 12.6 line regulation v rline 15v 0 v i 0 18v 18 75 mv load regulation v rload 1.0ma 0 i o 0 100ma 20 90 mv quiescent current i q 3 5 ma quiescent current change ' i q 15v 0 v i 0 18v 1.5 ma 1.0ma 0 i o 0 40ma 0.1 output noise voltage n o 10hz 0 f 0 100khz (note 3) 80 p v ripple rejection ' v i / ' v o f=120hz, 15v 0 v i 0 18v 40 54 db peak output current i pk 150 ma a verage t emperature coefficient of output v oltage ' v o / ' t i o = 5.0ma -1.0 mv/ o c minimum v alue of input v oltage required to maintain line regula- tion v i (min) 13.7 v limits in standard typeface are for t j =25 o c , bold typeface applies over 0 o c to 125 o c, i o =40 ma, c i =0.33 p f , c o =0.1 p f , v i =18v , unless otherwise specified. note 2: power dissipation 0 0.6w note 3: recommended minimum load capacitance of 0.01 p f to limit high frequency noise. electrical characteristics (continued)
 date: 8/3/06 rev h sp78lxx  00ma 3-terminal positive voltage regulator ? 2006 sipex corporation t ypical performance characteristics figure . dropout characteristics figure . dropout v oltage vs. junction t emperature figure 7. input bias current vs. input v oltage figure 6. quiescent current vs. junction t emperature -0 -20 0 20 0 60 80 00 20 0 .0 0. 0.2 0.6 0.8 .0  2 2.0 .8 .6 . i o =ma i o =0ma i o =00ma v i n - v o u t i n p u t / o u t p u t d i f f e r e n t i a l v o l t a g e ( v ) junction temperature ( o c) s p78 l0 ' v=%*v o 0 2  6 8 0 0  2 3   o u t p u t v o l t a g e ( v ) v i in p u t v o lta g e (v ) s p78 l0  v ou t = v t j =2  o c io =  0 0 m a io =0 m a io =  m a in p u t v o lta g e (v ) -0 -20 0 20 0 60 80 00 20 2.2 2.3 2. 2. 2.6 2. 8 2.7 2. q u i e s c e n t c u r r e n t ( m a ) junction temperature ( o c) s p78 l0 v in =0v i o =ma 0 2  6 8 0 2  6 8 20 0 .0 0. .0 . 2.0 2. 3.0 s p78 l0 v out =.0v i o =0ma t j =2 o c i n p u t b i a s c u r r e n t ( m a ) input voltage (v)
6 date: 8/3/06 rev h sp78lxx  00ma 3-terminal positive voltage regulator ? 2006 sipex corporation t ypical performance characteristics (continued) figure .  line t ransient response 0 2 0 7 00 2 0 0.  r ja =20 o c/w p d (max) to2 o c=0.6w no heatsink p o w e r d i s s i p a t i o n ( w ) ambient temperature( o c) figure 0.  load t ransient response figure 8. maximum power dissipation vs. ambient t emperature ( n soic-8 package) 9 287 9 ,ordg p$ 9 287 9 ,1 iurp9wr9 9 ,1 9 9 287 9 9 287 , /2$' iurpp$wrp$ p$ t ypical application figure  . t ypical application of the sp78lxx note 4: bypass capacitors are recommended for optimum stability and transient response and should be located as close as possible to the regulator. s p78 l0 + + 0.33 p f (note ) 0. p f (note ) v in v out  2 3
7 date: 8/3/06 rev h sp78lxx  00ma 3-terminal positive voltage regulator ? 2006 sipex corporation mechanical dimensions to-92 unit: mm(inch) 2.0(0.06) 2.60(0.0) 0.380(0.0) 0.0(0.022) ? .600(0.063) max .00(0.) .00(0.7) .270(0.00) typ 3.300(0.30) 3.700(0.6) .300(0.6) .700(0.8) .00(0.03) .00(0.0) .00(0.73) .700(0.8) 3.30(0.3) min 0.360(0.0) 0.0(0.020) 0.000(0.000) 0.380(0.0) p ackage: 3 p in to-92
8 date: 8/3/06 rev h sp78lxx  00ma 3-terminal positive voltage regulator ? 2006 sipex corporation p ackage: 8 pin nsoic mechanical dimensions (continued) n soic-8 unit: mm(inch) 0 e 8 e  e  e r0.0(0.006) r0.0(0.006) .000(0.03) 0.330(0.03) 0.0(0.020) .800(0.8) .000(0.7) .30(0.03) .70(0.06) 0.00(0.00) 0.300(0.02) 0.00(0.03) 0.800(0.03) 0.200(0.008) 3.800(0.0) .000(0.7) 7 e 7 e 20: d .270(0.00) typ 0.0(0.007) 0.20(0.00) 8 e d .800(0.228) 6.200(0.2) 0.67(0.027) 0.72(0.02) 0.320(0.03) 8 e ?
 date: 8/3/06 rev h sp78lxx  00ma 3-terminal positive voltage regulator ? 2006 sipex corporation p ackage: 3 p in sot-223 mechanical dimensions (continued): sot-223 unit: mm(inch) 3.300(0.30) 3.700(0.6) 6.700(0.26) 7.300(0.287) 2.00(0.) 3.00(0.22) 0.60(0.02) 0.80(0.032) 2.300(0.0) typ 6.300(0.28) 6.700(0.26) .70(0.06) typ .00(0.77) .700(0.8) 0.020(0.00) 0.00(0.00) .20(0.060) .800(0.07) .00(0.0) .700(0.067) 0. 2  0( 0. 0  0) 0.3  0( 0. 0 ) 0.20(0.00) 0 e 0 e 0.00(0.03) min
0 date: 8/3/06 rev h sp78lxx  00ma 3-terminal positive voltage regulator ? 2006 sipex corporation p ackage: 8 pin soic mechanical dimensions (continued): sot-89 unit: mm(inch) .00(0.0)* .630(0.06) .00(0.73) 0.360(0.0) 0.0(0.07) 3.000(0.8) 0.00(0.03) 2.300(0.0) 3.0(0.6) .00(0.0) 0.360(0.0) 0 e 3 e 0 e r0.200(0.008) r0.0(0.006) 0.000(0.000) 3 e .600(0.063) 0.0(0.07) 0.60(0.022) 2.600(0.02) 0.80(0.0) .600(0.8) .830(0.072) .200(0.07) .20(0.67) 0.076(0.003) 0.360(0.0) 0.80(0.0) p ackage: 3 p in sot-89
 date: 8/3/06 rev h sp78lxx  00ma 3-terminal positive voltage regulator ? 2006 sipex corporation sp78l12 electrical characteristics parameter symbol conditions min t yp max unit output v oltage v o 11.5 12 12.5 v 15v 0 v i 0 18v 1.0ma 0 i o 0 40ma (note 2) 1 1.4 12.6 line regulation v rline 15v 0 v i 0 18v 18 75 mv load regulation v rload 1.0ma 0 i o 0 100ma 20 90 mv quiescent current i q 3 5 ma quiescent current change ' i q 15v 0 v i 0 18v 1.5 ma 1.0ma 0 i o 0 40ma 0.1 output noise voltage n o 10hz 0 f 0 100khz (note 3) 80 p v ripple rejection ' v i / ' v o f=120hz, 15v 0 v i 0 18v 40 54 db peak output current i pk 150 ma a verage t emperature coefficient of output v oltage ' v o / ' t i o = 5.0ma -1.0 mv/ o c minimum v alue of input v oltage required to maintain line regula- tion v i (min) 13.7 v limits in standard typeface are for t j =25 o c , bold typeface applies over 0 o c to 125 o c, i o =40 ma, c i =0.33 p f , c o =0.1 p f , v i =18v , unless otherwise specified. note 2: power dissipation 0 0.6w note 3: recommended minimum load capacitance of 0.01 p f to limit high frequency noise. electrical characteristics (continued) sipex corporation headquarters and sales offce 233 south hillview drive milpitas, ca 03 tel: (08) 3-700 fax: ( 08) 3-7600 ordering in formation sipex corporation reserves the right to make changes to any products described herein. sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. sipex corporation's pb-free products, as designated with "-l" suffix in the part number , are rohs compliant. p art number package n 1 : to-92 - l : lead free s p78 l - / tr: t ape and reel or ammo blank: t ube or bulk m 4 : sot -89 output v oltage 05: 5v 12: 12v m 3 : sot 223 n: n soic-8 solved by tm part number temperature range voltage tolerance output voltage package pin count packing type sp78l0n-l/tr 0oc to +2oc % v to- 2 3 2,000/ammo sp78l2n-l/tr 0oc to +2oc % 2v to- 2 3 2,000/ammo sp78l0n-l 0oc to +2oc % v nsoic 8 8 00/tube sp78l0n-l/tr 0oc to +2oc % v nsoic 8 8 2,00/tr sp78l2n-l 0oc to +2oc % 2v nsoic 8 8 00/tube sp78l2n-l/tr 0oc to +2oc % 2v nsoic 8 8 2,00/tr sp78l0m3-l/tr 0oc to +2oc % v sot-223 3 2,00/tr sp78l2m3-l/tr 0oc to +2oc % 2v sot-223 3 2,00/tr sp78l0m-l/tr 0oc to +2oc % v sot-8  3 ,000/tr sp78l2m-l/tr 0oc to +2oc % 2v sot-8  3 ,000/tr


▲Up To Search▲   

 
Price & Availability of SP78L12M3-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X