Part Number Hot Search : 
2SA1238F 04M161RT HMC28508 SDR9100 CXA13 74HC10 MBR20030 DS1486
Product Description
Full Text Search
 

To Download SN74CBTS16212DL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sn74cbts16212 24-bit fet bus-exchange switch with schottky diode clamping scds036e ? december 1997 ? revised november 2001 1 post office box 655303 ? dallas, texas 75265 member of the texas instruments widebus ? family 5- ? switch connection between two ports ttl-compatible input levels latch-up performance exceeds 250 ma per jesd 17 esd protection exceeds jesd 22 ? 2000-v human-body model (a114-a) ? 200-v machine model (a115-a) description the sn74cbts16212 provides 24 bits of high-speed ttl-compatible bus switching or exchanging with schottky diodes on the i/os to clamp undershoot. the low on-state resistance of the switch allows connections to be made with minimal propagation delay. the device operates as a 24-bit bus switch or as a 12-bit bus exchanger that provides data exchanging between the four signal ports via the data-select (s0?s2) terminals. ordering information t a package ? orderable part number top-side marking ssop dl tube SN74CBTS16212DL cbts16212 40 cto85 c ssop ? dl tape and reel SN74CBTS16212DLr cbts16212 ? 40 c to 85 c tssop ? dgg tape and reel sn74cbts16212dggr cbts16212 tvsop ? dgv tape and reel sn74cbts16212dgvr cys212 ? package drawings, standard packing quantities, thermal data, symbolization, and pcb design guidelines are available at www.ti.com/sc/package. production data information is current as of publication date. products conform to specifications per the terms of texas instruments standard warranty. production processing does not necessarily include testing of all parameters. copyright ? 2001, texas instruments incorporated dgg, dgv, or dl package (top view) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 s0 1a1 1a2 2a1 2a2 3a1 3a2 gnd 4a1 4a2 5a1 5a2 6a1 6a2 7a1 7a2 v cc 8a1 gnd 8a2 9a1 9a2 10a1 10a2 11a1 11a2 12a1 12a2 s1 s2 1b1 1b2 2b1 2b2 3b1 gnd 3b2 4b1 4b2 5b1 5b2 6b1 6b2 7b1 7b2 8b1 gnd 8b2 9b1 9b2 10b1 10b2 11b1 11b2 12b1 12b2 please be aware that an important notice concerning availability, standard warranty, and use in critical applications of texas instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. widebus is a trademark of texas instruments.
sn74cbts16212 24-bit fet bus-exchange switch with schottky diode clamping scds036e ? december 1997 ? revised november 2001 2 post office box 655303 ? dallas, texas 75265 function table inputs inputs/outputs function s2 s1 s0 a1 a2 function l l l z z disconnect l lh b1 z a1 port = b1 port l hl b2 z a1 port = b2 port l hh z b1 a2 port = b1 port h ll z b2 a2 port = b2 port h lh z z disconnect h h l b1 b2 a1 port = b1 port a2 port = b2 port h h h b2 b1 a1 port = b2 port a2 port = b1 port
sn74cbts16212 24-bit fet bus-exchange switch with schottky diode clamping scds036e ? december 1997 ? revised november 2001 3 post office box 655303 ? dallas, texas 75265 logic diagram (positive logic) 12b2 12b1 1b2 1b1 12a2 12a1 1a2 1a1 s0 s1 s2 2 3 27 28 1 56 55 54 53 30 29
sn74cbts16212 24-bit fet bus-exchange switch with schottky diode clamping scds036e ? december 1997 ? revised november 2001 4 post office box 655303 ? dallas, texas 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted) ? supply voltage range, v cc ? 0.5 v to 7 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . input voltage range, v i (see note 1) ? 0.5 v to 7 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . continuous channel current 128 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . input clamp current, i ik (v i < 0) ? 50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . package thermal impedance, ja (see note 2): dgg package 64 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . dgv package 48 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . dl package 56 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range, t stg ? 65 c to 150 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ? stresses beyond those listed under ? absolute maximum ratings ? may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under ? recommended operating conditions ? is not implied. exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. notes: 1. the input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observe d. 2. the package thermal impedance is calculated in accordance with jesd 51-7. recommended operating conditions (see note 3) min max unit v cc supply voltage 4 5.5 v v ih high-level control input voltage 2 v v il low-level control input voltage 0.8 v t a operating free-air temperature ? 40 85 c note 3: all unused control inputs of the device must be held at v cc or gnd to ensure proper device operation. refer to the ti application report, implications of slow or floating cmos inputs , literature number scba004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) parameter test conditions min typ ? max unit v ik v cc = 4.5 v, i i = ? 18 ma ? 1.2 v i i i il v cc = 5.5 v, v i = gnd ? 1 a i i i ih v cc = 5.5 v, v i = 5.5 v 150 a i cc v cc = 5.5 v, i o = 0, v i = v cc or gnd 3 a ? i cc control inputs v cc = 5.5 v, one input at 3.4 v, other inputs at v cc or gnd 2.5 ma c i control inputs v i = 3 v or 0 2.5 pf c io(off) v o = 3 v or 0, s0, s1, and s2 = gnd 10.5 pf ? v cc = 4 v, v i = 2.4 v, i i = 15 ma 20 r ? v i =0 i i = 64 ma 4 7 ? ? v cc = 4.5 v v i = 0 i i = 30 ma 4 7 ? ? all typical values are at v cc = 5 v, t a = 25 c. this is the increase in supply current for each input that is at the specified ttl voltage level rather than v cc or gnd. ? measured by the voltage drop between the a and b terminals at the indicated current through the switch. on-state resistance is determined by the lower of the voltages of the two (a or b) terminals.
sn74cbts16212 24-bit fet bus-exchange switch with schottky diode clamping scds036e ? december 1997 ? revised november 2001 5 post office box 655303 ? dallas, texas 75265 switching characteristics over recommended operating free-air temperature range, c l = 50 pf (unless otherwise noted) (see figure 1) parameter from (input) to (output) v cc = 4 v v cc = 5 v 0.5 v unit (input) (output) min max min max t pd ? a or b b or a 0.35 0.25 ns t pd s a or b 10 1.5 9.1 ns t en s a or b 10.4 1.5 9.7 ns t dis s a or b 9.2 1.5 8.8 ns ? the propagation delay is the calculated rc time constant of the typical on-state resistance of the switch and the specified loa d capacitance, when driven by an ideal voltage source (zero output impedance). parameter measurement information v oh v ol from output under test c l = 50 pf (see note a) load circuit s1 7 v open gnd 500 ? 500 ? t plh t phl output control output waveform 1 s1 at 7 v (see note b) output waveform 2 s1 at open (see note b) t pzl t pzh t plz t phz 3 v 0 v v oh v ol 0 v v ol + 0.3 v v oh ? 0.3 v 0 v input 3 v 3.5 v voltage waveforms propagation delay times voltage waveforms enable and disable times output t pd t plz /t pzl t phz /t pzh open 7 v open test s1 notes: a. c l includes probe and jig capacitance. b. waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. c. all input pulses are supplied by generators having the following characteristics: prr 10 mhz, z o = 50 ? , t r 2.5 ns, t f 2.5 ns. d. the outputs are measured one at a time with one transition per measurement. e. t plz and t phz are the same as t dis . f. t pzl and t pzh are the same as t en . g. t plh and t phl are the same as t pd . 1.5 v 1.5 v 1.5 v 1.5 v 1.5 v 1.5 v 1.5 v 1.5 v figure 1. load circuit and voltage waveforms
packaging information orderable device status (1) package type package drawing pins package qty eco plan (2) lead/ball finish msl peak temp (3) 74cbts16212dggre4 active tssop dgg 56 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim 74cbts16212dggrg4 active tssop dgg 56 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim 74cbts16212dgvre4 active tvsop dgv 56 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim 74cbts16212dgvrg4 active tvsop dgv 56 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim 74cbts16212dlrg4 active ssop dl 56 1000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74cbts16212dggr active tssop dgg 56 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74cbts16212dgvr active tvsop dgv 56 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74CBTS16212DL active ssop dl 56 20 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74CBTS16212DLg4 active ssop dl 56 20 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74CBTS16212DLr active ssop dl 56 1000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim (1) the marketing status values are defined as follows: active: product device recommended for new designs. lifebuy: ti has announced that the device will be discontinued, and a lifetime-buy period is in effect. nrnd: not recommended for new designs. device is in production to support existing customers, but ti does not recommend using this part in a new design. preview: device has been announced but is not in production. samples may or may not be available. obsolete: ti has discontinued the production of the device. (2) eco plan - the planned eco-friendly classification: pb-free (rohs), pb-free (rohs exempt), or green (rohs & no sb/br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. tbd: the pb-free/green conversion plan has not been defined. pb-free (rohs): ti's terms "lead-free" or "pb-free" mean semiconductor products that are compatible with the current rohs requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. where designed to be soldered at high temperatures, ti pb-free products are suitable for use in specified lead-free processes. pb-free (rohs exempt): this component has a rohs exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. the component is otherwise considered pb-free (rohs compatible) as defined above. green (rohs & no sb/br): ti defines "green" to mean pb-free (rohs compatible), and free of bromine (br) and antimony (sb) based flame retardants (br or sb do not exceed 0.1% by weight in homogeneous material) (3) msl, peak temp. -- the moisture sensitivity level rating according to the jedec industry standard classifications, and peak solder temperature. important information and disclaimer: the information provided on this page represents ti's knowledge and belief as of the date that it is provided. ti bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. efforts are underway to better integrate information from third parties. ti has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. ti and ti suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. in no event shall ti's liability arising out of such information exceed the total purchase price of the ti part(s) at issue in this document sold by ti to customer on an annual basis. package option addendum www.ti.com 27-sep-2007 addendum-page 1
tape and reel information *all dimensions are nominal device package type package drawing pins spq reel diameter (mm) reel width w1 (mm) a0 (mm) b0 (mm) k0 (mm) p1 (mm) w (mm) pin1 quadrant sn74cbts16212dggr tssop dgg 56 2000 330.0 24.4 8.6 15.6 1.8 12.0 24.0 q1 sn74cbts16212dgvr tvsop dgv 56 2000 330.0 24.4 6.8 11.7 1.6 12.0 24.0 q1 SN74CBTS16212DLr ssop dl 56 1000 330.0 32.4 11.35 18.67 3.1 16.0 32.0 q1 package materials information www.ti.com 11-mar-2008 pack materials-page 1
*all dimensions are nominal device package type package drawing pins spq length (mm) width (mm) height (mm) sn74cbts16212dggr tssop dgg 56 2000 346.0 346.0 41.0 sn74cbts16212dgvr tvsop dgv 56 2000 346.0 346.0 41.0 SN74CBTS16212DLr ssop dl 56 1000 346.0 346.0 49.0 package materials information www.ti.com 11-mar-2008 pack materials-page 2
mechanical data msso001c ? january 1995 ? revised december 2001 post office box 655303 ? dallas, texas 75265 dl (r-pdso-g**) plastic small-outline package 4040048 / e 12/01 48 pins shown 56 0.730 (18,54) 0.720 (18,29) 48 28 0.370 (9,40) (9,65) 0.380 gage plane dim 0.420 (10,67) 0.395 (10,03) a min a max 0.010 (0,25) pins ** 0.630 (16,00) (15,75) 0.620 0.010 (0,25) seating plane 0.020 (0,51) 0.040 (1,02) 25 24 0.008 (0,203) 0.0135 (0,343) 48 1 0.008 (0,20) min a 0.110 (2,79) max 0.299 (7,59) 0.291 (7,39) 0.004 (0,10) m 0.005 (0,13) 0.025 (0,635) 0 ?  8 0.005 (0,13) notes: a. all linear dimensions are in inches (millimeters). b. this drawing is subject to change without notice. c. body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15). d. falls within jedec mo-118
mechanical data mtss003d january 1995 revised january 1998 post office box 655303 ? dallas, texas 75265 dgg (r-pdso-g**) plastic small-outline package 4040078 / f 12/97 48 pins shown 0,25 0,15 nom gage plane 6,00 6,20 8,30 7,90 0,75 0,50 seating plane 25 0,27 0,17 24 a 48 1 1,20 max m 0,08 0,10 0,50 0 8 56 14,10 13,90 48 dim a max a min pins ** 12,40 12,60 64 17,10 16,90 0,15 0,05 notes: a. all linear dimensions are in millimeters. b. this drawing is subject to change without notice. c. body dimensions do not include mold protrusion not to exceed 0,15. d. falls within jedec mo-153
mechanical data mpds006c february 1996 revised august 2000 post office box 655303 ? dallas, texas 75265 dgv (r-pdso-g**) plastic small-outline 24 pins shown 14 3,70 3,50 4,90 5,10 20 dim pins ** 4073251/e 08/00 1,20 max seating plane 0,05 0,15 0,25 0,50 0,75 0,23 0,13 112 24 13 4,30 4,50 0,16 nom gage plane a 7,90 7,70 38 24 16 4,90 5,10 3,70 3,50 a max a min 6,60 6,20 11,20 11,40 56 9,60 9,80 48 0,08 m 0,07 0,40 0  8 notes: a. all linear dimensions are in millimeters. b. this drawing is subject to change without notice. c. body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side. d. falls within jedec: 24/48 pins mo-153 14/16/20/56 pins mo-194
important notice texas instruments incorporated and its subsidiaries (ti) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all products are sold subject to ti?s terms and conditions of sale supplied at the time of order acknowledgment. ti warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ti?s standard warranty. testing and other quality control techniques are used to the extent ti deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ti assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ti components. to minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. ti does not warrant or represent that any license, either express or implied, is granted under any ti patent right, copyright, mask work right, or other ti intellectual property right relating to any combination, machine, or process in which ti products or services are used. information published by ti regarding third-party products or services does not constitute a license from ti to use such products or services or a warranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from ti under the patents or other intellectual property of ti. reproduction of ti information in ti data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alteration is an unfair and deceptive business practice. ti is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ti products or services with statements different from or beyond the parameters stated by ti for that product or service voids all express and any implied warranties for the associated ti product or service and is an unfair and deceptive business practice. ti is not responsible or liable for any such statements. ti products are not authorized for use in safety-critical applications (such as life support) where a failure of the ti product would reasonably be expected to cause severe personal injury or death, unless officers of the parties have executed an agreement specifically governing such use. buyers represent that they have all necessary expertise in the safety and regulatory ramifications of their applications, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of ti products in such safety-critical applications, notwithstanding any applications-related information or support that may be provided by ti. further, buyers must fully indemnify ti and its representatives against any damages arising out of the use of ti products in such safety-critical applications. ti products are neither designed nor intended for use in military/aerospace applications or environments unless the ti products are specifically designated by ti as military-grade or "enhanced plastic." only products designated by ti as military-grade meet military specifications. buyers acknowledge and agree that any such use of ti products which ti has not designated as military-grade is solely at the buyer's risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ti products are neither designed nor intended for use in automotive applications or environments unless the specific ti products are designated by ti as compliant with iso/ts 16949 requirements. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ti will not be responsible for any failure to meet such requirements. following are urls where you can obtain information on other texas instruments products and application solutions: products applications amplifiers amplifier.ti.com audio www.ti.com/audio data converters dataconverter.ti.com automotive www.ti.com/automotive dsp dsp.ti.com broadband www.ti.com/broadband clocks and timers www.ti.com/clocks digital control www.ti.com/digitalcontrol interface interface.ti.com medical www.ti.com/medical logic logic.ti.com military www.ti.com/military power mgmt power.ti.com optical networking www.ti.com/opticalnetwork microcontrollers microcontroller.ti.com security www.ti.com/security rfid www.ti-rfid.com telephony www.ti.com/telephony rf/if and zigbee? solutions www.ti.com/lprf video & imaging www.ti.com/video wireless www.ti.com/wireless mailing address: texas instruments, post office box 655303, dallas, texas 75265 copyright ? 2008, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of SN74CBTS16212DL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X