Part Number Hot Search : 
11750 09U250P NTE1683 4AC15 124098 102M2 2SA10 ISL21
Product Description
Full Text Search
 

To Download SI5440DC-T1-GE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix si5440dc new product document number: 69056 s-83037-rev. a, 22-dec-08 www.vishay.com 1 n-channel 30-v (d-s) mosfet features ? halogen-free according to iec 61249-2-21 ? trenchfet ? power mosfet applications ? load switches - notebook pc notes: a. package limited, t c = 25 c. b. surface mounted on 1" x 1" fr4 board. c. t = 10 s. d. maximum under steady state conditions is 95 c/w. e. the chipfet is a leadless package. the end of the lead terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. a solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom sid e solder interconnection. f. rework conditions: manual solder ing with a soldering iron is not recommended for leadless components. product summary v ds (v) r ds(on) ( ) i d (a) a q g (typ.) 30 0.019 at v gs = 10 v 6 9 nc 0.024 at v gs = 4.5 v 6 orderin g information: SI5440DC-T1-GE3 (lead (p b )-free and halogen-free) 1206-8 chipfet d d d g d d d s 1 bottom v ie w ? n - c hannel m os fet g d s absolute maximum ratings t a = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 30 v gate-source voltage v gs 20 continuous drain current (t j = 150 c) t c = 25 c i d 6 a a t c = 70 c 6 a t a = 25 c 6 a, b, c t a = 70 c 6 a, b, c pulsed drain current i dm 30 continuous source-drain diode current t c = 25 c i s 5.2 t a = 25 c 2.1 b, c maximum power dissipation t c = 25 c p d 6.3 w t c = 70 c 4 t a = 25 c 2.5 b, c t a = 70 c 1.6 b, c operating junction and storage temperature range t j , t stg - 55 to 150 c soldering recommendations (peak temperature) e, f 260 thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient a, c, d t 5 s r thja 40 50 c/w maximum junction-to-foot (drain) steady state r thjf 15 20
www.vishay.com 2 document number: 69056 s-83037-rev. a, 22-dec-08 vishay siliconix si5440dc new product notes: a. pulse test; pulse width 300 s, duty cycle 2 % b. guaranteed by design, not s ubject to production testing. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 30 v v ds temperature coefficient v ds /t j i d = 250 a 31 mv/c v gs(th) temperature coefficient v gs(th) /t j - 5.1 gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 1.2 2.5 v gate-source leakage i gss v ds = 0 v, v gs = 20 v 100 na zero gate voltage drain current i dss v ds = 30 v, v gs = 0 v 1 a v ds = 30 v, v gs = 0 v, t j = 55 c 5 on-state drain current a i d(on) v ds 5 v, v gs = 10 v 20 a drain-source on-state resistance a r ds(on) v gs = 10 v, i d = 9.1 a 0.016 0.019 v gs = 4.5 v, i d = 8.1 a 0.019 0.024 forward transconductance a g fs v ds = 15 v, i d = 9.1 a 30 s dynamic b input capacitance c iss v ds = 10 v, v gs = 0 v, f = 1 mhz 1200 pf output capacitance c oss 180 reverse transfer capacitance c rss 80 total gate charge q g v ds = 10 v, v gs = 10 v, i d = 9.1 a 19 29 nc v ds = 10 v, v gs = 4.5 v, i d = 9.1 a 914 gate-source charge q gs 3.5 gate-drain charge q gd 2.3 gate resistance r g f = 1 mhz 3 tu r n - o n d e l ay t i m e t d(on) v dd = 15 v, r l = 2.1 i d ? 7.3 a, v gen = 4.5 v, r g = 1 20 30 ns rise time t r 12 20 turn-off delay time t d(off) 20 30 fall time t f 10 15 tu r n - o n d e l ay t i m e t d(on) v dd = 15 v, r l = 2.1 i d ? 7.3 a, v gen = 10 v, r g = 1 10 15 rise time t r 10 15 turn-off delay time t d(off) 20 30 fall time t f 10 15 drain-source body diode characteristics continuous source-drain diode current i s t c = 25 c 5.2 a pulse diode forward current i sm 30 body diode voltage v sd i s = 7.3 a, v gs = 0 v 0.8 1.2 v body diode reverse recovery time t rr i f = 7.3 a, di/dt = 100 a/s, t j = 25 c 20 40 ns body diode reverse recovery charge q rr 10 20 nc reverse recovery fall time t a 11 ns reverse recovery rise time t b 9
document number: 69056 s-83037-rev. a, 22-dec-08 www.vishay.com 3 vishay siliconix si5440dc new product typical characteristics 25 c, unless otherwise noted output characteristics on-resistance vs. drain current gate charge 0 5 10 15 20 25 30 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v gs =10thr u 4 v v gs =2 v v gs =3 v v ds - drain-to-so u rce v oltage ( v ) - drain c u rrent (a) i d 0.012 0.014 0.016 0.01 8 0.020 0.022 0.024 0 5 10 15 20 25 30 v gs =10 v v gs =4.5 v - on-resistance ( ) r ds(on) i d - drain c u rrent (a) 0 2 4 6 8 10 04 8 12 16 20 i d =9.1a v ds =15 v v ds =24 v - gate-to-so u rce v oltage ( v ) q g - total gate charge (nc) v gs transfer characteristics capacitance on-resistance vs. junction temperature 0 2 4 6 8 10 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t c = 25 c t c = 125 c v gs - gate-to-so u rce v oltage ( v ) - drain c u rrent (a) i d t c =- 55 c c rss 0 300 600 900 1200 1500 0 5 10 15 20 25 30 c iss c oss v ds - drain-to-so u rce v oltage ( v ) c - capacitance (pf) 0.6 0. 8 1.0 1.2 1.4 1.6 - 50 - 25 0 25 50 75 100 125 150 v gs =10 v ,4.5 v i d =9.1a t j -j u nction temperat u re (c) ( n ormalized) - on-resistance r ds(on)
www.vishay.com 4 document number: 69056 s-83037-rev. a, 22-dec-08 vishay siliconix si5440dc new product typical characteristics 25 c, unless otherwise noted source-drain diode forward voltage threshold voltage 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 10 1 100 t j = 150 c t j = 25 c v sd -so u rce-to-drain v oltage ( v ) - so u rce c u rrent (a) i s 1.0 1.2 1.4 1.6 1. 8 2.0 2.2 - 50 - 25 0 25 50 75 100 125 150 i d = 250 a ( v ) v gs(th) t j - temperat u re (c) on-resistance vs. gate-to-source voltage single pulse power 0 0.01 0.02 0.03 0.04 0.05 0246 8 10 t j =25 c t j = 125 c i d =9.1a - on-resistance ( ) r ds(on) v gs - gate-to-so u rce v oltage ( v ) 0 30 5 0 10 20 ) w ( r e w o p time (s) 40 1 100 600 10 10 -1 10 -2 10 -3 safe operating area, junction-to-ambient 0.01 100 1 100 0.01 0.1 1ms 10 ms 1s 10 s 0.1 1 10 10 t a = 25 c single p u lse limited b yr ds(on) * dc 100 s b v dss limited 100 ms v ds - drain-to-so u rce v oltage ( v ) * v gs > minim u m v gs at w hich r ds(on) is specified - drain c u rrent (a) i d
document number: 69056 s-83037-rev. a, 22-dec-08 www.vishay.com 5 vishay siliconix si5440dc new product typical characteristics 25 c, unless otherwise noted * the power dissipation p d is based on t j(max) = 150 c, using junction-to-case thermal resi stance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. it is used to determ ine the current rating, when this rating falls below the package limit. current derating* 0 4 8 12 16 0 25 50 75 100 125 150 package limited t c - case temperat u re (c) i d - drain c u rrent (a) power derating 0 2 4 6 8 25 50 75 100 125 150 t c - case temperat u re (c) po w er ( w )
www.vishay.com 6 document number: 69056 s-83037-rev. a, 22-dec-08 vishay siliconix si5440dc new product typical characteristics 25 c, unless otherwise noted vishay siliconix maintains worldwide manufacturing capability. products may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?69056 . normalized thermal transient im pedance, junction-to-ambient 10 -3 10 -2 1 10 600 10 -1 10 -4 100 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single p u lse d u ty cycle = 0.5 s qu are w a v e p u lse d u ration (s) e v i t c e f f e d e z i l a m r o n t n e i s n a r t e c n a d e p m i l a m r e h t 1. d u ty cycle, d = 2. per unit base = r thja = 95 c/ w 3. t jm - t a = p dm z thja (t) t 1 t 2 t 1 t 2 n otes: 4. s u rface mo u nted p dm normalized thermal transient impedance, junction-to-foot 10 -3 10 -2 1 10 10 -1 10 -4 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single p u lse d u ty cycle = 0.5 s qu are w a v e p u lse d u ration (s) e v i t c e f f e d e z i l a m r o n t n e i s n a r t e c n a d e p m i l a m r e h t
package information vishay siliconix document number: 71151 15-jan-04 www.vishay.com 1 1206-8 chipfet  c e e 1 e d a 65 7 8 34 2 1 4 l 5678 4321 4 s b 2x 0.10/0.13 r backside view x notes: 1. all dimensions are in millimeaters. 2. mold gate burrs shall not exceed 0.13 mm per side. 3. leadframe to molded body offset is horizontal and vertical shall not exceed 0.08 mm. 4. dimensions exclusive of mold gate burrs. 5. no mold flash allowed on the top and bottom lead surface. detail x c1 millimeters inches dim min nom max min nom max a 1.00 ? 1.10 0.039 ? 0.043 b 0.25 0.30 0.35 0.010 0.012 0.014 c 0.1 0.15 0.20 0.004 0.006 0.008 c1 0 ? 0.038 0 ? 0.0015 d 2.95 3.05 3.10 0.116 0.120 0.122 e 1.825 1.90 1.975 0.072 0.075 0.078 e 1 1.55 1.65 1.70 0.061 0.065 0.067 e 0.65 bsc 0.0256 bsc l 0.28 ? 0.42 0.011 ? 0.017 s 0.55 bsc 0.022 bsc 5  nom 5  nom ecn: c-03528?rev. f, 19-jan-04 dwg: 5547
an811 vishay siliconix document number: 71126 12-dec-03 www.vishay.com 1 single-channel 1206-8 chipfet  power mosfet recommended pad pattern and thermal performance introduction new vishay siliconix chipfets in the leadless 1206-8 package feature the same outline as popular 1206-8 resistors and capacitors but provide all the performance of true power semiconductor devices. the 1206-8 chipfet has the same footprint as the body of the little foot  tsop-6, and can be thought of as a leadless tsop-6 for purposes of visualizing board area, but its thermal performance bears comparison with the much larger so-8. this technical note discusses the single-channel chipfet 1206-8 pin-out, package outline, pad patterns, evaluation board layout, and thermal performance. pin-out figure 1 shows the pin-out description and pin 1 identification for the single-channel 1206-8 chipfet device. the pin-out is similar to the tsop-6 configuration, with two additional drain pins to enhance power dissipation and thermal performance. the legs of the device are very short, again helping to reduce the thermal path to the external heatsink/pcb and allowing a larger die to be fitted in the device if necessary. single 1206-8 chipfe t d d d g d d d s 1 bottom view figure 1. for package dimensions see the 1206-8 chipfet package outline drawing ( http://www.vishay.com/doc?71151 ). basic pad patterns the basic pad layout with dimensions is shown in application note 826, recommended minimum pad patterns with outline drawing access for vishay siliconix mosfet s, ( http://www.vishay.com/doc?72286 ). this is sufficient for low power dissipation mosfet applications, but power semiconductor performance requires a greater copper pad area, particularly for the drain leads. figure 2. footprint with copper spreading 80 mil 68 mil 28 mil 26 mil the pad pattern with copper spreading shown in figure 2 improves the thermal area of the drain connections (pins 1,2,3,6.7,8) while remaining within the confines of the basic footprint. the drain copper area is 0.0054 sq. in. or 3.51 sq. mm). this will assist the power dissipation path away from the device (through the copper leadframe) and into the board and exterior chassis (if applicable) for the single device. the addition of a further copper area and/or the addition of vias to other board layers will enhance the performance still further. an example of this method is implemented on the vishay siliconix evaluation board described in the next section (figure 3). the vishay siliconix evaluation board for the single 1206-8 the chipfet 1206-08 evaluation board measures 0.6 in by 0.5 in. its copper pad pattern consists of an increased pad area around the six drain leads on the top-side?approximately 0.0482 sq. in. 31.1 sq. mm?and vias added through to the underside of the board, again with a maximized copper pad area of approximately the board-size dimensions. the outer package outline is for the 8-pin dip, which will allow test sockets to be used to assist in testing. the thermal performance of the 1206-8 on this board has been measured with the results following on the next page. the testing included comparison with the minimum recommended footprint on the evaluation board-size pcb and the industry standard one-inch square fr4 pcb with copper on both sides of the board.
an811 vishay siliconix www.vishay.com 2 document number: 71126 12-dec-03 front of board figure 3. back of board vishay.com chipfet  thermal performance junction-to-foot thermal resistance (the package performance) thermal performance for the 1206-8 chipfet measured as junction-to-foot thermal resistance is 15  c/w typical, 20  c/w maximum for the single device. the ?foot? is the drain lead of the device as it connects with the body. this is identical to the so-8 package r  jf performance, a feat made possible by shortening the leads to the point where they become only a small part of the total footprint area. junction-to-ambient thermal resistance (dependent on pcb size) the typical r  ja for the single-channel 1206-8 chipfet is 80  c/w steady state, compared with 68  c/w for the so-8. maximum ratings are 95  c/w for the 1206-8 versus 80  c/w for the so-8. testing to aid comparison further, figure 4 illustrates chipfet 1206-8 thermal performance on two different board sizes and three different pad patterns. the results display the thermal performance out to steady state and produce a graphic account of how an increased copper pad area for the drain connections can enhance thermal performance. the measured steady state values of r  ja for the single 1206-8 chipfet are : 1) minimum recommended pad pattern (see figure 2) on the evaluation board size of 0.5 in x 0.6 in. 156  c/w 2) the evaluation board with the pad pattern described on figure 3. 111  c/w 3) industry standard 1? square pcb with maximum copper both sides. 78  c/w the results show that a major reduction can be made in the thermal resistance by increasing the copper drain area. in this example, a 45  c/w reduction was achieved without having to increase the size of the board. if increasing board size is an option, a further 33  c/w reduction was obtained by maximizing the copper from the drain on the larger 1? square pcb. time (secs) figure 4. single 1206 ? 8 chipfet thermal resistance (c/w) 0 1 160 40 80 100 1000 120 10 10 -1 10 -2 10 -3 10 -4 10 -5 1? square pcb single evb min. footprint summary the thermal results for the single-channel 1206-8 chipfet package display similar power dissipation performance to the so-8 with a footprint reduction of 80%. careful design of the package has allowed for this performance to be achieved. the short leads allow the die size to be maximized and thermal resistance to be reduced within the confines of the tsop-6 body size. associated document 1206-8 chipfet dual thermal performance, an812 (http://www.vishay.com/doc?71127) .
application note 826 vishay siliconix www.vishay.com document number: 72593 2 revision: 21-jan-08 application note recommended minimum pads for 1206-8 chipfet ? 0.080 (2.032) recommended mi nimum pads dimensions in inches/(mm) 0.093 (2.357) 0.036 (0.914) 0.022 (0.559) 0.026 (0.650) 0.016 (0.406) 0.010 (0.244) return to index return to index
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SI5440DC-T1-GE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X