Part Number Hot Search : 
ML33111 13N50 MM74HC UGB5JT KSP06 DF202S 440FS 76650
Product Description
Full Text Search
 

To Download P4SMA510A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount transient voltage suppressors 04/13 /2007 rev.1.00 www.siliconstandard.com 1 p4smax product summary peak pulse power 400w breakdown voltage 6.8 to 550v features plastic package has underwriters laboratory flammability classification 94v-0 optimized for lan protection applications ideal for esd protection of data lines in accordance with iec 1000-4-2 (iec801-2) ideal for eft protection of data lines in accordance with iec1000-4-4 (iec801-4) low profile package with built-in strain relief for surface mounted applications glass passivated junction low incremental surge resistance, excellent clamping capability 400w peak pulse power capability with a 10/1000us wave- form, repetition rate (duty cycle): 0.01% (300w above 91v) very fast response time high temperature soldering guaranteed: 250 c/10 seconds at terminals mecanical data case: jedec do-214ac molded plastic over passivated chip terminals: solder plated, solderable per mil-std-750, method 2026 polarity: for uni-directional types the band denotes the cathode, which is positive with respect to the anode under normal tvs operation mounting position: any weight: 0.002 oz., 0.064 g devices for bidirectional applications for bi-directional devices, use suffix ca (e.g . p4sma10ca). electrical characteristics apply in both directions. pb-free; rohs-compliant
04/13 /2007 rev.1.00 www.siliconstandard.com 2 p4smax maximum ratings and characteristics (ta= 25 o c unless otherw i se noted.) p a r a m e t e r s y m b o l v a l u e u n i t p e a k p u l s e p o w e r d i s s i p a t i o n w i t h a 1 0 / 1 0 0 0 u s w a v e f o r m ( 1 ) ( 2 ) ( f i g . 1 ) p p p m 4 0 0 w p e a k p u l s e c u r r e n t w i t h a 1 0 / 1 0 0 0 u s w a v e f o r m ( 1 ) ( f i g . 3 ) i p p m s e e n e x t t a b l e a p o w e r d i s s i p a t i o n o n i n f i n i t e h e a t s i n k , t a = 5 0 o c p m ( a v ) 1 . 0 w p e a k f o r w a r d s u r g e c u r r e n t , 8 . 3 m s s i n g l e h a l f s i n e - w a v e u n i - d i r e c t i o n a l o n l y ( 2 ) i f s m 4 0 a t h e r m a l r e s i s t a n c e j u n c t i o n t o a m b i e n t a i r ( 3 ) r j a 1 2 0 o c / w t h e r m a l r e s i s t a n c e j u n c t i o n t o l e a d s r j l 3 0 o c / w o p e r a t i n g j u n c t i o n a n d s t o r a g e t e m p e r a t u r e r a n g e t j , t s t g - 5 5 t o + 1 5 0 o c notes: 1. non-repetitive current pulse, per fig. 3 and derated above t a =25 o c per fig. 2. rating is 300w above 91v . 2. mounted on 0.2 x 0.2? (5.0 x 5.0mm) copper pads to each terminal 3. mounted on minimum recommended pad layout
04/13 /2007 rev.1.00 www.siliconstandard.com 3 p4smax electrical characteristics ( ratings at 25 c ambient temperature unless otherwise specified. v f =3.5v at i f =25a (uni-directional only) o e p y t e c i v e d g n i k r a m e c i v e d e d o c e g a t l o v n w o d k a e r b v ) r b ( ) s t l o v ( ) 1 ( t s e t t n e r r u c i t a t ) a m ( f f o - d n a t s e g a t l o v v m w ) s t l o v ( m u m i x a m e s r e v e r e g a k a e l v t a m w i d ) 3 ( ( u ) a m u m i x a m e s l u p k a e p t n e r r u c i m p p ) 2 ( ) a ( m u m i x a m g n i p m a l c t a e g a t l o v i m p p v c ) s t l o v ( m u m i x a m e r u t a r e p m e t t n e i c i f f e o c v f o ) r b ( / % ( o ) c i n ui b. n i m. x a m a 8 . 6 a m s 4 pa 8 v 6c 8 v 65 4 . 64 1 . 70 10 8 . 50 0 0 11 . 8 35 . 0 17 5 0 . 0 a 5 . 7 a m s 4 pa 5 v 7c 5 v 73 1 . 78 8 . 70 10 4 . 60 0 54 . 5 33 . 1 11 6 0 . 0 a 2 . 8 a m s 4 pa 2 v 8c 2 v 89 7 . 71 6 . 80 12 0 . 70 0 21 . 3 31 . 2 15 6 0 . 0 a 1 . 9 a m s 4 pa 1 v 9c 1 v 95 6 . 85 5 . 90 . 18 7 . 70 59 . 9 24 . 3 18 6 0 . 0 a 0 1 a m s 4 pa 0 1c 0 10 5 . 95 . 0 10 . 15 5 . 80 16 . 7 25 . 4 13 7 0 . 0 a 1 1 a m s 4 pa 1 1c 1 15 . 0 16 . 1 10 . 10 4 . 90 . 56 . 5 26 . 5 15 7 0 . 0 a 2 1 a m s 4 pa 2 1c 2 14 . 1 16 . 2 10 . 12 . 0 10 . 10 . 4 27 . 6 18 7 0 . 0 a 3 1 a m s 4 pa 3 1c 3 14 . 2 17 . 3 10 . 11 . 1 10 . 10 . 2 22 . 8 11 8 0 . 0 a 5 1 a m s 4 pa 5 1c 5 13 . 4 18 . 5 10 . 18 . 2 10 . 19 . 8 12 . 1 24 8 0 . 0 a 6 1 a m s 4 pa 6 1c 6 12 . 5 18 . 6 10 . 16 . 3 10 . 18 . 7 15 . 2 26 8 0 . 0 a 8 1 a m s 4 pa 8 1c 8 11 . 7 19 . 8 10 . 13 . 5 10 . 19 . 5 12 . 5 28 8 0 . 0 a 0 2 a m s 4 pa 0 2c 0 20 . 9 10 . 1 20 . 11 . 7 10 . 14 . 4 17 . 7 20 9 0 . 0 a 2 2 a m s 4 pa 2 2c 2 29 . 0 21 . 3 20 . 18 . 8 10 . 11 . 3 16 . 0 32 9 0 . 0 a 4 2 a m s 4 pa 4 2c 4 28 . 2 22 . 5 20 . 15 . 0 20 . 10 . 2 12 . 3 34 9 0 . 0 a 7 2 a m s 4 pa 7 2c 7 27 . 5 24 . 8 20 . 11 . 3 20 . 17 . 0 15 . 7 36 9 0 . 0 a 0 3 a m s 4 pa 0 3c 0 35 . 8 25 . 1 30 . 16 . 5 20 . 17 . 94 . 1 47 9 0 . 0 a 3 3 a m s 4 pa 3 3c 3 34 . 1 37 . 4 30 . 12 . 8 20 . 18 . 87 . 5 48 9 0 . 0 a 6 3 a m s 4 pa 6 3c 6 32 . 4 38 . 7 30 . 18 . 0 30 . 10 . 89 . 9 49 9 0 . 0 a 9 3 a m s 4 pa 9 3c 9 31 . 7 30 . 1 40 . 13 . 3 30 . 14 . 79 . 3 50 0 1 . 0 a 3 4 a m s 4 pa 3 4c 3 49 . 0 42 . 5 40 . 18 . 6 30 . 17 . 63 . 9 51 0 1 . 0 a 7 4 a m s 4 pa 7 4c 7 47 . 4 44 . 9 40 . 12 . 0 40 . 12 . 68 . 4 61 0 1 . 0 a 1 5 a m s 4 pa 1 5c 1 55 . 8 46 . 3 50 . 16 . 3 40 . 17 . 51 . 0 72 0 1 . 0 a 6 5 a m s 4 pa 6 5c 6 52 . 3 58 . 8 50 . 18 . 7 40 . 12 . 50 . 7 73 0 1 . 0 a 2 6 a m s 4 pa 2 6c 2 69 . 8 51 . 5 60 . 10 . 3 50 . 17 . 40 . 5 84 0 1 . 0 a 8 6 a m s 4 pa 8 6c 8 66 . 4 64 . 1 70 . 11 . 8 50 . 13 . 40 . 2 94 0 1 . 0 a 5 7 a m s 4 pa 5 7c 5 73 . 1 78 . 8 70 . 11 . 4 60 . 19 . 34 0 15 0 1 . 0 a 2 8 a m s 4 pa 2 8c 2 89 . 7 71 . 6 80 . 11 . 0 70 . 15 . 33 1 15 0 1 . 0 a 1 9 a m s 4 pa 1 9c 1 95 . 6 85 . 5 90 . 18 . 7 70 . 12 . 35 2 16 0 1 . 0 a 0 0 1 a m s 4 pa 0 0 1c 0 0 10 . 5 95 0 10 . 15 . 5 80 . 12 . 27 3 16 0 1 . 0 a 0 1 1 a m s 4 pa 0 1 1c 0 1 15 0 16 1 10 . 10 . 4 90 . 10 . 22 5 17 0 1 . 0 a 0 2 1 a m s 4 pa 0 2 1c 0 2 14 1 16 2 10 . 12 0 10 . 18 . 15 6 17 0 1 . 0 a 0 3 1 a m s 4 pa 0 3 1c 0 3 14 2 17 3 10 . 11 1 10 . 17 . 19 7 17 0 1 . 0 a 0 5 1 a m s 4 pa 0 5 1c 0 5 13 4 18 5 10 . 18 2 10 . 14 . 17 0 26 0 1 . 0 a 0 6 1 a m s 4 pa 0 6 1c 0 6 12 5 18 6 10 . 16 3 10 . 14 . 19 1 28 0 1 . 0 a 0 7 1 a m s 4 pa 0 7 1c 0 7 12 6 19 7 10 . 15 4 10 . 13 . 14 3 28 0 1 . 0 a 0 8 1 a m s 4 pa 0 8 1c 0 8 11 7 19 8 10 . 14 5 10 . 12 . 16 4 28 0 1 . 0 a 0 0 2 a m s 4 pa 0 0 2c 0 0 20 9 10 1 20 . 11 7 10 . 11 . 14 7 28 0 1 . 0 a 0 2 2 a m s 4 pa 0 2 2c 0 2 29 0 21 3 20 . 15 8 10 . 19 . 08 2 38 0 1 . 0 a 0 5 2 a m s 4 pa 0 5 2c 0 5 27 3 23 6 20 . 14 1 20 . 12 . 14 4 38 0 1 . 0 a 0 0 3 a m s 4 pa 0 0 3c 0 0 35 8 25 1 30 . 16 5 20 . 10 . 14 1 48 0 1 . 0 a 0 5 3 a m s 4 pa 0 5 3c 0 5 32 3 38 6 30 . 10 0 30 . 19 . 02 8 48 0 1 . 0 a 0 0 4 a m s 4 pa 0 0 4c 0 0 40 8 30 2 40 . 12 4 30 . 18 . 08 4 58 0 1 . 0 a 0 4 4 a m s 4 pa 0 4 4c 0 4 48 1 42 6 40 . 16 7 30 . 17 . 02 0 68 0 1 . 0 a 0 8 4 a m s 4 pa 0 8 4c 0 8 46 5 44 0 50 . 18 0 40 . 16 . 08 5 68 0 1 . 0 a 0 1 5 a m s 4 pa 0 1 5c 0 1 55 8 45 3 50 . 14 3 40 . 16 . 08 9 68 0 1 . 0 a 0 3 5 a m s 4 pa 0 3 5c 0 3 55 . 3 0 55 . 6 5 50 . 17 7 40 . 16 . 05 2 78 0 1 . 0 a 0 4 5 a m s 4 pa 0 4 5c 0 4 53 1 57 6 50 . 19 5 40 . 15 . 00 4 78 0 1 . 0 a 0 5 5 a m s 4 pa 0 5 5c 0 5 55 . 2 2 55 . 7 7 50 . 15 9 40 . 15 . 00 6 78 0 1 . 0 notes: 1. v (br) measured after i t applied for 300us, i t =square wave pulse or equivalent 2. surge current waveform per fig. 3 and derate per fig. 2 3. all terms and symbols are consistent with ansi/ieee ca62.35 4. for bidirectional types with v r 10 v olts and less, the i d limit is doubled
p4smax 04/13 /2007 rev.1.00 www.siliconstandard.com 4 information furnished by silicon standard corporation is believed to be accurate and reliable. however, silicon standard corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. silicon standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. no license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of silicon standard corporation or any third parties. ratings and characteristic curve s (t a =25 o c unless otherw i se noted)


▲Up To Search▲   

 
Price & Availability of P4SMA510A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X