Part Number Hot Search : 
AD8334 HF33F UF308G MSMF05 KBPC102 81Z10 DTA144TE C4245
Product Description
Full Text Search
 

To Download NPC-USS-AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  24/08/2006 v1.0 1 features: > super high brightness surface mount led. > high flux output. > 120 viewing angle. > compact package outline (lxwxh) of 6.0 x 6.0 x 1.5mm. > ultra low height profile - 1.5 mm. > designed for high current drive; typically 350 ma. > low thermal resistance; rth (js) = 20 k/w. > qualified according to jedec moisture sensitivity level 2. > compatible to both ir reflow soldering. > environmental friendly; rohs compliance. > sp novaled are class 1m led products. do not view directly with optical instrument. spnovaled tm featuring a staggering brilliance and significant flux output, the spnovaled? showcases the latest technological advent in this range. with its extremely high level of brightness and the ultra low high profile, which is only 1.5 mm are highly suitable for both conventional lighting and specialized application such as auto - motive signal lights, traffic lights, channel lights, tube lights and garden lights among others. data sheet: spnovaled tm ingan cyan : 1 watt ? 2005 spnovaled is a trademark of dominant semiconductors. all rights reserved. product specifcations are subject to change without notice. applications: > automotive: exterior applications, eg: center high mounted stop light (chmsl), rear combination lights (rcls), signal light - ting, fog-lamp, etc. > communication: indicator and backlight in mobilephone. > industry: white goods (eg: oven, microwave, etc.). > lighting: garden light, architecture lighting, general lighting. etc dominant tm semiconductors innovating illumination
24/08/2006 v1.0 2 NPC-USS-ABd-1 ? NPC-USS-AB ? npc-uss-ac ? npc-uss-ad ingan cyan, 505 120 9000.0 - 18000.0 9000.0 - 11250.0 11250.0 - 14000.0 14000.0 - 18000.0 spnovaled ingan cyan : 1 watt dominant tm semiconductors innovating illumination part ordering number chip technology / color viewing angle? luminous intensity @ if = 350ma (mcd) note 1. luminous intensity is measured with an accuracy of 11%. 2. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each reel. typ. (v) vf @ if = 350ma forward voltages are measure using a current pulse of 1 ms and with an accuracy of 0.1v. electrical characteristics at ta=25?c max. (v) part number npc-uss 3.6 4.0 optical characteristics at ta=25?c part number NPC-USS-ABd wavelength grouping group color npc; cyan full w x y 499 - 511 499 - 503 503 - 507 507 - 511 wavelength distribution (nm) dominant wavelength is measured with an accuracy of 1 nm. 9,000 min. 12,000 typ. intensity @ if=350ma (mcd) 18,000 max.
24/08/2006 v1.0 3 spnovaled ingan cyan : 1 watt dominant tm semiconductors innovating illumination unit absolute maximum ratings maximum value dc forward current pulse current reverse voltage esd threshold (hbm) led junction temperature operating temperature storage temperature 350 1000 not designed for reverse bias 2000 120 -40 +100 -40 +100 ma ma v v ?c ?c ?c electrical characteristics at ta25?c material material lead-frame package encapsulant soldering leads cu alloy with ag plating high temperature resistant plastic, ppa silicone resin sn-sn plating min. luminous intensity (mcd) note: data provided above is based on approximation correlation between luminous intensity and luminous flux max. luminous flux (lm) min. iv bins ab ac ad 9,000 11,250 14,000 24.3 30.4 37.8 11,250 14,000 18,000 max. 30.4 37.8 48.6
24/08/2006 v1.0 4 spnovaled ingan cyan : 1 watt dominant tm semiconductors innovating illumination wavelength vs forward current forward current, ma relative intensity, no rmalized at 350ma 0 200 400 600 0 0.2 0.4 0.6 0.8 1 1.2 1.4 relative flux vs forward current forward current, ma relative flux 0 200 400 600 0 0.2 0.4 0.6 0.8 1 1.2 1.4 forward current vs forward voltage forward voltage, v forward current, ma 2 2.5 3 3.5 4 4.5 0 100 200 300 400 500 forward current vs ambient temperature ambient temperature forward current, ma 0 20 40 60 80 100 0 50 100 150 200 250 300 350 400 forward current vs temperature temperature forward current, ma 0 20 40 60 80 100 0 50 100 150 200 250 300 350 400 wavelength vs forward current forward current, ma wavelength, nm 0 200 400 600 800 1000 469 469.5 470 470.5 471 relative intensity vs forward current forward current, ma relative intensity 0 20 40 60 80 100 0 0.5 1 1.5 2 2.5 forward current vs forward voltage forward voltage, v forward current, ma 2.5 3 3.5 4 4.5 0 10 20 30 40 50 60 maximum current vs temperature ambient temperature forward current, ma 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 30 35 dominant wavelength vs forward current forward current, ma dominant wavelength, nm 0 10 20 30 40 50 60 515 520 525 530 535 540 dominant wavelength vs forward current forward current, ma dominant wavelength, nm 0 10 20 30 40 50 60 495 500 505 510 515 dominant wavelength vs forward current forward current, ma dominant wavelength, nm 0 10 20 30 40 50 60 464 465 466 467 468 469 470 relative flux, normalized at 350ma forward current vs ambient temperature (rja=40kw) forward current vs solder point temperature solder point temperature
spnovaled ingan cyan : 1 watt dominant tm semiconductors innovating illumination 24/08/2006 v1.0 5 0 o 10 o 70 o 60 o 50 o 40 o 30 o 20 o 90 o 80 o 0.6 0.8 1.0 0.2 0.4 0 radiation pattern relative intensity vs forward current forward current, ma relative intensity; no rmalized at 350ma 0 200 400 600 0 0.2 0.4 0.6 0.8 1 1.2 1.4 relative flux vs forward current forward current, ma relative flux; normalized at 350ma 0 200 400 600 0 0.2 0.4 0.6 0.8 1 1.2 1.4 forward current vs forward voltage forward voltage, v forward current, ma 2 2.5 3 3.5 4 4.5 0 100 200 300 400 500 600 relative spectral emission wavelength, nm relative intensity 400 500 600 700 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 forward current vs ambient temperature (rja=40k/w) ambient temperature forward current, ma 0 10 20 30 40 50 60 70 80 90 100 0 50 100 150 200 250 300 350 400 maximum permissible pulse current duty (%); tp<=0.01 sec pulse current, ma 1 10 100 200 300 400 500 600 700 800 900 1000 maximum permissible pulse current, ta=25 ?c
spnovaled tm ? ingan cyan : 1 watt package outlines spnovaled ingan cyan : 1 watt dominant tm semiconductors innovating illumination 24/08/2006 v1.0 6
24/08/2006 v1.0 7 spnovaled ingan cyan : 1 watt dominant tm semiconductors innovating illumination recommended solder pad note: unit to unit pitching must not be less than 25 mm. metal core circuit board (mcpcb) is highly recommended for high density applications. please consult sales and marketing for additional information.
24/08/2006 v1.0 8 taping and orientation ? reels come in quantity of 2000 units. ? reel diameter is 330 mm. spnovaled ingan cyan : 1 watt dominant tm semiconductors innovating illumination
24/08/2006 v1.0 9 packaging specifcation spnovaled ingan cyan : 1 watt dominant tm semiconductors innovating illumination
24/08/2006 v1.0 10 packaging specifcation moisture sensitivity level barcode label moisture absorbent material + moisture indicator the reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag reel average 1pc sp novaled 1 completed bag (2000pcs) 0.034 190 10 weight (gram) cardboard box dimensions (mm) empty box weight (kg) 416 x 516 x 476 20 reels max large for sp novaled tm reel / box quantity / box (pcs) cardboard box size 1.74 40,000 max dominant semiconductors lot no : lotno part no : partno qty : qty s/n : xxx d/c: xxxx group : group weight (gram) 0.188 800 10 rohs compliant pb free spnovaled ingan cyan : 1 watt dominant tm semiconductors innovating illumination dominant tm semiconductors
24/08/2006 v1.0 11 recommended sn-pb ir-refow soldering profle 275 250 225 200 175 150 125 100 75 50 25 0 50 100 150 200 ramp-up vhfpd 10-30s 60-150s ramp- down vhf max. preheat 60-120s 360s max time (sec) 7hpshudwxuh odvvlfdwlrq5hrz3uroh-((-67 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 7hpshudwxuh odvvlfdwlrq5hrz3uroh-((-67 ramp-up vhfpd 10-30s 60-150s ramp- down vhf max. preheat 60-180s 480s max recommended pb-free soldering profle spnovaled ingan cyan : 1 watt dominant tm semiconductors innovating illumination
revision history note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant semiconductors does not assume any liability arising out of the application or use of any product described herein. dominant semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. dominant semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant semiconductors . page - subjects initial release date of modifcation 24 aug 2006 spnovaled ingan cyan : 1 watt dominant tm semiconductors innovating illumination 24/08/2006 v1.0 12
spnovaled ingan cyan : 1 watt dominant tm semiconductors innovating illumination dominant tm semiconductors innovating illumination please contact us for more information: head quarter dominant semiconductors sdn. bhd. lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia tel: (606) 283 3566 fax: (606) 283 0566 e-mail: sales@dominant-semi.com dominant china sales office dominant semiconductors (shenzhen) co. ltd. 24b.c newbaohui building, no. 1007 west nanhai blvd., nanshan, shenzhen, china p.c. 518054 tel: +86 (755) 86031785 / +86 (755) 86031786 fax: +86 (755) 86031789 e-mail: sales_china@dominant-semi.com dominant korea sales office dominant semiconductors korea inc. 902 sunil technopia, 440 sangdaewon-dong, jungwon-gu, sungnam-si, kyunggi-do, korea 462726 tel: 82-31-777-3978 fax: 82-31-777-3976 e-mail: sales_korea@dominant-semi.com about us dominant semiconductors is a dynamic malaysian corporation that is among the worlds leading smt led manufacturers. an excellence C driven organization, it offers a comprehensive product range for diverse industries and applications. featuring an internationally certifed quality assurance acclaim, dominants extra bright leds are perfectly suited for various lighting applications in the automotive, consumer and communications as well as in - dustrial sectors. with extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. more information about dominant semiconductors can be found on the internet at http://www.dominant-semi.com.


▲Up To Search▲   

 
Price & Availability of NPC-USS-AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X