Part Number Hot Search : 
ADXRS620 ONTROL 20ETT MM1006 23902 30070 14001 TZS4695
Product Description
Full Text Search
 

To Download LPC-60-1050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification model LPC-60-1050 lpc-60-1400 lpc-60-1750 dc voltage range rated power output line regulation load regulation setup, rise time note.6 hold up time (typ.) voltage range note.4 frequency range efficiency (typ.) ac current (typ.) input inrush current(max.) leakage current safety standards working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over voltage 9 ~ 48v 9 ~ 42v 9 ~ 34v 50.4w 58.8w 59.5w 200mvp-p 200mvp-p 200mvp-p 5.0% 1.0% 2.0% 500ms, 120ms / 230vac 5 at full load 00ms, 120ms / 115vac 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz 87% 50.4 ~ 60v 44.1 ~ 56.7v 85% 39.1 ~ 45.9v 87% 1.2a/115vac 0.7a/230vac cold start 30a/115vac 60a/230vac 0.25ma / 240vac compliance to en55022 (cispr22) class b, en61000-3-2 class a, en610 00-3-3 compliance to en61000-4-2,3,4,5,6,8,11, en55024, light indust ry level, criteria a -30 ~ +70 (refer to "derating curve") 20 ~ 90% rh non-condensing -40 ~ +80 , 10 ~ 95% rh 0.03%/ (0 ~ 50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes ul1310 class 2, can/csa c22.2 no. 223-m91(for lpc-60-1750 only), ip6 7 approved ; design refer to tuv en60950-1, en61347-2-13 732khrs min. mil-hdbk-217f (25 ) 162.5*42.5*32mm (l*w*h) 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. derating may be needed under low input voltage. please check the static ch aracteristics for more details. 5. the power supply is considered as a component that will be operated in comb ination with final equipment. since emc performance will be affected by t he complete installation, the final equipment manufacturers must re- qualify emc directive on the complete installation again. 6. length of set up time is measured at first cold start. turning on/off the pow er supply may lead to increase of the set up time. 7. in the european market this product is only suitable for led lighting appl ications that don't have to comply with the harmonic current requiremen ts of en61000-3-2 class c. 8. suitable for indoor use or outdoor use without direct sunlight exposur e. please avoid immerse in the water over 30 minute. 0.4kg; 32pcs/13.8kg/0.56cuft protection type : shut off o/p voltage, clamping by tvs diode 60w single output switching power supply constant current designuniversal ac input / full range withstand 300vac surge input for 5 seconds protections: short circuit / over voltage cooling by free air convection fully encapsulated with ip67 level ass lps suitable for led lighting and moving sign applications100% full load burn-in test low cost, high reliability 2 years warranty (note.8) fully isolated plastic case class power unit, no fg p (note.7) features : l p c - 6 0 s e r i e s ripple & noise (max.) note.2 voltage tolerance note.3 environment safety & emc protection 50ms/230vac 16ms/115vac at full load withstand voltage isolation resistance i/p-o/p:3kvac i/p-o/p:>100m ohms / 500vdc / 25 / 70% rh file name:lpc-60-spec 2011-06-24 rated current 1050ma 1400ma 1750ma ip67 lps ( except for 1750ma ) ( for 1750ma only) 5.0% current accuracy emc immunity emc emission
mechanical specification case no. 976a unit:mm fosc : 60khz pwm o.l.p. emi filter rectifiers power switching filter & rectifiers +v -v i/p control & block diagram +v -v detection circuit ac/n(blue) ac/l(brown) recommend mounting direction t case: max. case temperature. 81.5 t case 15 load (%) 20 40 60 80 100 input voltage (v) 60hz 90 100 125 135 145 155 165 175 180 200 230 264 100 90 80 70 60 50 40 load (%) derating curve load (%) derating curve static characteristics ambient temperature ( ) load (%) 175 load (%) 60w single output switching power supply l p c - 6 0 s e r i e s +v(red) -v(black) ul1007 16awg ul1015 18awg 600 30 3.6 3.6 162.5 3.5 3.5 3.5 3.5 42.5 600 30 32 (horizontal) -15 0 15 30 0 40 50 -30 60 70 file name:lpc-60-spec 2011-06-24 o.c.p.


▲Up To Search▲   

 
Price & Availability of LPC-60-1050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X