Part Number Hot Search : 
BR300 AH3761 5KP78A 06400 GRM033 55C4V AMPHENOL 101M1
Product Description
Full Text Search
 

To Download HSMP-482B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount rf pin switch and limiter diodes technical data features diodes optimized for: low current switching low distortion attenuating power limiting /circuit protection surface mount sot-23 and sot-323 packages single and dual versions tape and reel options available low failure in time (fit) rate [1] lead-free option available note: 1. for more information see the surface mount pin reliability data sheet. hsmp-382x series and hsmp-482x series package lead code identification, sot-323 (top view) description/applications the hsmp-382x series is optimized for switching applica- tions where ultra-low resistance is required. the hsmp-482x diode is ideal for limiting and low induc- tance switching applications up to 1.5 ghz. a spice model is not available for pin diodes as spice does not provide for a key pin diode characteristic, carrier lifetime. package lead code identification, sot-23 (top view) common cathode #4 common anode #3 series #2 single #0 dual anode hsmp-4820 dual anode HSMP-482B absolute maximum ratings [1] t c = +25 c symbol parameter unit sot-23 sot-323 i f forward current (1 s pulse) amp 1 1 p iv peak inverse voltage v 50 50 t j junction temperature c 150 150 t stg storage temperature c -65 to 150 -65 to 150 jc thermal resistance [2] c/w 500 150 notes: 1. operation in excess of any one of these conditions may result in permanent damage to the device. 2. t c = +25 c, where t c is defined to be the temperature at the package pins where contact is made to the circuit board.
2 typical parameters at t c = 25 c part number series resistance carrier lifetime reverse recovery time total capacitance hsmp- r s ( ? ) (ns) t rr (ns) c t (pf) 382x 1.5 70 7 0.60 @ 20 v test conditions f = 100 mhz i f = 10 ma v r = 10 v i f = 10 ma i f = 20 ma 90% recovery electrical specifications t c = 25 c package minimum maximum maximum part number marking lead breakdown series resistance total capacitance hsmp- code [1] code configuration voltage v br (v) r s ( ? )c t (pf) 3820 f0 0 single 50 0.6 0.8 3822 f2 2 series 3823 f3 3 common anode 3824 f4 4 common cathode test conditions v r = v br f = 100 mhz f = 1 mhz measure i f = 10 ma v r = 20 v i r 10 a high frequency (low inductance, 500 mhz 3 ghz) pin diodes minimum maximum typical maximum typical part package breakdown series total total total number marking lead voltage resistance capacitance capacitance inductance hsmp- code code configuration v br (v) r s ( ? )c t (pf) c t (pf) l t (nh) 4820 fa a dual anode 50 0.6 0.75 1.0 1.0 482b fa a dual anode test conditions v r = v br i f = 10 ma f = 1 mhz f = 1 mhz f = 500 mhz C measure v r = 20 v v r = 0 v 3 ghz i r 10 a note: 1. package marking code is white, except for HSMP-482B, which is laser marked.
3 typical parameters at t c = 25 c (unless otherwise noted), single diode figure 3. rf resistance at 25 c vs. forward bias current. 100 10 1 0.1 rf resistance (ohms) i f ?forward bias current (ma) 0.01 0.1 1 10 100 1.4 1.2 1.0 0.8 0.6 0 1020304050 v r ?reverse voltage (v) capacitance (pf) figure 4. capacitance vs. reverse voltage. 120 115 110 105 100 95 90 85 11030 i f ?forward bias current (ma) figure 5. 2nd harmonic input intercept point vs. forward bias current. input intercept point (dbm) diode mounted as a series attenuator in a 50 ohm microstrip and tested at 123 mhz forward current (ma) figure 2. reverse recovery time vs. forward current for various reverse voltages. t rr ?reverse recovery time (ns) 1 10 100 10 20 30 v r = 2 v v r = 5 v v r = 10 v 100 10 1 0.1 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 i f ?forward current (ma) v f ?forward voltage (ma) figure 1. forward current vs. forward voltage. 125 c 25 c ?0 c cw power in (dbm) figure 6. large signal transfer curve of the hsmp-482x limiter. cw power out (dbm) 0 30 25 20 15 10 5 0 40 10 5 20 25 30 35 15 measured with external bias return 1.0 ghz 1.5 ghz typical applications for multiple diode products rf common rf 1 bias 1 rf 2 bias 2 figure 7. simple spdt switch, using only positive current. figure 8. high isolation spdt switch, dual bias. rf common bias bias rf 2 rf 1
4 typical applications for multiple diode products, continued bias figure 9. switch using both positive and negative bias current. figure 10. very high isolation spdt switch, dual bias. figure 11. high isolation spst switch (repeat cells as required. figure 12. power limiter using hsmp-3822 diode pair. see application note 1050 for details. rf common rf 1 rf 2 bias rf common rf 2 rf 1 bias
5 typical applications for hsmp-482x low inductance series microstrip series connection for hsmp-482x series in order to take full advantage of the low inductance of the hsmp-482x series when using them in series applications, both lead 1 and lead 2 should be connected together, as shown in figure 14. 12 3 hsmp-482x figure 13. internal connections. figure 14. circuit layout. microstrip shunt connections for hsmp-482x series in figure 15, the center conductor of the microstrip line is inter- rupted and leads 1 and 2 of the hsmp-482x diode are placed across the resulting gap. this forces the 0.5 nh lead inductance of leads 1 and 2 to appear as part of a low pass filter, reducing the shunt parasitic inductance and increasing the maximum available attenuation. the 0.3 nh of shunt inductance external to the diode is created by the via holes, and is a good estimate for 0.032" thick material. 50 ohm microstrip lines pad connected to ground by two via holes figure 15. circuit layout, hsmp-482x limiter. 0.3 nh 0.3 nh 0.8 pf 1.5 nh 1.5 nh figure 16. equivalent circuit. co-planar waveguide shunt connection for hsmp-482x series co-planar waveguide, with ground on the top side of the printed circuit board, is shown in figure 17. since it eliminates the need for via holes to ground, it offers lower shunt parasitic inductance and higher maximum attenuation when compared to a microstrip circuit. see an1050 for details. co-planar waveguide groundplane center conductor groundplane figure 17. circuit layout. 0.8 pf 0.75 nh figure 18. equivalent circuit.
6 assembly information sot-323 pcb footprint a recommended pcb pad layout for the miniature sot-323 (sc-70) package is shown in figure 19 (dimensions are in inches). this layout provides ample allowance for package placement by auto- mated assembly equipment without adding parasitics that could impair the performance. 0.026 0.035 0.07 0.016 figure 19. pcb pad layout (dimensions in inches). sot-23 pcb footprint 0.037 0.95 0.037 0.95 0.079 2.0 0.031 0.8 dimensions in inches mm 0.035 0.9 figure 20. pcb pad layout. time (seconds) t max temperature ( c) 0 0 50 100 150 200 250 60 preheat zone cool down zone reflow zone 120 180 240 300 figure 21. surface mount assembly profile. smt assembly reliable assembly of surface mount components is a complex process that involves many material, process, and equipment factors, including: method of heating (e.g., ir or vapor phase reflow, wave soldering, etc.) circuit board material, conductor thickness and pattern, type of solder alloy, and the thermal conductivity and thermal mass of components. components with a low mass, such as the sot-323/-23 package, will reach solder reflow temperatures faster than those with a greater mass. agilent s diodes have been qualified to the time-temperature profile shown in figure 21. this profile is representative of an ir reflow type of surface mount assembly process. after ramping up from room temperature, the circuit board with components attached to it (held in place with solder paste) passes through one or more preheat zones. the preheat zones increase the temperature of the board and components to prevent thermal shock and begin evaporat- ing solvents from the solder paste. the reflow zone briefly elevates the temperature sufficiently to produce a reflow of the solder. the rates of change of tempera- ture for the ramp-up and cool- down zones are chosen to be low enough to not cause deformation of the board or damage to compo- nents due to thermal shock. the maximum temperature in the reflow zone (t max ) should not exceed 235 c. these parameters are typical for a surface mount assembly process for agilent diodes. as a general guideline, the circuit board and components should be exposed only to the minimum tempera- tures and times necessary to achieve a uniform reflow of solder.
7 package characteristics lead material ................................... copper (sot-323); alloy 42 (sot-23) lead finish ............................................................................ tin-lead 85-15% maximum soldering temperature .............................. 260 c for 5 seconds minimum lead strength .......................................................... 2 pounds pull typical package inductance .................................................................. 2 nh typical package capacitance .............................. 0.08 pf (opposite leads) ordering information specify part number followed by option. for example: h smp - 382x - xxx bulk or tape and reel option part number; x = lead code surface mount pin option descriptions -blk = bulk, 100 pcs. per antistatic bag -tr1 = tape and reel, 3000 devices per 7" reel -tr2 = tape and reel, 10,000 devices per 13" reel tape and reeling conforms to electronic industries rs-481, taping of surface mounted components for automated placement. for lead-free option, the part number will have the character "g" at the end, eg. -tr2g for a 10k pc lead-free reel. package dimensions outline sot-323 (sc-70) outline 23 (sot-23) 2.20 (0.087) 2.00 (0.079) 1.35 (0.053) 1.15 (0.045) 1.30 (0.051) ref. 0.650 bsc (0.025) 2.20 (0.087) 1.80 (0.071) 0.10 (0.004) 0.00 (0.00) 0.25 (0.010) 0.15 (0.006) 1.00 (0.039) 0.80 (0.031) 0.20 (0.008) 0.10 (0.004) 0.30 (0.012) 0.10 (0.004) 0.30 ref. 10 0.425 (0.017) typ. dimensions are in millimeters ( inches ) package marking code (xx) x x x date code (x) 3 1 2 side view top view end view dimensions are in millimeters ( inches ) 1.02 (0.040) 0.89 (0.035) 0.60 (0.024) 0.45 (0.018) 1.40 (0.055) 1.20 (0.047) 2.65 (0.104) 2.10 (0.083) 3.06 (0.120) 2.80 (0.110) 2.04 (0.080) 1.78 (0.070) 1.02 (0.041) 0.85 (0.033) 0.152 (0.006) 0.066 (0.003) 0.10 (0.004) 0.013 (0.0005) 0.69 (0.027) 0.45 (0.018) 0.54 (0.021) 0.37 (0.015) x x x package marking code (xx) date code (x)
8 tape dimensions and product orientation for outline sot-23 note: "ab" represents package marking code. "c" represents date code. end vie w 8 mm 4 mm top view abc abc abc abc device orientation for outlines sot-23/323 user feed direction cover tape carrier tape reel 9 max a 0 p p 0 d p 2 e f w d 1 ko 8 max b 0 13.5 max t1 description symbol size (mm) size (inches) length width depth pitch bottom hole diameter a 0 b 0 k 0 p d 1 3.15 0.10 2.77 0.10 1.22 0.10 4.00 0.10 1.00 + 0.05 0.124 0.004 0.109 0.004 0.048 0.004 0.157 0.004 0.039 0.002 cavity diameter pitch position d p 0 e 1.50 + 0.10 4.00 0.10 1.75 0.10 0.059 + 0.004 0.157 0.004 0.069 0.004 perforation width thickness w t1 8.00 + 0.30 ? 0.10 0.229 0.013 0.315 + 0.012 ? 0.004 0.009 0.0005 carrier tape cavity to perforation (width direction) cavity to perforation (length direction) f p 2 3.50 0.05 2.00 0.05 0.138 0.002 0.079 0.002 distance between centerline
www.agilent.com/semiconductors for product information and a complete list of distributors, please go to our web site. for technical assistance call: americas/canada: +1 (800) 235-0312 or (916) 788-6763 europe: +49 (0) 6441 92460 china: 10800 650 0017 hong kong: (65) 6756 2394 india, australia, new zealand: (65) 6755 1939 japan: (+81 3) 3335-8152(domestic/international), or 0120-61-1280(domestic only) korea: (65) 6755 1989 singapore, malaysia, vietnam, thailand, philippines, indonesia: (65) 6755 2044 taiwan: (65) 6755 1843 data subject to change. copyright ? 2004 agilent technologies, inc. obsoletes 5988-3145en ma r ch 24 , 2004 5989-0483en p p 0 p 2 f w c d 1 d e a 0 an t 1 (carrier tape thickness) t t (cover tape thickness) an b 0 k 0 description symbol size (mm) size (inches) length width depth pitch bottom hole diameter a 0 b 0 k 0 p d 1 2.40 0.10 2.40 0.10 1.20 0.10 4.00 0.10 1.00 + 0.25 0.094 0.004 0.094 0.004 0.047 0.004 0.157 0.004 0.039 + 0.010 cavity diameter pitch position d p 0 e 1.55 0.05 4.00 0.10 1.75 0.10 0.061 0.002 0.157 0.004 0.069 0.004 perforation width thickness w t 1 8.00 0.30 0.254 0.02 0.315 0.012 0.0100 0.0008 carrier tape cavity to perforation (width direction) cavity to perforation (length direction) f p 2 3.50 0.05 2.00 0.05 0.138 0.002 0.079 0.002 distance for sot-323 (sc70-3 lead) an 8 c max for sot-363 (sc70-6 lead) 10 c max angle width tape thickness c t t 5.4 0.10 0.062 0.001 0.205 0.004 0.0025 0.00004 cover tape tape dimensions and product orientation for outline sot-323


▲Up To Search▲   

 
Price & Availability of HSMP-482B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X