Part Number Hot Search : 
001456 630D101 2N2221AX 2000411 000WD SS110L SK74150 2N2221AX
Product Description
Full Text Search
 

To Download FMR-05D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  40 fmr - 05d 27 mhz radio data receiver the fmr - 05d radio data receiver is used for long distance digital data communications. the small size and low power consumption makes the fmr - 05d most suitable for portable applications. the fully screened metal housing makes it less susceptible to inter ference. together with its low cost it allows for this data receiver to be used in many diverse applications. FMR-05D 27.145 mhz data receiver elsema current : 3.5 ma frequency response: 20-1500hz supply : 4.5 - 5.5 v dc supply +5volts dc signal strength data out antenna ground scale 1 : 1 applications include se curity systems radio data communications telecommand systems commercial/industrial telemetry alarms the fmr - 05d receiver and the fmt - 2705 can be combined to form a transceiver. this transceiver has a reliable operating range of up to 2100 metres in open field conditions and at speeds of 2400 bps. the +5 v olts connection is the supply connection. the ground connection is used for the supply and shield connection if a coaxial cable is used with the antenna. ground connection for shield connection is next to the antenna pin. the antenna connection is used for the antenna connection the data connection output is for the digital data received at 0 to 5 volts. the signal strength connection is a relative signal strength indicator. see below chart for outp ut levels. nb: care should be taken that a data signal of 50% duty cycle is used. see notes on data format. 0 1 2 3 4 5 -100 -90 -80 -70 -55 -35 rf input (dbm) rssi output (vdc)
41 technical data on 27mhz fmr - 05d supply voltage : 4.5 to 5.5 v dc, absolute maximum 6.5vdc current consumption 3.5ma receiver type : dua l conversion superheterodyne receiving frequency : 27.145 mhz (other frequencies available on 27.045, 27.195 and 27.455 mhz. the 27.455 frequency is not available for australia). type of crystals used : 10.245 mhz, fundamental, 20pf, 30ppm. 16.495 mhz, fundamental, 20pf, 30ppm. operating temperature range : - 5 to + 50c 1 st if frequency : 10.7 mhz 2 nd if frequency : 455 khz selectivity : - 6 db at + - 5 khz, - 20 db at + - 6khz image rejection : at 26.285mhz better than ? 60db sensitivity : - 107dbm or 1v type of demodulation : narrow - band - width frequency modulation (fm). occupied band width : + - 5.0 khz frequency response : 20 to 1500 hz with 50% duty cycle (other duty cycles will degrade sensitivity) b aud rate : 40 to 3000 bps with 50% duty cycle data output level : 0 to 5 volts. see below circuit for output impedance. signal strength output : 4.42 volts at ? 100dbm (indicates a valid signal) antenna : 50 ohms, 27 mhz cb - antenna or piece of appr oximately 1 metre of wire. dimensions : 50 x 33 x 16 mm weight : 22 grams useable transmitters : elsema fmt - 2705. data output circuit diagram mc13135 + _ 10 k w 10 w 220 k w data 74hc132 antenna 270 pf 12 pf +5v +5v nb: the data output connection constantly outputs a noise signal between 0 to 5 volts. when sensing the data pin, care should be taken so that the noise signal is not decoded as data. use the signal strength connection to detect a valid data.
42 fmr - 05d data format it is important to input the correct data format otherwise the receiver will have a lower sensitivity which will result in a reduced transmission range. the fmr - 05d receiver data slicer is set for 50/50 - duty cycle, therefore the ?dat a output? should have a 50/50 - duty cycle. the 50/50 - duty cycle data can be pulse - width modulated to transmit resets, 0?s or 1?s. see diagram below : reset / start pulse bit 1 logic 1 bit 2 logic 0 average dc signal a 50/50 - duty cycle will have an average dc signal resulting in a constant reference for the data slicer. users should use pulse - width modulation to transmit data with logic 1?s or 0?s. if a different duty cycle is used, for example 66/33 (m anchester format) the data slicer in the receiver will try to adjust itself to the average dc signal. since this average dc signal is changing with different data bits this will result in a constantly changing reference for the data slicer, resulting in lo wer sensitivity. see diagram below : logic 1 logic 0 changing dc signal only 50/50 duty cycle data is suitable for the fmt - 2705 transmitter and fmr - 05d receiver.


▲Up To Search▲   

 
Price & Availability of FMR-05D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X