Part Number Hot Search : 
55N1T K1010 23K61 PA28F200 BDR2G 4410Z VFD10C05 RKI120
Product Description
Full Text Search
 

To Download 0908580526 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0908580526 status: active overview: rast_5_connector_system description: 5.00mm (.197") pitch appli-mate rast 5 header, vertical, 3 circuits, reference k02 documents: 3d model drawing (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 90858 application wire-to-board overview rast_5_connector_system product name rast 5 physical breakaway no circuits (loaded) 3 circuits (maximum) 3 color - resin natural durability (mating cycles max) 10 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal brass material - plating mating tin material - plating termination tin number of rows 1 orientation vertical pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb locator yes pcb retention none pcb thickness recommended (in) 0.055 in pcb thickness recommended (mm) 1.40 mm packaging type bag pitch - mating interface (in) 0.197 in pitch - mating interface (mm) 5.00 mm polarized to pcb yes shrouded fully stackable yes surface mount compatible (smc) no temperature range - operating -20c to +85c termination interface: style through hole electrical current - maximum per contact 16a voltage - maximum 250v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90858 series mates with appli-mate 5.0 idt connector system female receptacle 90835 , 90833
material info reference - drawing numbers packaging specification pk-90858-001 sales drawing sd-90858-001 this document was generated on 06/08/2010 please check www.molex.com for latest part information








▲Up To Search▲   

 
Price & Availability of 0908580526

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X