Part Number Hot Search : 
10000 04VYX ZL50212 1808569 D8237A 362605 CA3126 A1036
Product Description
Full Text Search
 

To Download RW2-0505D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.recom-international.com 1 02-april-2007 part number input rated output output current efficiency capacitive voltage range voltage full load typ./nom vin load max. dip16 (vdc) (vdc) (ma) (%) f rw2-053.3s (h2/h3) 4.5 - 9 3.3 500 68 1000 rw2-0505s (h2/h3) 4.5 - 9 5 400 73 1000 rw2-0509s (h2/h3) 4.5 - 9 9 222 74 470 rw2-0512s (h2/h3) 4.5 - 9 12 166 75 220 rw2-0515s (h2/h3) 4.5 - 9 15 134 75 100 rw2-123.3s (h2/h3) 9 - 18 3.3 500 69 1000 rw2-1205s (h2/h3) 9 - 18 5 400 75 1000 rw2-1209s (h2/h3) 9 - 18 9 222 78 470 rw2-1212s (h2/h3) 9 - 18 12 166 80 220 rw2-1215s (h2/h3) 9 - 18 15 134 80 100 rw2-243.3s (h2/h3) 18 - 36 3.3 500 70 1000 rw2-2405s (h2/h3) 18 - 36 5 400 78 1000 rw2-2409s (h2/h3) 18 - 36 9 222 81 470 rw2-2412s (h2/h3) 18 - 36 12 166 83 220 rw2-2415s (h2/h3) 18 - 36 15 134 83 100 rw2-483.3s (h2/h3) 36 - 72 3.3 500 73 1000 rw2-4805s (h2/h3) 36 - 72 5 400 76 1000 rw2-4809s (h2/h3) 36 - 72 9 222 79 470 rw2-4812s (h2/h3) 36 - 72 12 166 81 220 rw2-4815s (h2/h3) 36 - 72 15 134 81 100 rw2-053.3d (h2/h3) 4.5 - 9 3.3 250 68 470 RW2-0505D (h2/h3) 4.5 - 9 5 200 73 470 rw2-0509d (h2/h3) 4.5 - 9 9 111 74 220 rw2-0512d (h2/h3) 4.5 - 9 12 83 75 100 rw2-0515d (h2/h3) 4.5 - 9 15 67 75 47 rw2-123.3d (h2/h3) 9 - 18 3.3 250 69 470 rw2-1205d (h2/h3) 9 - 18 5 200 75 470 rw2-1209d (h2/h3) 9 - 18 9 111 78 220 rw2-1212d (h2/h3) 9 - 18 12 83 80 100 rw2-1215d (h2/h3) 9 - 18 15 67 80 47 rw2-243.3d (h2/h3) 18 - 36 3.3 250 70 470 rw2-2405d (h2/h3) 18 - 36 5 200 78 470 rw2-2409d (h2/h3) 18 - 36 9 111 81 220 rw2-2412d (h2/h3) 18 - 36 12 83 83 100 rw2-2415d (h2/h3) 18 - 36 15 67 83 47 rw2-483.3d (h2/h3) 36 - 72 3.3 250 73 470 rw2-4805d (h2/h3) 36 - 72 5 200 78 470 rw2-4809d (h2/h3) 36 - 72 9 111 81 220 rw2-4812d (h2/h3) 36 - 72 12 83 83 100 rw2-4815d (h2/h3) 36 - 72 15 67 83 47 standard isolation is 1kvdc. add suffix /h2 for 2kvdc isolation, /h3 for 3kvdc isolation. add suffix /smd for smd package e.g. rw2-0505s/h3/smd 2 watt dip16 & smd single & dual output econoline dc/dc-converter rw2 series 2:1 wide range voltage input 1kvdc, 2kvdc and 3kvdc isolation ul94v-0 package material continuous short circuit protection low ripple and noise dip16 and smd versions available efficiency to 83% features regulated converters selection guide 
           
 

    

 derating-graph (ambient temperature)
2 www.recom-international.com 02-april-2007 ! "   #   ! ! ! $%  "&! ! #!" ! %  ! ! ! ! !'! (
') 
* + recommended footprint details xx.x 0.5 mm xx.xx 0.35 mm package style and pinning (mm) pin connections pin # single dual 1 Cvin Cvin 7 nc nc 8 nc com 9 +vout +vout 10 Cvout Cvout 16 +vin +vin nc = no connection input voltage range 2:1 output accuracy 2% typ. line voltage regulation 0.5% max. load voltage regulation (20% to 100% full load) 0.5% typ. output ripple and noise (20mhz limited) 50mvp-p max. switching frequency (at full load) 100khz min. efficiency at full load 70% min. / 80% typ. isolation voltage (tested for 1 second) 1000vdc min. h2 2000vdc min. h3 3000vdc min. rated working voltage (long term isolation) see application notes isolation capacitance 30pf max. isolation resistance 1g ? min. short circuit protection continuous operating temperature range C40c to +85c storage temperature range C55c to +125c relative humidity 95% rh package weight 6.4g mtbf (+25c) using mil-hdbk 217f 4366 x103 hours . (+85c) using mil-hdbk 217f 658 x103 hours electrical specifications (measured at t a = 25c, at nominal input voltage and rated output current unless otherwise specified) rw2 series econoline dc/dc-converter } detailed information see application notes chapter "mtbf" description high power-density, 2:1 input voltage range and a wide temperature range of -40c to +85c are just some of the characteristics of this versatile surface mount converter, ideal for highly sophisticated industrial designs where space is at a premium. ! "   #    ! ! #!" $%  "&! 
 !&! ! ! ! "! "!" #!" ! !( %  ! ! 16 pin dip package 16 pin smd package


▲Up To Search▲   

 
Price & Availability of RW2-0505D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X