Part Number Hot Search : 
1310A 23990 2800A ZXSC410 216X7 MC3303PT BR120 ST3232BN
Product Description
Full Text Search
 

To Download MES30C-1-1P1J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3 pole ac inlet iec320-c6 class power ( with earth pin) full output 3~48v safety approval protections: short circuit / overload / over voltage / over temp. fully enclosed plastic case fix switching frequency and regulation topology: top switch circuit led indicator for power on approvals: ul / cul / tuv / cb / ce 2 years warranty specification mes30c-0p1j mes30c-1p1j MES30C-1-1P1J mes30c-2p1j mes30 c-3p1j mes30c-4p1j mes30c-5p1j mes30c-6p1j mes30c-8p1j order no. safety model no. dc voltage note.2 rated current current range rated power ripple & noise (max.) note.3 output setup, rise, hold up time voltage range frequency range efficiency (typ.) ac current input environment inrush current (max.) leakage current (max.) safety standards safety & emc (note. 7) working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing protection 3.3v 5v 7.5v 9v 12v 15v 18v 24v 48v mes30c-0 mes30c-1 mes30c-1-1 mes30c-2 mes30c-3 mes30c-4 m es30c-5 mes30c-6 mes30c-8 5a 5a 3.33a 3.33a 2.5a 2.0a 1.66a 1.25a 0.62a 0 ~ 5a 0 ~ 5a 0 ~ 3.33a 0 ~3.33a 0 ~ 2.5a 0 ~ 2.0a 0 ~ 1.66a 0 ~ 1.25a 0 ~ 0.62a 16.5w 25w 25w 30w 30w 30w 30w 30w 30w 30mvp-p 30mvp-p 40mvp-p 50mvp-p 50mvp-p 60mvp-p 70mvp-p 80 mvp-p 100mvp-p voltage tolerance note.4 line regulation note.5 load regulation note.6 8.0% 5.0% 4.0% 4.0% 3.0% 2.0% 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 8.0% 5.0% 4.0% 4.0% 3.0% 2.0% 2.0% 2.0% 2.0% 300ms, 50ms, 16ms at full load 90 ~ 264vac 135 ~ 370vdc 47~63hz 56% 70% 72% 74% 76% 150~350% rated output power 78% 78% 80% 82% 0.8a / 100vac 35a / 230vac 0.3ma / 240vac ul2601-1, iec601-1, en60601-1 approved withstand voltage isolation resistance i/p-o/p: 5656vdc , i/p-fg: 2828vdc i/p-o/p, i/p-fg:100m ohms / 500vdc / 25 / 70% rh 400khrs min. mil-hdbk-217f (25 ) 0 ~ +65 (refer to output load derating curve) 20% ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03% / ( 0 ~ 50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 108*67*36mm (l*w*h) 0.3kg ; 54pcs/ 20kg / carton 1.all parameters are specified at 230vac input, rated load, 25 70% rh ambi ent. 2.dc voltage: the output voltage set at point measure by plug terminal & 50% lo ad. 3.ripple & noise are measured at 20mhz by using a 12" twisted pair terminated w ith a 0.1uf & 47uf capacitor. 4.tolerence: includes set up tolerance, line regulation, load regul ation. 5.line regulation is measured from low line to high line at rated load. 6.load regulation is measured from 0% to 100% rated load. 7.the power supply is considered a component which will be installed into a f inal equipment. the final equipment must be re-confirmed that it still me ets emc directives. file name:mes30c-spec 2009-02-20 connector plug cable standard type for stock ther type available by customer requested p1j: 2.1 * 5.5 * 11mm, turning fork type, center positive ; o voltage adj. range fixed features : overload over voltage 112 ~ 250% rated output power protection type : hiccup mode, recovers automatically after fault con dition is removed 110 ~ 140% rated output voltage protection type : hiccup mode, recovers automatically after fault con dition is removed tj 135 typically (ic1) detect on main control ic over temperature protection type : shut down o/p voltage, recovers automatically after t emperature goes down compliance to en55011(cispr11) class b compliance to en61000-3-2,3 compliance to en60601-1-2 (en61000-4-2,3,4,5,6,8,11), env50 204, l criteria a ight industry level, harmonic current ems immunity emi conduction & radiation 16.5~30w ac-dc single output and medical type desktop m e s 3 0 c s e r i e s en 60601-1iec 60601-1 spt-2 16awg 4ft for 3.3 ~ 7.5v ; ul1185 18awg 6ft for 9 ~48v
u s p - 2 2 5 s e r i e s u s p - 2 2 5 s e r i e s mechanical specification derating curve file name:mes30c-spec 2009-02-20 unit:mm plug assignment 69.9 42 rubber footx4 name plate 45 67 18 33.5 r1 3 36 power led 106 switching adaptor 108 standard plug: p1j (option) 36 67 ta ( ) load (%) 0 15 30 45 40 60 70 50 100 static characteristics input voltage load (%) 0 50 60 70 60 100 260 80 90 100 80 m e s 3 0 c s e r i e s 16.5~30w ac-dc single output and medical type desktop p/n output p1j center + ul 1185 18awg 6ft for others spt-2 16awg 4ft for 3.3v,5v,7.5v id 2.1 x od 5.5 11 c"+" 100 10mm


▲Up To Search▲   

 
Price & Availability of MES30C-1-1P1J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X