Part Number Hot Search : 
1PMT4107 LUR81D PM7205 1H330 NJM2527 LTC4352 KSC3502E 100FC
Product Description
Full Text Search
 

To Download LS74-471-RM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part 6 number inductance 1 ( h) test frequency (khz) i dc max 2 (a) dcr max ( ? ) features -will handle up to 1.84a -economical design -suitable for pick and place - withstands solder re?ow -shielded design applications -dc/dc converters -output power chokes -handheld and pda applications -battery powered or low voltage applications surface mount power inductors ls74 series mechanical electrical specifications speci?cations subject to change without notice. packaging -reel diameter: 330mm -reel width: 16.3mm -pieces per reel: 1000 ls-5 1. tested @ 1khz, 0.25vrms. 2. inductance drop = 10% at rated i dc max. 3. electrical speci?cations at 25oc. 4. operating temperature range: -40oc to +85oc. 5. meets ul 94v-0. 6. optional tolerances: 10%(k), 15%(l), and 30%(n). ??? ?????? ? ?? ? ? ?? ???????? ?? ? ??? ?????????? ? ?????????? ? ??????????? ?? ? ?? ? ?? ? ?????? ? ls74-100-rm ls74-120-rm ls74-150-rm ls74-180-rm ls74-220-rm ls74-270-rm ls74-330-rm ls74-390-rm ls74-470-rm ls74-560-rm ls74-680-rm ls74-820-rm ls74-101-rm ls74-121-rm ls74-151-rm ls74-181-rm ls74-221-rm ls74-271-rm ls74-331-rm ls74-391-rm LS74-471-RM ls74-561-rm ls74-681-rm ls74-821-rm ls74-102-rm 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 0.049 0.058 0.081 0.091 0.11 0.15 0.17 0.23 0.26 0.35 0.38 0.43 0.61 0.66 0.88 0.98 1.17 1.64 1.86 2.85 3.01 3.62 4.63 5.20 6.00 1.84 1.71 1.47 1.31 1.23 1.12 .96 .91 .88 .75 .69 .61 .60 .52 .46 .42 .36 .34 .32 .29 .26 .23 .22 .20 .18 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 (10/06) ????????????????????? ????????????????????? ???????????????? ???? ??????????????????? ????? ???????? ?? ??


▲Up To Search▲   

 
Price & Availability of LS74-471-RM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X