Part Number Hot Search : 
R7S01212 FMA411 RL253 A1043 NCP1201 IR2237JQ CY29947 LA4605
Product Description
Full Text Search
 

To Download LQR2W472MSEG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v item performance characteristics after an application of charge-discharge voltage for 20million times (charge-discharge voltage difference( ? v)=rated voltage 0.3, cycle 3hz)capacitors shell meet the characteristics requirement listed at right after an application of dc voltage (in the range of rated voltage even after over-lapping the standard ripple current) for 5,000 hours at 85 c, capacitors meet the characteristics requirements listed at right. aluminum electrolytic capacitors qr hi speed charge- discharge qr series screw terminal type, high speed charge-discharge suited for high frequency regenerative voltage for ac servomotor, general inverter. suited for equipment used at valtage fluctuating area. suited for rectifier circuit of voltage doubler available for adapted to the rohs directive (2002/95/ec). specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance of charge- discharge behavior endurance shelf life marking 25 ~ +85 c 350 ~ 450v 680 ~ 15000 f 20% at 120hz, 20 c after 5 minutes' application of rated voltage, leakage current is not more than ( a) or 5 ma, whichever is smaller (at 20 c ). [c : rated capacitance(f), v : voltage (v) ] after storing the capacitors under no load at 85 c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they will meet the specified value for endurance characteristics listed above. (measurement frequency:120hz, temperature:20 c) rated voltage (v) 350 400 450 tan (max.) 0.15 0.15 0.15 rated voltage (v) 350 ~ 450 z 25 c / z+20 c 8 impedance ratio zt/z20(max.) measurement frequency : 120hz printed with white color letter on darkbrown sleeve. p 7 5 pressure relief vent pressure relief vent a 2 120? 30? sleeve bottom plate w 1 d + 2 max. hexagenal headed bolt p 2 b t u s l + max. h 1 1 h u s p a 2 t pressure relief vent 291 451 10 3.5 24 7 + 30? sleeve bottom plate 6 1 12.71 35 +2max hexagenal headed bolt (m5) l +3max. 150.5 10 f 35 screw terminal type drawing 51 ~ 90 screw terminal type dimension table in next page. b 3-leg brackets for 90 capacitors have different hole shapes from the ordinary ones illustrated below. 7.5 8.0 7.0 8.0 6.0 7.0 6.0 6.0 5.0 5.0 5.0 5.0 4.5 4.5 4.5 4.5 14 14 14 14 30 30 30 30 51 63.5 76.2 90 51 63.5 76.2 90 32.5 38.1 44.5 50.8 33.2 40.5 46.5 53 38.5 43 49.2 58.5 40 46.5 53 59 20 25 30 35 25 35 35 35 15 20 24 25 15 20 20 20 12 14 14 18 60 60 60 60 dimension of mounting bracket p a h h t s u 3--leg 2--leg symbol leg shape d dw r nominal dia. of bolt 51 22.0 6 3 m 5 63.5 28.6 6 3 m 5 76.2 31.8 6 3 m 5 90 31.8 6 3 m 5 dimension of terminal pitch (w) and length ( r ) and nominal dia. of bolt (mm) (mm) nx type numbering system ( example : 400v 1800 f ) l 1 q 2 r 3 2 4 g 5 1 6 8 7 2 8 m 9 s 10 ef 11 12 13 14 capacitance tolerance ( 20% ) case dia. code resin bushing available upon request. mounting bracket d rated capacitance ( 1800 f ) rated voltage ( 400v ) series name type 35 51 63.5 code less bn 2-leg brackets no brackets 76.2 90 c f g h j code code less bb bn 3-leg brackets 2-leg brackets no brackets ( 51 ~ 90) ( 35) configuration configuration please contact us if pvcless products are required cr ( iii ) plating (rohs compliant) se capacitance change tan leakage current appearance within 20% of initial value 300% or less of initial specified value initial specified value or less there shell be found to remarkable abnormality on the capacitor capacitance change tan leakage current within 20% of initial value 300% or less of initial specified value initial specified value or less 3 cv
cat.8100v aluminum electrolytic capacitors qr series 820 1000 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 35 80 35 100 51 80 51 100 51 110 63.5 80 51 130 63.5 90 63.5 110 76.2 80 51 170 76.2 90 0 63.5 150 76.2 110 63.5 170 76.2 130 90 100 63.5 190 76.2 150 76.2 170 90 130 76.2 190 90 190 3.3 4.3 7.2 9.1 10.8 10.6 12.4 11.9 14.6 14.1 17.0 16.4 20.4 19.7 23.5 22.9 22.5 27.1 26.4 31.1 30.2 35.7 40.5 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 1.60 1.77 2.38 2.63 2.91 2.91 3.22 3.22 3.50 3.50 3.84 3.84 4.20 4.20 4.62 4.62 4.62 5.00 5.00 5.00 5.00 5.00 5.00 lqr2v821msec lqr2v102msec lqr2v182msef lqr2v222msef lqr2v272msef lqr2v272mseg lqr2v332msef lqr2v332mseg lqr2v392mseg lqr2v392mseh lqr2v472msef lqr2v472mseh lqr2v562mseg lqr2v562mseh lqr2v682mseg lqr2v682mseh lqr2v682msej lqr2v822mseg lqr2v822mseh lqr2v103mseh lqr2v103msej lqr2v123mseh lqr2v153msej 350v (2v) 400v 680 820 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 35 80 35 100 51 80 51 90 51 110 63.5 90 0 51 150 63.5 110 63.5 130 76.2 90 0 63.5 150 76.2 110 63.5 170 76.2 130 76.2 150 76.2 170 90 130 90 150 90 170 90 220 3.2 4.1 7.5 9.1 10.4 11.5 13.7 13.2 16.0 15.3 18.7 18.3 22.0 21.4 25.4 28.6 27.8 32.7 37.6 43.0 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 1.56 1.71 2.32 2.54 2.81 3.11 3.44 3.44 3.74 3.74 4.11 4.11 4.48 4.48 4.94 5.00 5.00 5.00 5.00 5.00 lqr2g681msec lqr2g821msec lqr2g152msef lqr2g182msef lqr2g222msef lqr2g272mseg lqr2g332msef lqr2g332mseg lqr2g392mseg lqr2g392mseh lqr2g472mseg lqr2g472mseh lqr2g562mseg lqr2g562mseh lqr2g682mseh lqr2g822mseh lqr2g822msej lqr2g103msej lqr2g123msej lqr2g153msej 450v 400v (2g) 680 820 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 35 100 35 110 51 80 51 100 51 110 63.5 80 51 130 63.5 100 51 150 76.2 80 63.5 130 76.2 100 63.5 150 76.2 110 90 90 63.5 170 76.2 130 90 110 63.5 190 90 130 76.2 170 90 150 90 190 90 220 3.5 3.9 5.2 6.3 7.4 7.9 8.7 8.6 10.2 10.0 12.4 11.8 13.7 14.1 13.6 16.5 16.3 15.8 19.4 19.1 23.3 26.1 31.3 35.5 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 1.65 1.82 2.20 2.46 2.70 2.70 2.98 2.98 3.30 3.30 3.65 3.65 3.97 3.97 3.97 4.36 4.36 4.36 4.76 4.76 5.00 5.00 5.00 5.00 lqr2w681msec lqr2w821msec lqr2w122msef lqr2w152msef lqr2w182msef lqr2w182mseg lqr2w222msef lqr2w222mseg lqr2w272msef lqr2w272mseh lqr2w332mseg lqr2w332mseh lqr2w392mseg lqr2w392mseh lqr2w392msej LQR2W472MSEG lqr2w472mseh lqr2w472msej lqr2w562mseg lqr2w562msej lqr2w682mseh lqr2w822msej lqr2w103msej lqr2w123msej 500v 450v (2w) dimensions rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) v (code) surge v (code) surge v (code) surge rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) rated ripple (arms) at 85 c 120hz frequency coefficient of rated ripple current coefficient 0.82 1.00 1.20 1.35 1.40 frequency (hz) 60 120 360 1k 10k~


▲Up To Search▲   

 
Price & Availability of LQR2W472MSEG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X