Part Number Hot Search : 
SW6310 M54531P S811H1 BX6118 MBR12040 MUR12 44000 LPC1102
Product Description
Full Text Search
 

To Download DDZ9712-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb l ead -fr ee ds30410 rev. 9 - 2 1 of 7 ddz9681 - ddz9717 www.diodes.com  diodes incorporated  500mw power dissipation on ceramic pcb  very tight tolerance on v z  ideally suited for automated assembly processes  lead free by design/rohs compliant (note 2) features maximum ratings @ t a = 25  c unless otherwise specified characteristic symbol value unit forward voltage @ i f = 10ma v f 0.9 v operating and storage temperature range t j, t stg -65 to +150  c mechanical data sod-123 dim min max a 3.55 3.85 b 2.55 2.85 c 1.40 1.70 d ? 1.35 e 0.45 0.65 0.55 typical g 0.25 ? h 0.11 typical j ? 0.10  0  8  all dimensions in mm  case: sod-123  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminal connections: cathode band  terminals: finish - matte tin annealed over alloy 42 leadframe. solderable per mil-std-202, method 208  marking & type code information: see electrical specifications table  ordering information: see page 7  weight: 0.01 grams (approximate) characteristic symbol value unit power dissipation (note 1) p d 500 mw thermal resistance, junction to ambient air (note 1) r  ja 305  c/w thermal characteristics note: 1. device mounted on ceramic pcb = 7.6mm x 9.4mm x 0.87mm with pad areas 25mm 2 at t a = 25  c or mounted on fr-5 = 3.5x1.5 inches with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf, at t l = 75  c. 2. no purposefully added lead. ddz9681 - ddz9717 surface mount precision zener diode a b c d e g h j
ds30410 rev. 9 - 2 2 of 7 ddz9681 - ddz9717 www.diodes.com electrical characteristics table 1 @ t a = 25  c unless otherwise specified notes: 3. nominal zener voltage is measured with the device junction in thermal equilibrium at t t = 30  c  1  c. 4. short duration pulse test used to minimize self-heating effect. type number type code zener voltage range (note 3) maximum reverse leakage current (note 4) v z @i zt i zt i r @v r nom (v) min (v) max (v)  a  a v ddz9681 h9 2.4 2.28 2.52 50 2 1 ddz9682 ha 2.7 2.565 2.835 50 1 1 ddz9683 hb 3.0 2.85 3.15 50 0.8 1 ddz9684 hc 3.3 3.13 3.47 50 7.5 1.5 ddz9685 hd 3.6 3.42 3.78 50 7.5 2 ddz9686 he 3.9 3.70 4.10 50 5 2 ddz9687 hf 4.3 4.09 4.52 50 4 2 ddz9688 hg 4.7 4.47 4.94 50 5 3 ddz9689 hh 5.1 4.85 5.36 50 5 3 ddz9690 hj 5.6 5.32 5.88 50 2 4 ddz9691 hk 6.2 5.89 6.51 50 1 5 ddz9692 hl 6.8 6.46 7.14 50 0.1 5.1 ddz9693 hm 7.5 7.13 7.88 50 0.1 5.7 ddz9694 hn 8.2 7.79 8.61 50 0.1 6.2 ddz9696 hp 9.1 8.65 9.56 50 0.1 6.9 ddz9697 hq 10 9.50 10.50 50 0.1 7.6 ddz9698 hr 11 10.45 11.55 50 0.05 8.4 ddz9699 hs 12 11.40 12.60 50 0.05 9.1 ddz9700 ht 13 12.35 13.65 50 0.05 9.8 ddz9701 hu 14 13.30 14.70 50 0.05 10.6 ddz9702 hv 15 14.25 15.75 50 0.05 11.4 ddz9703 hw 16 15.20 16.80 50 0.05 12.1 ddz9704 h8 17 16.15 17.85 50 0.05 12.9 ddz9705 hy 18 17.10 18.90 50 0.05 13.6 ddz9707 md 20 19.00 21.00 50 0.05 15.2 ddz9708 me 22 20.90 23.10 50 0.05 16.7 ddz9709 mf 24 22.80 25.20 50 0.05 18.2 ddz9711 mh 27 25.65 28.35 50 0.05 20.4 ddz9712 mj 28 26.60 29.40 50 0.05 21.2 ddz9713 mk 30 28.50 31.50 50 0.05 22.8 ddz9714 ml 33 31.35 34.65 50 0.05 25.0 ddz9715 mm 36 34.20 37.80 50 0.05 27.3 ddz9716 mn 39 37.05 40.95 50 0.05 29.6 ddz9717 mo 43 40.85 45.15 50 0.05 32.6
ds30410 rev. 9 - 2 3 of 7 ddz9681 - ddz9717 www.diodes.com 10n 100n 1m 05 i , zener current (a) z v , zener breakdown voltage (v) fi g .3 t y pical reverse characteristics z 10m 100 m 10 15 20 25 30 35 40 45 9696 9697 9698 9699 9700 9701 9692 9688 9681 9693 9694 9702 9703 9705 9707 9708 9709 9711 9714 9715 9717 9716 0 0.1 0.2 0.3 0.4 0.5 25 050 75 100 125 150 p , power dissipation (w) d t , ambient temperature ( c) fi g . 1 power dissipation vs ambient temperature a 0.6 0.7 0.8 0.9 1 . 0 p vs. t on fr-5 dl p vs. t on ceramic pcb da 0 0.2 0.4 0.6 0.8 1.2 1.0 i , instantaneous forward current (ma ) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f 100 10 1.0 0.1 0.01 1000 1m 100n 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10m 100m i,zener c urrent (a) z v , zener breakdown voltage (v) fig. 4 typical reverse characteristics, ddz9681 - ddz969 4 z ddz9681 ddz9688 ddz9692 ddz9694 ddz9693 8.0 11.0 13.0 15.0 i , zener current (a) z v , zener breakdown voltage (v) fi g .5 t y pical reverse characteristics, ddz9696 - ddz9701 z 10.0 12.0 14.0 1m 100n 10m 100 m ddz9697 ddz9696 ddz9700 ddz9701 ddz9698 ddz9699
ds30410 rev. 9 - 2 4 of 7 ddz9681 - ddz9717 www.diodes.com 14 16 18 20 i , zener current (a) z v , zener breakdown voltage (v) fi g .6 t y pical reverse characteristics, ddz9702 - ddz9705 z 15 17 19 ddz9703 1m 100n 10m 100 m ddz9705 ddz9702 19 21 23 25 i , zener current (a) z v , zener breakdown voltage (v) fi g .7 t y pical reverse characteristics, ddz9707 - ddz9709 z 20 22 24 ddz9707 ddz9708 ddz9709 1m 100n 10m 100 m 26 30 34 38 i,zener c urrent (a) z v , zener breakdown voltage (v) fig. 8 typical reverse characteristics, ddz9711 - ddz9715 z 28 32 36 ddz9711 ddz9714 ddz9715 1m 100n 10m 100m 38 42 46 50 i,zener c urrent (a) z v , zener breakdown voltage (v) fig. 9 typical reverse characteristics, ddz9716 - ddz971 7 z 40 44 48 ddz9717 1m 100n 10m 100m ddz9716 0.1 10 100 1 1000 10,000 2 3 4 5 6 7 v , zener voltage (v) fig. 10 typical zener impedance characteristics, ddz9681 - ddz9692 z i = 20ma z i=1ma z i=5ma z 0.1 10 100 1 1000 10 , 000 7 8 9 10 11 12 v , zener voltage (v) fig. 11 typical zener impedance characteristics, ddz969 3 - ddz9699 z i=20ma z i=1ma z i=5ma z
ds30410 rev. 9 - 2 5 of 7 ddz9681 - ddz9717 www.diodes.com 0.1 10 100 1 1000 10 , 000 12 13 14 15 16 17 18 v , zener voltage (v) fig. 12 typical zener impedance characteristics, ddz9699 - ddz9705 z i=5ma z i=1ma z 0.1 10 100 1 1000 10 , 000 18 19 20 21 22 23 24 v , zener voltage (v) fig. 13 typical zener impedance characteristics, ddz9705 - ddz9709 z i=5ma z i=1ma z 0.1 10 100 1 1000 10 , 000 24 26 28 30 32 34 v , zener voltage (v) fig. 14 typical zener impedance characteristics, ddz9709 - ddz9714 z i=2ma z 0.1 10 100 1 1000 10 , 000 36 38 40 42 44 46 48 v , zener voltage (v) fig. 15 typical zener impedance characteristics, ddz9715 - ddz9717 z i=2ma z -0.08 0 . 12 -0.04 -0.06 0610 tc of v , temperature coefficient of zener voltage (%/c) z v , zener voltage (v) z fig. 16 typical temperature coefficient of zener volta g e vs. zener volta g e, ddz9681 - ddz9697 4 2 8 -0.02 0 0.02 0.04 0.06 0.08 0.10 i=5ma zt -0.08 0 . 12 -0.04 -0.06 10 16 20 tc of v , temperature coefficient of zener voltage (%/c) z v , zener voltage (v) z fig. 17 typical temperature coefficient of zener volta g e vs. zener volta g e, ddz9697 - ddz9707 14 12 18 -0.02 0 0.02 0.04 0.06 0.08 0.10 i=5ma zt
ds30410 rev. 9 - 2 6 of 7 ddz9681 - ddz9717 www.diodes.com -0.08 0 . 12 -0.04 -0.06 20 26 30 tc of v , temperature coefficient of zener voltage (%/c) z v , zener voltage (v) z fig. 18 typical temperature coefficient of zener volta g e, ddz9707 - ddz9713 24 22 28 -0.02 0 0.02 0.04 0.06 0.08 0.10 i=5ma zt i=2ma zt -0.08 0 . 12 -0.04 -0.06 30 42 50 tc of v , temperature coefficient of zener voltage (%/c) z v , zener voltage (v) z fig. 19 typical temperature coefficient of zener volta g e, ddz9713 - ddz9717 38 34 46 -0.02 0 0.02 0.04 0.06 0.08 0.10 i=2ma zt c , total capacitance (pf) t 1 10 100 10 100 1 v , nominal zener voltage (v) fig. 20 total capacitance vs nominal zener voltage z t=25c f = 1mhz j v=2v r v=1v r fig. 22 t , ambient temperature (c) a typical leakage vs. ambient temperature, ddz9681 0 100 200 300 400 500 600 -55 -5 45 95 145 i , reverse leakage (na) r 0 v , instantaneous forward voltage (v) f fi g .21t y pical forward characteristics, ddz9681 i , instantaneous forward current (ma ) f 0.01 0.1 1 10 100 1000 0.3 0.6 0.9 1.2 1.5 t = 150c a t = -55c a t=0c a t=25c a t=75c a t=85c a
ds30410 rev. 9 - 2 7 of 7 ddz9681 - ddz9717 www.diodes.com ordering information (note 5) * example: the part number for the 6.2 volt device would be ddz9691-7. note : 5. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. device packaging shipping (type number)-7* sod-123 3000/tape & reel xx = product type marking code (see table 1) ym = date code marking y = year (ex: t = 2006) m = month (ex: 9 = september) xx ym marking information year 2006 2007 2008 2009 2010 2011 2012 code tu v wxy z date code key month jan feb mar apr may jun jul aug sep oct nov dec code 12 34567 89 o nd important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of DDZ9712-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X