Part Number Hot Search : 
TC0194A 01502 MAX168 EPA3284G 1N4746P CEB14G04 MST9220 MAX168
Product Description
Full Text Search
 

To Download BF1118R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description these switches are a combination of a deplet ion type field-effect transistor (fet) and a band-switching diode. the bf1118, BF1118R, bf1118w and bf1118wr are encapsulated in the sot143b, sot143r, sot343n and sot343r respectively. the low loss and high isolation capa bilities of these de vices provide excellent rf switching functions. the gate of the mosf et can be isolated from ground with the diode, resulting in low losses. integrated diodes between gate and source and between gate and drain protect against excessive input voltage surges. 1.2 features and benefits ? specially designed for low loss rf switching up to 1 ghz 1.3 applications ? various rf switching ap plications such as: ? passive loop through for vcr tuner ? transceiver switching 1.4 quick reference data [1] i f = diode forward current. bf1118; BF1118R; bf1118w; bf1118wr silicon rf switches rev. 1 ? 29 june 2010 product data sheet caution this device is sensitive to electrostatic di scharge (esd). therefore care should be taken during transport and handling. table 1. quick reference data symbol parameter conditions min typ max unit l ins(on) on-state insertion loss r s =r l =50 ; f 1ghz; v sk =v dk =0v; i f =0ma [1] --2.5db isl off off-state isolation r s =r l =50 ; f 1ghz; v sk =v dk = 3.3 v; i f =1ma 30 - - db r dson drain-source on-state resistance v ks =0v; i d = 1 ma - 15 23.3 v gs(p) gate-source pinch-off voltage v ds =1v; i d =20 a- ? 2 ? 2.44 v
bf1118_1118r_1118w_1118wr all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 29 june 2010 2 of 13 nxp semiconductors bf1118(r); bf1118w(r) silicon rf switches 2. pinning information [1] drain and source are interchangeable. 3. ordering information table 2. pinning pin description simplified outline graphic symbol bf1118 (sot143b) 1 fet gate; diode anode 2 diode cathode 3 source [1] 4drain [1] BF1118R (sot143r) 1 fet gate; diode anode 2 diode cathode 3 source [1] 4drain [1] bf1118w (sot343n) 1 fet gate; diode anode 2 diode cathode 3 source [1] 4drain [1] bf1118wr (sot343r) 1 fet gate; diode anode 2 diode cathode 3 source [1] 4drain [1] 2 1 3 4 001aai04 2 43 12 21 4 3 001aai04 3 34 21 2 1 3 4 001aai04 2 43 12 21 4 3 001aai04 3 34 21 table 3. ordering information type number package name description version bf1118 - plastic surface-mounted package; 4 leads sot143b BF1118R - plastic surface-mounted package; reverse pinning; 4 leads sot143r bf1118w - plastic surface-mounted package; 4 leads sot343n bf1118wr - plastic surface-mounted package; reverse pinning; 4 leads sot343r
bf1118_1118r_1118w_1118wr all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 29 june 2010 3 of 13 nxp semiconductors bf1118(r); bf1118w(r) silicon rf switches 4. marking 5. limiting values 6. thermal characteristics [1] soldering point of fet gate and diode anode lead. table 4. marking type number marking code bf1118 vc% BF1118R vd% bf1118w vb bf1118wr vc table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit fet v ds drain-source voltage - 3 v v sd source-drain voltage - 3 v v dg drain-gate voltage - 7 v v sg source-gate voltage - 7 v i d drain current - 10 ma diode v r reverse voltage - 35 v i f forward current - 100 ma fet and diode t stg storage temperature ? 65 +150 c t j junction temperature - 150 c table 6. thermal characteristics symbol parameter conditions typ unit r th(j-sp) thermal resistance from junction to solder point [1] 250 k/w
bf1118_1118r_1118w_1118wr all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 29 june 2010 4 of 13 nxp semiconductors bf1118(r); bf1118w(r) silicon rf switches 7. static characteristics 8. dynamic characteristics [1] i f = diode forward current. [2] c i is the series connection of c gs and c gk ; c o is the series connection of c gd and c gk . [3] guaranteed on aql basis; inspection level s4, aql 1.0. table 7. static characteristics t j = 25 c unless otherwise specified. symbol parameter conditions min typ max unit fet v (br)gss gate-source breakdown voltage v ds =0v; i gs =0.1ma 7--v v gs(p) gate-source pinch-off voltage v ds =1v; i d =20 a- ? 2 ? 2.44 v i dsx drain cut-off current v gs = ? 3.3 v; v ds = ? 1 v --16 a i gss gate leakage current v gs = ? 3.3 v; v ds = 0 v - - 100 na r dson drain-source on-state resistance v gs =0v; i d =1ma - 15 23.3 diode v f forward voltage i f = 10 ma - - 1 v i r reverse current v r =25v --50na v r =20v; t amb =75 c --1 a table 8. dynamic characteristics common cathode; t amb = 25 c. symbol parameter conditions min typ max unit fet and diode l ins(on) on-state insertion loss v sk =v dk =0v; i f =0ma [1] r s =r l =50 ; f 1ghz - - 2.5 db r s =r l =50 ; f = 1 ghz - 1.5 - db r s =r l =75 ; f 1ghz - - 2.5 db isl off off-state isolation v sk =v dk = 3.3 v; i f =1ma r s =r l =50 ; f 1ghz 30 - - db r s =r l =50 ; f = 1 ghz - 35 - db r s =r l =75 ; f 1ghz 30 - - db r dson drain-source on-state resistance v ks =0v; i d = 1 ma - 15 23.3 c i input capacitance f = 1 mhz [2] v sk =v dk = 3.3 v; i f =1ma -1-pf v sk =v dk =0v; i f =0ma - 0.65 0.9 pf c o output capacitance f = 1 mhz [2] v sk =v dk = 3.3 v; i f =1ma -1-pf v sk =v dk =0v; i f =0ma - 0.65 0.9 pf diode c d diode capacitance f = 1 mhz; v r =0v - 1.1 - pf r d diode forward resistance i f = 2 ma; f = 100 mhz [3] --0.9
bf1118_1118r_1118w_1118wr all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 29 june 2010 5 of 13 nxp semiconductors bf1118(r); bf1118w(r) silicon rf switches v sk = v dk = 0 v; r s = r l = 50 ; i f = 0 ma (diode forward current). measured in test circuit see figure 3 . v sk = v dk = 3.3 v; r s = r l = 50 ; i f = 1 ma (diode forward current). measured in test circuit see figure 3 . fig 1. on-state insertion loss as a function of frequency; typical values fig 2. off-state isolation as a function of frequency; typical values on-state: v = 0 v. off-state: v = 3.3 v. fig 3. test circuit f (mhz) 0 1000 800 400 600 200 001aal987 ? 2 ? 3 ? 1 0 l ins(on) (db) ? 4 f (mhz) 0 1000 800 400 600 200 001aal988 ? 40 ? 20 0 isl off (db) ? 60 001aal98 9 v 50 output 50 output v 100 k 100 k 4.7 k 47 k 1 nf 1 nf 1 nf 1 nf bf1118/BF1118R/ bf1118w/BF1118Rw
bf1118_1118r_1118w_1118wr all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 29 june 2010 6 of 13 nxp semiconductors bf1118(r); bf1118w(r) silicon rf switches 9. package outline fig 4. package outline sot143b unit a references outline version european projection issue date iec jedec jeita mm 1.1 0.9 a 1 max 0.1 b 1 0.88 0.78 c 0.15 0.09 d 3.0 2.8 e 1.4 1.2 h e y w v q 2.5 2.1 0.45 0.15 0.55 0.45 e 1.9 e 1 1.7 l p 0.1 0.1 0.2 b p 0.48 0.38 dimensions (mm are the original dimensions) sot143b 04-11-16 06-03-16 0 1 2 mm scale plastic surface-mounted package; 4 leads sot143 b d h e e a b v m a x a a 1 l p q detail x c y w m e 1 e b 2 1 3 4 b 1 b p
bf1118_1118r_1118w_1118wr all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 29 june 2010 7 of 13 nxp semiconductors bf1118(r); bf1118w(r) silicon rf switches fig 5. package outline sot143r unit a references outline version european projection issue date iec jedec jeita mm 1.1 0.9 a 1 max 0.1 b 1 0.88 0.78 c 0.15 0.09 d 3.0 2.8 e 1.4 1.2 h e y w v q 2.5 2.1 0.55 0.25 0.45 0.25 e 1.9 e 1 1.7 l p 0.1 0.1 0.2 b p 0.48 0.38 dimensions (mm are the original dimensions) sot143r sc-61aa 04-11-16 06-03-16 0 1 2 mm scale plastic surface-mounted package; reverse pinning; 4 leads sot143 r d h e e a b v m a x a a 1 l p q detail x c y w m e 1 e b 1 2 4 3 b 1 b p
bf1118_1118r_1118w_1118wr all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 29 june 2010 8 of 13 nxp semiconductors bf1118(r); bf1118w(r) silicon rf switches fig 6. package outline sot343n unit a 1 max b p cd e b 1 h e l p qw v references outline version european projection issue date iec jedec eiaj mm 0.1 1.1 0.8 0.4 0.3 0.25 0.10 0.7 0.5 2.2 1.8 1.35 1.15 e 2.2 2.0 1.3 e 1 0.2 y 0.1 0.2 1.15 dimensions (mm are the original dimensions) 0.45 0.15 0.23 0.13 sot343n d e 1 a a 1 l p q detail x c h e e v m a a b 0 1 2 mm scale a x 12 3 4 plastic surface-mounted package; 4 leads sot343 n e w m b 97-05-21 06-03-16 b p y b 1
bf1118_1118r_1118w_1118wr all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 29 june 2010 9 of 13 nxp semiconductors bf1118(r); bf1118w(r) silicon rf switches fig 7. package outline sot343r references outline version european projection issue date iec jedec eiaj sot343r d a a 1 l p q detail x c h e e v m a a b 0 1 2 mm scale x 21 4 3 plastic surface-mounted package; reverse pinning; 4 leads sot343 r w m b 97-05-21 06-03-16 b p unit a 1 max b p cd e b 1 h e l p qw v mm 0.1 1.1 0.8 0.4 0.3 0.25 0.10 0.7 0.5 2.2 1.8 1.35 1.15 e 2.2 2.0 1.3 e 1 0.2 y 0.1 0.2 1.15 dimensions (mm are the original dimensions) 0.45 0.15 0.23 0.13 e 1 a e y b 1
bf1118_1118r_1118w_1118wr all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 29 june 2010 10 of 13 nxp semiconductors bf1118(r); bf1118w(r) silicon rf switches 10. abbreviations 11. revision history table 9. abbreviations acronym description aql acceptable quality level mosfet metal-oxide semiconductor field-effect transistor rf radio frequency s4 special inspection level 4 vcr videocassette recorder table 10. revision history document id release date data sheet status change notice supersedes bf1118_1118r_1118w_1118wr v.1 20100629 product data sheet - -
bf1118_1118r_1118w_1118wr all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 29 june 2010 11 of 13 nxp semiconductors bf1118(r); bf1118w(r) silicon rf switches 12. legal information 12.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 12.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 12.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
bf1118_1118r_1118w_1118wr all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserved. product data sheet rev. 1 ? 29 june 2010 12 of 13 nxp semiconductors bf1118(r); bf1118w(r) silicon rf switches non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive s pecifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully in demnifies nxp semi conductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. 12.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 13. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors bf1118(r); bf1118w(r) silicon rf switches ? nxp b.v. 2010. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 29 june 2010 document identifier: bf1118_1118r_1118w_1118wr please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 14. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description . . . . . . . . . . . . . . . . . . . . . 1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 thermal characteristics . . . . . . . . . . . . . . . . . . 3 7 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 8 dynamic characteristics . . . . . . . . . . . . . . . . . . 4 9 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6 10 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 10 11 revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 12 legal information. . . . . . . . . . . . . . . . . . . . . . . 11 12.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 11 12.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 12.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 12.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 12 13 contact information. . . . . . . . . . . . . . . . . . . . . 12 14 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13


▲Up To Search▲   

 
Price & Availability of BF1118R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X