Part Number Hot Search : 
74F299SC C10100 DL4752A TDA4851 120FC S1300 2460LW 73120
Product Description
Full Text Search
 

To Download AUIRF3805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   www.irf.com 1 hexfet ? power mosfet AUIRF3805 AUIRF3805s AUIRF3805l features  advanced process technology  ultra low on-resistance  175c operating temperature  fast switching  repetitive avalanche allowed up to tjmax  lead-free, rohs compliant  automotive qualified * description specifically designed for automotive applications, this hexfet ? power mosfet utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. additional features of this design are a 175c junction operating temperature, fast switching speed and improved repetitive avalanche rating. these features combine to make this design an extremely efficient and reliable device for use in automotive applications and a wide variety of other applications. s d g gds gate drain source d 2 pak AUIRF3805s to-220ab AUIRF3805 to-262 AUIRF3805l s d g d s d g d s d g d hexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/ v (br)dss 55v r ds(on) typ. 2.6m ? max. 3.3m ? i d (silicon limited) 210a i d (package limited) 160a absolute maximum ratings 

 

    
  
  
        ! "



 #  functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. $
  
 %%  
&     
 &&       ! "   

  '  
 
  
       
  
!       ("  ) 
*+,- 
 '

 & ! automotive grade p arame t er u n it s i d @ t c = 25c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 100c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 25c continuous drain current, v gs @ 10v (package limited) i dm pulsed drain current p d @ t c = 25c power dissipation w linear deratin g factor w/c v gs gate-to-source volta g e v e as sin g le pulse avalanche ener gy ( thermall y limited )  e as (tested ) sin g le pulse avalanche ener gy tested value  i ar avalanche current  a e ar re p etitive avalanche ener gy  mj t j o p eratin g junction and t stg stora g e tem p erature ran g e solderin g tem p erature, for 10 seconds ( 1.6mm from case ) mountin g tor q ue, 6-32 or m3 screw  thermal resistance parameter t yp . max. units r jc junction-to-case  ??? 0.5  r cs case-to-sink, flat greased surface  0.50 ??? r ja junction-to-ambient  ??? 62 r ja junction-to-ambient ( pcb mount )  ??? 40 a 940 650 see fi g .12a, 12b, 15, 16 300 2.0 20 mj max. 210  150  890 160 c c/w -55 to + 175 300 10 lbf in (1.1n m) pd - 96319


2 www.irf.com s d g note  through  ,, ? ? are on page 3 s tat i c el ectr i ca l ch aracter i st i cs @ t j = 2 5 c ( un l ess ot h erw i se spec ifi e d) parameter min. t y p. max. units v (br)dss drain-to-source breakdown volta g e55??????v ? v (br)dss / ? t j breakdown volta g e temp. coefficient ??? 0.051 ??? v/c r ds(on) static drain-to-source on-resistance ??? 2.6 3.3 m ? ( .0 .0 0 0 00 00 dynamic electrical characteristics @ t j = 25c (unless otherwise specified) q g total gate char g e ??? 190 290 q gs gate-to-source char g e ??? 52 ??? q gd gate-to-drain ("miller") char g e ??? 72 ??? t d(on) turn-on dela y time ??? 150 ??? t r rise time ???20??? t d(off) turn-off dela y time ???93??? t f fall time ???87??? l d internal drain inductance between lead, 6mm (0.25in.) l s internal source inductance from packa g e and center of die contact c iss input capacitance ??? 7960 ??? c oss output capacitance ??? 1260 ??? c rss reverse transfer capacitance ??? 630 ??? c oss output capacitance ??? 4400 ??? c oss output capacitance ??? 980 ??? c oss eff. effective output capacitance ??? 1550 ??? diode characteristics parameter min. t y p. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward volta g e ??? ??? 1.3 v t rr reverse recover y time ??? 36 54 ns q rr reverse recover y char g e ??? 47 71 nc t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls+ld) ??? ??? ??? 4.5 7.5 nh pf a ??? ??? 210  890 ??? ??? ??? a na nc ns v ds = 25v, i d = 75a ** i d = 75a ** v ds = 44v conditions v gs = 10v  v gs = 0v v ds = 25v ? = 1.0mhz v gs = 20v v gs = -20v mosfet symbol showing the integral reverse p-n junction diode. t j = 25c, i s = 75a** , v gs = 0v  t j = 25c, i f = 75a** , v dd = 28v di/dt = 100a/ s  conditions v gs = 0v, i d = 250a reference to 25c, i d = 1ma v gs = 10v, i d = 75a  ** v ds = v gs , i d = 250a v ds = 55v, v gs = 0v v ds = 55v, v gs = 0v, t j = 125c v gs = 0v, v ds = 1.0v, ? = 1.0mhz v gs = 0v, v ds = 44v, ? = 1.0mhz v gs = 0v, v ds = 0v to 44v  v gs = 10v  v dd = 28v i d = 75a** r g = 2.6 ?


www.irf.com 3   
 
      

 
 
  

    
 
 !"!#

 
# 
  
   calculated continuous current based on maximum allowable junction temperature. bond wire current limit is 160a. note that current limitations arising from heating of the device leads may occur with some lead mounting arrangements.  repetitive rating; pulse width limited by max. junction temperature. (see fig. 11).  this value determined from sample failure population , starting t j = 25c, l = 0.23mh r g = 25 ? , i as = 75a, v gs =10v.  pulse width 1.0ms; duty cycle 2%.  c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss .  limited by t jmax , see fig.12a, 12b, 15, 16 for typical repetitive avalanche performance.  this is only applied to to-220ab pakcage. this is applied to d 2 pak, when mounted on 1" square pcb (fr- 4 or g-10 material). for recommended footprint and soldering techniques refer to application note #an-994.
r is measured at t j of approximately 90c. to-220 device will have an rth of 0.45c/w.  all ac and dc test condition based on former package limitated current of 75a. qualification information ? 3l-d2 pak 3l-to-262 3l-to-220 n/a rohs compliant yes esd machine model class m4(+/-425v) (per aec-q101-002) human body model class h3a(+/-4000v) (per aec-q101-001) charged device model class c5 (+/-1000v) (per aec-q101-005) moisture sensitivity level msl1 , 260c qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. ir?s industrial and consumer qualification level is granted by extension of the higher automotive level.


4 www.irf.com fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. typical forward transconductance vs. drain current 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 60s pulse width tj = 25c 4.5v vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 0.1 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 60s pulse width tj = 175c 4.5v vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 4.0 5.0 6.0 7.0 8.0 v gs , gate-to-source voltage (v) 0.1 1.0 10.0 100.0 1000.0 i d , d r a i n - t o - s o u r c e c u r r e n t ( ) v ds = 20v 60s pulse width t j = 25c t j = 175c 0 20 40 60 80 100 120 140 160 180 i d, drain-to-source current (a) 0 40 80 120 160 200 g f s , f o r w a r d t r a n s c o n d u c t a n c e ( s ) t j = 25c t j = 175c v ds = 10v 380s pulse width


www.irf.com 5 fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 v ds , drain-to-source voltage (v) 0 2000 4000 6000 8000 10000 12000 14000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 50 100 150 200 250 300 q g total gate charge (nc) 0 4 8 12 16 20 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 44v vds= 28v i d = 75a 0.0 0.4 0.8 1.2 1.6 2.0 2.4 v sd , source-to-drain voltage (v) 0.1 1.0 10.0 100.0 1000.0 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v 1 10 100 1000 v ds , drain-tosource voltage (v) 0.1 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 175c single pulse 1msec 10msec operation in this area limited by r ds (on) 100sec


6 www.irf.com 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.0001 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature fig 10. normalized on-resistance vs. temperature -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , junction temperature (c) 0.5 1.0 1.5 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 75a v gs = 10v ri (c/w) i (sec) 0.2653 0.001016 0.2347 0.012816 j j 1 1 2 2 r 1 r 1 r 2 r 2 c ci i / ri ci= i / ri 25 50 75 100 125 150 175 t c , case temperature (c) 0 40 80 120 160 200 240 i d , d r a i n c u r r e n t ( a ) limited by package


www.irf.com 7 q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - !"$ fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as fig 14. threshold voltage vs. temperature r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs -75 -50 -25 0 25 50 75 100 125 150 175 t j , temperature ( c ) 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v g s ( t h ) g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250a 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 400 800 1200 1600 2000 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 15a 20a bottom 75a


8 www.irf.com fig 15. typical avalanche current vs.pulsewidth fig 16. maximum avalanche energy vs. temperature notes on repetitive avalanche curves , figures 15, 16: (for further info, see an-1005 at www.irf.com) 1. avalanche failures assumption: purely a thermal phenomenon and failure occurs at a temperature far in excess of t jmax . this is validated for every part type. 2. safe operation in avalanche is allowed as long ast jmax is not exceeded. 3. equation below based on circuit and waveforms shown in figures 12a, 12b. 4. p d (ave) = average power dissipation per single avalanche pulse. 5. bv = rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. i av = allowable avalanche current. 7. ? t = allowable rise in junction temperature, not to exceed t jmax (assumed as 25c in figure 15, 16). t av = average time in avalanche. d = duty cycle in avalanche = t av f z thjc (d, t av ) = transient thermal resistance, see figure 11) p d (ave) = 1/2 ( 1.3bvi av ) =   t/ z thjc i av = 2  t/ [1.3bvz th ] e as (ar) = p d (ave) t av 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 1 10 100 1000 10000 a v a l a n c h e c u r r e n t ( a ) 0.05 duty cycle = single pulse 0.10 allowed avalanche current vs avalanche pulsewidth, tav assuming ? tj = 25c due to avalanche losses. note: in no case should tj be allowed to exceed tjmax 0.01 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 200 400 600 800 e a r , a v a l a n c h e e n e r g y ( m j ) top single pulse bottom 1% duty cycle i d = 75a


www.irf.com 9 fig 17. %&'  ()(
*
 
 for n-channel hexfet   power mosfets 
 
  ?  
 
  ?   
  ?  

 
   
  p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + .  / *. & 0 0  1 
+ + - + + + - - -      .  ?      ? 
 !
"#"" ?       $
 %% ? "#""&#  
 v ds 90% 10% v gs t d(on) t r t d(off) t f .  '( 1 )  $
  0.1 %   .    1!2!"! . + - .  fig 18a. switching time test circuit fig 18b. switching time waveforms


10 www.irf.com 

  
      
   

  
 note: for the most current drawing please refer to ir website at http://www.irf.com/package/   %
, - . -
   '
  /0/ 1101 &1& 0

(2-3


www.irf.com 11 ! 


  
 ! 


  " 
      
   note: for the most current drawing please refer to ir website at http://www.irf.com/package/ -
    %
, - .  # '
  /0/ 1101 &1& 0

(2-3


12 www.irf.com to-262 part marking information to-262 package outline ( dimensions are shown in millimeters (inches)) note: for the most current drawing please refer to ir website at http://www.irf.com/package/ -
    %
, - .  $ '
  /0/ 1101 &1& 0

(2-3


www.irf.com 13 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. d 2 pak tape & reel infomation


14 www.irf.com ordering information base p art packa g e t yp e standard pac k com p lete part number form quantit y AUIRF3805 to-220 tube 50 AUIRF3805 AUIRF3805l to-262 tube 50 AUIRF3805l AUIRF3805s d2pak tube 50 AUIRF3805s tape and reel left 800 AUIRF3805strl tape and reel right 800 AUIRF3805strr


www.irf.com 15 for technical support, please contact ir?s technical assistance center http://www.irf.com/technical-info/ world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105  
unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the ?au? prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to ir?s terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ir?s standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterati ons is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product. ir products are neither designed nor intended for use in military/aerospace applications or environments unless the ir products are specifically designated by ir as military-grade or ?enhanced plastic.? only products designated by ir as military-grade meet military specifications. buyers acknowledge and agree that any such use of ir products which ir has not designated as military-grade is solely at the buyer?s risk, and that they are solely responsible for compliance with all legal and regulat ory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir product s are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation ?au?. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements


▲Up To Search▲   

 
Price & Availability of AUIRF3805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X