44 series 350 / 351 / 450 / 451 pcb connectors 2.54 mm single row / double row solder tail pin connectors, solder tail with screw-machined pins ? 0.47 mm for corresponding receptacles see pages 36 to 42 and 47, 48 ordering information replace xx with the number of poles, e.g. 450-10-2 xx -00-001 for a double row version with 8 pins per row becomes: 450-10-2 16 -00-001 350-10-1xx-00-001 350-90-1xx-00-001 straight pin connector: solder tail, single row availability from: 1 to 64 contacts standard number of contacts 5, 6, 8, 10, 14, 16, 20, 21, 25, 30, 32, 48, 56, 60, 64 note: for new designs refer to 006 ver- sion 450-10-2xx-00-001 450-90-2xx-00-001 straight pin connector: solder tail, double row availability from: 4 to 72 contacts standard number of contacts 40, 44, 56, 64, 72 note: for new designs refer to 006 ver- sion l = 351-10-1xx-00-003 6.2 mm 351-90-1xx-00-003 351-10-1xx-00-004 8.4 mm 351-90-1xx-00-004 351-10-1xx-00-005 15.3 mm 351-90-1xx-00-005 351-10-1xx-00-016 21.2 mm 351-90-1xx-00-016 351-10-1xx-00-017 27.4 mm 351-90-1xx-00-017 straight interconnect pin con- nector solder tail, single row availability from: 1 to 64 contacts standard number of contacts 5, 6, 8, 10, 14, 16, 20, 21, 25, 30, 32, 48, 56, 60, 64 l = 451-10-2xx-00-003 6.2 mm 451-90-2xx-00-003 451-10-2xx-00-004 8.4 mm 451-90-2xx-00-004 451-10-2xx-00-005 15.3 mm 451-90-2xx-00-005 451-10-2xx-00-016 21.2 mm 451-90-2xx-00-016 451-10-2xx-00-017 27.4 mm 451-90-2xx-00-017 straight interconnect pin con- nector solder tail, double row availability from: 4 to 72 contacts standard number of contacts 40, 44, 56, 64, 72 platings sleeve clip pin 10 0.25 m m au 90 5 m m sn pb
|